Part Number Hot Search : 
4HC240 A1774 2SC829 15100 01208 5L380R 1H222M 9335M
Product Description
Full Text Search
 

To Download LL101A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LL101A - LL101C
FEATURES :
* For general purpose applications * The LL101 series is a metal-on-silicon Schottky barrier device which is protected by a PN junction guard ring. * The low forward voltage drop and fast switching make it ideal for protection of MOS devices, steering, biasing and coupling diodes for fast switching and low logic level applications. * This diode is also available in the DO-35 case with type designation SD101A, B, C * Pb / RoHS Free
SCHOTTKY BARRIER DIODES
MiniMELF (SOD-80C)
Cathode Mark
0.063 (1.64)
0.055 (1.40) 0.019(0.48) 0.011(0.28) 0.142(3.6) 0.134(3.4)
Mounting Pad Layout
0.098 (2.50) Max. 0.049 (1.25)Min.
MECHANICAL DATA :
Case: MiniMELF Glass Case (SOD-80C) Weight: approx. 0.05g
0.197 (5.00) REF 0.079 (2.00)Min.
Dimensions in inches and ( millimeters )
Maximum Ratings and Thermal Characteristics (Rating at
Parameter
Repetitive Peak Reverse Voltage Maximum Single Cycle Surge 10s Square Wave Power Dissipation (Infinite Heatsink) Thermal Resistance Junction to Ambient Air Junction Temperature Storage temperature range
Note: (1) Valid provided that electrodes are kept at ambient temperature.
25 C ambient temperature unless otherwise specified.)
Symbol
LL101A LL101B LL101C VRRM IFSM PD RJA TJ TS
Value
60 50 40 2 400(1) 300 125
(1) (1)
Unit
V A mW C/W C C
-55 to + 150 (1)
Electrical Characteristics (TJ = 25C unless otherwise noted)
Parameter
Reverse Breakdown Voltage LL101A LL101B LL101C LL101A LL101B LL101C LL101A LL101B LL101C LL101A LL101B LL101C
Symbol
V(BR)R
Test Condition
IR = 10 A VR = 50 V VR = 40 V VR = 30 V IF = 1mA
Reverse Current
IR
Forward Voltage Drop
VF IF = 15mA Trr IF = IR = 5mA , recover to 0.1IR
Min 60 50 40 -
Typ -
Max 10 10 10 0.41 0.40 0.39 1.00 0.95 0.90 1.0
Unit V
A
V
Reverse Recovery Time Page 1 of 2
ns
Rev. 02 : March 24, 2005
RATING AND CHARACTERISTIC CURVES ( LL101A - LL101C )
Typical variation of forward current and forward voltage for primary conduction through the schottky barrier 10
LL101C
Typical forward conduction curve of combination Schottky barrier and PN junction guard ring 100
LL101A LL101B
5 Forward Current , IF (mA) 2 1 0.5 0.2 0.1 0.05 0.02 0.01 0 0.5
LL101A LL101B
Forward Current , IF (mA)
80
LL101C
60
40
20
0 1 0 0.5 Forward Voltage , VF (V) 1 Forward Voltage , VF (V)
Typical capacitance curve as a function of reverse Voltage
Typical variation of reverse current at various temperatures
2
Tj = 25C
100 50 20 Ta = 125C
Reverse Current , IR (A)
10 5 2 1 0.5 0.2 0.1 0.05 0.02 Ta = 25C
Diode Capacitance , Cd (pF)
LL101B
LL101C
1
LL101A
0.41
0 0 10 20 30 40 50 Reverse Voltage , VR (V)
0.01 0 10 20 30 40 50
Reverse Voltage , VR (V)
Page 2 of 2
Rev. 02 : March 24, 2005


▲Up To Search▲   

 
Price & Availability of LL101A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X