Part Number Hot Search : 
SR320 4VCXH1 R1045 71M65 10100 74477710 2SK1230 1N4409B
Product Description
Full Text Search
 

To Download HT48R062 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HT48R062/HT48C062
Cost-Effective I/O Type 8-Bit MCU
Technical Document
* Tools Information * FAQs * Application Note - HA0003E Communicating between the HT48 & HT46 Series MCUs and the HT93LC46 EEPROM - HA0013E HT48 & HT46 LCM Interface Design - HA0016E Writing and Reading to the HT24 EEPROM with the HT48 MCU Series - HA0018E Controlling the HT1621 LCD Controller with the HT48 MCU Series - HA0049E Read and Write Control of the HT1380
Features
* Operating voltage: * 63 powerful instructions * Up to 0.5ms instruction cycle with 8MHz system clock * All instructions in 1 or 2 machine cycles * 14-bit table read instructions * One-level subroutine nesting * Bit manipulation instructions * Low voltage reset function * 16-pin DIP/NSOP package
fSYS=4MHz: 2.2V~5.5V fSYS=8MHz: 3.3V~5.5V
* 11 bidirectional I/O lines * On-chip crystal and RC oscillator * Watchdog Timer * 1K14 program memory * 328 data RAM * HALT function and wake-up feature reduce power
consumption
General Description
The HT48R062/HT48C062 are 8-bit high performance, RISC architecture microcontroller devices specifically designed for cost-effective multiple I/O control product applications. The mask version HT48C062 is fully pin and functionally compatible with the OTP version HT48R062 devices. The advantages of low power consumption, I/O flexibility, oscillator options, HALT and wake-up functions, watchdog timer, as well as low cost, enhance the versatility of these devices to suit a wide range of application possibilities such as industrial control, consumer products, subsystem controllers, etc.
Block Diagram
P ro g ra m P ro g ra m C o u n te r S ta c k
In s tr u c tio n R e g is te r
MP
M U
X
D a ta M e m o ry
W DT
M U
S y s te m X 2
C lo c k /4 W DT OSC (2 4 k H z )
H ALT In s tr u c tio n D ecoder T im in g G e n e ra to r ALU S h ifte r PBC OSC2 OS RE VD VS
S
E N /D IS
MUX
LVR PAC STATUS PA
P o rt A
PA0~PA7
C1 S D ACC
PB
P o rt B
PB0~PB2
Rev. 1.11
1
October 30, 2006
HT48R062/HT48C062
Pin Assignment
PA3 1 2 3 4 5 6 7 8 PA2 PA1 PA0 PB0 VSS PB1 PB2 16 15 14 13 12 11 10 9 PA4 PA5 PA6 PA7 OSC2 OSC1 VDD RES
H T 4 8 R 0 6 2 /H T 4 8 C 0 6 2 1 6 D IP -A /N S O P -A
Pin Description
Pin Name I/O Code Option Pull-high Wake-up Description Bidirectional 8-bit input/output port. Each bit can be configured as wake-up input by options. Software instructions determine the CMOS output or Schmitt trigger input with a pull-high resistor (determined by pull-high options). Bidirectional 3-bit input/output port. Software instructions determine the CMOS output or Schmitt trigger input with a pull-high resistor (determined by pull-high options). Positive power supply Negative power supply, ground OSC1, OSC2 are connected to an RC network or a crystal (determined by code option) for the internal system clock. In the case of RC operation, OSC2 is the output terminal for 1/4 system clock (NMOS open drain output). Schmitt trigger reset input. Active low.
PA0~PA7
I/O
PB0~PB2 VDD VSS OSC2 OSC1 RES
I/O 3/4 3/4 O I I
Pull-high 3/4 3/4 Crystal or RC 3/4
Absolute Maximum Ratings
Supply Voltage ...........................VSS-0.3V to VSS+6.0V Input Voltage..............................VSS-0.3V to VDD+0.3V IOL Total .............................................................150mA Total Power Dissipation .....................................500mW Storage Temperature ............................-50C to 125C Operating Temperature...........................-40C to 85C IOH Total ..........................................................-100mA
Note: These are stress ratings only. Stresses exceeding the range specified under Absolute Maximum Ratings may cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
D.C. Characteristics
Symbol Parameter Test Conditions VDD 3/4 3/4 3V Operating Current (Crystal OSC) 5V IDD2 3V Operating Current (RC OSC) 5V No load, fSYS=4MHz Conditions fSYS=4MHz fSYS=8MHz No load, fSYS=4MHz Min. 2.2 3.3 3/4 3/4 3/4 3/4 Typ. 3/4 3/4 0.6 2 0.8 2.5 Max. 5.5 5.5 1.5 4 1.5 4
Ta=25C Unit V V mA mA mA mA
VDD
Operating Voltage
IDD1
Rev. 1.11
2
October 30, 2006
HT48R062/HT48C062
Symbol IDD3 ISTB1 Parameter Operating Current (Crystal OSC, RC OSC) Standby Current (WDT Enabled) 5V ISTB2 VIL1 VIH1 VIL2 VIH2 VLVR IOL 3V Standby Current (WDT Disabled) 5V Input Low Voltage for I/O Port Input High Voltage for I/O Port Input Low Voltage (RES) Input High Voltage (RES) Low Voltage Reset I/O Port Sink Current 5V IOH 3V I/O Port Source Current 5V RPH 3V Pull-high Resistance 5V 3/4 VOH=0.9VDD 3/4 3/4 3/4 3/4 3/4 3V 3/4 3/4 3/4 3/4 LVR enabled VOL=0.1VDD No load, system HALT Test Conditions VDD 5V 3V No load, system HALT Conditions No load, fSYS=8MHz Min. 3/4 3/4 3/4 3/4 3/4 0 0.7VDD 0 0.9VDD 2.7 4 10 -2 -5 20 10 Typ. 4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3 8 20 -4 -10 60 30 Max. 8 5 10 1 2 0.3VDD VDD 0.4VDD VDD 3.3 3/4 3/4 3/4 3/4 100 50 Unit mA mA mA mA mA V V V V V mA mA mA mA kW kW
A.C. Characteristics
Symbol Parameter Test Conditions VDD 3/4 3/4 3/4 3/4 3V 5V tRES tSST tLVR External Reset Low Pulse Width System Start-up Timer Period Low Voltage Width to Reset 3/4 3/4 3/4 Conditions 2.2V~5.5V 3.3V~5.5V 2.2V~5.5V 3.3V~5.5V 3/4 3/4 Power-up or wake-up from HALT 3/4 Min. 400 400 400 400 22 16 1 3/4 0.25 Typ. 3/4 3/4 3/4 3/4 45 32 3/4 1024 1 Max. 4000 8000 4000 8000 90 64 3/4 3/4 2
Ta=25C Unit kHz kHz kHz kHz ms ms ms tSYS ms
fSYS1
System Clock (Crystal OSC)
fSYS2
System Clock (RC OSC)
tWDTOSC Watchdog Oscillator Period
Note: tSYS=1/fSYS
Rev. 1.11
3
October 30, 2006
HT48R062/HT48C062
Functional Description
Execution Flow The HT48R062/HT48C062 system clock can be derived from a crystal/ceramic resonator oscillator or an RC. It is internally divided into four non-overlapping clocks. One instruction cycle consists of four system clock cycles. Instruction fetching and execution are pipelined in such a way that a fetch takes an instruction cycle while decoding and execution takes the next instruction cycle. However, the pipelining scheme causes each instruction to effectively execute in a cycle. If an instruction changes the program counter, two cycles are required to complete the instruction. Program Counter - PC The 10-bit program counter (PC) controls the sequence in which the instructions stored in program ROM are executed and its contents specify a maximum of 1024 addresses. After accessing a program memory word to fetch an instruction code, the contents of the program counter are incremented by one. The program counter then points to the memory word containing the next instruction code. When executing a jump instruction, conditional skip execution, loading PCL register, subroutine call, initial reset or return from subroutine, the PC manipulates the program transfer by loading the address corresponding to each instruction. The conditional skip is activated by instruction. Once the condition is met, the next instruction, fetched during the current instruction execution, is discarded and a dummy cycle replaces it to get the proper instruction. Otherwise proceed with the next instruction. The lower byte of the program counter (PCL) is a readable and writeable register (06H). Moving data into the PCL performs a short jump. The destination will be within 256 locations. When a control transfer takes place, an additional dummy cycle is required.
T1 S y s te m C lo c k T2 T3 T4 T1 T2 T3 T4 T1 T2 T3 T4
In s tr u c tio n C y c le PC PC PC+1 PC+2
F e tc h IN S T (P C ) E x e c u te IN S T (P C -1 )
F e tc h IN S T (P C + 1 ) E x e c u te IN S T (P C )
F e tc h IN S T (P C + 2 ) E x e c u te IN S T (P C + 1 )
Execution Flow
Mode Initial Reset Skip Loading PCL Jump, Call Branch Return from Subroutine
Program Counter *9 0 *8 0 *7 0 *6 0 *5 0 *4 0 *3 0 *2 0 *1 0 *0 0
Program Counter+2 *9 #9 S9 *8 #8 S8 @7 #7 S7 @6 #6 S6 @5 #5 S5 @4 #4 S4 @3 #3 S3 @2 #2 S2 @1 #1 S1 @0 #0 S0
Program Counter Note: *9~*0: Program counter bits #9~#0: Instruction code bits S9~S0: Stack register bits @7~@0: PCL bits
Rev. 1.11
4
October 30, 2006
HT48R062/HT48C062
Program Memory - ROM The program memory is used to store the program instructions which are to be executed. It also contains data and table and is organized into 102414 bits, addressed by the program counter and table pointer. Certain locations in the program memory are reserved for special usage:
* Location 000H
Stack Register - STACK This is a special part of the memory used to save the contents of the Program Counter only. The stack is organized into one level and is neither part of the data nor part of the program space, and is neither readable nor writeable. The activated level is indexed by the stack pointer (SP) and is neither readable nor writeable. At a subroutine call the contents of the program counter are pushed onto the stack. At the end of a subroutine signaled by a return instruction (RET), the program counter is restored to its previous value from the stack. After a chip reset, the SP will point to the top of the stack. If the stack is full and a CALL is subsequently executed, stack overflow occurs and the first entry will be lost (only the most recent return address is stored). Data Memory - RAM The data memory is designed with 448 bits. The data memory is divided into two functional groups: special function registers and general purpose data memory (328). Most of them are read/write, but some are read only. The special function registers include the Indirect Addressing Register (00H), the Memory Pointer register (MP;01H), the Accumulator (ACC;05H) the Program Counter Lower-order byte register (PCL;06H), the Table Pointer (TBLP;07H), the table higher-order byte register (TBLH;08H), the Watchdog Timer option setting register (WDTS;09H), the STATUS register (STATUS;0AH), the I/O registers (PA;12H, PB;14H) and I/O control registers (PAC;13H, PBC;15H). The remaining space before the 20H is reserved for future expanded usage and reading these locations will return the result 00H. The general purpose data memory, addressed from 20H to 3FH, is used for data and control information under instruction command. All data memory areas can handle arithmetic, logic, increment, decrement and rotate operations directly. Except for some dedicated bits, each bit in the data memory can be set and reset by the SET [m].i and CLR [m].i instructions, respectively. They are also indirectly accessible through memory pointer register (MP;01H).
This area is reserved for the initialization program. After chip reset, the program always begins execution at location 000H.
* Table location
Any location in the EPROM space can be used as look-up tables. The instructions TABRDC [m] (the current page, one page=256 words) and TABRDL [m] (the last page) transfer the contents of the lower-order byte to the specified data memory, and the higher-order byte to TBLH (08H). Only the destination of the lower-order byte in the table is well-defined, the other bits of the table word are transferred to the lower portion of TBLH, the remaining 2 bits are read as 0. The Table Higher-order byte register (TBLH) is read only. The table pointer (TBLP) is a read/write register (07H), where P indicates the table location. Before accessing the table, the location must be placed in TBLP. The TBLH is read only and cannot be restored. All table related instructions need 2 cycles to complete the operation. These areas may function as normal program memory depending upon the requirements.
000H D e v ic e in itia liz a tio n p r o g r a m
n00H L o o k - u p ta b le ( 2 5 6 w o r d s ) nFFH P ro g ra m
3FFH
L o o k - u p ta b le ( 2 5 6 w o r d s ) 1 4 b its N o te : n ra n g e s fro m 0 to 3
Program Memory Table Location Instruction(s) *9 TABRDC [m] TABRDL [m] P9 1 *8 P8 1 *7 @7 @7 *6 @6 @6 *5 @5 @5 *4 @4 @4 *3 @3 @3 *2 @2 @2 *1 @1 @1 *0 @0 @0
Table Location Note: *9~*0: Table location bits P9~P8: Current program counter bits 5 @7~@0: Table pointer bits
Rev. 1.11
October 30, 2006
HT48R062/HT48C062
00H 01H 02H 03H 04H 05H 06H 07H 08H 09H 0AH 0BH 0CH 0DH 0EH 0FH 10H 11H 12H 13H 14H 15H 16H 1FH 20H PA PAC PB PBC :U nused, re a d a s "0 0 " G e n e ra l P u rp o s e D a ta M e m o ry (3 2 B y te s ) ACC PCL TBLP TBLH W DTS STATUS S p e c ia l P u r p o s e D a ta M e m o ry In d ir e c t A d d r e s s in g R e g is te r MP
result 1. Any writing operation to MP will only transfer the lower 7-bit data to MP. Accumulator The accumulator closely relates to ALU operations. It is also mapped to location 05H of the data memory and is capable of carrying out immediate data operations. Data movement between two data memory locations has to pass through the accumulator. Arithmetic and Logic Unit - ALU This circuit performs 8-bit arithmetic and logic operation. The ALU provides the following functions.
* Arithmetic operations (ADD, ADC, SUB, SBC, DAA) * Logic operations (AND, OR, XOR, CPL) * Rotation (RL, RR, RLC, RRC) * Increment and Decrement (INC, DEC) * Branch decision (SZ, SNZ, SIZ, SDZ ....)
The ALU not only saves the results of a data operation but also changes the contents of the status register. Status Register - STATUS This 8-bit status register (0AH) contains the zero flag (Z), carry flag (C), auxiliary carry flag (AC), overflow flag (OV), power down flag (PDF) and watchdog time-out flag (TO). It also records the status information and controls the operation sequence. With the exception of the TO and PDF flags, bits in the status register can be altered by instructions like most other register. Any data written into the status register will not change the TO or PDF flags. In addition it should be noted that operations related to the status register may give different results from those intended. The TO and PDF flags can only be changed by the Watchdog Timer overflow, chip power-up, clearing the Watchdog Timer and executing the HALT instruction. Function C is set if the operation results in a carry during an addition operation or if a borrow does not take place during a subtraction operation; otherwise C is cleared. C is also affected by a rotate through carry instruction. AC is set if the operation results in a carry out of the low nibbles in addition or no borrow from the high nibble into the low nibble in subtraction; otherwise AC is cleared. Z is set if the result of an arithmetic or logic operation is zero; otherwise Z is cleared. OV is set if the operation results in a carry into the highest-order bit but not a carry out of the highest-order bit, or vice versa; otherwise OV is cleared. PDF is cleared when either a system power-up or executing the CLR WDT instruction. PDF is set by executing the HALT instruction. TO is cleared by a system power-up or executing the CLR WDT or HALT instruction. TO is set by a WDT time-out. Unused bit, read as 0 Status (0AH) Register
3FH
RAM Mapping Indirect Addressing Register Location 00H is an indirect addressing register that is not physically implemented. Any read/write operation of [00H] accesses data memory pointed to by MP (01H). Reading location 00H itself indirectly will return the result 00H. Writing indirectly results in no operation. The memory pointer register MP (01H) is a 7-bit register. The bit 7 of MP is undefined and reading will return the Bit No. 0 Label C
1 2 3 4 5 6~7
AC Z OV PDF TO 3/4
Rev. 1.11
6
October 30, 2006
HT48R062/HT48C062
The Z, OV, AC and C flags generally reflect the status of the latest operations. In addition, on executing the subroutine call, the status register will not be automatically pushed onto the stack. If the contents of the status are important and if the subroutine can corrupt the status register, precautions must be taken to save it properly. Oscillator Configuration There are two oscillator circuits implemented in the microcontroller.
V C1 470pF OSC1 R C2 R1 OSC2 C r y s ta l O s c illa to r fS Y S /4 N M O S o p e n d r a in OSC2 RC O s c illa to r
OSC DD
tem clock divided by 4), decided by options. This timer is designed to prevent a software malfunction or sequence from jumping to an unknown location with unpredictable results. The Watchdog Timer can be disabled by an option. If the Watchdog Timer is disabled, all the executions related to the WDT result in no operation. Once the internal WDT oscillator (RC oscillator with a period of 32ms at 5V normally) is selected, it is first divided by 512 (9-stage) to get the nominal time-out period of approximately 17ms at 5V. This time-out period may vary with temperatures, VDD and process variations. By invoking the WDT prescaler, longer time-out periods can be realized. Writing data to WS2, WS1, WS0 (bit 2,1,0 of the WDTS) can give different time-out periods. If WS2, WS1, and WS0 are all equal to 1, the division ratio is up to 1:128, and the maximum time-out period is 2.1s at 5V seconds. If the WDT oscillator is disabled, the WDT clock may still come from the instruction clock and operate in the same manner except that in the HALT state the WDT may stop counting and lose its protecting purpose. In this situation the logic can only be restarted by external logic. The high nibble and bit 3 of the WDTS are reserved for users defined flags, which can be used to indicate some specified status. If the device operates in a noisy environment, using the on-chip RC oscillator (WDT OSC) is strongly recommended, since the HALT will stop the system clock. WS2 0 0 0 0 1 1 1 1 WS1 0 0 1 1 0 0 1 1 WS0 0 1 0 1 0 1 0 1 Division Ratio 1:1 1:2 1:4 1:8 1:16 1:32 1:64 1:128
OSC1
System Oscillator Both are designed for system clocks; the RC oscillator and the Crystal oscillator, which are determined by code options. No matter what oscillator type is selected, the signal provides the system clock. The HALT mode stops the system oscillator and ignores the external signal to conserve power. If an RC oscillator is used, an external resistor between OSC1 and VSS in needed and the resistance must range from 24kW to 1MW. The system clock, divided by 4, is available on OSC2, which can be used to synchronize external logic. The RC oscillator provides the most cost effective solution. However, the frequency of the oscillation may vary with VDD, temperature and the chip itself due to process variations. It is, therefore, not suitable for timing sensitive operations where accurate oscillator frequency is desired. If the Crystal oscillator is used, a crystal across OSC1 and OSC2 is needed to provide the feedback and phase shift for the oscillator. No other external components are needed. Instead of a crystal, the resonator can also be connected between OSC1 and OSC2 to get a frequency reference, but two external capacitors in OSC1 and OSC2 are required. Watchdog Timer - WDT The clock source of WDT is implemented by a dedicated RC oscillator (WDT oscillator) or instruction clock (sysS y s te m C lo c k /4 2
WDTS (09H) Register The WDT overflow under normal operation will initialize chip reset and set the status bit TO. But in the HALT mode, the overflow will initialize a warm reset, and only the Program Counter and SP are reset to zero. To clear the contents of WDT (including the WDT prescaler), three methods are adopted; external reset (a low level to RES), software instruction and a HALT inW D T P r e s c a le r
W DT OSC (2 4 k H z )
O p tio n S e le c t
8 - b it C o u n te r
7 - b it C o u n te r
8 -to -1 M U X W D T T im e - o u t
W S0~W S2
Watchdog Timer
Rev. 1.11
7
October 30, 2006
HT48R062/HT48C062
struction. The software instruction include CLR WDT and the other set - CLR WDT1 and CLR WDT2. Of these two types of instruction, only one can be active depending on the option - CLR WDT times selection option. If the CLR WDT is selected (i.e. CLRWDT times equal one), any execution of the CLR WDT instruction will clear the WDT. In the case that CLR WDT1 and CLR WDT2 are chosen (i.e. CLRWDT times equal two), these two instructions must be executed to clear the WDT; otherwise, the WDT may reset the chip as a result of time-out. Power Down Operation - HALT The HALT mode is initialized by the HALT instruction and results in the following...
* The system oscillator turns off and the WDT stops. * The contents of the on-chip RAM and registers remain
TO 0 u 0 1 1
PDF 0 u 1 u 1
RESET Conditions RES reset during power-up RES reset during normal operation RES wake-up HALT WDT time-out during normal operation WDT wake-up HALT
Note: u means unchanged. To guarantee that the system oscillator has started and stabilized, the SST (System Start-up Timer) provides an extra-delay of 1024 system clock pulses when the system powers up or when the system awakes from a HALT state. When a system power up occurs, an SST delay is added during the reset period. But when the reset comes from the RES pin, the SST delay is disabled. Any wake-up from HALT will enable the SST delay. The functional unit chip reset status is shown below. Program Counter WDT Prescaler Input/Output ports Stack Pointer 000H Clear Input mode Points to the top of the stack
unchanged.
* WDT prescaler are cleared. * All I/O ports maintain their original status. * The PDF flag is set and the TO flag is cleared.
The system can quit the HALT mode by means of an external reset or an external falling edge signal on port B. An external reset causes a device initialization. Examining the TO and PDF flags, the reason for chip reset can be determined. The PDF flag is cleared when the system powers up or execute the CLR WDT instruction and is set when the HALT instruction is executed. The TO flag is set if the WDT time-out occurs, and causes a wake-up that only resets the program counter and SP, the others keep their original status. The Port A wake-up can be considered as a continuation of normal execution. Each bit in Port A can be independently selected to wake up the device by the code option. Awakening from an I/O port stimulus, the program will resume execution of the next instruction. Once a wake-up event(s) occurs, it takes 1024 tSYS (system clock period) to resume normal operation. In other words, a dummy cycle period will be inserted after the wake-up. To minimize power consumption, all I/O pins should be carefully managed before entering the HALT status. Reset There are three ways in which a reset can occur:
* RES reset during normal operation * RES reset during HALT * WDT time-out reset during normal operation
VDD
RES
S S T T im e - o u t C h ip R eset
tS
ST
Reset Timing Chart
V
DD
RES
Reset Circuit
HALT W DT W DT T im e - o u t R eset R eset SST 1 0 -s ta g e R ip p le C o u n te r P o w e r - o n D e te c tio n
RES
OSC1
Some registers remain unchanged during reset conditions. Most registers are reset to the initial condition when the reset conditions are met. By examining the PDF and TO flags, the program can distinguish between different chip resets. Rev. 1.11 8
Reset Configuration
October 30, 2006
HT48R062/HT48C062
The chip reset status of the registers is summarized in the following table: Register Program Counter MP ACC TBLP TBLH WDTS STATUS PA PAC PB PBC Note: Reset (Power-on) 000H -xxx xxxx xxxx xxxx xxxx xxxx --xx xxxx 0000 0111 --00 xxxx 1111 1111 1111 1111 ---- -111 ---- -111 * means warm reset u means unchanged x means unknown WDT Time-out (Normal Operation) 000H -uuu uuuu uuuu uuuu uuuu uuuu --uu uuuu 0000 0111 --1u uuuu 1111 1111 1111 1111 ---- -111 ---- -111 RES Reset (Normal Operation) 000H -uuu uuuu uuuu uuuu uuuu uuuu --uu uuuu 0000 0111 --uu uuuu 1111 1111 1111 1111 ---- -111 ---- -111 RES Reset (HALT) 000H -uuu uuuu uuuu uuuu uuuu uuuu --uu uuuu 0000 0111 --01 uuuu 1111 1111 1111 1111 ---- -111 ---- -111 WDT Time-out (HALT)* 000H -uuu uuuu uuuu uuuu uuuu uuuu --uu uuuu uuuu uuuu --11 uuuu uuuu uuuu uuuu uuuu ---- -uuu ---- -uuu
Input/Output Ports There are up to 11 bidirectional input/output lines in the microcontroller labeled with port names PA and PB, which are mapped to the data memory of [12H] and [14H] respectively. All of these I/O ports can be used for input and output operations. For input operation, these ports are non-latching, that is, the inputs must be ready at the T2 rising edge of instruction MOV A,[m] (m=12H or 14H). For output operation, all the data is latched and remains unchanged until the output latch is rewritten. Each I/O line has its own control register (PAC, PBC) to control the input/output configuration. With this control register, CMOS output or Schmitt trigger input with or without pull-high resistor structures can be reconfigured dynamically (i.e. on-the-fly) under software control. To function as an input, the corresponding latch of the control register must write 1. The input source also depends on the control register. If the control register bit is 1, the input will read the pad state. If the control register bit is 0, the contents of the latches will move to the internal bus. The latter is possible in the read-modifywrite instruction. For output function, CMOS is the only configuration. These control registers are mapped to locations 13H and 15H.
V C o n tr o l B it Q D CK S Q P u ll- h ig h
DD
D a ta B u s W r ite C o n tr o l R e g is te r C h ip R e s e t R e a d C o n tr o l R e g is te r
D a ta B it Q D CK S Q M U X W a k e - u p O p tio n
PA0~PA7 PB0~PB2
W r ite D a ta R e g is te r
R e a d D a ta R e g is te r S y s te m W a k e -u p ( P A o n ly )
Input/Output Ports
Rev. 1.11
9
October 30, 2006
HT48R062/HT48C062
After a chip reset, these input/output lines remain at high levels or floating state (dependent on pull-high options). Each bit of these input/output latches can be set or cleared by SET [m].i and CLR [m].i (m=12H or 14H) instructions. Some instructions first input data and then follow the output operations. For example, SET [m].i, CLR [m].i, CPL [m], CPLA [m] read the entire port states into the CPU, execute the defined operations (bit-operation), and then write the results back to the latches or the accumulator. Each line of Port A has the capability of waking-up the device. The highest 5-bit of Port B are not physically implemented; on reading them a 0 is returned whereas writing then results in a no-operation. See Application note. There are pull-high options available for PA and PB. Once the pull-high option is selected, I/O lines have pull-high resistors. Otherwise, the pull-high resistors are absent. It should be noted that a non-pull-high I/O line operating in input mode will cause a floating state. Low Voltage Reset - LVR The microcontroller provides low voltage reset circuit in order to monitor the supply voltage of the device. If the supply voltage of the device is within the range 0.9V~VLVR, such as changing a battery, the LVR will automatically reset the device internally. The LVR includes the following specifications:
* The low voltage (0.9V~VLVR) has to remain in their
original state to exceed 1ms. If the low voltage state does not exceed 1ms, the LVR will ignore it and do not perform a reset function.
* The LVR uses the OR function with the external
RES signal to perform chip reset. The relationship between VDD and VLVR is shown below.
VDD 5 .5 V V
OPR
5 .5 V
V 3 .0 V 2 .2 V
LVR
0 .9 V
Note:
VOPR is the voltage range for proper chip operation at 4MHz system clock.
V 5 .5 V
DD
V
LVR
LVR
D e te c t V o lta g e
0 .9 V 0V R e s e t S ig n a l
R eset *1
N o r m a l O p e r a tio n *2
R eset
Low Voltage Reset Note: *1: To make sure that the system oscillator has stabilized, the SST provides an extra delay of 1024 system clock pulses before entering the normal operation. *2: Since low voltage has to be maintained in its original state and exceed 1ms, therefore 1ms delay enters the reset mode.
Rev. 1.11
10
October 30, 2006
HT48R062/HT48C062
Options The following table shows eight kinds of code option in the HT48R062/HT48C062. All the code options must be defined to ensure proper system functioning. No. 1 2 3 4 5 6 7 WDT clock source: WDTOSC or fSYS/4 WDT function: enable or disable LVR function: enable or disable CLRWDT instruction(s): one or two clear WDT instruction(s) System oscillator: RC or crystal PA and PB pull-high resistors: none or pull-high PA0~PA7 wake-up: enable or disable Options
Application Circuits
V
DD
0 .0 1 m F * 100kW 0 .1 m F
PA0~PA7 VDD PB0~PB2 RES V
DD
470pF OSC1 R fS Y S /4 OSC2 N M O S o p e n d r a in C1 OSC1
OSC
10kW
R C S y s te m O s c illa to r 24kW 0 .1 m F * VSS
OSC C ir c u it S e e R ig h t S id e
OSC1 OSC2 H T 4 8 R 0 6 2 /H T 4 8 C 0 6 2
C2 R1
OSC2 OSC
C ry s ta l S y s te m F o r th e v a lu e s , s e e ta b le b e lo w
O s c illa to r
C ir c u it
Note:
The resistance and capacitance for reset circuit should be designed to ensure that the VDD is stable and remains in a valid range of the operating voltage before bringing RES high. * Make the length of the wiring, which is connected to the RES pin as short as possible, to avoid noise interference. The following table shows the C1, C2 and R1 values corresponding to the different crystal values. (For reference only) Crystal or Resonator 4MHz Crystal 4MHz Resonator 3.58MHz Crystal 3.58MHz Resonator 2MHz Crystal 2MHz Resonator 1MHz Crystal 480kHz Resonator 455kHz Resonator 429kHz Resonator 400kHz Resonator C1, C2 25pF 10pF 25pF 25pF 30pF 25pF 100pF 300pF 300pF 300pF 300pF R1 10kW 12kW 10kW 10kW 12kW 12kW 10kW 9.1kW 10kW 10kW 10kW
The function of the resistor R1 is to ensure that the oscillator will switch off should low voltage conditions occur. Such a low voltage, as mentioned here, is one which is less than the lowest value of the MCU operating voltage. Note however that if the LVR is enabled then R1 can be removed.
Rev. 1.11
11
October 30, 2006
HT48R062/HT48C062
Instruction Set Summary
Mnemonic Arithmetic ADD A,[m] ADDM A,[m] ADD A,x ADC A,[m] ADCM A,[m] SUB A,x SUB A,[m] SUBM A,[m] SBC A,[m] SBCM A,[m] DAA [m] Add data memory to ACC Add ACC to data memory Add immediate data to ACC Add data memory to ACC with carry Add ACC to data memory with carry Subtract immediate data from ACC Subtract data memory from ACC Subtract data memory from ACC with result in data memory Subtract data memory from ACC with carry Subtract data memory from ACC with carry and result in data memory Decimal adjust ACC for addition with result in data memory 1 1(1) 1 1 1(1) 1 1 1(1) 1 1(1) 1(1) Z,C,AC,OV Z,C,AC,OV Z,C,AC,OV Z,C,AC,OV Z,C,AC,OV Z,C,AC,OV Z,C,AC,OV Z,C,AC,OV Z,C,AC,OV Z,C,AC,OV C Description Instruction Cycle Flag Affected
Logic Operation AND A,[m] OR A,[m] XOR A,[m] ANDM A,[m] ORM A,[m] XORM A,[m] AND A,x OR A,x XOR A,x CPL [m] CPLA [m] AND data memory to ACC OR data memory to ACC Exclusive-OR data memory to ACC AND ACC to data memory OR ACC to data memory Exclusive-OR ACC to data memory AND immediate data to ACC OR immediate data to ACC Exclusive-OR immediate data to ACC Complement data memory Complement data memory with result in ACC 1 1 1 1(1) 1(1) 1(1) 1 1 1 1(1) 1 Z Z Z Z Z Z Z Z Z Z Z
Increment & Decrement INCA [m] INC [m] DECA [m] DEC [m] Rotate RRA [m] RR [m] RRCA [m] RRC [m] RLA [m] RL [m] RLCA [m] RLC [m] Data Move MOV A,[m] MOV [m],A MOV A,x Bit Operation CLR [m].i SET [m].i Clear bit of data memory Set bit of data memory 1(1) 1(1) None None Move data memory to ACC Move ACC to data memory Move immediate data to ACC 1 1(1) 1 None None None Rotate data memory right with result in ACC Rotate data memory right Rotate data memory right through carry with result in ACC Rotate data memory right through carry Rotate data memory left with result in ACC Rotate data memory left Rotate data memory left through carry with result in ACC Rotate data memory left through carry 1 1(1) 1 1(1) 1 1(1) 1 1(1) None None C C None None C C Increment data memory with result in ACC Increment data memory Decrement data memory with result in ACC Decrement data memory 1 1(1) 1 1(1) Z Z Z Z
Rev. 1.11
12
October 30, 2006
HT48R062/HT48C062
Mnemonic Branch JMP addr SZ [m] SZA [m] SZ [m].i SNZ [m].i SIZ [m] SDZ [m] SIZA [m] SDZA [m] CALL addr RET RET A,x RETI Table Read TABRDC [m] TABRDL [m] Miscellaneous NOP CLR [m] SET [m] CLR WDT CLR WDT1 CLR WDT2 SWAP [m] SWAPA [m] HALT Note: No operation Clear data memory Set data memory Clear Watchdog Timer Pre-clear Watchdog Timer Pre-clear Watchdog Timer Swap nibbles of data memory Swap nibbles of data memory with result in ACC Enter Power Down Mode 1 1(1) 1(1) 1 1 1 1(1) 1 1 None None None TO,PDF TO(4),PDF(4) TO(4),PDF(4) None None TO,PDF Read ROM code (current page) to data memory and TBLH Read ROM code (last page) to data memory and TBLH 2(1) 2(1) None None Jump unconditionally Skip if data memory is zero Skip if data memory is zero with data movement to ACC Skip if bit i of data memory is zero Skip if bit i of data memory is not zero Skip if increment data memory is zero Skip if decrement data memory is zero Skip if increment data memory is zero with result in ACC Skip if decrement data memory is zero with result in ACC Subroutine call Return from subroutine Return from subroutine and load immediate data to ACC Return from interrupt 2 1(2) 1(2) 1(2) 1(2) 1(3) 1(3) 1(2) 1(2) 2 2 2 2 None None None None None None None None None None None None None Description Instruction Cycle Flag Affected
x: Immediate data m: Data memory address A: Accumulator i: 0~7 number of bits addr: Program memory address O: Flag is affected -: Flag is not affected
(1)
: If a loading to the PCL register occurs, the execution cycle of instructions will be delayed for one more cycle (four system clocks). : If a skipping to the next instruction occurs, the execution cycle of instructions will be delayed for one more cycle (four system clocks). Otherwise the original instruction cycle is unchanged. : and (2) : The flags may be affected by the execution status. If the Watchdog Timer is cleared by executing the CLR WDT1 or CLR WDT2 instruction, the TO and PDF are cleared. Otherwise the TO and PDF flags remain unchanged.
(2)
(3) (1) (4)
Rev. 1.11
13
October 30, 2006
HT48R062/HT48C062
Instruction Definition
ADC A,[m] Description Operation Affected flag(s) TO 3/4 ADCM A,[m] Description Operation Affected flag(s) TO 3/4 ADD A,[m] Description Operation Affected flag(s) TO 3/4 ADD A,x Description Operation Affected flag(s) TO 3/4 ADDM A,[m] Description Operation Affected flag(s) TO 3/4 PDF 3/4 OV O Z O AC O C O PDF 3/4 OV O Z O AC O C O PDF 3/4 OV O Z O AC O C O PDF 3/4 OV O Z O AC O C O PDF 3/4 OV O Z O AC O C O Add data memory and carry to the accumulator The contents of the specified data memory, accumulator and the carry flag are added simultaneously, leaving the result in the accumulator. ACC ACC+[m]+C
Add the accumulator and carry to data memory The contents of the specified data memory, accumulator and the carry flag are added simultaneously, leaving the result in the specified data memory. [m] ACC+[m]+C
Add data memory to the accumulator The contents of the specified data memory and the accumulator are added. The result is stored in the accumulator. ACC ACC+[m]
Add immediate data to the accumulator The contents of the accumulator and the specified data are added, leaving the result in the accumulator. ACC ACC+x
Add the accumulator to the data memory The contents of the specified data memory and the accumulator are added. The result is stored in the data memory. [m] ACC+[m]
Rev. 1.11
14
October 30, 2006
HT48R062/HT48C062
AND A,[m] Description Operation Affected flag(s) TO 3/4 AND A,x Description Operation Affected flag(s) TO 3/4 ANDM A,[m] Description Operation Affected flag(s) TO 3/4 CALL addr Description PDF 3/4 OV 3/4 Z O AC 3/4 C 3/4 PDF 3/4 OV 3/4 Z O AC 3/4 C 3/4 PDF 3/4 OV 3/4 Z O AC 3/4 C 3/4 Logical AND accumulator with data memory Data in the accumulator and the specified data memory perform a bitwise logical_AND operation. The result is stored in the accumulator. ACC ACC AND [m]
Logical AND immediate data to the accumulator Data in the accumulator and the specified data perform a bitwise logical_AND operation. The result is stored in the accumulator. ACC ACC AND x
Logical AND data memory with the accumulator Data in the specified data memory and the accumulator perform a bitwise logical_AND operation. The result is stored in the data memory. [m] ACC AND [m]
Subroutine call The instruction unconditionally calls a subroutine located at the indicated address. The program counter increments once to obtain the address of the next instruction, and pushes this onto the stack. The indicated address is then loaded. Program execution continues with the instruction at this address. Stack Program Counter+1 Program Counter addr TO 3/4 PDF 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4
Operation
Affected flag(s)
CLR [m] Description Operation Affected flag(s)
Clear data memory The contents of the specified data memory are cleared to 0. [m] 00H TO 3/4 PDF 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4
Rev. 1.11
15
October 30, 2006
HT48R062/HT48C062
CLR [m].i Description Operation Affected flag(s) TO 3/4 CLR WDT Description Operation PDF 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4 Clear bit of data memory The bit i of the specified data memory is cleared to 0. [m].i 0
Clear Watchdog Timer The WDT is cleared (clears the WDT). The power down bit (PDF) and time-out bit (TO) are cleared. WDT 00H PDF and TO 0 TO 0 PDF 0 OV 3/4 Z 3/4 AC 3/4 C 3/4
Affected flag(s)
CLR WDT1 Description
Preclear Watchdog Timer Together with CLR WDT2, clears the WDT. PDF and TO are also cleared. Only execution of this instruction without the other preclear instruction just sets the indicated flag which implies this instruction has been executed and the TO and PDF flags remain unchanged. WDT 00H* PDF and TO 0* TO 0* PDF 0* OV 3/4 Z 3/4 AC 3/4 C 3/4
Operation
Affected flag(s)
CLR WDT2 Description
Preclear Watchdog Timer Together with CLR WDT1, clears the WDT. PDF and TO are also cleared. Only execution of this instruction without the other preclear instruction, sets the indicated flag which implies this instruction has been executed and the TO and PDF flags remain unchanged. WDT 00H* PDF and TO 0* TO 0* PDF 0* OV 3/4 Z 3/4 AC 3/4 C 3/4
Operation
Affected flag(s)
CPL [m] Description Operation Affected flag(s)
Complement data memory Each bit of the specified data memory is logically complemented (1s complement). Bits which previously contained a 1 are changed to 0 and vice-versa. [m] [m] TO 3/4 PDF 3/4 OV 3/4 Z O AC 3/4 C 3/4
Rev. 1.11
16
October 30, 2006
HT48R062/HT48C062
CPLA [m] Description Complement data memory and place result in the accumulator Each bit of the specified data memory is logically complemented (1s complement). Bits which previously contained a 1 are changed to 0 and vice-versa. The complemented result is stored in the accumulator and the contents of the data memory remain unchanged. ACC [m] TO 3/4 DAA [m] Description PDF 3/4 OV 3/4 Z O AC 3/4 C 3/4
Operation Affected flag(s)
Decimal-Adjust accumulator for addition The accumulator value is adjusted to the BCD (Binary Coded Decimal) code. The accumulator is divided into two nibbles. Each nibble is adjusted to the BCD code and an internal carry (AC1) will be done if the low nibble of the accumulator is greater than 9. The BCD adjustment is done by adding 6 to the original value if the original value is greater than 9 or a carry (AC or C) is set; otherwise the original value remains unchanged. The result is stored in the data memory and only the carry flag (C) may be affected. If ACC.3~ACC.0 >9 or AC=1 then [m].3~[m].0 (ACC.3~ACC.0)+6, AC1=AC else [m].3~[m].0 (ACC.3~ACC.0), AC1=0 and If ACC.7~ACC.4+AC1 >9 or C=1 then [m].7~[m].4 ACC.7~ACC.4+6+AC1,C=1 else [m].7~[m].4 ACC.7~ACC.4+AC1,C=C TO 3/4 PDF 3/4 OV 3/4 Z 3/4 AC 3/4 C O
Operation
Affected flag(s)
DEC [m] Description Operation Affected flag(s)
Decrement data memory Data in the specified data memory is decremented by 1. [m] [m]-1 TO 3/4 PDF 3/4 OV 3/4 Z O AC 3/4 C 3/4
DECA [m] Description Operation Affected flag(s)
Decrement data memory and place result in the accumulator Data in the specified data memory is decremented by 1, leaving the result in the accumulator. The contents of the data memory remain unchanged. ACC [m]-1 TO 3/4 PDF 3/4 OV 3/4 Z O AC 3/4 C 3/4
Rev. 1.11
17
October 30, 2006
HT48R062/HT48C062
HALT Description Enter Power Down Mode This instruction stops program execution and turns off the system clock. The contents of the RAM and registers are retained. The WDT and prescaler are cleared. The power down bit (PDF) is set and the WDT time-out bit (TO) is cleared. Program Counter Program Counter+1 PDF 1 TO 0 TO 0 INC [m] Description Operation Affected flag(s) TO 3/4 INCA [m] Description Operation Affected flag(s) TO 3/4 JMP addr Description Operation Affected flag(s) TO 3/4 MOV A,[m] Description Operation Affected flag(s) TO 3/4 PDF 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4 PDF 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4 Directly jump The program counter are replaced with the directly-specified address unconditionally, and control is passed to this destination. Program Counter addr PDF 3/4 OV 3/4 Z O AC 3/4 C 3/4 PDF 3/4 OV 3/4 Z O AC 3/4 C 3/4 PDF 1 OV 3/4 Z 3/4 AC 3/4 C 3/4
Operation
Affected flag(s)
Increment data memory Data in the specified data memory is incremented by 1 [m] [m]+1
Increment data memory and place result in the accumulator Data in the specified data memory is incremented by 1, leaving the result in the accumulator. The contents of the data memory remain unchanged. ACC [m]+1
Move data memory to the accumulator The contents of the specified data memory are copied to the accumulator. ACC [m]
Rev. 1.11
18
October 30, 2006
HT48R062/HT48C062
MOV A,x Description Operation Affected flag(s) TO 3/4 MOV [m],A Description Operation Affected flag(s) TO 3/4 NOP Description Operation Affected flag(s) TO 3/4 OR A,[m] Description Operation Affected flag(s) TO 3/4 OR A,x Description Operation Affected flag(s) TO 3/4 ORM A,[m] Description Operation Affected flag(s) TO 3/4 PDF 3/4 OV 3/4 Z O AC 3/4 C 3/4 PDF 3/4 OV 3/4 Z O AC 3/4 C 3/4 PDF 3/4 OV 3/4 Z O AC 3/4 C 3/4 PDF 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4 No operation No operation is performed. Execution continues with the next instruction. Program Counter Program Counter+1 PDF 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4 PDF 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4 Move immediate data to the accumulator The 8-bit data specified by the code is loaded into the accumulator. ACC x
Move the accumulator to data memory The contents of the accumulator are copied to the specified data memory (one of the data memories). [m] ACC
Logical OR accumulator with data memory Data in the accumulator and the specified data memory (one of the data memories) perform a bitwise logical_OR operation. The result is stored in the accumulator. ACC ACC OR [m]
Logical OR immediate data to the accumulator Data in the accumulator and the specified data perform a bitwise logical_OR operation. The result is stored in the accumulator. ACC ACC OR x
Logical OR data memory with the accumulator Data in the data memory (one of the data memories) and the accumulator perform a bitwise logical_OR operation. The result is stored in the data memory. [m] ACC OR [m]
Rev. 1.11
19
October 30, 2006
HT48R062/HT48C062
RET Description Operation Affected flag(s) TO 3/4 RET A,x Description Operation PDF 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4 Return from subroutine The program counter is restored from the stack. This is a 2-cycle instruction. Program Counter Stack
Return and place immediate data in the accumulator The program counter is restored from the stack and the accumulator loaded with the specified 8-bit immediate data. Program Counter Stack ACC x TO 3/4 PDF 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4
Affected flag(s)
RETI Description Operation
Return from interrupt The program counter is restored from the stack, and interrupts are enabled by setting the EMI bit. EMI is the enable master (global) interrupt bit. Program Counter Stack EMI 1 TO 3/4 PDF 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4
Affected flag(s)
RL [m] Description Operation
Rotate data memory left The contents of the specified data memory are rotated 1 bit left with bit 7 rotated into bit 0. [m].(i+1) [m].i; [m].i:bit i of the data memory (i=0~6) [m].0 [m].7 TO 3/4 PDF 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4
Affected flag(s)
RLA [m] Description Operation
Rotate data memory left and place result in the accumulator Data in the specified data memory is rotated 1 bit left with bit 7 rotated into bit 0, leaving the rotated result in the accumulator. The contents of the data memory remain unchanged. ACC.(i+1) [m].i; [m].i:bit i of the data memory (i=0~6) ACC.0 [m].7 TO 3/4 PDF 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4
Affected flag(s)
Rev. 1.11
20
October 30, 2006
HT48R062/HT48C062
RLC [m] Description Operation Rotate data memory left through carry The contents of the specified data memory and the carry flag are rotated 1 bit left. Bit 7 replaces the carry bit; the original carry flag is rotated into the bit 0 position. [m].(i+1) [m].i; [m].i:bit i of the data memory (i=0~6) [m].0 C C [m].7 TO 3/4 RLCA [m] Description PDF 3/4 OV 3/4 Z 3/4 AC 3/4 C O
Affected flag(s)
Rotate left through carry and place result in the accumulator Data in the specified data memory and the carry flag are rotated 1 bit left. Bit 7 replaces the carry bit and the original carry flag is rotated into bit 0 position. The rotated result is stored in the accumulator but the contents of the data memory remain unchanged. ACC.(i+1) [m].i; [m].i:bit i of the data memory (i=0~6) ACC.0 C C [m].7 TO 3/4 PDF 3/4 OV 3/4 Z 3/4 AC 3/4 C O
Operation
Affected flag(s)
RR [m] Description Operation
Rotate data memory right The contents of the specified data memory are rotated 1 bit right with bit 0 rotated to bit 7. [m].i [m].(i+1); [m].i:bit i of the data memory (i=0~6) [m].7 [m].0 TO 3/4 PDF 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4
Affected flag(s)
RRA [m] Description Operation
Rotate right and place result in the accumulator Data in the specified data memory is rotated 1 bit right with bit 0 rotated into bit 7, leaving the rotated result in the accumulator. The contents of the data memory remain unchanged. ACC.(i) [m].(i+1); [m].i:bit i of the data memory (i=0~6) ACC.7 [m].0 TO 3/4 PDF 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4
Affected flag(s)
RRC [m] Description Operation
Rotate data memory right through carry The contents of the specified data memory and the carry flag are together rotated 1 bit right. Bit 0 replaces the carry bit; the original carry flag is rotated into the bit 7 position. [m].i [m].(i+1); [m].i:bit i of the data memory (i=0~6) [m].7 C C [m].0 TO 3/4 PDF 3/4 OV 3/4 Z 3/4 AC 3/4 C O
Affected flag(s)
Rev. 1.11
21
October 30, 2006
HT48R062/HT48C062
RRCA [m] Description Rotate right through carry and place result in the accumulator Data of the specified data memory and the carry flag are rotated 1 bit right. Bit 0 replaces the carry bit and the original carry flag is rotated into the bit 7 position. The rotated result is stored in the accumulator. The contents of the data memory remain unchanged. ACC.i [m].(i+1); [m].i:bit i of the data memory (i=0~6) ACC.7 C C [m].0 TO 3/4 SBC A,[m] Description Operation Affected flag(s) TO 3/4 SBCM A,[m] Description Operation Affected flag(s) TO 3/4 SDZ [m] Description PDF 3/4 OV O Z O AC O C O PDF 3/4 OV O Z O AC O C O PDF 3/4 OV 3/4 Z 3/4 AC 3/4 C O
Operation
Affected flag(s)
Subtract data memory and carry from the accumulator The contents of the specified data memory and the complement of the carry flag are subtracted from the accumulator, leaving the result in the accumulator. ACC ACC+[m]+C
Subtract data memory and carry from the accumulator The contents of the specified data memory and the complement of the carry flag are subtracted from the accumulator, leaving the result in the data memory. [m] ACC+[m]+C
Skip if decrement data memory is 0 The contents of the specified data memory are decremented by 1. If the result is 0, the next instruction is skipped. If the result is 0, the following instruction, fetched during the current instruction execution, is discarded and a dummy cycle is replaced to get the proper instruction (2 cycles). Otherwise proceed with the next instruction (1 cycle). Skip if ([m]-1)=0, [m] ([m]-1) TO 3/4 PDF 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4
Operation Affected flag(s)
SDZA [m] Description
Decrement data memory and place result in ACC, skip if 0 The contents of the specified data memory are decremented by 1. If the result is 0, the next instruction is skipped. The result is stored in the accumulator but the data memory remains unchanged. If the result is 0, the following instruction, fetched during the current instruction execution, is discarded and a dummy cycle is replaced to get the proper instruction (2 cycles). Otherwise proceed with the next instruction (1 cycle). Skip if ([m]-1)=0, ACC ([m]-1) TO 3/4 PDF 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4
Operation Affected flag(s)
Rev. 1.11
22
October 30, 2006
HT48R062/HT48C062
SET [m] Description Operation Affected flag(s) TO 3/4 SET [m]. i Description Operation Affected flag(s) TO 3/4 SIZ [m] Description PDF 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4 PDF 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4 Set data memory Each bit of the specified data memory is set to 1. [m] FFH
Set bit of data memory Bit i of the specified data memory is set to 1. [m].i 1
Skip if increment data memory is 0 The contents of the specified data memory are incremented by 1. If the result is 0, the following instruction, fetched during the current instruction execution, is discarded and a dummy cycle is replaced to get the proper instruction (2 cycles). Otherwise proceed with the next instruction (1 cycle). Skip if ([m]+1)=0, [m] ([m]+1) TO 3/4 PDF 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4
Operation Affected flag(s)
SIZA [m] Description
Increment data memory and place result in ACC, skip if 0 The contents of the specified data memory are incremented by 1. If the result is 0, the next instruction is skipped and the result is stored in the accumulator. The data memory remains unchanged. If the result is 0, the following instruction, fetched during the current instruction execution, is discarded and a dummy cycle is replaced to get the proper instruction (2 cycles). Otherwise proceed with the next instruction (1 cycle). Skip if ([m]+1)=0, ACC ([m]+1) TO 3/4 PDF 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4
Operation Affected flag(s)
SNZ [m].i Description
Skip if bit i of the data memory is not 0 If bit i of the specified data memory is not 0, the next instruction is skipped. If bit i of the data memory is not 0, the following instruction, fetched during the current instruction execution, is discarded and a dummy cycle is replaced to get the proper instruction (2 cycles). Otherwise proceed with the next instruction (1 cycle). Skip if [m].i0
Operation Affected flag(s)
TO 3/4
PDF 3/4
OV 3/4
Z 3/4
AC 3/4
C 3/4
Rev. 1.11
23
October 30, 2006
HT48R062/HT48C062
SUB A,[m] Description Operation Affected flag(s) TO 3/4 SUBM A,[m] Description Operation Affected flag(s) TO 3/4 SUB A,x Description Operation Affected flag(s) TO 3/4 SWAP [m] Description Operation Affected flag(s) TO 3/4 SWAPA [m] Description Operation PDF 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4 PDF 3/4 OV O Z O AC O C O PDF 3/4 OV O Z O AC O C O PDF 3/4 OV O Z O AC O C O Subtract data memory from the accumulator The specified data memory is subtracted from the contents of the accumulator, leaving the result in the accumulator. ACC ACC+[m]+1
Subtract data memory from the accumulator The specified data memory is subtracted from the contents of the accumulator, leaving the result in the data memory. [m] ACC+[m]+1
Subtract immediate data from the accumulator The immediate data specified by the code is subtracted from the contents of the accumulator, leaving the result in the accumulator. ACC ACC+x+1
Swap nibbles within the data memory The low-order and high-order nibbles of the specified data memory (1 of the data memories) are interchanged. [m].3~[m].0 [m].7~[m].4
Swap data memory and place result in the accumulator The low-order and high-order nibbles of the specified data memory are interchanged, writing the result to the accumulator. The contents of the data memory remain unchanged. ACC.3~ACC.0 [m].7~[m].4 ACC.7~ACC.4 [m].3~[m].0 TO 3/4 PDF 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4
Affected flag(s)
Rev. 1.11
24
October 30, 2006
HT48R062/HT48C062
SZ [m] Description Skip if data memory is 0 If the contents of the specified data memory are 0, the following instruction, fetched during the current instruction execution, is discarded and a dummy cycle is replaced to get the proper instruction (2 cycles). Otherwise proceed with the next instruction (1 cycle). Skip if [m]=0
Operation Affected flag(s)
TO 3/4 SZA [m] Description
PDF 3/4
OV 3/4
Z 3/4
AC 3/4
C 3/4
Move data memory to ACC, skip if 0 The contents of the specified data memory are copied to the accumulator. If the contents is 0, the following instruction, fetched during the current instruction execution, is discarded and a dummy cycle is replaced to get the proper instruction (2 cycles). Otherwise proceed with the next instruction (1 cycle). Skip if [m]=0
Operation Affected flag(s)
TO 3/4 SZ [m].i Description
PDF 3/4
OV 3/4
Z 3/4
AC 3/4
C 3/4
Skip if bit i of the data memory is 0 If bit i of the specified data memory is 0, the following instruction, fetched during the current instruction execution, is discarded and a dummy cycle is replaced to get the proper instruction (2 cycles). Otherwise proceed with the next instruction (1 cycle). Skip if [m].i=0
Operation Affected flag(s)
TO 3/4 TABRDC [m] Description Operation
PDF 3/4
OV 3/4
Z 3/4
AC 3/4
C 3/4
Move the ROM code (current page) to TBLH and data memory The low byte of ROM code (current page) addressed by the table pointer (TBLP) is moved to the specified data memory and the high byte transferred to TBLH directly. [m] ROM code (low byte) TBLH ROM code (high byte) TO 3/4 PDF 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4
Affected flag(s)
TABRDL [m] Description Operation
Move the ROM code (last page) to TBLH and data memory The low byte of ROM code (last page) addressed by the table pointer (TBLP) is moved to the data memory and the high byte transferred to TBLH directly. [m] ROM code (low byte) TBLH ROM code (high byte) TO 3/4 PDF 3/4 OV 3/4 Z 3/4 AC 3/4 C 3/4
Affected flag(s)
Rev. 1.11
25
October 30, 2006
HT48R062/HT48C062
XOR A,[m] Description Operation Affected flag(s) TO 3/4 XORM A,[m] Description Operation Affected flag(s) TO 3/4 XOR A,x Description Operation Affected flag(s) TO 3/4 PDF 3/4 OV 3/4 Z O AC 3/4 C 3/4 PDF 3/4 OV 3/4 Z O AC 3/4 C 3/4 PDF 3/4 OV 3/4 Z O AC 3/4 C 3/4 Logical XOR accumulator with data memory Data in the accumulator and the indicated data memory perform a bitwise logical Exclusive_OR operation and the result is stored in the accumulator. ACC ACC XOR [m]
Logical XOR data memory with the accumulator Data in the indicated data memory and the accumulator perform a bitwise logical Exclusive_OR operation. The result is stored in the data memory. The 0 flag is affected. [m] ACC XOR [m]
Logical XOR immediate data to the accumulator Data in the accumulator and the specified data perform a bitwise logical Exclusive_OR operation. The result is stored in the accumulator. The 0 flag is affected. ACC ACC XOR x
Rev. 1.11
26
October 30, 2006
HT48R062/HT48C062
Package Information
16-pin DIP (300mil) Outline Dimensions
A 16 B 1 9 8
H C D E F G
a
I
Symbol A B C D E F G H I a
Dimensions in mil Min. 745 240 125 125 16 50 3/4 295 335 0 Nom. 3/4 3/4 3/4 3/4 3/4 3/4 100 3/4 3/4 3/4 Max. 775 260 135 145 20 70 3/4 315 375 15
Rev. 1.11
27
October 30, 2006
HT48R062/HT48C062
16-pin NSOP (150mil) Outline Dimensions
A 1
16 9 8
B
C C' G H D E F
a
Symbol A B C C D E F G H a
Dimensions in mil Min. 228 149 14 386 53 3/4 4 22 4 0 Nom. 3/4 3/4 3/4 3/4 3/4 50 3/4 3/4 3/4 3/4 Max. 244 157 20 394 69 3/4 10 28 12 10
Rev. 1.11
28
October 30, 2006
HT48R062/HT48C062
Product Tape and Reel Specifications
Reel Dimensions
T2 D
A
B
C
T1
SOP 16N (150mil) Symbol A B C D T1 T2 Description Reel Outer Diameter Reel Inner Diameter Spindle Hole Diameter Key Slit Width Space Between Flange Reel Thickness Dimensions in mm 3301 621.5 13+0.5 -0.2 20.5 16.8+0.3 -0.2 22.20.2
Rev. 1.11
29
October 30, 2006
HT48R062/HT48C062
Carrier Tape Dimensions
D
E F
P0
P1
t
W C
B0
D1
P
K0 A0
SOP 16N (150mil) Symbol W P E F D D1 P0 P1 A0 B0 K0 t C Description Carrier Tape Width Cavity Pitch Perforation Position Cavity to Perforation (Width Direction) Perforation Diameter Cavity Hole Diameter Perforation Pitch Cavity to Perforation (Length Direction) Cavity Length Cavity Width Cavity Depth Carrier Tape Thickness Cover Tape Width Dimensions in mm 160.3 80.1 1.750.1 7.50.1 1.55+0.1 1.5+0.25 40.1 20.1 6.50.1 10.30.1 2.10.1 0.30.05 13.3
Rev. 1.11
30
October 30, 2006
HT48R062/HT48C062
Holtek Semiconductor Inc. (Headquarters) No.3, Creation Rd. II, Science Park, Hsinchu, Taiwan Tel: 886-3-563-1999 Fax: 886-3-563-1189 http://www.holtek.com.tw Holtek Semiconductor Inc. (Taipei Sales Office) 4F-2, No. 3-2, YuanQu St., Nankang Software Park, Taipei 115, Taiwan Tel: 886-2-2655-7070 Fax: 886-2-2655-7373 Fax: 886-2-2655-7383 (International sales hotline) Holtek Semiconductor Inc. (Shanghai Sales Office) 7th Floor, Building 2, No.889, Yi Shan Rd., Shanghai, China 200233 Tel: 021-6485-5560 Fax: 021-6485-0313 http://www.holtek.com.cn Holtek Semiconductor Inc. (Shenzhen Sales Office) 5/F, Unit A, Productivity Building, Cross of Science M 3rd Road and Gaoxin M 2nd Road, Science Park, Nanshan District, Shenzhen, China 518057 Tel: 0755-8616-9908, 8616-9308 Fax: 0755-8616-9533 Holtek Semiconductor Inc. (Beijing Sales Office) Suite 1721, Jinyu Tower, A129 West Xuan Wu Men Street, Xicheng District, Beijing, China 100031 Tel: 010-6641-0030, 6641-7751, 6641-7752 Fax: 010-6641-0125 Holtek Semiconductor Inc. (Chengdu Sales Office) 709, Building 3, Champagne Plaza, No.97 Dongda Street, Chengdu, Sichuan, China 610016 Tel: 028-6653-6590 Fax: 028-6653-6591 Holmate Semiconductor, Inc. (North America Sales Office) 46729 Fremont Blvd., Fremont, CA 94538 Tel: 510-252-9880 Fax: 510-252-9885 http://www.holmate.com
Copyright O 2006 by HOLTEK SEMICONDUCTOR INC. The information appearing in this Data Sheet is believed to be accurate at the time of publication. However, Holtek assumes no responsibility arising from the use of the specifications described. The applications mentioned herein are used solely for the purpose of illustration and Holtek makes no warranty or representation that such applications will be suitable without further modification, nor recommends the use of its products for application that may present a risk to human life due to malfunction or otherwise. Holteks products are not authorized for use as critical components in life support devices or systems. Holtek reserves the right to alter its products without prior notification. For the most up-to-date information, please visit our web site at http://www.holtek.com.tw.
Rev. 1.11
31
October 30, 2006


▲Up To Search▲   

 
Price & Availability of HT48R062

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X