Part Number Hot Search : 
CA3013 AL4CA01 FQA7N65C 16000 MST9220 2SC4081 KBU10M CXP88624
Product Description
Full Text Search
 

To Download HFBR-5921L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Agilent HFBR-5921L/HFBR-5923L Fibre Channel 2.125/1.0625 GBd 850 nm Small Form Factor Pin Through Hole (PTH) Low Voltage (3.3 V) Optical Transceiver
Data Sheet
Applications * Mass storage system I/O * Computer system I/O * High speed peripheral interface * High speed switching systems * Host adapter I/O Description The HFBR-5921L/5923L optical transceivers from Agilent Technologies offer maximum flexibility to Fibre Channel designers, manufacturers, and system integrators to implement a range of solutions for multi-mode Fibre Channel applications. This product is fully compliant with all equipment meeting the Fibre Channel FC-PI 200-M5-SN-I and 200-M6-SN-I 2.125 GBd specifications, and is compatible with the Fibre Channel FC-PI 100-M5-SN-I, FC-PI 100-M6-SN-I, FC-PH2 100-M5-SN-I, and FC-PH2 100-M6-SN-I 1.0625 GBd specifications. The HFBR-5921L/5923L is also compliant with the SFF Multi Source Agreement (MSA). Module Package Agilent offers the industry two Pin Through Hole package options utilizing an integral LC-Duplex optical interface connector. Both transceivers use a reliable 850 nm VCSEL source and requires a 3.3 V DC power supply for optimal system design. Features * Compliant with 2.125 GBd Fibre Channel FC-PI standard - FC-PI 200-M5-SN-I for 50/125 m multimode cables - FC-PI 200-M6-SN-I for 62.5/125 m multimode cables * Compliant with 1.0625 GBd VCSEL operation for both 50/125 and 62.5/125 m multimode cables * Industry standard Pin Through Hole (PTH) package * LC-duplex connector optical interface * Link lengths at 2.125 GBd: 0.5 to 300 m - 50/125 m MMF 0.5 to 150 m - 62.5/125 m MMF * Link lengths at 1.0625 GBd: 0.5 to 500 m - 50/125 m MMF 0.5 to 300 m - 62.5/125 m MMF * Reliable 850 nm Vertical Cavity Surface Emitting Laser (VCSEL) source technology * Laser AEL Class I (eye safe) per: US 21 CFR (J) EN 60825-1 (+All) * Single +3.3 V power supply operation * 2 x 5 or 2 x 6 DIP package style with LC-duplex fiber * Wave solder and aqueous wash process compatible * RAID cabinets Related Products * HFBR-5602: 850 nm +5 V Gigabit Interface Converter (GBIC) for Fiber Channel FC-PH-2 * HFBR-53D3: 850 nm +5 V 1 x 9 Laser transceiver for Fiber Channel FC-PH-2 * HFBR-5910E: 850 nm +3.3 V SFF MTRJ Laser transceiver for Fibre Channel FC-PH-2 * HDMP-2630/2631: 2.125/1.0625 Gbps TRx family of SerDes IC * HFBR-5720L: 850 nm 3.3 V 2.125/ 1.0625 Gbps SFP Transceiver
HFBR-5721/23 BLOCK DIAGRAM RECEIVER ELECTRICAL INTERFACE
RD+ (RECEIVE DATA) RD- (RECEIVE DATA) SIGNAL DETECT
LIGHT FROM FIBER
PHOTO-DETECTOR
AMPLIFICATION & QUANTIZATION
OPTICAL INTERFACE TRANSMITTER
LASER DRIVER & SAFETY CIRCUITRY Tx_DISABLE TD+ (TRANSMIT DATA) TD- (TRANSMIT DATA) Tx_FAULT (AVAILABLE ONLY ON 2 x 6)
LIGHT TO FIBER
VCSEL
Figure 1. Transceiver functional diagram. See Table 5 for Process Compatibility Specifications.
Module Diagrams Figure 1 illustrates the major functional components of the HFBR-5921/5923. The connection diagram for both modules are shown in Figure 2. Figure 7 depicts the external configuration and dimensions of the module. Installation The HFBR-5921L/5923L can be installed in any MSA-compliant Pin Through Hole port. The module Pin Description is shown in Figure 2. Solder and Wash Process Capability These transceivers are delivered with protective process plugs inserted into the LC connector receptacle. This process plug protects the optical subassemblies during wave solder and aqueous wash processing and acts as a dust cover during shipping. These transceivers are compatible with industry standard wave or hand solder processes. Recommended Solder Fluxes Solder fluxes used with the HFBR-5921L/5923L should be water-soluble, organic fluxes. Recommended solder fluxes
Figure 2. Module pin assignments and pin configuration.
include Lonco 3355-11 from London Chemical West, Inc. of Burbank, CA, and 100 Flux from Alpha-Metals of Jersey City, NJ. Recommended Cleaning/Degreasing Chemicals Alcohols: methyl, isopropyl, isobutyl. Aliphatics: hexane, heptane. Other: naphtha.
Do not use partially halogenated hydrocarbons such as 1,1.1 trichoroethane or ketones such as MEK, acetone, chloroform, ethyl acetate, methylene dichloride, phenol, methylene chloride, or N-methylpyrolldone. Also, Agilent does not recommend the use of cleaners that use halogenated hydrocarbons because of their potential environmental harm.
2
Transmitter Section The transmitter section includes the transmitter optical subassembly (TOSA) and laser driver circuitry. The TOSA, containing an 850 nm VCSEL (Vertical Cavity Surface Emitting Laser) light source, is located at the optical interface and mates with the LC optical connector. The TOSA is driven by a custom silicon IC, which converts differential logic signals into an analog laser diode drive current. This TX driver circuit regulates the optical power at a constant level provided the data pattern is valid 8B/10B DC balanced code.
TX Disable
indicates a laser transmit fault has occurred and when low indicates normal laser operation. A transmitter fault condition can be caused by deviations from the recommended module operating conditions or by violation of eye safety conditions. A transient fault can be cleared by cycling the TX Disable control input.
Eye Safety Circuit
Signal Detect
For an optical transmitter device to be eye-safe in the event of a single fault failure, the transmitter will either maintain normal, eye-safe operation or be disabled. In the event of an eye safety fault, the VCSEL will be disabled. Receiver Section The receiver section includes the receiver optical subassembly (ROSA) and amplification/quantization circuitry. The ROSA, containing a PIN photodiode and custom transimpedance preamplifier, is located at the optical interface and mates with the LC optical connector. The ROSA is mated to a custom IC that provides post-amplification and quantization. This circuit also includes a Signal Detect (SD) circuit which provides an LVTTLcompatible logic low output in the absence of a usable input optical signal level.
The Signal Detect (SD) output indicates if the optical input signal to the receiver does not meet the minimum detectable level for Fibre Channel compliant signals. When SD is low it indicates loss of signal. When SD is high it indicates normal operation. The Signal Detect thresholds are set to indicate a definite optical fault has occurred (e.g., disconnected or broken fiber connection to receiver, failed transmitter).
Functional Data I/O
The HFBR-5921L/5923L accepts a transmit disable control signal input which shuts down the transmitter. A high signal implements this function while a low signal allows normal laser operation. In the event of a fault (e.g., eye safety circuit activated), cycling this control signal resets the module. The TX Disable control should be actuated upon initialization of the module. See Figure 6 for product timing diagrams.
TX Fault (Available only on the 2 x 6)
Agilent's HFBR-5921L/5923L fiber-optic transceiver is designed to accept industry standard differential signals. In order to reduce the number of passive components required on the customer's board, Agilent has included the functionality of the transmitter bias resistors and coupling capacitors within the fiber optic module. The transceiver is compatible with an "AC-coupled" configuration and is internally terminated. Figure 1 depicts the functional diagram of the HFBR- 5921/5923. Caution should be taken to account for the proper interconnection between the supporting Physical Layer integrated circuits and the HFBR-5921L/5923L . Figure 4 illustrates the recommended interface circuit.
The HFBR-5923L module features a transmit fault control signal output which when high
NORMALIZED AMPLITUDE
1.3 1.0 0.8 0.5 0.2 0 -0.2 0 x1 0.4 0.6 1-x1 1.0
NORMALIZED TIME (IN UI)
Figure 3. Transmitter eye mask diagram and typical transmitter eye.
3
Application Support
Evaluation Kit
To help you in your preliminary transceiver evaluation, Agilent offers a 2.125 GBd Fibre Channel evaluation board. This board will allow testing of the HFBR-5921L/ 5923L optical transceivers. Please contact your local field sales representative for availability and ordering details.
Reference Designs
second condition is static discharges to the exterior of the host equipment chassis after installation. To the extent that the duplex LC optical interface is exposed to the outside of the host equipment chassis, it may be subject to system-level ESD requirements. The ESD performance of the HFBR-5921L/5923L exceeds typical industry standards.
Immunity
resistant, chemically resistant, and UL 94V-0 flame retardant plastic. Caution There are no user serviceable parts nor is any maintenance required for the HFBR-5921/5923. All adjustments are made at the factory before shipment to our customers. Tampering with or modifying the performance of the HFBR-5921L/5923L will result in voided product warranty. It may also result in improper operation of the HFBR-5921L/5923L circuitry, and possible overstress of the laser source. Device degradation or product failure may result. Connection of the HFBR-5921L/5923L to a nonapproved optical source, operating above the recommended absolute maximum conditions or operating the HFBR-5921L/5923L in a manner inconsistent with its design and function may result in hazardous radiation exposure and may be considered an act of modifying or manufacturing a laser product. The person(s) performing such an act is required by law to re-certify and re-identify the laser product under the provisions of U.S. 21 CFR (Subchapter J) and the TUV. Ordering Information Please contact your local field sales engineer or one of Agilent Technologies franchised distributors for ordering information. For technical information regarding this product, including the MSA, please visit Agilent Technologies Semiconductors Products Website at www.agilent.com/ view/fiber. Use the quick search feature to search for this part number. You may also contact Agilent Technologies Semiconductor Products Customer Response Center at 1-800-235-0312.
Reference designs for the HFBR-5921L/5923L fiber-optic transceiver and the HDMP-2630/2631 physical layer IC are available to assist the equipment designer. Figure 4 depicts a typical application configuration, while Figure 5 depicts the multisourced power supply filter circuit design. All artwork is available at the Agilent electronic bulletin board. Please contact your local field sales engineer for more information regarding application tools. Regulatory Compliance See Table 1 for transceiver Regulatory Compliance performance. The overall equipment design will determine the certification level. The transceiver performance is offered as a figure of merit to assist the designer.
Electrostatic Discharge (ESD)
Equipment hosting the HFBR-5921L/5923L modules will be subjected to radio-frequency electromagnetic fields in some environments. The transceivers have good immunity to such fields due to their shielded design.
Electromagnetic Interference (EMI)
Most equipment designs utilizing these high-speed transceivers from Agilent Technologies will be required to meet the requirements of FCC in the United States, CENELEC EN55022 (CISPR 22) in Europe and VCCI in Japan. The metal housing and shielded design of the HFBR-5921L/5923L minimize the EMI challenge facing the host equipment designer. These transceivers provide superior EMI performance. This greatly assists the designer in the management of the overall system EMI performance.
Eye Safety
There are two conditions in which immunity to ESD damage is important. Table 1 documents our immunity to both of these conditions. The first condition is during handling of the transceiver prior to attachment to the PCB. To protect the transceiver, it is important to use normal ESD handling precautions. These precautions include using grounded wrist straps, work benches, and floor mats in ESD controlled areas. The ESD sensitivity of the HFBR-5921L/5923L is compatible with typical industry production environments. The 4
These 850 nm VCSEL-based transceivers provide Class 1 eye safety by design. Agilent Technologies has tested the transceiver design for compliance with the requirements listed in Table 1: Regulatory Compliance, under normal operating conditions and under a single fault condition.
Flammability
The HFBR-5921L/5923L VCSEL transceiver housing is made of metal and high strength, heat
Table 1. Regulatory Compliance Feature Electrostatic Discharge (ESD) to the Electrical Pins Electrostatic Discharge (ESD) to the Duplex LC Receptacle Electromagnetic Interference (EMI) Test Method MIL-STD-883C Method 3015.4 Variation of IEC 61000-4-2 Performance Class 2 (> 2000 V) Typically withstand at least 25 kV without damage when the duplex LC connector receptacle is contacted by a Human Body Model probe. System margins are dependent on customer board and chassis design.
Immunity
FCC Class B CENELEC EN55022 Class B (CISPR 22A) VCCI Class 1 Variation of IEC 61000-4-3
Eye Safety
Component Recognition
US FDA CDRH AEL Class 1 EN(IEC)60825-1,2, EN60950 Class 1 Underwriters Laboratories and UL file # E173874 Canadian Standards Association Joint Component Recognition for Information Technology Equipment including Electrical Business Equipment.
Typically shows a negligible effect from a 10 V/m field swept from 80 to 1000 MHz applied to the transceiver without a chassis enclosure. CDRH file # 9720151-13 TUV file # E9971086.061
Note: 1. Changes to IEC 60825-1,2 are currently anticipated to allow higher eye-safe Optical Output Power levels. Agilent may choose to take advantage of these changes at a later date.
5
1 H 3.3 V 10 F 0.1 F 1 H
3.3 V VCC,T 0.1 F 4.7 K to 10 K GP04 Tx_FAULT VREFR VREFR TX[0:9] SO- TBC EWRAP TBC EWRAP SO+ 50 50 Tx_DISABLE Tx_FAULT TD+ 0.01 F 100 TD- TX GND 0.01 F VCC,R LASER DRIVER & SAFETY CIRCUITRY 6.8 K
PROTOCOL IC
RBC Rx_RATE
HDMP-2630/31
10 F RX[0:9] RBC Rx_RATE REFCLK SI+ SI- 50 50
0.1 F RD+
0.01 F 100 AMPLIFICATION & QUANTIZATION
RD- Rx_SD RX GND 0.01 F
Rx_SD
HFBR-5921L/5923L
REFCLK 106.25 MHz
NOTE: Tx_FAULT REQUIRED FOR 2 x 6 MODULE ONLY.
Figure 4. Typical application configuration.
1 H VCCT 0.1 F
1 H VCCR 0.1 F 10 F 0.1 F 10 F 3.3 V
HFBR-5921L/5923L
HOST BOARD
NOTE: INDUCTORS MUST HAVE LESS THAN 1 SERIES RESISTANCE PER MSA.
Figure 5. MSA recommended power supply filter.
6
Table 2. Pin Description Pin 1 2 3 4 5 6 7 8 9 10 A B Name VEE R VCCR SD RD- RD+ VCCT VEE T TX Disable TD+ TD- N/C (2 x 6 Only) TX Fault (2 x 6 Only) Function/Description Receiver Ground Receiver Power -3.3 V 5% Signal Detect - Low indicates Loss of Signal Inverse Received Data Out Received Data Out Transmitter Power -3.3 V 5% Transmitter Ground Transmitter Disable - Module disables on High Transmitter Data In Inverse Transmitter Data In Not Connected Transmitter Fault Indication - High indicates a Fault MSA Notes 1 6 4 5 5 6 1 3 7 7
2
Notes: 1. Transmitter and Receiver Ground are common in the internal module PCB. They are electrically connected to signal ground within the module, and to the housing shield (see Note 5 in Figure 7c). This housing shield is electrically isolated from the nose shield which is connected to chassis ground (see Note 4 in Figure 7c). 2. TX Fault is an open collector/drain output, which should be pulled up externally with a 4.7 K - 10 K resistor on the host board to a supply < VCC T + 0.3 V or VCC R + 0.3 V. When high, this output indicates a laser fault of some kind. Low indicates normal operation. In the low state, the output will be pulled to < 0.8 V. 3. TX disable input is used to shut down the laser output per the state table below. It is pulled down internally within the module with a 6.8 K resistor. Low (0 - 0.8 V): Transmitter on Between (0.8 V and 2.0 V): Undefined High (2.0 - 3.465 V): Transmitter Disabled Open: Transmitter Enabled 4. SD (Signal Detect) is a normally high LVTTL output. When high it indicates that the received optical power is adequate for normal operation. When Low, it indicates that the received optical power is below the worst case receiver sensitivity, a fault has occurred, and the link is no longer valid. SD is pulled up internally with a 2 K resistor to VCCR. 5. RD-/+: These are the differential receiver outputs. They are AC coupled 100 differential lines which should be terminated with 100 differential at the user SerDes. The AC coupling is done inside the module and is thus not required on the host board. The voltage swing on these lines will be between 400 and 2000 mV differential (200 - 1000 mV single ended) when properly terminated. These levels are compatible with CML and LVPECL voltage swings. 6. VCC R and VCCT are the receiver and transmitter power supplies. They are defined as 3.135 - 3.465 V at the PTH connector pin. The maximum supply current is 200 mA. 7. TD-/+: These are the differential transmitter inputs. They are AC coupled differential lines with 100 differential termination inside the module. The AC coupling is done inside the module and is thus not required on the host board. The inputs will accept differential swings of 400 - 2400 mV (200 - 1200 mV single ended), though it is recommended that values between 400 and 1200 mV differential (200 - 600 mV single ended) be used for best EMI performance. These levels are compatible with CML and LVPECL.
7
Table 3. Absolute Maximum Ratings Parameter Storage Temperature Case Temperature Relative Humidity Supply Voltage Data/Control Input Voltage Sense Output Current - SD,TX Fault Symbol TS TC RH VCCT,R VI ID Minimum -40 0 5 -0.5 -0.5 Typical Maximum +100 +85 95 3.6 VCC + 0.3 150 Unit C C % V V mA Notes 1 1, 2 1 1, 2 1 1
Notes: 1. Absolute Maximum Ratings are those values beyond which damage to the device may occur if these limits are exceeded for other than a short period of time. See Reliability Data Sheets for specific reliability performance. 2. Between Absolute Maximum Ratings and the Recommended Operating Conditions, functional performance is not intended, device reliability is not implied, and damage to the device may occur over an extended period of time.
Table 4. Recommended Operating Conditions Parameter Case Temperature Module Supply Voltage Data Rate Fibre Channel Symbol TC VCCT,R Minimum 0 3.135 Typical 3.3 1.0625 2.125 Maximum 70 3.465 Unit C V Gb/s Notes 1 1 1
Notes: 1. Recommended operating conditions are those values outside of which functional performance is not intended, device reliability is not implied, and damage to the device may occur over an extended period of time. See Reliability Data Sheet for specific reliability performance.
Table 5. Process Compatibility Parameter Hand Lead Solder Temperature/Time Wave Solder and Aqueous Wash
Note: 1. Aqueous wash pressure < 110 psi.
Symbol TSOLD/tSOLD TSOLD/tSOLD
Minimum
Maximum +260/10 +260/10
Unit C/sec C/sec
Notes 1
8
Table 6. Transceiver Electrical Characteristics (TC = 0C to 70C, VCCT,R = 3.3 V 5%) Parameter AC Electrical Characteristics Power Supply Noise Rejection (Peak-to-Peak) DC Electrical Characteristics Module Supply Current Power Dissipation Sense Output: Transmit Fault [TX_FAULT], 2 x 6 Only Sense Output: Signal Detect [SD] Control Inputs: Transmitter Disable [TX_DISABLE] Symbol PSNR Minimum Typical 100 Maximum Unit mV Notes 1
ICC PDISS VOH VOL VOH VOL VIH VIL 2.0
133 440
200 693 VCCT,R + 0.3 0.8 VCCT,R + 0.3 0.4 VCC + 0.3 0.8
mA mW V V V V V V 2
2.4
3
2.0 0
Notes: 1. MSA filter is required on host board 10 Hz to 2 MHz. 2. External 4.7-10 K pull-up resistor required for TX_Fault. 3. SD pin is pulled up internally with a 2 K resistor to VCC R.
Table 7. Transmitter and Receiver Electrical Characteristics (TC = 0C to 70C, VCCT,R = 3.3 V 5%) Parameter Data Input: Transmitter Differential Input Voltage (TD +/-) Data Output: Receiver Differential Output Voltage (RD +/-) Contributed Deterministic Jitter (Receiver) 2.125 Gb/s Contributed Deterministic Jitter (Receiver) 1.0625 Gb/s Contributed Random Jitter (Receiver) 2.125 Gb/s Contributed Random Jitter (Receiver) 1.0625 Gb/s Receive Data Rise and Fall Times (Receiver) Symbol VI Minimum 400 Typical Maximum 2400 Unit mV Notes 1
VO DJ DJ RJ RJ Trf
400
735
2000 0.1 47 0.12 113 0.162 76 0.098 92 250
mV UI ps UI ps UI ps UI ps ps
2 3, 6 3, 6 4, 6 4, 6 5
Notes: 1. Internally AC coupled and terminated (100 Ohm differential). These levels are compatible with CML and LVPECL voltage swings. 2. Internally AC coupled with an external 100 ohm differential load termination. 3. Contributed DJ is measured on an oscilloscope in average mode with 50% threshold and K28.5 pattern. 4. Contributed RJ is calculated for 1x10 -12 BER by multiplying the RMS jitter (measured on a single rise or fall edge) from the oscilloscope by 14. Per the FC-PI standard (Table 13 - MM jitter output, Note 1), the actual contributed RJ is allowed to increase above its limit if the actual contributed DJ decreases below its limits, as long as the component output DJ and TJ remain within their specified FC-PI maximum limits with the worst case specified component jitter input. 5. 20%-80% Rise and Fall times measured with a 500 MHz signal utilizing a 1010 data pattern. 6. In a network link, each component's output jitter equals each component's input jitter combined with each component's contributed jitter. Contributed DJ adds in a linear fashion and contributed RJ adds in a RMS fashion. In the Fibre Channel FC-PI Rev 11 specification "6.3.3 MM jitter budget" section, there is a table specifying the input and output DJ and TJ for the receiver at each data rate. In that table, RJ is found from TJ - DJ where the RX input jitter is noted as Gamma R and the RX output jitter is noted as Delta R. Our component contributed jitter is such that, if the maximum specified input jitter is present, and is combined with our maximum contributed jitter, then we meet the specified maximum output jitter limits listed in the FC-PI MM jitter specification table.
9
Table 8. Transmitter Optical Characteristics (TC = 0C to 70C, VCCT,R = 3.3 V 5%) Parameter Output Optical Power (Average) Symbol POUT Minimum -10 Typical -6.3 Maximum 0 Unit dBm Notes 50/125 m NA = 0.2 Note 1 62.5/125 m NA = 0.275 Note 1 FC-PI Std Note 2 FC-PI Std Note 3 FC-PI Std FC-PI Std 20%-80%, FC-PI Std FC-PI Std 4, 5 4, 6 5, 6 5, 6
POUT
-10
-6.2
0
dBm
Optical Extinction Ratio Optical Modulation Amplitude (Peak-to-Peak) 2.125 Gb/s Optical Modulation Amplitude (Peak-to-Peak) 1.0625 Gb/s Center Wavelength Spectal Width - rms Optical Rise /Fall Time RIN12 (OMA), maximum Contributed Deterministic Jitter (Transmitter) 2.125 Gb/s Contributed Deterministic Jitter (Transmitter) 1.0625 Gb/s Contributed Random Jitter (Transmitter) 2.125 Gb/s Contributed Random Jitter (Transmitter) 1.0625 Gb/s POUT TX_DISABLE Asserted
ER OMA OMA C Trise/fall RIN DJ DJ RJ RJ POFF
196 156 830
9 392 350 860 0.85 150 -117 0.12 56 0.09 85 0.134 63 0.177 167 -35
dB uW uW nm nm ps dB/Hz UI ps UI ps UI ps UI ps dBm
Notes: 1. Max Pout is the lesser of 0 dBm or Maximum allowable per Eye Safety Standard. 2. An OMA of 196 is approximately equal to an average power of -9 dBm assuming an Extinction Ratio of 9 dB. 3. An OMA of 156 is approximately equal to an average power of -10 dBm assuming an Extinction Ratio of 9 dB. 4. Contributed DJ is measured on an oscilloscope in average mode with 50% threshold and K28.5 pattern. 5. Contributed RJ is calculated for 1x10 -12 BER by multiplying the RMS jitter (measured on a single rise or fall edge) from the oscilloscope by 14. Per the FC-PI standard (Table 13 - MM jitter output, note 1), the actual contributed RJ is allowed to increase above its limit if the actual contributed DJ decreases below its limits, as long as the component output DJ and TJ remain within their specified FC-PI maximum limits with the worst case specified component jitter input. 6. In a network link, each component's output jitter equals each component's input jitter combined with each component's contributed jitter. Contributed DJ adds in a linear fashion and contributed RJ adds in a RMS fashion. In the Fibre Channel FC-PI Rev 11 specification "6.3.3 MM jitter budget" section, there is a table specifying the input and output DJ and TJ for the transmitter at each data rate. In that table, RJ is found from TJ - DJ, where the TX input jitter is noted as Delta T, and the TX output jitter is noted as Gamma T. Our component contributed jitter is such that, if the maximum specified input jitter is present, and is combined with our maximum contributed jitter, then we meet the specified maximum output jitter limits listed in the FC-PI MM jitter specification table.
10
Table 9. Receiver Optical Characteristics (TC = 0C to 70C, VCCT,R = 3.3 V 5%) Parameter Optical Power Min Optical Modulation Amplitude (Peak-to-Peak) 2.125 Gb/s Min Optical Modulation Amplitude (Peak-to-Peak) 1.0625 Gb/s Stressed Receiver Sensitivity (OMA) 2.125 Gb/s Symbol PIN OMA Minimum 49 Typical 16 Maximum 0 Unit dBm W Notes FC-PI Std FC-PI Std Note 1 FC-PI Std Note 2 50 m fiber, FC-PI Std 62.5 m fiber, FC-PI Std Note 3 50 m fiber, FC-PI Std 62.5 m fiber, FC-PI Std Note 4 FC-PI Std Note 5 Note 5
OMA
31
18
W
96 109
33 25
W W
Stressed Receiver Sensitivity (OMA) 1.0625 Gb/s
55 67
19 16
W W
Return Loss Signal Detect - De-Assert Signal Detect - Assert Signal Detect Hysteresis
PD PA PA - P D
12 -31 0.5 2.3
-17.5 -17.0 5
dB dBm dBm dB
Notes: 1. An OMA of 49 uW is approximately equal to an average power of -15dBm, and the OMA typical of 16 uW is approximately equal to an average power of -20 dBm, assuming an Extinction Ratio of 9dB. Sensitivity measurements are made at eye center with BER = 10E-12. 2. An OMA of 31 is approximately equal to an average power of -17 dBm assuming an Extinction Ratio of 9 dB. 3. 2.125 Gb/s Stressed receiver vertical eye closure penalty (ISI) min is 1.26 dB for 50 m fiber and 2.03 dB for 62.5 m fiber. Stressed receiver DCD component min (at TX) is 40 ps. 4. 1.0625 Gb/s Stressed receiver vertical eye closure penalty (ISI) min is 0.96 dB for 50 m fiber and 2.18 dB for 62.5 m fiber. Stressed receiver DCD component min (at TX) is 80 ps. 5. These average power values are specified with an Extinction Ratio of 9dB. The Signal Detect circuitry responds to OMA (peak-to-peak) power, not to average power.
11
Table 10. Transceiver Timing Characteristics (TC = 0C to 70C, VCCT,R = 3.3 V 5%) Parameter TX Disable Assert Time TX Disable Negate Time Time to Initialize, including Reset of TX_Fault TX Fault Assert Time (2 x 6 Module only ) TX Disable to Reset SD Assert Time SD De-assert Time Symbol t_off t_on t_init t_fault t_reset t_loss_on t_loss_off 10 100 100 Minimum Maximum 10 1 300 100 Unit s ms ms s s s s Notes 1 2 3 4, 8 5 6 7
Notes: 1. Time from rising edge of TX Disable to when the optical output falls below 10% of nominal. 2. Time from falling edge of TX Disable to when the modulated optical output rises above 90% of nominal. 3. From power on or negation of TX Fault using TX Disable. 4. Time from fault to TX fault on. 5. Time TX Disable must be held high to reset TX_FAULT. 6. Time from LOS state to RX LOS assert. 7. Time from non-LOS state to RX LOS de-assert. 8. TX_Fault is only available on the 2 x 6 option - HFBR-5923L.
12
VCC > 3.15 V Tx_FAULT Tx_DISABLE TRANSMITTED SIGNAL t_init
VCC > 3.15 V Tx_FAULT Tx_DISABLE TRANSMITTED SIGNAL t_init
t-init: TX DISABLE DE-ASSERTED
t-init: TX DISABLE ASSERTED
Tx_FAULT Tx_DISABLE TRANSMITTED SIGNAL t_off t_on
t-off & t-on: TX DISABLE ASSERTED THEN NEGATED
OCCURANCE OF FAULT Tx_FAULT Tx_DISABLE TRANSMITTED SIGNAL t_fault
OCCURANCE OF FAULT Tx_FAULT Tx_DISABLE TRANSMITTED SIGNAL
* SFP SHALL CLEAR TX_FAULT IN < t_init IF THE FAILURE IS TRANSIENT
t_reset
t_init*
t-fault (2 x 6 only): TX FAULT ASSERTED, TX SIGNAL NOT RECOVERED
t-reset: TX DISABLE ASSERTED THEN NEGATED, TX SIGNAL RECOVERED
OCCURANCE OF FAULT Tx_FAULT Tx_DISABLE TRANSMITTED SIGNAL
t_fault t_reset * SFP SHALL CLEAR TX_FAULT IN < t_init IF THE FAILURE IS TRANSIENT t_init* OCCURANCE OF LOSS
OPTICAL SIGNAL Rx_SD t_loss_on
t_loss_off
t-fault (2 x 6 only): TX DISABLE ASSERTED THEN NEGATED, TX SIGNAL NOT RECOVERED
t-loss-on & t-loss-off
NOTE: Tx_FAULT IS AVAILABLE ONLY ON THE 2 x 6 OPTION - HFBR-5923L.
Figure 6. Transceiver timing diagrams.
13
AGILENT HFBR-5921L 850 nm LASER PROD 21CFR(J) CLASS 1 COUNTRY OF ORIGIN YYWW XXXXXX
13.59 MAX. (0.535)
15.05 UNCOMPRESSED (0.593)
THERMOCOUPLE TEST POINT 48.19 (1.897) 6.25 0.05 (0.246 0.002) TX RX
13.14 (0.517) 3.25 (0.128)
9.80 MAX. (0.39)
11.3 UNCOMPRESSED (0.445)
10.16 (0.400)
2.92 MIN. (0.115)
4x
1.00 (0.039) 4.57 (0.180) 7.11 (0.280) 28.45 (1.120)
14.68 (0.578) 10.16 (0.400) 13.34 (0.525)
2x 17.79 (0.700)
1.07 -0.10
+0.000 (0.02 -0.004 )
0
6 7 8 910
10.16 (0.400)
54321
AREA FOR PROCESS PLUG
13.00 0.10 (0.512 0.004)
1.78 4x (0.070)
13.76 (0.542) 19.59 (0.771) 0.46 0.05 (0.018 0.002)
14.20 0.10 (0.559 0.004)
10 x DIMENSIONS ARE IN MILLIMETERS (INCHES)
Figure 7a. 2 x 5 pin module drawing.
14
AGILENT HFBR-5923L 850 nm LASER PROD 21CFR(J) CLASS 1 COUNTRY OF ORIGIN YYWW XXXXXX
13.59 MAX. (0.535)
15.05 UNCOMPRESSED (0.593)
THERMOCOUPLE TEST POINT 48.19 (1.897) 6.25 0.05 (0.246 0.002) TX RX
13.14 (0.517) 3.25 (0.128)
9.80 MAX. (0.39)
11.3 UNCOMPRESSED (0.445)
10.16 (0.400)
2.92 MIN. (0.115)
4x
1.00 (0.039) 4.57 (0.180) 7.11 (0.280) 28.45 (1.120)
14.68 (0.578) 10.16 (0.400) 13.34 (0.525)
2x 16.01 (0.630)
1.07 -0.10
+0.000 (0.02 -0.004 )
0
6 7 8 910B
10.16 (0.400)
54321A
AREA FOR PROCESS PLUG
13.00 0.10 (0.512 0.004)
1.78 5x (0.070)
13.76 (0.542) 19.59 (0.771) 0.46 0.05 (0.018 0.002)
14.20 0.10 (0.559 0.004)
12 x DIMENSIONS ARE IN MILLIMETERS (INCHES)
Figure 7b. 2 x 6 pin module drawing.
15
0.00 M A 20x 0.81 0.10 (0.032 0.004) 0.00 M A 4x 1.40 0.10 (NOTE 5) (0.055 0.004) 25.75 (1.014)
SEE NOTE 3
SEE DETAIL A
13.34 (0.525)
12.16 (0.479)
15.24 MINIMUM PITCH (0.600)
5432 1 6 7 8 910
7.59 (0.299)
10.16 (0.400)
2x 2.29 MAX. (AREA FOR EYELETS) (0.090) 2x 1.40 0.10 (NOTE 4) (0.055 0.004) 0.00 M A
3.00 (0.118) 3.00 (0.118) 6.00 (0.236) DETAIL A (3x)
SEE DETAIL B 3.56 (0.140)
4.57 (0.180) 7.11 (0.280) 8.89 (0.350) 9x 1.78 (0.070)
1.80 (0.071)
+1.50 -0 +0.059 (0.039 -0.000 )
1.00
1.00 (0.039)
15.24 MIN. PITCH (0.600) A
DETAIL B (4x)
14.22 0.10 (0.560 0.004)
A 10.16 0.10 (0.400 0.004) TOP OF PCB
A
+0 15.75 -0.75 +0 (0.620 -0.030 )
SECTION A-A
NOTES 1.THIS PAGE DESCRIBES THE RECOMMENDED CIRCUIT BOARD LAYOUT AND FRONT PANEL OPENINGS FOR SFF TRANSCEIVERS. 2.THE HATCHED AREAS ARE KEEP-OUT AREAS RESERVED FOR HOUSING STANDOFFS. NO METAL TRACES ALLOWED IN KEEP-OUT AREAS. 3.THE BOARD FOR 2 x 6 PIN TRANSCEIVERS IS SHOWN. THE BOARD FOR 2 x 5 PIN TRANSCEIVERS LACKS HOLES FOR PIN A AND PIN B. 4.HOLES FOR MOUNTING STUDS MUST BE TIED TO CHASSIS GROUND. 5.HOLES FOR HOUSING LEADS MUST BE TIED TO SIGNAL GROUND. 6.DIMENSIONS ARE IN MILLIMETERS (INCHES).
Figure 7c. Recommended SFF host board and front panel layout.
16
0.00 M A 12 x 0.81 0.10 (0.032 0.004) 0.00 M A 4 x 1.40 0.10 (NOTE 5) (0.055 0.004) REFER TO DETAIL A 28.45 (1.120)
13.34 (0.525)
12.16 (0.479)
(N-1) x 13.97 PITCH (0.550)
5432 1A 6 7 8 910 B
13.59 (0.535)
12.16 (0.479)
7.59 (0.299)
10.16 (0.400)
2x REFER TO DETAIL B 5 x 1.78 (0.070) 7.11 (0.280) 4.57 (0.180) 3.00 (0.118) 24.89 (0.980) 32.97 (1.298) 2 x 1.40 0.10 (NOTE 4) (0.055 0.004) 0.00 M A
2.29 MAX. (AREA FOR EYELETS) (0.090)
2 x 3.00 (0.118) 2 x 6.00 (0.236) DETAIL A
2.40 (0.094)
1.33 (0.052) DETAIL B (4x)
+1.50 -0 +0.059 (0.039 -0 )
1.00
(N-1) x 13.97 + 14.22 0.10
A 9.80 0.10 (0.386 0.004)
0.25 (0.010)
15.75 -0.75 (0.620 -0.030 ) NOTES 1.THIS PAGE DESCRIBES AN ALTERNATE CIRCUIT BOARD LAYOUT AND FRONT PANEL OPENING FOR SFF TRANSCIEVERS. THE TRANSCEIVERS' PITCH IS CLOSER, AND ALL TRANSCEIVERS SHARE ONE COMMON OPENING IN THE FRONT PANEL. 2.THE HATCHED AREAS ARE KEEP-OUT AREAS RESERVED FOR HOUSING STANDOFFS. NO METAL TRACES ALLOWED IN KEEP-OUT AREAS. 3.THE BOARD FOR 2 x 6 PIN TRANSCEIVERS IS SHOWN. THE BOARD FOR 2 x 5 PIN TRANSCEIVERS LACKS HOLES FOR PIN A AND PIN B. 4.HOLES FOR MOUNTING STUDS MUST BE TIED TO CHASSIS GROUND. 5.HOLES FOR HOUSING LEADS MUST BE TIED TO SIGNAL GROUND. 6. N IS THE NUMBER OF TRANSCEIVERS MOUNTED ON THE PCB. 7.DIMENSIONS ARE IN MILLIMETERS (INCHES)
+0
+0
TOP OF PCB
Figure 7d. Alternate SFF host board and front panel layout (for closer pitch).
17
www.agilent.com/semiconductors
For product information and a complete list of distributors, please go to our web site. For technical assistance call: Americas/Canada: +1 (800) 235-0312 or (408) 654-8675 Europe: +49 (0) 6441 92460 China: 10800 650 0017 Hong Kong: (+65) 6271 2451 India, Australia, New Zealand: (+65) 6271 2394 Japan: (+81 3) 3335-8152(Domestic/International), or 0120-61-1280(Domestic Only) Korea: (+65) 6271 2194 Malaysia, Singapore: (+65) 6271 2054 Taiwan: (+65) 6271 2654 Data subject to change. Copyright (c) 2002 Agilent Technologies, Inc. Obsoletes 5988-5054EN October 30, 2002 5988-7821EN


▲Up To Search▲   

 
Price & Availability of HFBR-5921L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X