Part Number Hot Search : 
9634X12 K2848 AD12400 MB3885 2SC5078 20004 MC3406 MBR874
Product Description
Full Text Search
 

To Download HER1608PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HER1601PT THRU HER1608PT
16.0 AMPS. Glass Passivated High Efficient Rectifiers
Voltage Range 50 to 1000 Volts Current 16.0 Amperes
Features
Dual rectifier construction, positive center-tap Plastic package has Underwriters Laboratory Flammability Classification 94V-O Glass passivated chip junctions Superfast recovery time, high voltage Low forward voltage, high current capability Low thermal resistance Low power loss, high efficiency High temperature soldering guaranteed: 260oC,.16"(4.06mm)from case for 10 seconds
TO-3P/TO-247AD
Mechanical Data
Cases: TO-3P/TO-247AD molded plastic Terminals: Leads solderable per MIL-STD-750. Method 2026 Polarity: As marked Mounting position: Any Mounting torque: 10in-lbs. Max. Weight: 0.2 ounce, 5.6 grams
PIN 1 PIN 3 PIN 2 Positive CT
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol HER HER HER Type Number
Maximum Recurrent Peak Reverse Voltage VRRM Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current @TC =100 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @8.0A Maximum DC Reverse Current @ TC=25 at Rated DC Blocking Voltage @ TC=125
Maximum Reverse Recovery Time ( Note 2 ) @TJ=25oC
HER
HER
HER
HER
HER
1601PT 1602PT 1603PT 1604PT 1605PT 1606PT 1607PT 1608PT
Units
V V V A A
VRMS VDC I(AV) IFSM VF IR Trr
50 35 50
100 70 100
200 140 200
300 210 300
400 280 400
600 420 600
800 1000 560 700 800 1000
16.0 200 1.0 1.3 10.0 500 50 80 60 1.7
V uA uA nS pF
Cj 85 TJ -55 to +150 Storage Temperature Range TSTG -55 to +150 Notes: 1. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts. 2. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, Recover to 0.25A.
Typical Junction Capacitance ( Note 1 ) Operating Temperature Range
- 358 -
RATINGS AND CHARACTERISTIC CURVES (HER1601PT THRU HER1608PT)
FIG.1- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50W NONINDUCTIVE 10W NONINDUCTIVE +0.5A (-) DUT (+) 50Vdc (approx) (-) PULSE GENERATOR (NOTE 2) 1W NON INDUCTIVE OSCILLOSCOPE (NOTE 1) (+) 0 -0.25A trr
NOTES: 1. Rise Time=7ns max. Input Impedance= 1 megohm 22pf 2. Rise Time=10ns max. Sourse Impedance= 50 ohms
-1.0A 1cm SET TIME BASE FOR 5/ 10ns/ cm
AVERAGE FORWARD CURRENT. (A)
20 16
FIG.2- MAXIMUM FORWARD CURRENT DERATING CURVE
FIG.3- TYPICAL REVERSE CHARACTERISTICS PER LEG
1000
INSTANTANEOUS REVERSE CURRENT MICRO AMPERES
12 8
INDUCTIVE OR RESISTIVE LOAD
Tj=125 0C
100
4 0
10
Tj=25 0C
0
50 CASE TEMPERATURE. ( C)
o
100
150
PEAK FORWARD SURGE CURRENT. (A)
FIG.4- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PER LEG
200 175 150 125 100 75 0 1
8.3ms Single Half Sine Wave JEDEC Method
1
0.1
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.6- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS PER LEG
40
2
5
10
20
50
100
INSTANTANEOUS FORWARD CURRENT. (A)
10
NUMBER OF CYCLES AT 60Hz
Tj=125oC
FIG.5- TYPICAL JUNCTION CAPACITANCE PER LEG
1000 500
Pulse Width=300 s 1% Duty Cycle
1
CAPACITANCE.(pF)
200 100 50
Tj=25 0C f=1MHz Vsig=50mVp-p
50-400V 600-1000V
Tj=25oC 50-300V 400V 600-1000V
0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 INSTANTANEOUS FORWARD VOLTAGE, VOLTS 2.0
20 10 0.1
0.5
1
5
10
50
100
0.1 0.2
REVERSE VOLTAGE. (V)
- 359 -


▲Up To Search▲   

 
Price & Availability of HER1608PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X