Part Number Hot Search : 
TX5000 SDA113C 1N5228 25002 ZTX321 24223 LM2423TE MAX739
Product Description
Full Text Search
 

To Download GLZ24A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GLZ Series
VZ : 3.3 to 39V PD : 500mW
FEATURES :
* Silicon Planar Zener Diodes * In MiniMELF case especially for automatic insertion * The Zener voltages are graded according to voltage bands instead of by tolerance. * Low Zener impedance and low leakage current * Pb / RoHS Free
ZENER DIODES
MiniMELF (SOD-80C)
Cathode Mark
0.063 (1.64)
0.055 (1.40) 0.019(0.48) 0.011(0.28)
0.142(3.6) 0.134(3.4)
Dimensions in inches and ( millimeters )
MECHANICAL DATA :
* Case : MiniMELF Glass Case (SOD-80C) * Weight : 0.05 gram (approximately)
Maximum Ratings and Thermal Characteristics
Rating at 25 C ambient temperature unless otherwise specified.
Parameter
Zener Current see Table "Characteristics" Power Dissipation Thermal Resistance Junction to Ambient Air Junction Temperature Range Storage Temperature Range
Note : 1) Valid provided that electrodes are kept at ambient temperature.
Symbol
PD RJA TJ TSTG
Value
500 300
1)
Unit
mW C/W C C
175 - 55 to + 175
Page 1 of 3
Rev. 02 : March 25, 2005
ELECTRICAL CHARACTERISTICS
Rating at 25 C ambient temperature unless otherwise specified Zener Voltage
Type
Rank
Vz (V) at IZT min. max. 3.380 3.530 3.695 3.845 4.01 4.16 4.29 4.43 4.57 4.68 4.80 4.93 5.07 5.20 5.37 5.55 5.73 5.91 6.09 6.27 6.44 6.63 6.83 7.01 7.22 7.45 7.67 7.92 8.19 8.45 8.73 9.01 9.30 9.59 9.90 10.20 10.44 10.71 11.05 11.38 11.71 12.03 12.35 12.75 13.21 13.66 3.160 3.320 3.455 3.600 3.74 3.89 4.04 4.17 4.30 4.44 4.55 4.68 4.81 4.94 5.09 5.28 5.45 5.61 5.78 5.96 6.12 6.29 6.49 6.66 6.85 7.07 6.29 7.53 7.78 8.03 8.29 8.57 8.83 9.12 9.41 9.70 9.94 10.18 10.50 10.82 11.13 11.44 11.74 12.11 12.55 12.99
Test Current IZT (mA) 20 20 20
Maximum Zener Impedance , f = 1kHz ZZT @ IZT ZZK @ IZK IZK (mA) () () 70 60 50 1000 1000 1000 1 1 1
Maximum Reverse Current IR at VR (V) (A) 20 10 5 1 1 1
GLZ3.3 GLZ3.6 GLZ3.9
GLZ4.3
GLZ4.7
GLZ5.1
GLZ5.6
GLZ6.2
GLZ6.8
GLZ7.5
A B A B A B A B C A B C A B C A B C A B C A B C A B C A B C A B C A B C D A B C A B C A B C
20
40
1000
1
5
1
20
25
900
1
5
1
20
20
800
1
5
1.5
20
13
500
1
5
2.5
20
10
300
1
5
3
20
8
150
0.5
2
3.5
20
8
120
0.5
0.5
4
GLZ8.2
20
8
120
0.5
0.5
5
GLZ9.1
20
8
120
0.5
0.5
6
GLZ10
20
8
120
0.5
0.2
7
GLZ11
20
10
120
0.5
0.2
8
GLZ12
20
12
110
0.5
0.2
9
GLZ13
10
14
110
0.5
0.2
10
Page 2 of 3
Rev. 02 : March 25, 2005
ELECTRICAL CHARACTERISTICS
Rating at 25 C ambient temperature unless otherwise specified Zener Voltage
Type
Rank
Vz (V) at IZT min. max. 14.13 14.62 15.09 15.57 16.04 16.51 17.06 17.70 18.33 18.96 19.59 20.22 20.72 21.20 21.71 22.17 22.63 23.18 23.77 24.31 24.85 25.52 26.26 26.95 27.54 28.39 29.13 29.82 30.51 31.22 31.88 32.50 33.11 33.79 34.49 35.13 35.77 36.47 37.19 37.85 38.52 13.45 13.89 14.35 14.80 15.25 15.69 16.22 16.82 17.42 18.02 18.63 19.23 19.72 20.15 20.64 21.08 21.52 22.05 22.61 23.12 23.63 24.26 24.97 25.63 26.29 26.99 27.70 28.36 29.20 29.68 30.32 30.90 31.49 31.14 32.76 33.40 34.01 34.68 35.36 36.00 36.63
Test Current IZT (mA) 10
Maximum Zener Impedance , f = 1kHz ZZT @ IZT ZZK @ IZK IZK (mA) () () 16 110 0.5
Maximum Reverse Current IR at VR (V) (A) 0.2 11
GLZ15
GLZ16
GLZ18
GLZ20
GLZ22
GLZ24
GLZ27
GLZ30
A B C A B C A B C A B C D A B C D A B C D A B C D A B C D A B C D A B C D A B C D
10
18
150
0.5
0.2
12
10
23
150
0.5
0.2
13
10
28
200
0.5
0.2
15
5
30
200
0.5
0.2
17
5
35
200
0.5
0.2
19
5
45
200
0.5
0.2
21
5
55
250
0.5
0.2
23
GLZ33
5
65
250
0.5
0.2
25
GLZ36
5
75
250
0.5
0.2
27
GLZ39
5
85
250
0.5
0.2
30
Notes: (1) The Zener voltage is measured 40ms after power is supplied. (2) Specify Zener voltage rank (A, B, C, or D) when ordering parts
Page 3 of 3
Rev. 02 : March 25, 2005


▲Up To Search▲   

 
Price & Availability of GLZ24A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X