Part Number Hot Search : 
2800E LTC1992 EUY2735M HT7750 LT435 ICS9248 2N6488 SIEMENS
Product Description
Full Text Search
 

To Download FMMT5088 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOT23 NPN SILICON PLANAR SMALL SIGNAL TRANSISTORS
ISSUE 2 - SEPTEMBER 1995 PARTMARKING DETAIL FMMT5088 - 1Q FMMT5089 - 1R
FMMT5088 FMMT5089
C B FMMT5088 FMMT5089 35 30 4.5 50 330 30 25 4.5 50 330 UNIT V V V mA mW C E
COMPLEMENTARY TYPES FMMT5088 - FMMT5087 FMMT5089 - None Available
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Continuous Collector Current Power Dissipation at Tamb=25C SYMBOL VCBO VCEO VEBO IC Ptot
Operating and Storage Temperature Range Tj:Tstg
-55 to +150
ELECTRICAL CHARACTERISTICS (at Tamb = 25C).
FMMT5088 35 30 50 50 0.5 0.8 300 350 300 50 4 10 3 350 1400 450 900 400 450 400 50 PARAMETER Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Collector- Base Cut-Off Current Emitter-Base Current Emitter Saturation Voltages Static Forward Current Transfer Ratio Transition Frequency Output Capacitance Emitter-base Capacitance Noise Figure SYMBOL V(BR)CBO V(BR)CEO ICBO IEBO VCE(sat) VBE(sat) hFE fT Cobo Cebo N MIN. MAX. MIN. 25 30
FMMT5089 MAX. UNIT V V 50 100 0.5 0.8 1200 MHz 4 10 2 1800 pF pF dB nA nA nA nA V V CONDITIONS. IC=1mA, IB=0 IC=100A,IE=0* VCB=20V, IE=0 VCB=15V, IE=0 VEB(off)=3V, IC=0 VEB(off)=4.5V, IC=0 IC=10mA, IB=1mA IC=100A, VCE=5V IC=1mA, VCE=5V IC=10mA, VCE=5V IC=500A, VCE=5V f=20MHz VCB=5V, f=1MHz, IE=0 VBE=0.5V, f=1MHz, IC=0 IC=200mA, VCE=5V, Rg=10K, f=10Hz to 15KHz IC=1mA, VCE=5V f=1KHz ++
Small Signal Current hfe Transfer Ratio
*Measured under pulsed conditions. Pulse width=300s. Duty cycle 2% ++ Periodic Sample test Only Spice parameter data is available upon request for this device Page Number


▲Up To Search▲   

 
Price & Availability of FMMT5088

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X