Part Number Hot Search : 
ESDA6 2KBP005 698115KB C2766 BA06CC0T F1401 120EE IRF780
Product Description
Full Text Search
 

To Download FMM5117X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FMM5117X
20-32GHz Downconverter MMIC
FEATURES
* * * * Integrated Monolithic Downconverter High Linearity Single Supply Voltage Operation High Reliability
DESCRIPTION
The FMM5117X is a double, single balanced diode mixer downconverter designed for applications in the 20 to 32GHz frequency range. The device consists of a low noise mixer, LO amplifier, and LO frequency doubler. This downconverter is uniquely suited for point-to-point radios, local multi-point distribution systems (LMDS) and satellite communications, as it offers a high dynamic range over a large bandwidth.
ABSOLUTE MAXIMUM RATINGS (Ambient Temperature Ta=25C)
Parameter DC Supply Voltage Input Power Input Power Storage Temperature Symbol VDD1,2 PinRF PinLO Tstg Rating 8 20 10 -65 to +175 Unit V dBm dBm C
RECOMMENDED OPERATING CONDITIONS
Item DC Supply Voltage Input LO Power Level Operating Backside Temperature
Note 1: This product should be hermetically packaged.
Symbol VDD1,2 PinLO Tbs
Min. 0.0 -45
Recommend Typ. 5.0 3.0 25
Max. 5.0 110
Unit V dBm C
ELECTRICAL CHARACTERISTICS (Ambient Temperature Ta=25C)
Item RF Frequency Range LO Frequency Range IF Frequency Range (Note 2) Conversion Gain Conversion Gain Flatness (fixed fIF, swept fLO) (fIF=1.0GHz) Conversion Gain Flatness (fixed fLO, swept fIF) (fLO=13.5GHz) Return Loss (RF/LO) Return Loss (IF) Input P1dB at RF Port 3rd Order Input Intercept Point DC Current Consumption RF Current Consumption Symbol fRF fLO fIF G G G RLRF, RLLO RLIF P1dBRFIN IIP3 IDC IRF VDD1,2=5V, VGG=0V, PLO=3dBm, PRF=0dBm Conditions Min. 20 9.5 0.1 -18 Limits Typ. Max. 32 -10 5 2 12 4 15 23 100 140 16.5 3 150 200 Unit GHz GHz GHz dB dB dB dB dB dBm dBm mA mA
Note 1: The electrical characteristics are measured on a sample basis at 10pcs./wafer. Criteria: (accept/reject)=(0/1) Note 2: The IF frequency range is dependent on the selected LO and RF frequency.
Edition 1.3 May 2003
FMM5117X
20-32GHz Downconverter MMIC
CONVERSION GAIN (LSB) vs. FREQUENCY
-2 -4 Conversion Gain (LSB) (dB) -6 -8 -10 -12 -14 -16 -18 -20
CONVERSION GAIN (USB) vs. FREQUENCY
-2 -4 Conversion Gain (USB) (dB) -6 -8 -10 -12 -14 -16 -18 -20
VDD1,2=5V, PLO=3dBm, PRF=0dBm
fIF=1GHz fIF=2GHz fIF=3GHz
VDD1,2=5V, PLO=3dBm, PRF=0dBm
fIF=1GHz fIF=2GHz fIF=3GHz
18
20
22
24
26
28
30
32
34
36
18
20
22
24
26
28
30
32
34
36
2 x LO Frequency (GHz)
2 x LO Frequency (GHz)
2xLO OUTPUT POWER vs. FREQUENCY
0 -5 2x LO Output Power (dBm)@RF Port -10 -15 -20 -25 -30 -35 -50 -40 9 10 11 12 13 14 15 16 17 -60 9 LO Frequency (GHz)
VDD1,2=5V PLO=3dBm, PRF=0dBm, fIF=1GHz,
IM3 vs. FREQUENCY
30
IIP3
20 IM3 Suppression (dBc) / IIP3 (dBm) 10 0
VDD1,2=5V,
-10 -20 -30 -40
fIF=1GHz f=10MHz PLO=3dBm, PRF=0dBm,
IM3
11
13 LO Frequency (GHz)
15
RF RETURN LOSS vs. FREQUENCY
RF Return Loss; fIF=1GHz
IF RETURN LOSS vs. FREQUENCY
fLO=13GHz
-5 -2 -10
RF Return Loss (dB)
IF Return Loss (dB) 20 22 24 26 28 30 32
-4
-15
-6
-20
-25
-8
0.5
1
1.5
2
2.5
3
3.5
4
RF Frequency (GHz)
IF Frequency (GHz)
FMM5117X
20-32GHz Downconverter MMIC BONDING DIAGRAM
VDD1,2=5V C=220pF
RF
LO
VGG=GND
IF
FUNCTIONAL DIAGRAM
IF OUT
RF IN
X2
LO IN
FMM5117X
20-32GHz Downconverter MMIC
CHIP OUTLINE
VDD1 2260 2045 1775 1690 RF VDD2 Unit: m LO Chip Size: 3.085mm x 2.26mm Chip Thickness: 110m (Typ.) Pad Dimensions: 1. RF: 80 x 160m 2. VDD1: 80 x 80m 3. VDD2: 100 x 100m 4. LO: 80 x 160m 5. VGG: 100 x 100m 6. IF: 80 x 120m
460 190 0 IF 0190 1195 2135 2300 2865 3085
VGG
For further information please contact:
FUJITSU COMPOUND SEMICONDUCTOR, INC. 2355 Zanker Rd. San Jose, CA 95131-1138, U.S.A. Phone: (408) 232-9500 FAX: (408) 428-9111 www.fcsi.fujitsu.com
CAUTION
Fujitsu Compound Semiconductor Products contain gallium arsenide (GaAs) which can be hazardous to the human body and the environment. For safety, observe the following procedures: * Do not put this product into the mouth. * Do not alter the form of this product into a gas, powder, or liquid through burning, crushing, or chemical processing as these by-products are dangerous to the human body if inhaled, ingested, or swallowed. * Observe government laws and company regulations when discarding this product. This product must be discarded in accordance with methods specified by applicable hazardous waste procedures.
FUJITSU QUANTUM DEVICES EUROPE LTD.
Network House Norreys Drive Maidenhead, Berkshire SL6 4FJ United Kingdom TEL: +44 (0) 1628 504800 FAX: +44 (0) 1628 504888
FUJITSU QUANTUM DEVICES SINGAPORE PTE LTD. Hong Kong Branch
Rm. 1101, Ocean Centre, 5 Canton Rd. Tsim Sha Tsui, Kowloon, Hong Kong TEL: +852-23770226 FAX: +852-23763269
FUJITSU QUANTUM DEVICES LIMITED
Business Development Division 11th Floor, Hachioji Daiichi-Seimei Bldg. 3-20-6 Myojin-cho Hachioji-city, Tokyo 192-0046, Japan TEL: +81-426-43-5885 FAX: +81-426-43-5582
Fujitsu Limited reserves the right to change products and specifications without notice. The information does not convey any license under rights of Fujitsu Limited or others.
(c) 2003 FUJITSU COMPOUND SEMICONDUCTOR, INC. Printed in U.S.A. FCSI0502M200


▲Up To Search▲   

 
Price & Availability of FMM5117X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X