Part Number Hot Search : 
D3N60 PJ14126 40CPQ050 M12543HE 1431A 2HR5201P 74F54000 AKD4516A
Product Description
Full Text Search
 

To Download EC10DS2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DIODE
Type
:
EC10DS2
OUTLINE DRAWING
FEATURES * Miniature Size,Surface Mount Device * High Surge Capability * Low Forward Voltage Drop * Low Reverse Leakage Current * Packaged in 12mm Tape and Reel * Not Rolling During Assembly
Maximum Ratings
Rating
Repetitive Peak Reverse Voltage Non-repetitive Peak Reverse Voltage Average Rectified Output Current RMS Forward Current Surge Forward Current Operating JunctionTemperature Range Storage Temperature Range
Approx Net Weight:0.06g
Symbol
VRRM VRSM IO IF(RMS) IFSM Tjw Tstg 25 0.74 1.0
EC10DS2
200 400 Ta=25 C *1 Ta=25 C *2 50Hz Half Sine Wave Resistive Load
Unit V V A A A
C C
1.57 50Hz Half Sine Wave,1cycle Non-repetitive -40 to +150 -40 to +150
Electrical * Thermal Characteristics
Characteristics Peak Reverse Current Peak Forward Voltage Thermal Resistance Symbol IRM VFM Conditions Tj= 25C, VRM= VRRM Tj= 25C, IFM= 1.0A Min. Typ. Max. 10 1.1 157 108 Unit A V C /W
*1 *2 *1 Glass Epoxy Substrate Mounted (Soldering Lands=2x2mm,Both Sides) *2 Alumina Substrate Mounted (Soldering Lands=2x2mm,Both Sides) Rth(j-a) Junction to Ambient
EC10D*_ OUTLINE DRAWING (Dimensions in mm)
FORWARD CURRENT VS. VOLTAGE
EC10DS1/EC10DS2/EC10DS4
10
INSTANTANEOUS FORWARD CURRENT (A)
5
2 Tj=25C Tj=150C 1
0.5
0.2
0.1 0 0.4 0.8 1.2 1.6 2.0
INSTANTANEOUS FORWARD VOLTAGE (V)
AVERAGE FORWARD POWER DISSIPATION
EC10DS1/EC10DS2/EC10DS4
AVERAGE FORWARD POWER DISSIPATION (W)
1.6
D.C.
1.2
HALF SINE WAVE
0.8
0.4
0 0 0.4 0.8 1.2 1.6
AVERAGE FORWARD CURRENT (A)
AVERAGE FORWARD CURRENT VS. AMBIENT TEMPERATURE
Glass-Epoxy Substrate Mounted(Soldering Land=2x2mm) EC10DS1/EC10DS2/EC10DS4
1.2
AVERAGE FORWARD CURRENT (A)
1.0
D.C. HALF SINE WAVE
0.8
0.6
0.4
0.2
0 0 25 50 75 100 125 150
AMBIENT TEMPERATURE (C)
AVERAGE FORWARD CURRENT VS. AMBIENT TEMPERATURE
Alumina Substrate Mounted(Soldering Land=2x2mm) EC10DS1/EC10DS2/EC10DS4
1.6 1.4
AVERAGE FORWARD CURRENT (A)
D.C.
1.2 1.0 0.8 0.6 0.4 0.2 0 0 25 50 75 100 125 150
HALF SINE WAVE
AMBIENT TEMPERATURE (C)
SURGE CURRENT RATINGS
f=50Hz,Half Sine Wave,Non-Repetitive,No Load EC10DS1/EC10DS2/EC10DS4
30
SURGE FORWARD CURRENT (A)
25
20
15
10
5
0.02s
I FSM
0 0.02
0.05
0.1
0.2
0.5
1
2
TIME (s)


▲Up To Search▲   

 
Price & Availability of EC10DS2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X