Part Number Hot Search : 
IRF951 ICX076AK CMOSDRAM ZTB800J AM1501F CS1000 2SK35 LT173
Product Description
Full Text Search
 

To Download DTC144T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UNISONIC TECHNOLOGIES CO., LTD
DTC144T
NPN DIGITAL TRANSISTOR (BUILT- IN BIAS RESISTORS)
FEATURES
* Built-in bias resistors that implies easy ON/OFF applications. * The bias resistors are thin-film resistors with complete isolation to allow negative input.
NPN SILICON TRANSISTOR
3
2 3
1
SOT-23
2 3
1
SOT-323
EQUIVALENT CIRCUIT
2
B R1 C
1
SOT-523
*Pb-free plating product number:DTC144TL
E
ORDERING INFORMATION
Order Number Normal Lead Free Plating DTC144T-AE3-R DTC144TL-AE3-R DTC144T-AL3-R DTC144TL-AL3-R DTC144T-AN3-R DTC144TL-AN3-R Package SOT-23 SOT-323 SOT-523 Pin Assignment 1 2 3 E B C E B C E B C Packing Tape Reel Tape Reel Tape Reel
DTC144TL-AE3-R
(1)Packing Type (2)Package Type (3)Lead Plating
(1) R: Tape Reel (2) AE3: SOT-23, AL3: SOT-323, AN3: SOT-523 (3) L: Lead Free Plating, Blank: Pb/Sn
MARKING
CE4T
For SOT -23/SOT-323 Package
C9T
For SOT-523 Package
ofwww.unisonic.com.tw Copyright (c) 2005 Unisonic Technologies Co., Ltd
1of 3
QW-R206-066,B
DTC144T
ABSOLUTE MAXIMUM RATINGS (Ta = 25 )
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current SYMBOL VCBO VCEO VEBO IC
NPN SILICON TRANSISTOR
RATING UNIT 50 V 50 V 5 V 100 mA SOT-523 150 mW Collector Power Dissipation PC SOT-23/SOT-323 200 mW Junction Temperature TJ 150 Storage Temperature TSTG -55~+150 Note Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta= 25 , unless otherwise specified)
PARAMETER Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current Collector-Emitter Saturation Voltage DC Current Gain Input Resistance Transition Frequency * Transition frequency of the device SYMBOL BVCBO BVCEO BVEBO ICBO IEBO VCE(SAT) hFE R1 fT TEST CONDITIONS IC=50A IC=1mA IE=50A VCB=50V VEB=4V IC=5mA, IB=0.5mA VCE=5V, IC=1mA VCE=10V, IE=-5mA, f=100MHz* MIN 50 50 5 TYP MAX UNIT V V V 0.5 A 0.5 A 0.3 V 600 61.1 k MHz
100 32.9
250 47 250
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
2 of 3
QW-R206-066,B
DTC144T
TYPICAL CHARACTERISTICS
DC Current Gain vs. Collector Current
1k 500
NPN SILICON TRANSISTOR
Collector Saturation Voltage, V CE(SAT) (mV)
Collector Saturation Voltage vs. Collector Current
1000 500 200 100 50 20 10 5 2 1 0.1
VCE=5V
Ic/IB=10
DC Current Gain, hFE
200 100 50 20 10 5 2 1 0.1
Ta=100 25 -40
Ta=100 25 -40
0.2
0.5 1
2
5
10
20
50
100
0.2
0.5
1
2
5
10
20
50
100
Collector Current, Ic (mA)
Collector Current, Ic (mA)
UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
3 of 3
QW-R206-066,B


▲Up To Search▲   

 
Price & Availability of DTC144T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X