![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
I SUPER BRIGHT LED 3803X / 3863X Series o 3mm Round Shape Type / I Absolute Maximum Ratings Blue DB Power Dissipation Forward Current Peak Forward Current Reverse Voltage Operating Temp. Storage Temp. Derating * Pd IF IFM VR Topr Tstg IF 100 25 60 5 -40~+85 -40~+100 0.33 Blue Green DC 100 25 60 5 -40~+85 -40~+100 0.33 Green DG 100 25 60 5 -40~+85 -40~+100 0.33 Yellow FY 125 50 200 5 -40~+85 -40~+100 0.67 Orange FA 125 50 200 5 -40~+85 -40~+100 0.67 Red FR 125 50 200 5 -40~+85 -40~+100 0.67 Ta = 25C Unit mW mA mA V C C mA / C * The current derating for operation applies when temperature is above 25C. * IFM Condition : tw 1ms, Duty 1/20 _ _ I Electro-Optical Characteristics Part No. Material DB3803X DC3803X DG3803X FY3863X FA3863X FR3863X Units InGaN/SiC InGaN/SiC AlGaInP AlGaInP AlGaInP Chip Emitted Color Blue Green Yellow Orange Red Water Clear Water Clear Pastel Yellow Pastel Orange Pastel Red Luminous Intensity Lens MIN 250 600 Clear 600 360 400 320 mcd IV TYP 500 1,200 1,200 720 800 640 mcd IF 20 20 20 20 20 20 mA d TYP 470 505 525 590 605 626 nm Wavelength p TYP 467 502 522 592 609 635 nm TY P 26 30 30 15 15 15 nm IF 20 20 20 20 20 20 mA TYP 3.5 3.5 3.5 1.9 1.9 1.9 V Forward Voltage VF MAX 4.0 4.0 4.0 2.4 2.4 2.4 V IF 20 20 20 20 20 20 mA Ta = 25C Reverse Current IR MAX 100 100 100 100 100 100 A VR 5 5 5 5 5 5 V InGaN/SiC Blue Green Water Clear I Package Dimensions Unit : mm I Spatial Distribution I SUPER BRIGHT LED DB 3803X I Forward Voltage vs. Forward Current 100 Forward Current IF (mA) I Forward Current vs. Relative Intensity 3.0 2.5 Relative Intensity I Ambient Temperature vs. Relative Intensity 10.0 IF=20mA Ta=25C Ta=25C 2.0 1.5 1.0 0.5 1 Relative Intensity 10 1.0 0.1 0.01 1.5 2.0 2.5 3.0 3.5 4.0 4.5 Forward Voltage VF (V) 0.0 0 10 20 30 40 50 60 70 Forward Current IF (mA) 0.1 -40 -20 0 20 40 60 80 100 Ambient Temperature Ta(C) I Pulse Duration vs.Maximum Tolerable Peak Current Ratio of Maximum Tolerable Peak Current IDC MAX. IPEAK MAX. I Duty Cycle vs. Maximum Forward Current Maximum Forward Current IF (mA) I Power Dissipation vs. Ambient Temperature 120 Power Dissipation(mW) 10 Ta=25C 100 50 20 10 5 2 1 2 5 10 20 Ta=25C 100 80 60 40 20 0 -40 -20 0 20 40 60 80 100 Ambient Temperature Ta(C) 5 2 z KH 10 z 0H 10 Hz 1K Hz 50 1 1 10 1 10 2 10 3 10 4 10 5 50 100200 Pulse Duration Duty Cycle(%) I Ambient Temperature vs. Maximum Forward Current 100 Duty=5% Forward Current IF (mA) _ f50Hz _ tw1ms I Forward Voltage vs. Ambient Temperature 4 3.8 3.6 3.4 3.2 3.0 2.8 2.6 2.4 2.2 I Spectral Distribution 1.0 0.8 Relative Intensity Ta=25C IF=20mA 50 40 30 20 10 10% 20% 50% DC Forward Voltage VF (V) 60 IF=20mA 0.6 0.4 0.2 0 400 IF=10mA IF=1mA 0 -40 -20 0 20 40 60 80 100 Ambient Temperature Ta(C) -40 -20 0 20 40 60 80 100 Ambient Temperature Ta(C) 450 500 550 600 Wave Length (nm) I SUPER BRIGHT LED DC 3803X I Forward Voltage vs. Forward Current 100 Forward Current IF (mA) I Forward Current vs. Relative Intensity 3.0 2.5 Relative Intensity I Ambient Temperature vs. Relative Intensity 10.0 IF=20mA Ta=25C Ta=25C 2.0 1.5 1.0 0.5 1 Relative Intensity 10 1.0 0.1 0.01 1.5 2.0 2.5 3.0 3.5 4.0 4.5 Forward Voltage VF (V) 0.0 0 10 20 30 40 50 60 70 Forward Current IF (mA) 0.1 -40 -20 0 20 40 60 80 100 Ambient Temperature Ta(C) I Pulse Duration vs.Maximum Tolerable Peak Current Ratio of Maximum Tolerable Peak Current IDC MAX. IPEAK MAX. I Duty Cycle vs. Maximum Forward Current Maximum Forward Current IF (mA) I Power Dissipation vs. Ambient Temperature 120 Power Dissipation(mW) 10 Ta=25C 100 50 20 10 5 2 1 2 5 10 20 Ta=25C 100 80 60 40 20 0 -40 -20 0 20 40 60 80 100 Ambient Temperature Ta(C) 5 2 z KH 10 z 0H 10 Hz 1K Hz 50 1 1 10 1 10 2 10 3 10 4 10 5 50 100200 Pulse Duration Duty Cycle(%) I Ambient Temperature vs. Maximum Forward Current 100 Duty=5% Forward Current IF (mA) _ f50Hz _ tw1ms I Forward Voltage vs. Ambient Temperature 4 3.8 3.6 3.4 3.2 3.0 2.8 2.6 2.4 2.2 I Spectral Distribution 1.0 0.8 Relative Intensity Ta=25C IF=20mA 50 40 30 20 10 10% 20% 50% DC Forward Voltage VF (V) 60 IF=20mA 0.6 0.4 0.2 0 400 IF=10mA IF=1mA 0 -40 -20 0 20 40 60 80 100 Ambient Temperature Ta(C) -40 -20 0 20 40 60 80 100 Ambient Temperature Ta(C) 450 500 550 600 Wave Length (nm) I SUPER BRIGHT LED DG 3803X I Forward Voltage vs. Forward Current 100 Forward Current IF (mA) I Forward Current vs. Relative Intensity 3.0 2.5 Relative Intensity I Ambient Temperature vs. Relative Intensity 10.0 IF=20mA Ta=25C Ta=25C 2.0 1.5 1.0 0.5 1 Relative Intensity 10 1.0 0.1 0.01 1.5 2.0 2.5 3.0 3.5 4.0 4.5 Forward Voltage VF (V) 0.0 0 10 20 30 40 50 60 70 Forward Current IF (mA) 0.1 -40 -20 0 20 40 60 80 100 Ambient Temperature Ta(C) I Pulse Duration vs.Maximum Tolerable Peak Current Ratio of Maximum Tolerable Peak Current IDC MAX. IPEAK MAX. I Duty Cycle vs. Maximum Forward Current Maximum Forward Current IF (mA) I Power Dissipation vs. Ambient Temperature 120 Power Dissipation(mW) 10 Ta=25C 100 50 20 10 5 2 1 2 5 10 20 Ta=25C 100 80 60 40 20 0 -40 -20 0 20 40 60 80 100 Ambient Temperature Ta(C) 5 2 z KH 10 z 0H 10 Hz 1K Hz 50 1 1 10 1 10 2 10 3 10 4 10 5 50 100200 Pulse Duration Duty Cycle(%) I Ambient Temperature vs. Maximum Forward Current 100 Duty=5% Forward Current IF (mA) _ f50Hz _ tw1ms I Forward Voltage vs. Ambient Temperature 4 3.8 3.6 3.4 3.2 3.0 2.8 2.6 2.4 2.2 I Spectral Distribution 1.0 0.8 Relative Intensity Ta=25C IF=20mA 50 40 30 20 10 10% 20% 50% DC Forward Voltage VF (V) 60 IF=20mA 0.6 0.4 0.2 0 400 IF=10mA IF=1mA 0 -40 -20 0 20 40 60 80 100 Ambient Temperature Ta(C) -40 -20 0 20 40 60 80 100 Ambient Temperature Ta(C) 450 500 550 600 Wave Length (nm) I SUPER BRIGHT LED FY 3863X I Forward Voltage vs. Forward Current 1000 Forward Current IF (mA) I Forward Current vs. Relative Intensity 3.0 2.5 Relative Intensity I Ambient Temperature vs. Relative Intensity 10.0 IF=20mA Ta= 25C Ta =25C 2.0 1.5 1.0 0.5 10 Relative Intensity 100 1.0 1 0.1 1.0 1.5 2.0 2.5 3.0 0 0 10 20 30 40 50 60 0.1 -40 -20 0 20 40 60 80 100 Ambient Temperature Ta(C) Forward Voltage VF (V) Forward Current IF (mA) I Pulse Duration vs.Maximum Tolerable Peak Current Ratio of Maximum Tolerable Peak Current IDC MAX. IPEAK MAX. I Duty Cycle vs. Maximum Forward Current Maximum Forward Current IF (mA) I Power Dissipation vs. Ambient Temperature 140 120 Power Dissipation(mW) 10 Ta=25C 1000 500 200 100 50 20 10 5 2 1 2 5 10 20 Ta= 25C 5 100 80 60 40 20 0 -40 -20 0 20 40 60 80 100 Ambient Temperature Ta(C) 2 10 KH z 10 0H z 1K Hz 50 Hz 1 1 10 1 10 2 10 3 10 4 10 5 50 100200 Pulse Duration Duty Cycle(%) I Ambient Temperature vs. Maximum Forward Current 250 Forward Current IF (mA) _ f50Hz _ tw1ms I Forward Voltage vs. Ambient Temperature 2.4 Forward Voltage VF (V) I Spectral Distribution 1.0 0.8 Relative Intensity Ta=25C IF=20mA 200 150 100 50 Duty=5% 10% 20% 50% DC 2.2 2.0 IF=20mA 1.8 IF=10mA 1.6 1.4 0 -40 -20 0 20 40 60 80 100 Ambient Temperature Ta(C) 0.6 0.4 0.2 0 540 560 580 600 620 640 660 680 Wave Length (nm) IF=1mA 0 -40 -20 0 20 40 60 80 100 Ambient Temperature Ta(C) I SUPER BRIGHT LED FA 3863X I Forward Voltage vs. Forward Current 1000 Forward Current IF (mA) I Forward Current vs. Relative Intensity 3.0 2.5 Relative Intensity I Ambient Temperature vs. Relative Intensity 10.0 IF=20mA Ta= 25C Ta =25C 2.0 1.5 1.0 0.5 10 Relative Intensity 100 1.0 1 0.1 1.0 1.5 2.0 2.5 3.0 0 0 10 20 30 40 50 60 0.1 -40 -20 0 20 40 60 80 100 Ambient Temperature Ta(C) Forward Voltage VF (V) Forward Current IF (mA) I Pulse Duration vs.Maximum Tolerable Peak Current Ratio of Maximum Tolerable Peak Current IDC MAX. IPEAK MAX. I Duty Cycle vs. Maximum Forward Current Maximum Forward Current IF (mA) I Power Dissipation vs. Ambient Temperature 140 120 Power Dissipation(mW) 10 Ta=25C 1000 500 200 100 50 20 10 5 2 1 2 5 10 20 Ta= 25C 5 100 80 60 40 20 0 -40 -20 0 20 40 60 80 100 Ambient Temperature Ta(C) 2 10 KH z 10 0H z 1K Hz 50 Hz 1 1 10 1 10 2 10 3 10 4 10 5 50 100200 Pulse Duration Duty Cycle(%) I Ambient Temperature vs. Maximum Forward Current 250 Forward Current IF (mA) _ f50Hz _ tw1ms I Forward Voltage vs. Ambient Temperature 2.4 Forward Voltage VF (V) I Spectral Distribution 1.0 0.8 Relative Intensity Ta=25C IF=20mA 200 150 100 50 Duty=5% 10% 20% 50% DC 2.2 2.0 IF=20mA 1.8 IF=10mA 1.6 1.4 0 -40 -20 0 20 40 60 80 100 Ambient Temperature Ta(C) 0.6 0.4 0.2 0 540 560 580 600 620 640 660 680 Wave Length (nm) IF=1mA 0 -40 -20 0 20 40 60 80 100 Ambient Temperature Ta(C) I SUPER BRIGHT LED FR 3863X I Forward Voltage vs. Forward Current 1000 Forward Current IF (mA) I Forward Current vs. Relative Intensity 3.0 2.5 Relative Intensity I Ambient Temperature vs. Relative Intensity 10.0 IF=20mA Ta= 25C Ta =25C 2.0 1.5 1.0 0.5 10 Relative Intensity 100 1.0 1 0.1 1.0 1.5 2.0 2.5 3.0 0 0 10 20 30 40 50 60 0.1 -40 -20 0 20 40 60 80 100 Ambient Temperature Ta(C) Forward Voltage VF (V) Forward Current IF (mA) I Pulse Duration vs.Maximum Tolerable Peak Current Ratio of Maximum Tolerable Peak Current IDC MAX. IPEAK MAX. I Duty Cycle vs. Maximum Forward Current Maximum Forward Current IF (mA) I Power Dissipation vs. Ambient Temperature 140 120 Power Dissipation(mW) 10 Ta=25C 1000 500 200 100 50 20 10 5 2 1 2 5 10 20 Ta= 25C 5 100 80 60 40 20 0 -40 -20 0 20 40 60 80 100 Ambient Temperature Ta(C) 2 10 KH z 10 0H z 1K Hz 50 Hz 1 1 10 1 10 2 10 3 10 4 10 5 50 100200 Pulse Duration Duty Cycle(%) I Ambient Temperature vs. Maximum Forward Current 250 Forward Current IF (mA) _ f50Hz _ tw1ms I Forward Voltage vs. Ambient Temperature 2.4 Forward Voltage VF (V) I Spectral Distribution 1.0 0.8 Relative Intensity Ta=25C IF=20mA 200 150 100 50 Duty=5% 10% 20% 50% DC 2.2 2.0 IF=20mA 1.8 IF=10mA 1.6 1.4 0 -40 -20 0 20 40 60 80 100 Ambient Temperature Ta(C) 0.6 0.4 0.2 0 540 560 580 600 620 640 660 680 Wave Length (nm) IF=1mA 0 -40 -20 0 20 40 60 80 100 Ambient Temperature Ta(C) |
Price & Availability of DB3803X
![]() |