Part Number Hot Search : 
854SG STTA2512 A1203 B2100 IDT74A 2SA1190 STU03L01 F62D02
Product Description
Full Text Search
 

To Download CXP971000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CXP971000
CMOS 16-bit Single Chip Microcomputer
Description The CXP971000 is a CMOS 16-bit single chip microcomputer of piggyback/evaluator combined type, which is developed for evaluating the function of the CXP972032/973032/973064.
Piggy/ evaluation type
100 pin PQFP (Ceramic)
Features (LQFP supported) (QFP supported) * An efficient instruction set as a controller - Direct addressing, numerous abbreviated forms, multiplication and division instructions * Instruction sets for C language and RTOS - Highly quadratic instruction system, general-purpose register of eight 16-bit x 16-bank configuration * Minimum instruction cycle time 50ns at 40MHz operation (2.7 to 3.6V) * Incorporated EPROM CXP27V1000K * Incorporated RAM capacity 23.5K bytes * Peripheral functions -- A/D converter 8-bit 12-analog input, successive approximation system, 3-stage FIFO (Conversion time: 1.55s at 40MHz) -- Serial interface Asynchronous serial interface (UART) 128-byte buffer RAM, 3 channels -- I2C bus interface 64-byte buffer RAM (supports master/slave and automatic transfer mode) -- Timers 8-bit timer/counter, 2 channels (with timing output) 16-bit capture timer/counter (with timing output) 16-bit timer, 4 channels, watchdog timer -- PWM output circuit 14-bit PWM, 4 channels (2-channel of binary output switch function by PPG) -- Programmable pattern generator 16-bit output, 64-byte buffer RAM, 1 channel -- Remote control receive circuit 8-bit pulse measurement counter, 10-stage FIFO -- Parallel interface External register interface (8-bit parallel bus), 4-chip select * Interruption 33 factors, 33 vectors, multi-interruption and priority selection possible * Standby mode Sleep/stop * Package 100-pin Ceramic PQFP * Mask ROM CXP972032/973032/973064 * FLASH EEPROM incorporated type CXP973F064 Structure Silicon gate CMOS IC
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
-1-
E00423A08-PS
CXP971000
Pin Assignment in Piggyback Mode (Top View) 100-pin QFP package
PB1/PPO01/A9 PB0/PPO00/A8
PH6/XWR
PH4/RMC
PH7/XRD
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81
PH1/SCL
PH2/RxD
PH3/TxD
PA7/A7
PA6/A6
PA5/A5
PA4/A4
PA3/A3
PA2/A2
PA1/A1
PA0/A0
PH5
VDD
VSS
NC
PB2/PPO02/A10 PB3/PPO03/A11 PB4/PPO04/A12 PB5/PPO05/A13 PB6/PPO06/A14 PB7/PPO07/A15 PC0/PPO08 PC1/PPO09 PC2/PPO10 PC3/PPO11 PC4/PPO12/XCS3 PC5/PPO13/XCS2 PC6/PPO14/XCS1 PC7/PPO15/XCS0 VSS PD0/D0/KS12 PD1/D1/KS13 PD2/D2/KS14 PD3/D3/KS15 PD4/D4/KS16 PD5/D5/KS17 PD6/D6/KS18 PD7/D7/KS19 PE0/INT0 PE1/INT1 PE2/INT2 PE3/INT3 PE4/INT4 PE5/INT5 PE6/INT6
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 A10 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0 Vss 1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 VDD A11 A12 D7 D6 D5 D4 D3 D2 D1 D0 Vss A23 A22 A21 A20 A19 A18 A17 A16 A15 A14 A13 Vss 25 26 27 28 29 30 31 32 33 34 35 36 48 47 46 45 44 43 42 41 40 39 38 37 VDD CE NC D15 D14 D13 D12 D11 D10 D9 D8 Vss
80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51
PH0/SDA PK6 PK5 PK4/ADTRG PK3/ADTEN PK2 PK1 PK0 AVDD AVREF AVSS PJ7/AN11/KS11 PJ6/AN10/KS10 PJ5/AN9/KS9 PJ4/AN8/KS8 PJ3/AN7/KS7 PJ2/AN6/KS6 PJ1/AN5/KS5 PJ0/AN4/KS4 PI7/AN3/KS3 PI6/AN2/KS2 PI5/AN1/KS1 PI4/AN0/KS0 Vss PI3/SCK2 PI2/SO2 PI1/SI2 PI0/SCS2 PG7/SCK0 PG6/SO0
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
PF0/EC0
PF1/EC2
PF2/SCS1/NMI
PF3/SI1
PF4/SO1
PF5/SCK1
PF6/T1
PE7/INT7/CINT
PF7/T2
RST
PG0/PWM0
PG1/PWM1
PG2/PWM2
PG3/PWM3
PG4/SCS0
Note) 1. NC (Pin 88) must be left open. However, use this pin for FLASH EEPROM incorporated version. 2. Vss and AVss (Pins 15, 41, 57, 70 and 90) must be connected to GND. 3. VDD and AVDD (Pins 44, 72 and 89) must be connected to VDD. -2-
PG5/SI0
VSS
XTAL
EXTAL
VDD
CXP971000
Pin Assignment in Evaluator Mode (Top View) 100-pin QFP package
PB1/PPO01/A9 PB0/PPO00/A8
PH6/XWR
PH4/RMC
PH7/XRD
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81
PH1/SCL
PH2/RxD
PH3/TxD
PA7/A7
PA6/A6
PA5/A5
PA4/A4
PA3/A3
PA2/A2
PA1/A1
PA0/A0
PH5
VDD
VSS
NC
PB2/PPO02/A10 PB3/PPO03/A11 PB4/PPO04/A12 PB5/PPO05/A13 PB6/PPO06/A14 PB7/PPO07/A15 PC0/PPO08 PC1/PPO09 PC2/PPO10 PC3/PPO11 PC4/PPO12/XCS3 PC5/PPO13/XCS2 PC6/PPO14/XCS1 PC7/PPO15/XCS0 VSS PD0/D0/KS12 PD1/D1/KS13 PD2/D2/KS14 PD3/D3/KS15 PD4/D4/KS16 PD5/D5/KS17 PD6/D6/KS18 PD7/D7/KS19 PE0/INT0 PE1/INT1 PE2/INT2 PE3/INT3 PE4/INT4 PE5/INT5 PE6/INT6
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 AD10 AD9 AD8 AD7 AD6 AD5 AD4 AD3 AD2 AD1 AD0 Vss 1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 VDD AD11 AD12 I/T MON ERST C1 C2 QS0 QS1 QS2 Vss A23 A22 A21 A20 A19 A18 A17 A16 AD15 AD14 AD13 Vss 25 26 27 28 29 30 31 32 33 34 35 36 48 47 46 45 44 43 42 41 40 39 38 37 VDD E/P ST0 ST1 ST2 ST3
80 79 78 77 76 75 74 73 72 71 70 69 68 67 66
PH0/SDA PK6 PK5 PK4/ADTRG PK3/ADTEN PK2 PK1 PK0 AVDD AVREF AVSS PJ7/AN11/KS11 PJ6/AN10/KS10 PJ5/AN9/KS9 PJ4/AN8/KS8 PJ3/AN7/KS7 PJ2/AN6/KS6 PJ1/AN5/KS5 PJ0/AN4/KS4 PI7/AN3/KS3 PI6/AN2/KS2 PI5/AN1/KS1 PI4/AN0/KS0 Vss PI3/SCK2 PI2/SO2 PI1/SI2 PI0/SCS2 PG7/SCK0 PG6/SO0
WTACK 65 JRQH JRQL ENMI MS Vss 64 63 62 61 60 59 58 57 56 55 54 53 52 51
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
PF0/EC0
PF1/EC2
PF2/SCS1/NMI
PF3/SI1
PF4/SO1
PF5/SCK1
PF6/T1
PE7/INT7/CINT
PF7/T2
RST
PG0/PWM0
PG1/PWM1
PG2/PWM2
PG3/PWM3
PG4/SCS0
Note) 1. NC (Pin 88) must be left open. However, use this pin for FLASH EEPROM incorporated version. 2. Vss and AVss (Pins 15, 41, 57, 70 and 90) must be connected to GND. 3. VDD and AVDD (Pins 44, 72 and 89) must be connected to VDD. -3-
PG5/SI0
XTAL
EXTAL
VDD
VSS
CXP971000
Pin Assignment in Piggyback Mode (Top View) 100-pin LQFP package
PB2/PPO02/A10
PB3/PPO03/A11
PB1/PPO01/A9
PB0/PPO00/A8
PH6/XWR
PH4/RMC
PH7/XRD
PA7/A7
PA6/A6
PA5/A5
PA4/A4
PA3/A3
PA2/A2
PA1/A1
PA0/A0
PH1/SCL
PH2/RxD
PH3/TxD
PH5
PH0/SDA
PK6
VSS
VDD
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76 PK4 PK3 PK2 PK1 PK0 AVD AVR AVS PJ7 PJ6 PJ5 PJ4 PJ3 PJ2 PJ1 PJ0 PI7/ PI6/ PI5/ PI4/ Vss PI3/ PI2/ PI1/ PI0/
PB4/PPO04/A12 PB5/PPO05/A13 PB6/PPO06/A14 PB7/PPO07/A15 PC0/PPO08 PC1/PPO09 PC2/PPO10 PC3/PPO11 PC4/PPO12/XCS3 PC5/PPO13/XCS2 PC6/PPO14/XCS1 PC7/PPO15/XCS0 VSS PD0/D0/KS12 PD1/D1/KS13 PD2/D2/KS14 PD3/D3/KS15 PD4/D4/KS16 PD5/D5/KS17 PD6/D6/KS18 PD7/D7/KS19 PE0/INT0 PE1/INT1 PE2/INT2 PE3/INT3
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 A10 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0 Vss 1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 VDD A11 A12 D7 D6 D5 D4 D3 D2 D1 D0 Vss A23 A22 A21 A20 A19 A18 A17 A16 A15 A14 A13 Vss 25 26 27 28 29 30 31 32 33 34 35 36 48 47 46 45 44 43 42 41 40 39 38 37 VDD CE NC D15 D14 D13 D12 D11 D10 D9 D8 Vss
NC
PK5 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 PG7/SCK0
26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
PF0/EC0
PF1/EC2
PF2/SCS1/NMI
PF3/SI1
PF4/SO1
PF5/SCK1
PF6/T1
PE7/INT7/CINT
PF7/T2
RST
PG0/PWM0
PG1/PWM1
PG2/PWM2
PG3/PWM3
PG4/SCS0
PG5/SI0
XTAL
EXTAL
VDD
VSS
PE4/INT4
PE5/INT5
Note) 1. NC (Pin 86) must be left open. However, use this pin for FLASH EEPROM incorporated version. 2. Vss and AVss (Pins 13, 39, 55, 68 and 88) must be connected to GND. 3. VDD and AVDD (Pins 42, 70 and 87) must be connected to VDD. -4-
PE6/INT6
PG6/SO0
CXP971000
Pin Assignment in Evaluator Mode (Top View) 100-pin LQFP package
PB2/PPO02/A10
PB3/PPO03/A11
PB1/PPO01/A9
PB0/PPO00/A8
PH6/XWR
PH4/RMC
PH7/XRD
PA7/A7
PA6/A6
PA5/A5
PA4/A4
PA3/A3
PA2/A2
PA1/A1
PA0/A0
PH1/SCL
PH2/RxD
PH3/TxD
PH5
PH0/SDA
PK6
VSS
VDD
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76 PK4 PK3 PK2 PK1 PK0 AVD AVR AVS PJ7 PJ6 PJ5 PJ4 PJ3 PJ2 PJ1 PJ0 PI7/ PI6/ PI5/ PI4/ Vss PI3/ PI2/ PI1/ PI0/
PB4/PPO04/A12 PB5/PPO05/A13 PB6/PPO06/A14 PB7/PPO07/A15 PC0/PPO08 PC1/PPO09 PC2/PPO10 PC3/PPO11 PC4/PPO12/XCS3 PC5/PPO13/XCS2 PC6/PPO14/XCS1 PC7/PPO15/XCS0 VSS PD0/D0/KS12 PD1/D1/KS13 PD2/D2/KS14 PD3/D3/KS15 PD4/D4/KS16 PD5/D5/KS17 PD6/D6/KS18 PD7/D7/KS19 PE0/INT0 PE1/INT1 PE2/INT2 PE3/INT3
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 AD10 AD9 AD8 AD7 AD6 AD5 AD4 AD3 AD2 AD1 AD0 Vss 1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 VDD AD11 AD12 I/T MON ERST C1 C2 QS0 QS1 QS2 Vss A23 A22 A21 A20 A19 A18 A17 A16 AD15 AD14 AD13 Vss 25 26 27 28 29 30 31 32 33 34 35 36 48 47 46 45 44 43 42 41 40 39 38 37 VDD E/P ST0 ST1 ST2 ST3 WTACK JRQH JRQL ENMI MS Vss
NC
PK5 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 PG7/SCK0
26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
PF0/EC0
PF1/EC2
PE7/INT7/CINT
PF2/SCS1/NMI
PG0/PWM0
PG1/PWM1
PG2/PWM2
PG3/PWM3
PG4/SCS0
PF4/SO1
PF5/SCK1
PG5/SI0
VSS
XTAL
EXTAL
PF3/SI1
PF6/T1
PF7/T2
RST
VDD
PE4/INT4
PE5/INT5
Note) 1. NC (Pin 86) must be left open. However, use this pin for FLASH EEPROM incorporated version. 2. Vss and AVss (Pins 13, 39, 55, 68 and 88) must be connected to GND. 3. VDD and AVDD (Pins 42, 70 and 87) must be connected to VDD. -5-
PE6/INT6
PG6/SO0
CXP971000
EPROM Read Timing (Ta = -20 to +75C, VDD = 2.7 to 3.3V, Vss = 0V) Item Address data Input delay time Address data hold time Symbol Pins A0 to A23 D0 to D15 A0 to A23 D0 to D15 0 Min. Max. 50 Unit ns ns
tACC tIH
0.8VDD A0 to A23 Address data 0.2VDD tACC tIH 0.8VDD Input data 0.2VDD
D0 to D15
Product List Type Product name Package ROM capacity Reset pin pull-up resistor Piggy/evaluation chip CXP971000-U01Q 100-pin ceramic PQFP (QFP supported) CXP971000-U01R 100-pin ceramic PQFP (LQFP supported)
EPROM 512K bytes Existent
-6-
CXP971000
Switching of Piggyback Mode and Evaluator Mode Piggyback mode can be used by setting two LCC-type EPROM (for upper bytes, for lower byte) and connecting to the connector of top of the chip. Evaluator mode can be used by connecting in-circuit emulator CPU probe to the connector of top of the chip. Piggyback mode
Pin 1 marking
0
1
For lower bytes
For upper bytes EPROM adaptor Chip
LCC-type PROM
Evaluator mode
CPU probe
Chip
Notes on PK6 Usage FLASH EEPROM incorporated PK6 is also used as flash mode setting function. Note the followings: 1. "H" is output to PK6 during a reset. That is driven at comparatively high impedance (approximately 150k), and take care that VOH should not fall under 0.7VDD by the partial pressure with external circuit load impedance. 2. When using software reset functions, PK6 may not rise enough during a reset. Switching PK6 to "H" output prior to software reset execution or connecting pull-up resistor is recommended.
RST Normal operation
PK6 Flash mode Keep PK6 above 0.7 VDD during this period.
Mask ROM and piggy/evaluation chip do not have flash mode setting function. Considering that EEPROM incorporated type is used, above countermeasure should be performed. -7-
CXP971000
Package Outline
Unit: mm
100PIN PQFP(CERAMIC)
24.7 0.5 22.3 0.25 80 81 51 50 18.0
1.5 0.05
18.7 0.5
16.3 0.2
3.2 0.2
31 1 0.8 0.1 30 INDEX
INDEX
3.57 0.36
0.5 0.25
+ 0.05 0.15 - 0.02
PACKAGE STRUCTURE
PACKAGE MATERIAL SONY CODE EIAJ CODE JEDEC CODE PQFP-100C-L04 AQFP100-C-0000 LEAD TREATMENT LEAD MATERIAL PACKAGE MASS CERAMIC GOLD PLATING 42 ALLOY 4.9g
-8-
8.6 MAX
0.3 0.08
100
13.9
0.65 0.05
CXP971000
100PIN PQFP(CERAMIC)
16.0 0.5
0.5 0.05
14.0 0.2 75 76 51 50
12.4
12.0 0.15
+ 0.08 0.18 - 0.03
1.5 0.05
100 1 25 0.8 0.1 26
3.2 0.2
INDEX
INDEX
+ 0.05 0.127 - 0.02
3.32 0.33
+ 0.15 0.2 - 0.13
PACKAGE STRUCTURE
PACKAGE MATERIAL SONY CODE EIAJ CODE JEDEC CODE PQFP-100C-L03 AQFP100-C-0000 LEAD TREATMENT LEAD MATERIAL PACKAGE MASS CERAMIC GOLD PLATING 42 ALLOY 2.7g
-9-
8.0 MAX
Sony Corporation


▲Up To Search▲   

 
Price & Availability of CXP971000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X