Part Number Hot Search : 
NC7ST32 E234I SP481ECP PN16250 R2M35 AT49F004 AT49F004 74AHC
Product Description
Full Text Search
 

To Download CM150DY-12H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CM150DY-12H
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Dual IGBTMODTM H-Series Module
150 Amperes/600 Volts
A B H E E H S
C2E1 E2 C1
E2 G2
C
K
G1 E1
G
S L R - M5 THD (3 TYP.) P - DIA. (2 TYP.) J J J
.110 TAB
N
N
M D F
Q
Description: Powerex IGBTMODTM Modules are designed for use in switching applications. Each module consists of two IGBT Transistors in a half-bridge configuration with each transistor having a reverseconnected super-fast recovery free-wheel diode. All components and interconnects are isolated from the heat sinking baseplate, offering simplified system assembly and thermal management.
G2 E2
C2E1
E2
C1
E1 G1
Features: Low Drive Power Low VCE(sat) Discrete Super-Fast Recovery (70ns) Free Wheel Diode High Frequency Operation (20-25kHz) Isolated Baseplate for Easy Heat Sinking Applications: AC Motor Control Motion/Servo Control UPS Welding Power Supplies Laser Power Supplies Ordering Information: Example: Select the complete part module number you desire from the table below -i.e. CM150DY-12H is a 600V (VCES), 150 Ampere Dual IGBTMODTM Power Module.
Type CM Current Rating Amperes 150 VCES Volts (x 50) 12
Outline Drawing and Circuit Diagram Dimensions A B C D E F G H J Inches 3.70 3.1500.01 1.89 1.18 Max. 0.90 0.83 0.71 0.67 0.63 Millimeters 94.0 80.00.25 48.0 30.0 Max. 23.0 21.2 18.0 17.0 16.0 Dimensions K L M N P Q R S Inches 0.51 0.47 0.30 0.28 0.256 Dia. 0.26 M5 Metric 0.16 Millimeters 13.0 12.0 7.5 7.0 Dia. 6.5 6.5 M5 4.0
237
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272 CM150DY-12H Dual IGBTMODTM H-Series Module 150 Amperes/600 Volts
Absolute Maximum Ratings, Tj = 25 C unless otherwise specified
Ratings Junction Temperature Storage Temperature Collector-Emitter Voltage (G-E SHORT) Gate-Emitter Voltage Collector Current Peak Collector Current Diode Forward Current Diode Forward Surge Current Power Dissipation Max. Mounting Torque M5 Terminal Screws Max. Mounting Torque M6 Mounting Screws Module Weight (Typical) V Isolation
* Pulse width and repetition rate should be such that device junction temperature does not exceed the device rating.
Symbol Tj Tstg VCES VGES IC ICM IF IFM Pd - - - VRMS
CM150DY-12H -40 to 150 -40 to 125 600 20 150 300* 150 300* 600 17 26 270 2500
Units C C Volts Volts Amperes Amperes Amperes Amperes Watts in-lb in-lb Grams Volts
Static Electrical Characteristics, Tj = 25 C unless otherwise specified
Characteristics Collector-Cutoff Current Gate Leakage Current Gate-Emitter Threshold Voltage Collector-Emitter Saturation Voltage Symbol ICES IGES VGE(th) VCE(sat) QG VFM Test Conditions VCE = VCES, VGE = 0V VGE = VGES, VCE = 0V IC = 15mA, VCE = 10V IC = 150A, VGE = 15V IC = 150A, VGE = 15V, Tj = 150C Total Gate Charge Diode Forward Voltage VCC = 300V, IC = 150A, VGS = 15V IE = 150A, VGS = 0V Min. - - 4.5 - - - - Typ. - - 6.0 2.1 2.15 450 - Max. 1.0 0.5 7.5 2.8** - - 2.8 Units mA
A
Volts Volts Volts nC Volts
** Pulse width and repetition rate should be such that device junction temperature rise is negligible.
Dynamic Electrical Characteristics, Tj = 25 C unless otherwise specified
Characteristics Input Capacitance Output Capacitance Reverse Transfer Capacitance Resistive Load Switching Times Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Symbol Cies Coes Cres td(on) tr td(off) tf trr Qrr IE = 150A, diE/dt = -300A/s IE = 150A, diE/dt = -300A/s VCC = 300V, IC = 150A, VGE1 = VGE2 = 15V, RG = 4.2 VGE = 0V, VCE = 10V, k = 1MHz Test Conditions Min. - - - - - - - - - Typ. - - - - - - - - 0.41 Max. 15 5.3 3 200 550 300 300 110 - Units nF nF nF ns ns ns ns ns
Diode Reverse Recovery Time Diode Reverse Recovery Charge
C
Thermal and Mechanical Characteristics, Tj = 25 C unless otherwise specified
Characteristics Thermal Resistance, Junction to Case Thermal Resistance, Junction to Case Contact Thermal Resistance Symbol Rth(j-c) Rth(j-c) Rth(c-f) Test Conditions Per IGBT Per FWDi Per Module, Thermal Grease Applied Min. - - - Typ. - - - Max. 0.21 0.47 0.065 Units C/W C/W C/W
238
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272 CM150DY-12H Dual IGBTMODTM H-Series Module 150 Amperes/600 Volts
OUTPUT CHARACTERISTICS (TYPICAL)
TRANSFER CHARACTERISTICS (TYPICAL)
COLLECTOR-EMITTER SATURATION VOLTAGE CHARACTERISTICS (TYPICAL)
300
COLLECTOR CURRENT, IC, (AMPERES) COLLECTOR CURRENT, IC, (AMPERES)
300 250 200 150 100 50 0 0 2 4 6 8 10 0 4 8 12 16 20
COLLECTOR-EMITTER VOLTAGE, VCE, (VOLTS) GATE-EMITTER VOLTAGE, VGE, (VOLTS)
COLLECTOR-EMITTER SATURATION VOLTAGE, VCE(sat), (VOLTS)
5
VCE = 10V Tj = 25C Tj = 125C VGE = 15V Tj = 25C Tj = 125C
Tj = 25oC
250 200 150
VGE = 20V 15
12
4
11
3
10
2
100
9
50 0
1
7
8
0 0 100 200 300
COLLECTOR-CURRENT, IC, (AMPERES)
COLLECTOR-EMITTER SATURATION VOLTAGE CHARACTERISTICS (TYPICAL)
FREE-WHEEL DIODE FORWARD CHARACTERISTICS (TYPICAL)
CAPACITANCE VS. VCE (TYPICAL)
10
COLLECTOR-EMITTER SATURATION VOLTAGE, VCE(sat), (VOLTS)
103
Tj = 25C Tj = 25C IC = 300A
EMITTER CURRENT, IE, (AMPERES) CAPACITANCE, Cies, Coes, Cres, (nF)
102
8
101
Cies
6
IC = 150A
102
Coes
4
100
2
IC = 60A
VGE = 0V f = 1MHz
Cres
0 0 4 8 12 16 20
GATE-EMITTER VOLTAGE, VGE, (VOLTS)
101 0 0.8 1.6 2.4 3.2 4.0
EMITTER-COLLECTOR VOLTAGE, VEC, (VOLTS)
10-1 10-1
100
101
102
COLLECTOR-EMITTER VOLTAGE, VCE, (VOLTS)
HALF-BRIDGE SWITCHING CHARACTERISTICS (TYPICAL)
REVERSE RECOVERY CHARACTERISTICS (TYPICAL)
REVERSE RECOVERY CURRENT, Irr, (AMPERES)
GATE CHARGE, VGE
103
REVERSE RECOVERY TIME, t rr, (ns)
103
102
20
GATE-EMITTER VOLTAGE, VGE, (VOLTS)
tf
SWITCHING TIME, (ns)
16
VCC = 200V
td(off) td(on)
102
tr
102
Irr t rr
12
101
VCC = 300V
8
VCC = 300V VGE = 15V RG = 4.2 Tj = 125C
di/dt = -300A/sec Tj = 125C
4
101 101
102
COLLECTOR CURRENT, IC, (AMPERES)
103
101 101
102
EMITTER CURRENT, IE, (AMPERES)
100 103
0 0 100 200 300 400 500 600
GATE CHARGE, QG, (nC)
239
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272 CM150DY-12H Dual IGBTMODTM H-Series Module 150 Amperes/600 Volts
NORMALIZED TRANSIENT THERMAL IMPEDANCE, Z th(j-c) Zth = Rth * (NORMALIZED VALUE)
100
Single Pulse TC = 25C Per Unit Base = R th(j-c) = 0.21C/W
NORMALIZED TRANSIENT THERMAL IMPEDANCE, Z th(j-c) Zth = Rth * (NORMALIZED VALUE)
10-3 101
TRANSIENT THERMAL IMPEDANCE CHARACTERISTICS (IGBT) 10-2 10-1 100
101
10-3 101
TRANSIENT THERMAL IMPEDANCE CHARACTERISTICS (FWDi) 10-2 10-1 100
101
100
Single Pulse TC = 25C Per Unit Base = R th(j-c) = 0.47C/W
10-1
10-1
10-1
10-1
10-2
10-2
10-2
10-2
10-3 10-5
TIME, (s)
10-4
10-3 10-3
10-3 10-5
TIME, (s)
10-4
10-3 10-3
240


▲Up To Search▲   

 
Price & Availability of CM150DY-12H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X