Part Number Hot Search : 
4148W LN21R SE336 BAT85 3890E FX0359 FESF16HT FESF16HT
Product Description
Full Text Search
 

To Download CJ79L15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOT-89 Encapsulate Three-terminal Voltage Regulator
SO 89 T1.
BASE
CJ79L15 Three-terminal positive voltage regulator
FEATURES Maximum Output current
IOM:
Output voltage
2. 3.
COLLECTOR
EMITTER
100 -15
mA V
VO:
ABSOLUTE MAXIMUM RATINGS (Operating temperature range applies unless otherwise specified) Parameter Input Voltage Operating Junction Temperature Range Storage Temperature Range Symbol Vi TOPR TSTG Value -35 -20~+120 -55~+150 Unlts V
ELECTRICAL CHARACTERISTICS (Vis=-23V,Io=40mA,0CJ79L15 1 Ci 0.33F C0 0.1F Tj=25, Io=1mA~100mA, Vi=-23V Tj=25, Io=1mA~40mA, V i=-23V -17.5VVi-30V, Tj=25 ,Io=40mA -19VVi-30V, Tj=25,Io=40mA Tj=25 -19VVi-30V, Io=40mA 1mAI O40mA, Vi=-23V 10Hzf100KHz -18.5VVi-28.5V,f=120Hz,25Tj 125 Tj=25 3 Vo 34 MIN -14.4 -14.25 -14.25 TYP -15 -15 -15 25 15 65 5 MAX -15.6 -15.75 -15.75 150 75 300 250 6.5 1.5 0.1 90 39 1.7 UNIT V V (note) mV mV mV mV mA mA mA V dB V
TYPICAL APPLICATION
Note: Bypass capacitors are recommended for optimum stability and transient response and should be located as close as possible to the regulators.


▲Up To Search▲   

 
Price & Availability of CJ79L15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X