Part Number Hot Search : 
LB1696 D0200 071973 XCS10 NJM2585L TLP25 00TTS 071973
Product Description
Full Text Search
 

To Download CDRH6D12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POWER INDUCTORS (SMD Type)
SHIELDED TYPE / OUTLINE /
CDRH6D12
SMD type power inductors where by the electrode is attached to the ferrite core directly. They are also magnetically shielded to prevent noise radiation.
CDRH6D12
6.5 3 2 6.5
DIMENSIONS (mm)
LAND PATTERNS (mm)
CONSTRUCTION
( 1.0H - 68H )
4
1
0 2.
CDRH6D12
Parts No. L (H) D.C.R.( ) : Max.(Typ.) 1R0 1R5 2R2 2R6 2R9 3R0 3R3 3R6 3R9 4R2 5R0 5R6 6R0 6R2 6R4 6R8 7R3 7R4 8R0 8R6 8R7 100 120 150 180 220 270 330 390 470 560 680 820 101 1.0 1.5 2.2 2.6 2.9 3.0 3.3 3.6 3.9 4.2 5.0 5.6 6.0 6.2 6.4 6.8 7.3 7.4 8.0 8.6 8.7 10 12 15 18 22 27 33 39 47 56 68 82 100 918.8m(735.0m) 450m 400m 325.0m(260.0m) 500.0m(400.0m) 675.0m(540.0m) 800m 650m 550m 750m 600m 500m 243.8m(195.0m) 950m 900m 165.0m(132.0m) 1.20 1.10 119.0m( 95.0m) 1.50 1.40 75.0m( 60.0m) 1.90 1.80 62.5m( 50.0m) 2.20 1.90 37.5m( 30.0m) 41.3m( 33.0m) 50.0m( 40.0m) 56.3m( 45.0m) Saturation Rated Current (A) *C 3.50 2.80 2.50 2.30 Temperature Rise Rated Current (A) * IV 2.80 2.50 2.30 2.10
Measuring Freq. (L) / L CDRH6D12 100 kHz
Tolerance of Inductance / CDRH6D12 1.0 H - 68 H 30%(N)
Other / *C Saturation Rated Current : The current when the inductance becomes 35% lower than its nominal value. (Ta=20C) *C 65% (Ta=20) * IV Temperature Rise Current (Typ.) : The actual current when temperature of coil becomes T=40C. (Ta=20C) * IV T=40 (Ta=20)
About Lead-free products /
. . . .
Lead-free products are now available for sale To order a lead-free product, please add"NP" after the product type: "NP"
e.g. Ordering code of lead product: Type name-x Ordering code of lead-free product: Type name NPx
North America Tel:(1) 847 545-6700 Fax:(1) 847 545-6720 E-mail: sales@us.sumida.com h tt p :/ /www.sumida.com
Japan Tel:(81) 03 3667-3302 Fax:(81) 03 3667-3408
Hong Kong Tel:(852) 2880-6688 Fax:(852) 2565-9600 E-mail: sales@hk.sumida.com
Taiwan Tel:(886) 2 2726-2177 Fax:(886) 2 2728-2726 E-mail: sales@tw.sumida.com
Singapore Tel:(65) 6296-3388 Fax:(65) 6296-3390 E-mail: sales@sg.sumida.com
7 4. . 3 8
MAX.1.5
5. 0
8 6.
4 2.
Europe Tel:(32) 2673-9565 Fax:(32) 2672-0454 E-mail: sales@eu.sumida.com
Rev1.0 09/2004


▲Up To Search▲   

 
Price & Availability of CDRH6D12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X