Part Number Hot Search : 
MCP9701 10009 TDA3615 ADS944 74F352PC ADS944 10200 TDA3615
Product Description
Full Text Search
 

To Download C8051F317 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 C8051F317
25 MIPS, 16 kB Flash, 24-Pin Mixed-Signal MCU Analog Peripherals
Two Comparators
High-Speed 8051 C Core
Pipelined instruction architecture; executes 70% of instructions in 1 or 2 system clocks Up to 25 MIPS throughput with 25 MHz system clock Expanded interrupt handler
-
Programmable hysteresis and response time Configurable to generate interrupts or reset Low current (<0.5 A)
POR/Brown-Out Detector
Memory
1280 bytes data RAM (1024 + 256) 16 kB Flash; in-system programmable in 512-byte sectors (512 bytes are reserved)
On-Chip Debug
On-chip debug circuitry facilitates full speed, non-intrusive in-system debug (no emulator required) Provides breakpoints, single stepping, watchpoints Inspect/modify memory, registers, and stack
Digital Peripherals
21 port I/O; all are 5 V tolerant 1 Enhanced Hardware SMBusTM (I2CTM compatible) and UART serial port Programmable 16-bit counter/timer array with three capture/compare modules, WDT 5 general-purpose 16-bit counter/timers Dedicated watchdog timer; bidirectional reset Real-time clock mode for maximum power saving
Superior performance to emulation systems using ICE-chips, target pods, and sockets
Supply Voltage: 2.7 to 3.6 V
Typical operating current: 5 mA at 25 MHz Typical: 11 A at 32 kHz Target stop mode current: <0.1 A
Temperature Range: -40 to +85 C
Clock Sources
Internal oscillator: 24.5 MHz, 2% accuracy supports UART operation External oscillator: Crystal, RC, C, or Clock (1 or 2 pin modes) Can switch between clock sources on-the-fly
Package
24-pin QFN (lead-free package)
VDD
Analog/Digital Power
Port 0 Latch Port 1 Latch
P 0 D r v C R O S S B A R P 1 D r v P 2 D r v P 3 D r v
CP0
GND
UART
C2D
P0.0/VREF P0.1 P0.2/XTAL1 P0.3/XTAL2 P0.4/TX P0.5/RX P0.6/CNVST P0.7
Debug HW
Reset
/RST/C2CK
POR
BrownOut
8 0 5 1
16 kB FLASH 256 byte SRAM 1 kB SRAM
Timer 0,1,2,3 / RTC PCA/ WDT SMBus SPI Port 2 Latch
P1.0 P1.1 P1.2 P1.3 P1.4 P1.5
XTAL1 XTAL2
External Oscillator Circuit 2% Internal Oscillator
System Clock
C o SFR Bus r e
P2.0 P2.1 P2.2 P2.3 P2.4 P2.5 P3.0/C2D
Port 3 Latch
+ + -
CP1
Small Form Factor
Copyright (c) 2005 by Silicon Laboratories
9.14.2005
C8051F317
25 MIPS, 16 kB Flash, 24-Pin Mixed-Signal MCU Selected Electrical Specifications
(TA = -40 to +85 C, VDD = 2.7 V unless otherwise specified) Parameter Supply Voltage Supply Current Clock = 25 MHz Clock = 1 MHz Clock = 32 kHz; VDD Monitor Disabled Oscillator off; VDD Monitor Enabled Oscillator off; VDD Monitor Disabled Internal Oscillator Frequency 24.0 24.5 25 MHz Conditions Global Characteristics 2.7 -- -- -- -- DC -- 6.4 0.36 9 10 <0.1 -- 3.6 -- -- -- -- 25 V mA mA A A A MHz Min Typ Max Units
Supply Current (shutdown) Clock Frequency Range
Package Information
A A1 b D D2 e E E2 L L1 aaa bbb ccc ddd MM Min Typ Max 0.70 0.75 0.80 0.00 0.02 0.05 0.18 0.25 0.30 4.00 BSC 2.50 2.60 2.70 0.50 BSC 4.00 BSC 2.50 2.60 2.70 0.35 0.40 0.45 -- -- 0.15 -- -- 0.10 -- -- 0.10 -- -- 0.05 -- -- 0.10
C8051F310DK Development Kit
Small Form Factor
Copyright (c) 2005 by Silicon Laboratories
9.14.2005
Silicon Laboratories and Silicon Labs are trademarks of Silicon Laboratories Inc. Other products or brandnames mentioned herein are trademarks or registered trademarks of their respective holders


▲Up To Search▲   

 
Price & Availability of C8051F317

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X