Part Number Hot Search : 
CMD6392 1KOHM IRF1404 FS20054 05100 38410 12HCC D77C20AC
Product Description
Full Text Search
 

To Download C1206Z101C5GAH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CAPACITOR OUTLINE DRAWINGS
NOTE: For solder coated terminations, add 0.015" (0.38mm) to the positive width and thickness tolerances. Add the following to the positive length tolerance: CKS51 - 0.020" (0.51mm); CKS52, CKS53 and CKS54 - 0.025" (0.64mm); add 0.012" (0.30mm) to the bandwidth tolerance.
DIMENSIONS -- INCHES
Chip Size 0805 1210 1808 2225 1206 1812 1825 Military Equivalent Styles CKS51 CKS52 CKS53 CKS54 CKS55 CKS56 CKS57 L Length 0.0800.015 0.120.0.015 0.1800.015 0.220.015 0.1200.015 0.1800.015 0.1800.015 W Width 0.0500.015 0.1000.015 0.0800.015 0.2500.015 0.0600.015 0.1250.015 0.2500.015 T Thickness Max 0.055 0.065 0.065 0.065 0.065 0.08 0.08
MARKING
Capacitors shall be legibly laser marked in contrasting color with the KEMET trademark and 2-digit capacitance symbol.
KEMET ORDERING INFORMATION C 0805 Z 101 K 5 G A H Ceramic Chip Size
0805, 1206, 1210, 1808, 1812, 1825, 2225
Termination
CERAMIC CHIP/MIL-PRF-123
Failure Rate
(%/1000 Hours) A - Standard -- Not Applicable
H = Nickel Guarded, Solder-Coated (Solderguard i)
Specification
Z -- Mil-PRF-123
Capacitance Picofarad Code
First two digits represent significant figures. Third digit specifies number of zeros to follow.
KEMET Designator G (Ultra Stable) Military Equivalent BP
Temperature Characteristic
Temp. Range, C 55 to +125 Measured Without DC BiasVoltage 30 ppm C Measured With Bias (Rated Voltage) 30 ppm C
Capacitance Tolerance
C-- 0.25pF D-- 0.5 pF F-- 1% 5 -- 50; 1 - 100 J-- 5% K-- 10%
Working Voltage
X (Stable)
BX
-55 to +125
15%
+15% -25%
M123 A 10 BX B 472 K S Military Specification Number Modification Number
Indicates the latest characteristics of the part in the specification sheet.
Termination
S - Sn 60/40 S - SnPb 60/40
Tolerance
C - 0.25pF; D - 0.5pF; F - 1%; J - 5%; K - 10%
MIL-PRF-123 Slash Sheet Number
Slash Sheet# 10 11 12 13 KEMET MIL-PRF-123 Style Style C0805 CKS51 C1210 CKS52 C1808 CKS53 C2225 CKS54
C1206 C1812 C1825 CKS55 CKS56 CKS57
KEMET Designator G (Ultra Stable) X (Stable) Military Equivalent BP EIA Equivalent C0G (NPO) X7R
Capacitance Picofarad Code Voltage
B - 50; C - 100
Temperature Characteristic TemperatureCharacteristic
Temp. Range, C -55 to +125 -55 to +125 Capacitance Change with Temperature Measured Without Measured With Bias DC BiasVoltage (Rated Voltage) 30 ppm C 15% 30 ppm C +15% -25%
8
21 22 23
BX
(c) KEMET Electronics Corporation * P.O. Box 5928 * Greenville, SC 29606 (864) 963-6300 * www.kemet.com
CERAMIC CHIP/MIL-PRF-123 (BP/BX DIELECTRIC)
CAP. pF
KEMET PART NUMBER
MIL-PRF-123 PART NUMBER
50/100 VOLT- BP-C0805 SIZE (MILITARY CKS51)
CAP. pF
KEMET MIL-PRF-123 PART NUMBER PART NUMBER 50 VOLT-BP-C0805 SIZE (MILITARY CKS51)
50/100 VOLT-BX-C0805 SIZE (MILITARY CKS51)
50 VOLT-BX-C0805 SIZE (MILITARY CKS51)
50/100 VOLT-BP-C1210 SIZE (MILITARY CKS52)
50/100 VOLT-BP-C0805 SIZE (MILITARY CKS51)
9
(c) KEMET Electronics Corporation * P.O. Box 5928 * Greenville, SC 29606 (864) 963-6300 * www.kemet.com
CERAMIC CHIP/MIL-PRF-123 (BP/BX DIELECTRIC)
CAP. pF
KEMET PART NUMBER
MIL-PRF-123 PART NUMBER
CAP. pF
KEMET PART NUMBER
MIL-PRF-123 PART NUMBER
50 VOLT-BP-C1210 SIZE (MILITARY CKS52)
100 VOLT - BP - C1206 SIZE (MILITARY CKS55)
50/100 VOLT-BX-C1210 SIZE (MILITARY CKS52)
50 VOLT-BX-C1210 SIZE (MILITARY CKS52)
50/100 VOLT-BP-C1808 SIZE (MILITARY CKS53)
50/100 VOLT-BX-C1808 SIZE (MILITARY CKS53)
50 VOLT-BX-C1808 SIZE (MILITARY CKS53)
10
(c) KEMET Electronics Corporation * P.O. Box 5928 * Greenville, SC 29606 (864) 963-6300 * www.kemet.com
CERAMIC CHIP/MIL-PRF-123 (BP/BX DIELECTRIC)
CAP. pF
KEMET PART NUMBER
MIL-PRF-123 PART NUMBER
CAP. pF
KEMET PART NUMBER
MIL-PRF-123 PART NUMBER
100 VOLT - BP - C1206 SIZE (MILITARY CKS55) 560.0 C1206Z561(3)1GAH M123A21BPC561(3)S 620.0 C1206Z621(3)1GAH M123A21BPC621(3)S 680.0 C1206Z681(3)1GAH M123A21BPC681(3)S 750.0 C1206Z751(3)1GAH M123A21BPC751(3)S 820.0 C1206Z821(3)1GAH M123A21BPC821(3)S 910.0 C1206Z911(3)1GAH M123A21BPC911(3)S 1000.0 C1206Z102(3)1GAH M123A21BPC102(3)S 50 VOLT-BP-C1206 SIZE (MILITARY CKS55) M123A21BPB112(3)S 1,100.0 C1206Z112(3)5GAH 1,200.0 C1206Z122(3)5GAH M123A21BPB122(3)S 1,300.0 C1206Z132(3)5GAH M123A21BPB132(3)S 1,500.0 C1206Z152(3)5GAH M123A21BPB152(3)S 1,600.0 C1206Z162(3)5GAH M123A21BPB162(3)S 1,800.0 C1206Z182(3)5GAH M123A21BPB182(3)S 2,000.0 C1206Z202(3)5GAH M123A21BPB202(3)S 2,200.0 C1206Z222(3)5GAH M123A21BPB222(3)S 100 VOLT-BX-C1206 SIZE (MILITARY CKS55) M123A21BXC472(6)S 4,700.0 C1206Z472(6)1XAH 5,600.0 C1206Z562(6)1XAH M123A21BXC562(6)S 6,800.0 C1206Z682(6)1XAH M123A21BXC682(6)S 8,200.0 C1206Z822(6)1XAH M123A21BXC822(6)S 10,000.0 C1206Z103(6)1XAH M123A21BXC103(6)S 12,000.0 C1206Z123(6)1XAH M123A21BXC123(6)S 15,000.0 C1206Z153(6)1XAH M123A21BXC153(6)S 50 VOLT-BX-C1206 SIZE (MILITARY CKS55) M123A21BXB183(6)S 18,000.0 C1206Z183(6)5XAH 22,000.0 C1206Z223(6)5XAH M123A21BXB223(6)S 27,000.0 C1206Z273(6)5XAH M123A21BXB273(6)S 33,000.0 C1206Z333(6)5XAH M123A21BXB333(6)S 39,000.0 C1206Z393(6)5XAH M123A21BXB393(6)S 100 VOLT-BP-C1812 SIZE (MILITARY CKS56)
100 VOLT-BP-C1825 SIZE (MILITARY CKS57)
50 VOLT-BP-C1812 SIZE (MILITARY CKS57)
100 VOLT-BX-C1825 SIZE (MILITARY CKS57)
50 VOLT-BX-C1825 SIZE (MILITARY CKS57)
50 VOLT-BP-C1812 SIZE (MILITARY CKS56)
100 VOLT-BX-C1812 SIZE (MILITARY CKS56)
50 VOLT-BX-C1812 SIZE (MILITARY CKS56)
11
(c) KEMET Electronics Corporation * P.O. Box 5928 * Greenville, SC 29606 (864) 963-6300 * www.kemet.com


▲Up To Search▲   

 
Price & Availability of C1206Z101C5GAH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X