Part Number Hot Search : 
L324D 74AUC MB90387 2SA1679 EMC1413 74HC16 A0105Y 5KE18
Product Description
Full Text Search
 

To Download BY29607 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BY296 ... BY299
BY296 ... BY299
Fast Si-Rectifiers - Schnelle Si-Gleichrichter Version 2006-04-24 Nominal current Nennstrom
O 4.50.1
2A 100...800 V ~ DO-201 0.8 g
Repetitive peak reverse voltage Periodische Spitzensperrspannung Plastic case Kunststoffgehause Weight approx. Gewicht ca.
0.5
Type
62.5
7.5
0.1
O 1.20.05
Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert Standard packaging taped in ammo pack Standard Lieferform gegurtet in Ammo-Pack
Dimensions - Mae [mm]
Maximum ratings Type Typ BY296 BY297 BY298 BY299 Max. average forward rectified current, R-load Dauergrenzstrom in Einwegschaltung mit R-Last Repetitive peak forward current Periodischer Spitzenstrom Peak forward surge current, 50/60 Hz half sine-wave Stostrom fur eine 50/60 Hz Sinus-Halbwelle Rating for fusing, Grenzlastintegral, t < 10 ms Junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur Repetitive peak reverse voltage Periodische Spitzensperrspannung VRRM [V] 100 200 400 800 TA = 50C f > 15 Hz TA = 25C TA = 25C IFAV IFRM IFSM i2t Tj TS
Grenzwerte Surge peak reverse voltage Stospitzensperrspannung VRSM [V] 100 200 400 800 2 A 1) 20 A 1) 70/80 A 24 A2s -50...+150C -50...+175C
1
Valid, if leads are kept at ambient temperature at a distance of 10 mm from case Gultig, wenn die Anschlussdrahte in 10 mm Abstand von Gehause auf Umgebungstemperatur gehalten werden http://www.diotec.com/
(c) Diotec Semiconductor AG
1
BY296 ... BY299 Characteristics Forward voltage - Durchlass-Spannung Leakage current - Sperrstrom Forward recovery time Durchlassverzugszeit Reverse recovery time Sperrverzugszeit Tj = 25C Tj = 25C IF = 3 A VR = VRRM IF = 100 mA IF = 0.5 A through/uber IR = 1 A to/auf IR = 0.25 A VF IR tfr trr RthA RthL Kennwerte < 1.3 V < 10 A < 1.0 s < 500 ns < 25 K/W 1) < 10 K/W
Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft Thermal resistance junction to leads Warmewiderstand Sperrschicht - Anschlussdraht
120 [%] 100
10 [A]
2
10 80
Tj = 125C
60
1
40 10-1 20 IFAV 0 0 TA 50 100 150 [C] IF 10-2 0.4
Tj = 25C
70a-(3a-1.3v)
VF
0.8
1.0
1.2
1.4
[V] 1.8
Rated forward current versus ambient temperature1) Zul. Richtstrom in Abh. von der Umgebungstemp.1)
Forward characteristics (typical values) Durchlasskennlinien (typische Werte)
1
Valid, if leads are kept at ambient temperature at a distance of 10 mm from case Gultig, wenn die Anschlussdrahte in 10 mm Abstand von Gehause auf Umgebungstemperatur gehalten werden http://www.diotec.com/ (c) Diotec Semiconductor AG
2


▲Up To Search▲   

 
Price & Availability of BY29607

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X