Part Number Hot Search : 
PBA75F 1000B 1600C 20EEJ1 LCX32 C5042F LN850RPH SF10A6
Product Description
Full Text Search
 

To Download BU8763FV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BU8763FV
Communications
Melody LSI for Cellular Phone
BU8763FV
BU8763FV is a melody LSI for cellular phones that can produce triple chords simultaneously. Tone and volume in each sound source can be controlled separately by serial control. Master volume is integrated. Master clock can be selected from 5.376MHz or 2.688MHz. Output can be changed sine wave or special square wave. The special square wave is a waveform that can take sound pressure by even a small speaker.
!Applications
Melody sound at receiving or holding a call
!Features 1) Generating 3 waves, Controlled by CPU 2) Selectable master clock (5.376MHz / 2.688MHz) 3) Changeable parameter for wave generate 4) Including DTMF create function 5) Changeable Sine wave or special square wave 6) Serial control from CPU 7) Include smoothing filter (fc=20KHz) 8) SSOP-B16 package
!Absolute maximum ratings (Ta=25C)
Parameter Symbol DVDD AVDD VDIN VAIN Pd Tstg Topr
+
Limits -0.3 to +4.5 -0.3 to +4.5 DVSS-0.3 to DVDD+0.3 AVSS-0.3 to AVDD+0.3 450 -50 to +125 -20 to +70
Unit V V V V mW C C
Digital supply voltage Analog supply voltage Input voltage for digital Input voltage for analog Power dissipation Storage temperature range Operating temperature range
To use at temperature higher than 25 C, derate 4mW / C, PCB(70mm 70mm, d=1.6mm glass epoxy)
1/11
BU8763FV
Communications
!Block diagram
TEST1
TEST2
TEST3
TEST4
DGND
16
16
15
14
13
12
11
10
TEST CIRCUIT
WAVE GEN 1(h) WAVEFORM GENERATOR WAVE GEN 2(m) WAVE GEN 3(l)
ATT 1 ATT 2 ATT 3
+
ATT
DAC
SMOOTHING FILTER
CLOCK GENERATOR
CONTROL REGISTER
1
2
CKSEL
3
SCLK
4
SDATA
5
SSTB
6
RSTB
7
TEST5
1
MCLK
AOUT
8
9
AGND
DVDD
AVDD
9
8
2/11
BU8763FV
Communications
!Pin list
Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 Pin name MCLK CKSEL SCLK SDATA SSTB RSTB TEST5 AOUT AGND AVDD TEST4 TEST3 TEST2 TEST1 DGND DVDD Functions Master clock input Master clock select Serial clock input Serial data input Serial strobe input Reset input test pin Melody output pin Analog ground Analog power supply test pin test pin test pin test pin Digital ground Digital power supply O I I I I/O I I I I I I O O Type CMOS CMOS CMOS CMOS CMOS CMOS Analog Analog PWR PWR CMOS CMOS CMOS CMOS PWR PWR B A A A Do not connect Please connect to ground Please connect to ground Please connect to ground Circuit A A A A A A C C Lo : Reset Do not connect Hi : 2.688MHz, Lo : 5.376MHz Others
PAD
PAD
PAD
A
Input Buffer
B
Output Buffer (Digital)
C
Output Buffer (Analog)
3/11
BU8763FV
Communications
!Electrical characteristics Digital characteristics (Unless otherwise noted DVDD=AVDD=3.0V, Ta=25C)
Parameter Symbol DVDD VIH VIL IIH IIL VOH VOL FMCLK1 FMCLK2 FSCLK DMCLK DSCLK TSC THC TSS TDS THS Min. 2.7 2.5 - - -10 2.3 - - - - 40 40 200 190 0.0 200 200 Typ. 3.0 - - - - - - 5.376 2.688 - 50 50 - - - - - Max. 3.6 - 0.5 10 - - 0.5 - - 3.0 60 60 - - - - - Unit V V V A A V V MHz MHz MHz % % ns ns ns ns ns CKSEL=Low CKSEL=High Conditions
Digital power supply Hi level input voltage Low level input voltage Hi level input current Low level input current Hi level output voltage Low level output voltage MCLK input frequency 1 MCLK input frequency 2 SCLK input frequency MCLK duty SCLK duty Data setup time Data hold time SCLK to SSTB width SSTB pulse width SSTB to SCLK width
THC
TSC
TSS
TDS
THS
SCLK
SDATA
D10
D9
D2
D1
D0
D10
D9
SSTB
Address is upper 3bit in serial data, DATA is lower 8bit. (MSB first base) SDATA is taken in to the inside with a positive edge SCLK, then SDATA is taken in to the register with a positive edge of SSTB. In the case that the clock number of SCLK is 12 or more, the data of 11CLK of before SSTB comes into effect. Analog characteristics ((Unless otherwise noted DVDD=AVDD=3.0V, Ta=25C)
Parameter Analog power supply Current consumption 1 Current consumption 2 AOUT maximum output level (at 1 wave generator) Load resistor Load capacitance Symbol AVDD IDD1 IDD2 VOUT RLOAD CLOAD Min. 2.7 - - 289.0 20 - Typ. 3.0 - 1.2 342.5 - - Max. 3.6 2.0 2.5 415.4 - 100 Unit V A mA Conditions AVDD-DVDD < 0.3V at sleep mode at operate mode
mVrms ATT123=000, f=988KHz k pF
Current consumption is sum of AVDD and DVDD.
4/11
BU8763FV
Communications
!Circuit operation Register map < Data structure> Address is upper 3bit in serial data, DATA is lower 8bit. (MSB first base)
Address D10 D9 D8 D7 D6 D5 Data D4 D3 D2 D1 D0
Address Data 0 Operating Initial Data 1 Mode Initial Data 2 Frequency Initial 3 Gain Data Initial
D7 WAVE1 on/off 0
D6 WAVE2 on/off 0
D5 WAVE3 on/off 0
D4 TNSEL mode 0
D3 FSEL MOL/MF 0 ENVM time 0
D2 - 0
D1 - 0 ATT123[2:0] gain data
D0 SLEEP 1
WMODE[1:0] FLAVOR ENVON WAVE GEN select wave on/off 00 WFEQ[1:0] WAVE GEN select 00 - 0 - 0 - 0 MLDY 0 DTMF 1 0
MLDY 1:001 2:100 3:000 DTMF 1:000 2:001 3:000
FREQ[5:0] frequency data MLDY 1:000000 2:000000 3:000000 DTMF 1:000000 2:000100 3:001000 - 0 VOLUME[3:0] 0000
4-7
Reserved
Address 0 : Wave generator select, MELODY / DTMF setting
Address 0 Bit D7 Name WAVE1 Initial 0 WAVE1 control 0: output off 1: output on WAVE2 control 0: output off 1: output on WAVE3 control 0: output off 1: output on Output select MELODY, DTMF/TONE 0: MELODY select 1: DTMF/TONE select Register select MELODY, DTMF/TONE 0: MELODY select 1: DTMF/TONE select Power down control 0: operating mode 1: power down mode State
D6
WAVE2
0
D5
WAVE3
0
D4
TNSEL
0
D3
FSEL
0
D2-D1 D0
Reserved SLEEP
00 1
5/11
BU8763FV
Communications
Address 1 : Mode setting
Address 1 Bit D7-D6 Name WMOD[1:0] Initial 00 State Envelope ON, Envelope mode, generator attenuation 00: WAVE 1 01: WAVE 2 10: WAVE 3 Special square / sine wave 0: special square 1: sine wave (Same setting WAVE1,2,3) Envelope ON/OFF 0: envelope OFF 1: envelope ON Select enevelope mode 0: for slow tempo 1.6sec 1: for high tempo 0.8sec D2 0 0 0 DTMF 1:000 2:001 3:000 0 1 1 1 1
Setting of D4-D0 is available for sound source selected at D7-D6.
D5
FLAVOR
MLDY:0 DTMF:1
D4
ENVON
0
D3
ENVM
0
D2-D0
ATT123[2:0]
MLDY 1:001 2:100 3:000
D1 0 0 1 1 0 0 1 1
D0 0 1 0 1 0 1 0 1
Attenuation 0dB -2.5dB -6.0dB -8.5dB -12.0dB -14.5dB -18.0dB -24.0dB
Address 2 : Output frequency
Address 2 Bit D7-D6 Name WFEQ[1:0] Initial 00 Specified wave generator 00: select WAVE 1 generator 01: select WAVE 2 generator 10: select WAVE 3 generator State
D5-D0
FREQ[5:0]
Address 0: MELODY setting @TNSEL=0 MLDY 1:000000 DTMF/TONE setting @TNSEL=1 2:000000 see the following table about the output frequency 3:000000 DTMF 1:000000 2:000100 3:001000
Setting of D5-D0 is available for sound source selected at D7-D6.
6/11
BU8763FV
Communications
Output frequency in case MELODY
FREQ[5:0] 00h 01h 02h 03h 04h 05h 06h 07h 08h 09h 0Ah 0Bh 0Ch 0Dh 0Eh 0Fh 10h 11h 12h 13h 14h 15h 16h 17h 18h 19h 1Ah 1Bh 1Ch 1Dh 1Eh 1Fh 20h 21h 22h 23h 24h 25h 26h 27h 28h 29h 2Ah D5 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 D4 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 D3 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 D2 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 D1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 D0 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 Scale A(la) A#(la#) B(si) C(do) C#(do#) D(le) D#(le#) E(mi) F(fa) F#(fa#) G(sol) G#(sol#) A(la) A#(la#) B(si) C(do) C#(do#) D(le) D#(le#) E(mi) F(fa) F#(fa#) G(sol) G#(sol#) A(la) A#(la#) B(si) C(do) C#(do#) D(le) D#(le#) E(mi) F(fa) F#(fa#) G(sol) G#(sol#) A(la) A#(la#) B(si) C(do) C#(do#) D(le) D#(le#) Typical Freq. [Hz] 109.95 116.50 123.53 130.84 138.61 146.85 155.56 164.71 174.64 185.02 195.80 207.41 219.90 233.33 247.06 261.68 277.23 293.71 311.11 329.41 348.55 370.04 392.52 415.84 439.79 466.67 494.12 523.36 554.46 587.41 622.22 658.82 697.10 740.09 785.05 831.68 879.58 933.33 988.24 1046.73 1108.91 1174.83 1244.44 Theoretic Freq. [Hz] 110.00 116.54 123.47 130.81 138.59 146.83 155.56 164.81 174.61 185.00 196.00 207.65 220.00 233.08 246.94 261.63 277.18 293.66 311.13 329.63 349.23 369.99 392.00 415.30 440.00 466.16 493.88 523.25 554.37 587.33 622.25 659.26 698.46 739.99 783.99 830.61 880.00 923.33 987.77 1046.50 1108.73 1174.66 1244.51 Error [%] -0.05 -0.03 0.05 0.02 0.02 0.01 -0.01 -0.07 0.01 0.01 -0.10 -0.12 -0.05 0.11 0.05 0.02 0.02 0.01 -0.01 -0.07 -0.19 0.01 0.13 0.13 -0.05 0.11 0.05 0.02 0.02 0.01 -0.01 -0.07 -0.19 0.01 0.13 0.13 -0.05 0.11 0.05 0.02 0.02 0.01 -0.01
7/11
BU8763FV
Communications
FREQ[5:0] 2Bh 2Ch 2Dh 2Eh 2Fh 30h 31h 32h 33h 34h 35h 36h 37h 38h 39h 3Ah 3Bh 3Ch 3Dh 3Eh 3Fh D5 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 D4 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 D3 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 D2 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 D1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 D0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 Scale E(mi) F(fa) F#(fa#) G(sol) G#(sol#) A(la) A#(la#) B(si) C(do) C#(do#) D(le) D#(le#) E(mi) F(fa) F#(fa#) G(sol) G#(sol#) A(la) A#(la#) B(si) C(do) Typical Freq. [Hz] 1317.65 1394.19 1480.18 1570.09 1663.37 1759.16 1866.67 1976.47 2093.46 2217.82 2349.65 2488.89 2635.29 2788.28 2960.35 3140.19 3326.73 3518.32 3733.33 3952.94 4173.91 Theoretic Freq. [Hz] 1318.51 1396.91 1479.98 1567.98 1661.22 1760.00 1864.66 1975.53 2093.00 2217.46 2349.32 2489.02 2637.02 2793.83 2959.96 3135.96 3322.44 3520.00 3729.31 3951.07 4186.01 Error [%] -0.07 -0.19 0.01 0.13 0.13 -0.05 0.11 0.05 0.02 0.02 0.01 -0.01 -0.07 -0.20 0.01 0.13 0.13 -0.05 0.11 0.05 -0.29
Output frequency in case DTMF/TONE
FREQ[5:0] 00h 01h 02h 03h 04h 05h 06h 07h 08h 09h 0Ah 0Bh 0Ch 0Dh 0Eh D5 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 D4 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 D3 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 D2 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 D1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 D0 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 WAVE WAVE_1 WAVE_1 WAVE_1 WAVE_1 WAVE_2 WAVE_2 WAVE_2 WAVE_2 WAVE_3 WAVE_3 WAVE_3 WAVE_3 WAVE_3 WAVE_3 WAVE_3 Scale DTMF_H DTMF_H DTMF_H DTMF_H DTMF_L DTMF_L DTMF_L DTMF_L TONE TONE TONE TONE TONE TONE TONE Typical Freq. [Hz] 1208.63 1333.33 1473.68 1631.07 697.10 770.64 852.79 938.55 383.56 400.00 1000.00 1473.68 2000.00 2545.45 4000.00 Theoretic Freq. [Hz] 1209.00 1336.00 1477.00 1633.00 697.00 770.00 852.00 941.00 Error [%] -0.03 -0.20 -0.22 -0.12 0.01 0.08 0.09 -0.26
Even when more than 0Fh is set, it's not changed.
8/11
BU8763FV
Communications
Address 3: Gain
Address 3 Bit D7-D4 D3-D0 Name reserved VOLUME Initial 0000 0000 D3 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 D2 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 D1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 D0 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 ATT 0dB -2dB -4dB -6dB -8dB -10dB -12dB -14dB Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved State
9/11
BU8763FV
Communications
!Application example
8
SP
4.7
+
0.1
8
7
6
5
100k
100k
BH7823
1
2
3
4
4.7
100k
100k 1F
4.7
+
SUSPEND
4.7 AVDD
+
DVDD 0.1
0.1
16
DVDD
15
DGND
14
TEST1
13
TEST2
12
TEST3
11
TEST4
10
AVDD
9
AGND 8 AOUT
BU8763FV
SDATA CKSEL TEST5 MCLK RSTB SCLK SSTB
1
2
3
4
5
6
7
8
MCLK
1
SCLK
SDATA
SSTB
CKSEL
Fig.1
RSTB
10/11
BU8763FV
Communications
!Note for use 1) WAVE1, WAVE2, WAVE3 register, ATT123 register (at melody output), ATT register, ENVON register are changed when output is a zero cross. 2) FREQ [5:0] register is changed instantaneously. 3) In the case that unsound part is set up WAVE 1,2,3 register, wave is stopped with a zero cross. when it changes FREQ[5:0] before becoming off with a zero cross, new frequency wave output one cycle. After wait for to do off with a zero cross, change FREQ[5:0]. 4) 3 sound resources can only the setting of all sine wave or all special square wave. 5) 3 sound resources can only the setting of all DTMF/TONE or all MELODY. 6) A data value of registration etc. is held at the time of SLEEP. 7) At the time of RESET, a data value of registration etc. becomes initial value. 8) Maximum output level (ATT=0dB) of one sound resource is 342.5mVrms (typ). Set up each ATT123 sol that output levels of totals 3 sound resources does not exceed, because a maximum output level of DAC is 2.00VPP (707.1mVrms). 9) TNSEL of address 0 D4 is a setting register about whether output which of DTMF or MELODY. 10) FSEL of address 0 D3 is a setting register about whether make the setting of FREQ etc. which of DTMF or MELODY.
!External dimensions (Unit : mm)
5.0 0.2 16 4.4 0.2 9
6.4 0.3
1.15 0.1
1
8
0.1
0.65
0.22 0.1
0.3Min. 0.1
SSOP-B16
0.15 0.1
11/11
Appendix
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document use silicon as a basic material. Products listed in this document are no antiradiation design.
The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. About Export Control Order in Japan Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control Order in Japan. In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause) on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.
Appendix1-Rev1.0


▲Up To Search▲   

 
Price & Availability of BU8763FV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X