Part Number Hot Search : 
EMK12 WA151C LTV814M U5200 SN74AUC NM24W16 HA1315 LS266P
Product Description
Full Text Search
 

To Download BSP41 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
ISSUE 3 NOVEMBER 1995 COMPLEMENTARY TYPES 7 BSP43 - BSP33 BSP41 - BSP31 PARTMARKING DETAIL DEVICE TYPE IN FULL C
BSP41 BSP43
E C B
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Peak Pulse Current Continuous Collector Current Base Current Power Dissipation at Tamb=25C Operating and Storage Temperature Range PARAMETER Collector-Base BSP43 Breakdown Voltage BSP41 Collector-Emitter BSP43 Breakdown Voltage BSP41 Emitter-Base Breakdown Voltage Collector Cut-Off Current Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Static Forward Current Transfer Ratio Collector Capacitance Emitter Capacitance Transition Frequency Turn-On Time Turn-Off Time SYMBOL V(BR)CBO V(BR)CEO V(BR)EBO ICBO VCE(sat) VBE(sat) hFE Cc Ce fT Ton Toff 100 250 1000 30 100 50 SYMBOL VCBO VCEO VEBO ICM IC IB PTOT Tj:Tstg MIN. 90 70 80 60 5 100 50 0.25 0.5 1.0 1.2 300 12 90 pF pF MHz ns ns MAX. BSP41 70 60 5 2 1 100 2 -55 to +150 UNIT V V V
A
BSP43 90 80
UNIT V V V A A mA W C
ELECTRICAL CHARACTERISTICS (at Tamb = 25C unless otherwise stated).
CONDITIONS. IC=100A IC=10mA * IE=10A VCB=60V VCB=60V, Tamb =125C IC =150mA, IB =15mA IC =500mA, IB =50mA IC =150mA, IB =15mA IC =500mA, IB =50mA IC =100A, VCE =5V IC =100mA, VCE =5V IC =500mA, VCE =5V VCB =10V, f=1MHz VEB =0.5V, f=1MHz IC=50mA, VCE=10V f =35MHz VCC =20V, IC =100mA IB1 =IB2 =5mA
nA V V V V
*Measured under pulsed conditions. Pulse width=300s. Duty cycle 2% For typical characteristics graphs see FMMT493 datasheet. 3 - 64


▲Up To Search▲   

 
Price & Availability of BSP41

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X