Part Number Hot Search : 
XRDAN28 LEM2520 RD06HVF TC1624 H32768 SRS1G SC502 APT5010L
Product Description
Full Text Search
 

To Download BCX70J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCX70J
GENERAL PURPOSE TRANSISTOR
NPN EPITAXIAL SILICON TRANSISTOR
SOT-23
ABSOLUTE MAXIMUM RATINGS (TA=25C)
Characteristic Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Collector Dissipation Storage Temperature * Refer to KS3904 for graphs Symbol VCBO VCEO VEBO IC PC T STG Rating 45 45 5 200 350 150 Unit V V V mA mW C
1. Base 2. Emitter 3. Collector
ELECTRICAL CHARACTERISTICS (TA=25C)
Characteristic Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cut-off Current Emitter Cut-off Current DC Current Gain Symbol BVCEO BVEBO ICES IEBO hFE Test Conditions IC=2.0mA, IB=0 IE=1.0A, IC=0 VCE=32V, VBE=0 VEB=4V, IC=0 VCE=5V, IC=10A VCE=5V, IC=2.0mA VCE=1V, IC=50mA IC=10mA, IB=0.25mA IC=50mA, IB=1.25mA IC=10mA, IB=0.25mA IC=50mA, IB=1.25mA IC=2.0mA, VCE=5V IC=10mA, VCE=5V VCB=10V, IE=0 f=1MHz VCE=5V, IC=0.2mA RS=2K, f=1KHz IC=10mA, IB1=1.0mA VBB=3.6V, IB2=1.0mA R1=R2=5K, RL=990 Min 45 5 20 20 40 250 90 460 0.35 0.55 0.85 1.05 0.75 V V V V V MHz pF dB ns ns Max Unit V V nA nA
Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Base-Emitter On Voltage Current Gain Bandwidth Product Output Capacitance Noise Figure Turn On Time Turn Off Time
VCE (sat) VBE (sat) VBE (on) fT COB NF T ON T OFF
0.6 0.7 0.55 125
4.5 6 150 800
Rev. B
(c)1999 Fairchild Semiconductor Corporation
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM CoolFETTM CROSSVOLTTM E2CMOSTM FACTTM FACT Quiet SeriesTM FAST(R) FASTrTM GTOTM HiSeCTM
DISCLAIMER
ISOPLANARTM MICROWIRETM POPTM PowerTrenchTM QSTM Quiet SeriesTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 TinyLogicTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.


▲Up To Search▲   

 
Price & Availability of BCX70J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X