Part Number Hot Search : 
AN885 IN74A E001051 TN1178 Z8002CPU HYS72D2 X1242S8 PL611
Product Description
Full Text Search
 

To Download B500C5000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WTE
POWER SEMICONDUCTORS
B40C5000/3300 - B500C5000/3300
Pb
5.0A SINGLE-PHASE BRIDGE RECTIFIER
Features
! Diffused Junction ! Low Forward Voltage Drop A ! High Current Capability ! High Reliability ! High Surge Current Capability B C + ~~! High Case Dielectric Strength ! Ideal for Printed Circuit Boards D
Mechanical Data
! ! ! ! ! ! ! Case: RS-5, Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: As Marked on Body Weight: 9.8 grams (approx.) G Mounting Position: Any Marking: Type Number Lead Free: For RoHS / Lead Free Version, Add "-LF" Suffix to Part Number, See Page 4 H JJ
E
K
RS-5 Dim Min Max 39.40 40.10 A 20.20 21.00 B 21.00 21.70 C 25.40 -- D 0.97 O 1.07 O E 6.20 6.70 G 9.80 10.20 H 7.20 7.60 J 4.60 5.00 K All Dimensions in mm
Maximum Ratings and Electrical Characteristics
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
@TA=25C unless otherwise specified
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Recommend Input Voltage Average Rectified Output Current @TA = 45C (Note 1) Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Repetitive Peak Forward Surge Current Forward Voltage per leg @IF = 5.0A
Symbol VRRM VRWM VR VRMS IO
B40C B80C B125C B250C B380C B500C Unit 5000/3300 5000/3300 5000/3300 5000/3300 5000/3300 5000/3300 100 40 200 80 300 125 5.0 600 250 900 380 1000 500 V V A
IFSM IFRM VFM IR I2t RJA Tj, TSTG
250 30 1.0 10 6.0 110 2.6 -55 to +150
A A V A mA A2s C/W C
Peak Reverse Current @TC = 25C At Rated DC Blocking Voltage @TC = 125C Rating for Fusing (t < 8.3ms) (Note 2) Typical Thermal Resistance per leg (Note 1) Operating and Storage Temperature Range Note: 1. Mounted on 200mm2 metal chassis. 2. Non-repetitive for t > 1ms and < 8.3ms.
B40C5000/3300 - B500C5000/3300
1 of 4
(c) 2006 Won-Top Electronics
6 5
100 IF, INSTANTANEOUS FWD CURRENT (A)
I(AV), AVERAGE OUTPUT CURRENT (A)
4 3
10
2
1.0
1
Single Phase Half Wave 60 Hz Resistive or Inductive Load
Tj = 25"C Pulse Width = 300 ms
0
20
40 60 80 100 120 140 TA , AMBIENT TEMPERATURE ("C) Fig. 1 Forward Current Derating Curve
0.1 0.6
0.7 0.8 0.9 1.0 1.1 1.2 1.3 VF, INSTANTANEOUS FWD VOLTAGE (V) Fig. 2 Typical Forward Characteristics, per element
250 IFSM, PEAK FWD SURGE CURRENT (A)
400
200
Cj, CAPACITANCE (pF)
150
100
100
50
8.3ms Single Half Sine-Wave JEDEC Method
Tj = 25"C f = 1MHz
0 10 100 NUMBER OF CYCLES AT 60 Hz Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
IR, INSTANTANEOUS REVERSE CURRENT (mA) 10
10
1
10 100 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance Per Element
1
Tj = 100"C
1.0
0.1
Tj = 25"C
0.01 0 20 40 60 80 100 120 140 RATED PERCENT OF PEAK REVERSE VOLTAGE (%) Fig. 5 Typical Reverse Characteristics
B40C5000/3300 - B500C5000/3300
2 of 4
(c) 2006 Won-Top Electronics
MARKING INFORMATION
WTE
BxxC5000/3300
+
~~-
WTE BxxC5000/3300 xx Polarity
= Manufacturer's Logo = Device Number = 40, 80, 125, 250, 380, 500 = As Marked on Body
PACKAGING INFORMATION
BULK
Inner Box Size L x W x H (mm) 230 x 230 x 56 Quantity (PCS) 200 Carton Size L x W x H (mm) 500 x 255 x 275 Quantity (PCS) 2,000 Approx. Gross Weight (KG) 23.0
Note: 1. Paper box, white or brown color.
B40C5000/3300 - B500C5000/3300
3 of 4
(c) 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
B40C5000/3300 B80C5000/3300 B125C5000/3300 B250C5000/3300 B380C5000/3300 B500C5000/3300
1. 2.
Package Type
SIL Bridge SIL Bridge SIL Bridge SIL Bridge SIL Bridge SIL Bridge
Shipping Quantity
200 Units/Box 200 Units/Box 200 Units/Box 200 Units/Box 200 Units/Box 200 Units/Box
Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department. To order Lead Free version (with Lead Free finish), add "-LF" suffix to part number above. For example, B40C5000/3300-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
B40C5000/3300 - B500C5000/3300
4 of 4
(c) 2006 Won-Top Electronics


▲Up To Search▲   

 
Price & Availability of B500C5000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X