Part Number Hot Search : 
MAX14 25016 PA153 M61527FP MAX893 75100 KRC120 1N4739
Product Description
Full Text Search
 

To Download AR7646 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 The wireless communication solution provider
12-bit Touch Panel Controller IC whit Temperature Sensor
FEATURES
Pin compatible to AR7643 Serial interface 4-wire touch screen interface Embedded touch panel drivers Internal 2.5 V reference Direct battery measurement ( 0 V to 6 V) Touch-pressure measurement One auxiliary analog input On-chip temperature sensor 2.2 V to 5.5 V supply voltage 12-bit analog to digital converter Programmable 8 or 12 bit resolution Up to 125 KHz conversion rate Full power down control SSOP-16 package
AR7643
APPLICATIONS
U U U U U U U Touch screen monitors PDAs Point-of-sales terminals Pagers High speed data acquisition Portable instruments Low power instruments
DESCRIPTION
The AR7646 Touch Screen Controller IC is an advanced version of the AR7643. The AR7646 is a 12-bit SAR analog-to-digital converter (ADC) with SPI serial interface and low on-resistance drivers for 4-wire resistive touch panels. The AR7646 is a highly integrated controller for portable applications which use 4-wire resistive touch panels such as PDAs, portable instruments, cellular phones, etc. The AR7646 contains all the analog and digital circuitry necessary to complete a pen request. The AR7646 features temperature, battery monitor and touch-pressure measurements and also provides an internal 2.5 V reference that may be turned ON or OFF independently of the ADC. The AR7646 consumes only 405 mW (internal reference OFF) at a 125 KHz sample rate and a 2.7 V supply and consumes power less than 2.7 mW in shutdown mode. The AR7646 is guaranteed down to 2.2 V supply. The AR7646 is provided in a very small 16-lead SSOP package and is guaranteed over the temperature range from 40 to +85C.
The wireless communication solution provider
The wireless communication solution provider


▲Up To Search▲   

 
Price & Availability of AR7646

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X