|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
APTM10SKM05T Buck chopper MOSFET Power Module VBUS Q1 NTC2 VDSS = 100V RDSon = 4.5m typ @ Tj = 25C ID = 278A @ Tc = 25C Application * AC and DC motor control * Switched Mode Power Supplies Features * Power MOS V(R) MOSFETs - Low RDSon - Low input and Miller capacitance - Low gate charge - Avalanche energy rated - Very rugged * Kelvin source for easy drive * Very low stray inductance - Symmetrical design - Lead frames for power connections * Internal thermistor for temperature monitoring * High level of integration Benefits * Outstanding performance at high frequency operation * Direct mounting to heatsink (isolated package) * Low junction to case thermal resistance * Solderable terminals both for power and signal for easy PCB mounting * Low profile G1 S1 OUT 0/VBUS SENSE 0/VBU S NTC1 0/ VBUS SENSE OUT VBUS 0/ VBUS OUT S1 G1 0/ VBUS SENSE NTC2 NTC1 Absolute maximum ratings Symbol VDSS ID IDM VGS RDSon PD IAR EAR EAS Parameter Drain - Source Breakdown Voltage Continuous Drain Current Pulsed Drain current Gate - Source Voltage Drain - Source ON Resistance Maximum Power Dissipation Avalanche current (repetitive and non repetitive) Repetitive Avalanche Energy Single Pulse Avalanche Energy Tc = 25C Tc = 80C Tc = 25C mJ These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed. APT website - http://www.advancedpower.com 1-6 APTM10SKM05T- Rev 0 May, 2005 Max ratings 100 278 207 1100 30 5 780 100 50 3000 Unit V A V m W A APTM10SKM05T All ratings @ Tj = 25C unless otherwise specified Electrical Characteristics Symbol IDSS RDS(on) VGS(th) IGSS Characteristic Zero Gate Voltage Drain Current Drain - Source on Resistance Gate Threshold Voltage Gate - Source Leakage Current Test Conditions VGS = 0V,VDS = 100V VGS = 0V,VDS = 80V Min Tj = 25C Tj = 125C Typ VGS = 10V, ID = 125A VGS = VDS, ID = 5mA VGS = 30 V, VDS = 0V 4.5 2 Max 200 1000 5 4 200 Unit A m V nA Dynamic Characteristics Symbol Ciss Coss Crss Qg Qgs Qgd Td(on) Tr Td(off) Tf Eon Eoff Eon Eoff Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Total gate Charge Gate - Source Charge Gate - Drain Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Switching Energy Turn-off Switching Energy Turn-on Switching Energy Turn-off Switching Energy Test Conditions VGS = 0V VDS = 25V f = 1MHz VGS = 10V VBus = 50V ID = 250A Resistive Switching VGS = 15V VBus = 66V ID = 250A R G = 2.5 Inductive switching @ 25C VGS = 15V, VBus = 66V ID = 250A, R G =2.5 Inductive switching @ 125C VGS = 15V, VBus = 66V ID = 250A, R G = 2.5 Min Typ 20 8 2.9 700 120 360 80 165 280 135 1.1 1.2 1.22 1.28 Max Unit nF nC ns mJ mJ Eon includes diode reverse recovery. In accordance with JEDEC standard JESD24-1. Chopper diode ratings and characteristics Symbol Characteristic VRRM IRM IF(A V) VF trr Qrr Maximum Peak Repetitive Reverse Voltage Test Conditions Tj = 25C Tj = 125C Tc = 80C Min 200 Typ Max 350 600 Unit V A A V ns nC APTM10SKM05T- Rev 0 May, 2005 Maximum Reverse Leakage Current Maximum Average Forward Current Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge VR=200V 50% duty cycle IF = 200A IF = 400A IF = 200A IF = 200A VR = 133V di/dt =400A/s Tj = 125C Tj = 25C Tj = 125C Tj = 25C Tj = 125C 200 1 1.4 0.9 60 110 400 1680 APT website - http://www.advancedpower.com 2-6 APTM10SKM05T Thermal and package characteristics Symbol Characteristic RthJC Junction to Case VISOL TJ TSTG TC Torque Wt Transistor Diode 2500 -40 -40 -40 1.5 Min Typ Max 0.16 0.29 150 125 100 4.7 160 Unit C/W V C N.m g RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz Operating junction temperature range Storage Temperature Range Operating Case Temperature Mounting torque Package Weight To Heatsink M5 Temperature sensor NTC (see application note APT0406 on www.advancedpower.com for more information). Symbol Characteristic R25 Resistance @ 25C B 25/85 T25 = 298.15 K Min Typ 50 3952 Max Unit k K RT = R 25 1 1 RT : Thermistor value at T exp B 25 / 85 T - T 25 T: Thermistor temperature Package outline (dimensions in mm) APT website - http://www.advancedpower.com 3-6 APTM10SKM05T- Rev 0 May, 2005 APTM10SKM05T Typical Performance Curve Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 0.18 Thermal Impedance (C/W) 0.16 0.14 0.12 0.1 0.08 0.06 0.04 0.02 0.7 0.5 0.3 0.1 0.05 0.0001 0.001 0.01 0.1 1 10 Single Pulse 0.9 0 0.00001 rectangular Pulse Duration (Seconds) Low Voltage Output Characteristics 1200 ID, Drain Current (A) ID, Drain Current (A) 1000 800 600 400 200 0 0 4 8 12 16 20 24 28 VDS , Drain to Source Voltage (V) RDS(on) vs Drain Current 1.2 ID, DC Drain Current (A) Normalized to V GS=10V @ 125A 8V 7V 6V VGS =15V, 10V & 9V Transfert Characteristics 240 200 160 120 80 40 0 0 1 2 3 4 5 6 VGS , Gate to Source Voltage (V) 7 T J=25C T J=125C T J=-55C V DS > ID(on)xRDS(on)MAX 250s pulse test @ < 0.5 duty cycle RDS(on) Drain to Source ON Resistance DC Drain Current vs Case Temperature 300 250 200 150 100 50 0 1.1 V GS=10V 1 0.9 0.8 0 25 50 75 100 125 150 175 200 ID, Drain Current (A) VGS=20V 25 50 75 100 125 150 TC, Case Temperature (C) APTM10SKM05T- Rev 0 May, 2005 APT website - http://www.advancedpower.com 4-6 APTM10SKM05T RDS(on), Drain to Source ON resistance (Normalized) Breakdown Voltage vs Temperature BVDSS, Drain to Source Breakdown Voltage (Normalized) 1.15 1.10 1.05 1.00 0.95 0.90 -50 -25 0 25 50 75 100 125 150 TJ, Junction Temperature (C) Threshold Voltage vs Temperature 1.2 VGS(TH), Threshold Voltage (Normalized) ID, Drain Current (A) 1.1 1.0 0.9 0.8 0.7 0.6 -50 -25 0 25 50 75 100 125 150 TC, Case Temperature (C) Capacitance vs Drain to Source Voltage 100000 C, Capacitance (pF) ON resistance vs Temperature 2.5 2.0 1.5 1.0 0.5 0.0 -50 -25 0 25 50 75 100 125 150 TJ, Junction Temperature (C) Maximum Safe Operating Area 1000 limited by RDSon VGS=10V ID= 125A 100s 100 1ms Single pulse TJ=150C 10 1 10ms 10 100 VDS, Drain to Source Voltage (V) VGS, Gate to Source Voltage (V) Gate Charge vs Gate to Source Voltage 16 14 12 10 8 6 4 2 0 0 200 400 600 800 1000 Gate Charge (nC) VDS=50V V DS =80V ID=250A TJ=25C V DS =20V Ciss 10000 Coss Crss 1000 0 10 20 30 40 50 VDS, Drain to Source Voltage (V) APT website - http://www.advancedpower.com 5-6 APTM10SKM05T- Rev 0 May, 2005 APTM10SKM05T Delay Times vs Current 350 300 t d(on) and td(off) (ns) VDS=66V RG=2.5 T J=125C L=100H Rise and Fall times vs Current 250 200 t r and tf (ns) VDS=66V RG=2.5 TJ=125C L=100H tr 250 200 150 100 50 0 0 td(off) 150 100 50 0 tf td(on) 100 200 300 I D, Drain Current (A) Switching Energy vs Current 400 0 100 200 300 ID, Drain Current (A) 400 Switching Energy vs Gate Resistance 5 Switching Energy (mJ) V DS =66V ID=200A T J=125C L=100H 3 2.5 Eon and Eoff (mJ) 2 1.5 1 0.5 0 0 100 200 300 400 I D, Drain Current (A) Operating Frequency vs Drain Current IDR, Reverse Drain Current (A) 100 80 60 40 20 0 50 100 150 200 250 I D, Drain Current (A) VDS=66V D=50% RG=2.5 T J=125C T C=75C Hard switching ZCS VDS=66V RG=2.5 TJ=125C L=100H Eoff 4 3 2 1 0 0 Eoff Eon Eon 5 10 15 20 25 30 Gate Resistance (Ohms) Source to Drain Diode Forward Voltage 1000 TJ=150C Frequency (kHz) 100 TJ=25C ZVS 10 1 0.3 0.5 0.7 0.9 1.1 1.3 1.5 VSD, Source to Drain Voltage (V) APT reserves the right to change, without notice, the specifications and information contained herein APT's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved. APT website - http://www.advancedpower.com 6-6 APTM10SKM05T- Rev 0 May, 2005 |
Price & Availability of APTM10SKM05T |