Part Number Hot Search : 
24E648ER AVT130 AM2903 EE08539 6LA35PI PDTC1 F2807S SF25GZ51
Product Description
Full Text Search
 

To Download APTM10DHM05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APTM10DHM05
Asymmetrical - Bridge MOSFET Power Module
VBUS Q1 CR3 G1 OUT2 S1 OUT1 CR2 Q4
VDSS = 100V RDSon = 4.5m typ @ Tj = 25C ID = 278A @ Tc = 25C
Application * * * * Welding converters Switched Mode Power Supplies Uninterruptible Power Supplies Motor control
Features *
G4
0/VBUS
S4
-
* *
OUT1 G1 S1 VBUS 0/VBUS
* Benefits
S4 G4
Power MOS V(R) MOSFETs - Low RDSon - Low input and Miller capacitance - Low gate charge - Avalanche energy rated - Very rugged Kelvin source for easy drive Very low stray inductance - Symmetrical design - M5 power connectors High level of integration
OUT2
* * * *
Outstanding performance at high frequency operation Direct mounting to heatsink (isolated package) Low junction to case thermal resistance Low profile
Absolute maximum ratings
Symbol VDSS ID IDM VGS RDSon PD IAR EAR EAS
Parameter Drain - Source Breakdown Voltage Continuous Drain Current Pulsed Drain current Gate - Source Voltage Drain - Source ON Resistance Maximum Power Dissipation Avalanche current (repetitive and non repetitive) Repetitive Avalanche Energy Single Pulse Avalanche Energy Tc = 25C Tc = 80C
mJ
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
APT website - http://www.advancedpower.com
1-6
APTM10DHM05- Rev 0 May, 2005
Tc = 25C
Max ratings 100 278 207 1100 30 5 780 100 50 3000
Unit V A V m W A
APTM10DHM05
All ratings @ Tj = 25C unless otherwise specified Electrical Characteristics
Symbol IDSS RDS(on) VGS(th) IGSS Characteristic Zero Gate Voltage Drain Current Drain - Source on Resistance Gate Threshold Voltage Gate - Source Leakage Current Test Conditions
VGS = 0V,VDS = 100V VGS = 0V,VDS = 80V
Min Tj = 25C Tj = 125C
Typ
VGS = 10V, ID = 125A VGS = VDS, ID = 5mA VGS = 30 V, VDS = 0V
4.5 2
Max 200 1000 5 4 200
Unit A m V nA
Dynamic Characteristics
Symbol Ciss Coss Crss Qg Qgs Qgd Td(on) Tr Td(off) Tf Eon Eoff Eon Eoff
Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Total gate Charge Gate - Source Charge Gate - Drain Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Switching Energy Turn-off Switching Energy Turn-on Switching Energy Turn-off Switching Energy
Test Conditions VGS = 0V VDS = 25V f = 1MHz VGS = 10V VBus = 50V ID = 250A Resistive Switching VGS = 15V VBus = 66V ID = 250A R G = 2.5 Inductive switching @ 25C VGS = 15V, VBus = 66V ID = 250A, R G =2.5 Inductive switching @ 125C VGS = 15V, VBus = 66V ID = 250A, R G = 2.5
Min
Typ 20 8 2.9 700 120 360 80 165 280 135 1.1 1.2 1.22 1.28
Max
Unit nF
nC
ns
mJ mJ
Eon includes diode reverse recovery. In accordance with JEDEC standard JESD24-1.
Diode ratings and characteristics
Symbol Characteristic VRRM IRM IF(A V) VF trr Qrr
Maximum Peak Repetitive Reverse Voltage
Test Conditions Tj = 25C Tj = 125C Tc = 80C
Min 200
Typ
Max 350 600
Unit V A A V ns nC
Maximum Reverse Leakage Current Maximum Average Forward Current Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge
VR=200V
50% duty cycle
IF = 200A VR = 133V di/dt =600A/s
Tj = 125C Tj = 25C Tj = 125C Tj = 25C Tj = 125C
110 400 1680
APT website - http://www.advancedpower.com
2-6
APTM10DHM05- Rev 0 May, 2005
IF = 200A IF = 400A IF = 200A
200 1 1.4 0.9 60
APTM10DHM05
Thermal and package characteristics
Symbol Characteristic RthJC VISOL TJ TSTG TC Torque Wt Junction to Case Operating junction temperature range Storage Temperature Range Operating Case Temperature Mounting torque Package Weight To heatsink For terminals M6 M5 transistor diode 2500 -40 -40 -40 3 2 Min Typ Max 0.16 0.30 150 125 100 5 3.5 280 Unit C/W V C N.m g
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
Package outline (dimensions in mm)
APT website - http://www.advancedpower.com
3-6
APTM10DHM05- Rev 0 May, 2005
APTM10DHM05
Typical Performance Curve
Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 0.18 Thermal Impedance (C/W) 0.16 0.14 0.12 0.1 0.08 0.06 0.04 0.02 0.7 0.5 0.3 0.1 0.05 0.0001 0.001 0.01 0.1 1 10 Single Pulse 0.9
0 0.00001
rectangular Pulse Duration (Seconds) Low Voltage Output Characteristics 1200 ID, Drain Current (A) ID, Drain Current (A) 1000 800 600 400 200 0 0 4 8 12 16 20 24 28 VDS , Drain to Source Voltage (V) RDS(on) vs Drain Current 1.2 ID, DC Drain Current (A)
Normalized to V GS=10V @ 125A 8V 7V 6V VGS =15V, 10V & 9V
Transfert Characteristics 240 200 160 120 80 40 0 0 1 2 3 4 5 6 VGS , Gate to Source Voltage (V) 7
T J=25C T J=125C T J=-55C V DS > ID(on)xRDS(on)MAX 250s pulse test @ < 0.5 duty cycle
RDS(on) Drain to Source ON Resistance
DC Drain Current vs Case Temperature 300 250 200 150 100 50 0
1.1
V GS=10V
1 0.9 0.8 0 25 50 75 100 125 150 175 200 ID, Drain Current (A)
VGS=20V
25
50
75
100
125
150
TC, Case Temperature (C)
APTM10DHM05- Rev 0 May, 2005
APT website - http://www.advancedpower.com
4-6
APTM10DHM05
RDS(on), Drain to Source ON resistance (Normalized) Breakdown Voltage vs Temperature BVDSS, Drain to Source Breakdown Voltage (Normalized) 1.15 1.10 1.05 1.00 0.95 0.90 -50 -25 0 25 50 75 100 125 150 TJ, Junction Temperature (C) Threshold Voltage vs Temperature 1.2 VGS(TH), Threshold Voltage (Normalized) ID, Drain Current (A) 1.1 1.0 0.9 0.8 0.7 0.6 -50 -25 0 25 50 75 100 125 150 TC, Case Temperature (C) Capacitance vs Drain to Source Voltage 100000 C, Capacitance (pF) ON resistance vs Temperature 2.5 2.0 1.5 1.0 0.5 0.0 -50 -25 0 25 50 75 100 125 150 TJ, Junction Temperature (C) Maximum Safe Operating Area 1000
limited by RDSon
VGS=10V ID= 125A
100s
100
1ms
Single pulse TJ=150C 10 1
10ms
10 100 VDS, Drain to Source Voltage (V)
VGS, Gate to Source Voltage (V)
Gate Charge vs Gate to Source Voltage 16 14 12 10 8 6 4 2 0 0 200 400 600 800 1000 Gate Charge (nC)
VDS=50V V DS =80V ID=250A TJ=25C V DS =20V
Ciss
10000
Coss
Crss
1000 0 10 20 30 40 50 VDS, Drain to Source Voltage (V)
APT website - http://www.advancedpower.com
5-6
APTM10DHM05- Rev 0 May, 2005
APTM10DHM05
Delay Times vs Current 350 300 t d(on) and td(off) (ns)
VDS=66V RG=2.5 T J=125C L=100H
Rise and Fall times vs Current 250 200 t r and tf (ns)
VDS=66V RG=2.5 TJ=125C L=100H
tr
250 200 150 100 50 0 0
td(off)
150 100 50 0
tf
td(on)
100 200 300 I D, Drain Current (A) Switching Energy vs Current
400
0
100 200 300 ID, Drain Current (A)
400
Switching Energy vs Gate Resistance 5 Switching Energy (mJ)
V DS =66V ID=200A T J=125C L=100H
3 2.5 Eon and Eoff (mJ) 2 1.5 1 0.5 0 0 100 200 300 400 I D, Drain Current (A) Operating Frequency vs Drain Current IDR, Reverse Drain Current (A) 100 80 60 40 20 0 50 100 150 200 250 I D, Drain Current (A)
VDS=66V D=50% RG=2.5 T J=125C T C=75C Hard switching ZCS VDS=66V RG=2.5 TJ=125C L=100H
Eoff
4 3 2 1 0 0
Eoff
Eon
Eon
5
10
15
20
25
30
Gate Resistance (Ohms) Source to Drain Diode Forward Voltage 1000
TJ=150C
Frequency (kHz)
100
TJ=25C
ZVS
10
1 0.3 0.5 0.7 0.9 1.1 1.3 1.5 VSD, Source to Drain Voltage (V)
APT reserves the right to change, without notice, the specifications and information contained herein
APT's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
APT website - http://www.advancedpower.com
6-6
APTM10DHM05- Rev 0 May, 2005


▲Up To Search▲   

 
Price & Availability of APTM10DHM05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X