Part Number Hot Search : 
2N4245 87C51FC A1601 TIP50 500EA S72N27SF MB914 30011
Product Description
Full Text Search
 

To Download APTGT300A120G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APTGT300A120G
Phase leg Fast Trench + Field Stop IGBT(R) Power Module
VBUS Q1 G1
VCES = 1200V IC = 300A @ Tc = 80C
Application * Welding converters * Switched Mode Power Supplies * Uninterruptible Power Supplies * Motor control Features * Fast Trench + Field Stop IGBT(R) Technology - Low voltage drop - Low tail current - Switching frequency up to 20 kHz - Soft recovery parallel diodes - Low diode VF - Low leakage current - Avalanche energy rated - RBSOA and SCSOA rated * Kelvin emitter for easy drive * Very low stray inductance - Symmetrical design - M5 power connectors * High level of integration Benefits * Stable temperature behavior * Very rugged * Direct mounting to heatsink (isolated package) * Low junction to case thermal resistance * Easy paralleling due to positive TC of VCEsat * Low profile * RoHS Compliant
E1
OUT
Q2 G2
E2 0/VBUS
G1 E1
VBUS
0/VBUS
OUT
E2 G2
Absolute maximum ratings
Symbol VCES IC ICM VGE PD RBSOA
Parameter Collector - Emitter Breakdown Voltage Continuous Collector Current Pulsed Collector Current Gate - Emitter Voltage Maximum Power Dissipation TC = 25C TC = 80C TC = 25C TC = 25C Tj = 125C
Reverse Bias Safe Operating Area
600A @ 1100V
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed. See application note APT0502 on www.microsemi.com
www.microsemi.com
1-5
APTGT300A120G - Rev 1
July, 2006
Max ratings 1200 420 300 600 20 1380
Unit V A V W
APTGT300A120G
All ratings @ Tj = 25C unless otherwise specified Electrical Characteristics
Symbol Characteristic ICES VCE(sat) VGE(th) IGES Zero Gate Voltage Collector Current Collector Emitter Saturation Voltage Gate Threshold Voltage Gate - Emitter Leakage Current Test Conditions VGE = 0V, VCE = 1200V Tj = 25C VGE =15V IC = 300A Tj = 125C VGE = VCE , IC = 4 mA VGE = 20V, VCE = 0V Min 1.4 5.0 Typ 1.7 2.0 5.8 Max 500 2.1 6.5 600 Unit A V V nA
Dynamic Characteristics
Symbol Cies Coes Cres Td(on) Tr Td(off) Tf Td(on) Tr Td(off) Tf Eon Eoff
Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn on Energy Turn off Energy
Test Conditions VGE = 0V VCE = 25V f = 1MHz Inductive Switching (25C) VGE = 15V VBus = 600V IC = 300A R G = 1.8 Inductive Switching (125C) VGE = 15V VBus = 600V IC = 300A R G = 1.8 VGE = 15V Tj = 125C VBus = 600V IC = 300A Tj = 125C R G = 1.8
Min
Typ 21 1.2 0.9 260 30 420 70 290 50 520 90 30
Max
Unit nF
ns
ns
mJ 30
Reverse diode ratings and characteristics
Symbol Characteristic VRRM Maximum Peak Repetitive Reverse Voltage IRM IF VF trr Qrr Er Maximum Reverse Leakage Current DC Forward Current Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Energy
Test Conditions VR=1200V IF = 300A VGE = 0V Tj = 25C Tj = 125C Tc = 80C Tj = 25C Tj = 125C Tj = 25C IF = 300A VR = 600V
di/dt =3000A/s
Min 1200
Typ
Max 500 700
Unit V A A
300 1.6 1.6 170 280 27 54 15 27
2.1
V ns C mJ
July, 2006 2-5 APTGT300A120G - Rev 1
Tj = 125C Tj = 25C Tj = 125C Tj = 25C Tj = 125C
www.microsemi.com
APTGT300A120G
Thermal and package characteristics
Symbol Characteristic RthJC VISOL TJ TSTG TC Torque Wt Junction to Case Thermal Resistance Operating junction temperature range Storage Temperature Range Operating Case Temperature Mounting torque Package Weight To heatsink For terminals M6 M5 IGBT Diode 2500 -40 -40 -40 3 2 Min Typ Max 0.09 0.17 150 125 100 5 3.5 280 Unit C/W V C N.m g
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
SP6 Package outline (dimensions in mm)
See application note APT0601 - Mounting Instructions for SP6 Power Modules on www.microsemi.com
www.microsemi.com
3-5
APTGT300A120G - Rev 1
July, 2006
APTGT300A120G
Typical Performance Curve
600 500 IC (A) 400 IC (A) 300 200 100 0 0 1 2 VCE (V) 3 4 Output Characteristics (VGE =15V) Output Characteristics 600 500
TJ=125C
TJ=25C
T J = 125C
V GE=17V VGE =13V VGE=15V
400 300 200 100 0 0 1 2 VCE (V)
VGE =9V
3
4
600 500 400 IC (A) 300 200
Transfert Characteristics
TJ=25C TJ=125C
75 62.5 50 E (mJ) 37.5 25
Energy losses vs Collector Current
VCE = 600V VGE = 15V RG = 1.8 TJ = 125C Eon Eoff Er Eon
TJ=125C
100 0 5 6 7 8 9 V GE (V) 10 11 12
12.5 0 0 100 200 300 IC (A) Reverse Bias Safe Operating Area 700 600 500 IC (A)
Eoff
400
500
600
Switching Energy Losses vs Gate Resistance 70 60 50 E (mJ) 40 30 20 10 0 0 2 4 6 8 10 Gate Resistance (ohms) 12
VCE = 600V VGE =15V IC = 300A T J = 125C
Eon
400 300 200 100 0 0 300 600 900 VCE (V) 1200 1500
VGE =15V T J=125C RG=1.8
Er
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 0.1 Thermal Impedance (C/W) 0.08 0.06 0.5 0.04 0.02 0.3 0.1 0.05 0.0001 0.001 Single Pulse 0.01 0.1 1 10 0.9 0.7
IGBT
0 0.00001
rectangular Pulse Duration (Seconds)
www.microsemi.com
4-5
APTGT300A120G - Rev 1
July, 2006
APTGT300A120G
Operating Frequency vs Collector Current Fmax, Operating Frequency (kHz) 60 50
ZVS VCE =600V D=50% RG=1.8 T J=125C Tc=75C
Forward Characteristic of diode 600 500 400 IF (A) 300 200
T J=125C T J=25C
40 30 20 10 0 0 50
Hard switching ZCS
100 0
T J=125C
100 150 200 250 300 350 400 IC (A)
0
0.4
0.8
1.2 1.6 V F (V)
2
2.4
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 0.2 Thermal Impedance (C/W) 0.16 0.12 0.08 0.04 0.9 0.7 0.5 0.3 0.1 0.05 0.0001 0.001 Single Pulse 0.01 0.1 1 10
Diode
0 0.00001
rectangular Pulse Duration (Seconds)
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
www.microsemi.com
5-5
APTGT300A120G - Rev 1
Microsemi reserves the right to change, without notice, the specifications and information contained herein
July, 2006


▲Up To Search▲   

 
Price & Availability of APTGT300A120G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X