Part Number Hot Search : 
54LS1 FAN8727 2SB806 1N4549B 20EB1 0STRR LM157 2951C
Product Description
Full Text Search
 

To Download APT30M85 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APT30M85BVFR
300V 40A 0.085
POWER MOS V (R)
FREDFET
TO-247
Power MOS V(R) is a new generation of high voltage N-Channel enhancement mode power MOSFETs. This new technology minimizes the JFET effect, increases packing density and reduces the on-resistance. Power MOS V(R) also achieves faster switching speeds through optimized gate layout.
* Fast Recovery Body Diode * Lower Leakage * Faster Switching
MAXIMUM RATINGS
Symbol VDSS ID IDM VGS VGSM PD TJ,TSTG TL IAR EAR EAS Parameter Drain-Source Voltage
* 100% Avalanche Tested * Popular TO-247 Package
G
FREDFET
D
S
All Ratings: TC = 25C unless otherwise specified.
APT30M85BVFR UNIT Volts Amps
300 40 160 30 40 300 2.4 -55 to 150 300 40 30
4 1
Continuous Drain Current @ TC = 25C Pulsed Drain Current
Gate-Source Voltage Continuous Gate-Source Voltage Transient Total Power Dissipation @ TC = 25C Linear Derating Factor Operating and Storage Junction Temperature Range Lead Temperature: 0.063" from Case for 10 Sec. Avalanche Current
1
Volts Watts W/C C Amps mJ
(Repetitive and Non-Repetitive)
1
Repetitive Avalanche Energy
Single Pulse Avalanche Energy
1300
STATIC ELECTRICAL CHARACTERISTICS
Symbol BVDSS ID(on) RDS(on) IDSS IGSS VGS(th) Characteristic / Test Conditions Drain-Source Breakdown Voltage (VGS = 0V, I D = 250A) On State Drain Current
2
MIN
TYP
MAX
UNIT Volts Amps
300 40 0.085 250 1000 100 2 4
(VDS > I D(on) x R DS(on) Max, VGS = 10V)
2
Drain-Source On-State Resistance
(VGS = 10V, 0.5 ID[Cont.])
Ohms A nA Volts
050-5533 Rev C
Zero Gate Voltage Drain Current (VDS = VDSS, VGS = 0V) Zero Gate Voltage Drain Current (VDS = 0.8 VDSS, VGS = 0V, TC = 125C) Gate-Source Leakage Current (VGS = 30V, VDS = 0V) Gate Threshold Voltage (VDS = VGS, ID = 1.0mA)
APT Website - http://www.advancedpower.com
Bend, Oregon 97702 -1035 F-33700 Merignac - France Phone: (541) 382-8028 Phone: (33) 5 57 92 15 15
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
USA
405 S.W. Columbia Street
FAX: (541) 388-0364 FAX: (33) 5 56 47 97 61
EUROPE
Avenue J.F. Kennedy Bat B4 Parc Cadera Nord
DYNAMIC CHARACTERISTICS
Symbol Ciss Coss Crss Qg Qgs Qgd t d(on) tr t d(off) tf Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge
3
APT30M85BVFR
Test Conditions VGS = 0V VDS = 25V f = 1 MHz VGS = 10V VDD = 0.5 VDSS ID = ID [Cont.] @ 25C VGS = 15V VDD = 0.5 VDSS ID = ID [Cont.] @ 25C RG = 1.6 MIN TYP MAX UNIT pF
4100 700 200 130 25 55 12 10 43 7
4950 980 300 195 37 77 24 20 35 14
ns nC
Gate-Source Charge Gate-Drain ("Miller ") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
Symbol IS ISM VSD
dv/ dt
Characteristic / Test Conditions Continuous Source Current (Body Diode) Pulsed Source Current Diode Forward Voltage
1 2
MIN
TYP
MAX
UNIT Amps Volts V/ns ns C Amps
40 160 1.3 5
Tj = 25C Tj = 125C Tj = 25C Tj = 125C Tj = 25C Tj = 125C
(Body Diode) (VGS = 0V, IS = -ID [Cont.])
5
Peak Diode Recovery dv/dt
t rr Q rr IRRM
Reverse Recovery Time (IS = -ID [Cont.], di/dt = 100A/s) Reverse Recovery Charge (IS = -ID [Cont.], di/dt = 100A/s) Peak Recovery Current (IS = -ID [Cont.], di/dt = 100A/s)
200 400 0.8 3.8 10 23
THERMAL CHARACTERISTICS
Symbol RJC RJA Characteristic Junction to Case Junction to Ambient MIN TYP MAX UNIT C/W
0.42 40
1 Repetitive Rating: Pulse width limited by maximum junction
temperature. 2 Pulse Test: Pulse width < 380 S, Duty Cycle < 2%
3 See MIL-STD-750 Method 3471 4 Starting T = +25C, L = 1.63mH, R = 25, Peak I = 40A j G L 5 I -I [Cont.], di/ = 100A/s, V S D DD VDSS, Tj 150C, RG = 2.0, dt
VR = 200V.
APT Reserves the right to change, without notice, the specifications and information contained herein.
0.5 , THERMAL IMPEDANCE (C/W) D=0.5 0.2 0.1 0.05 0.02 0.01 0.005 SINGLE PULSE 0.01
0.1 0.05
Note:
PDM
t1 t2 Duty Factor D = t1/t2
050-5533 Rev C
Z
JC
Peak TJ = PDM x ZJC + TC
0.001 10-5
10-3 10-2 10-1 1.0 10 RECTANGULAR PULSE DURATION (SECONDS) FIGURE 1, MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs PULSE DURATION
10-4
APT30M85BVFR
60 ID, DRAIN CURRENT (AMPERES) 50 5.5V 40 30 5V 20 10 0 4.5V VGS=6V, 7V, 10V & 15V ID, DRAIN CURRENT (AMPERES) 60 VGS=15V VGS=10V VGS=7V 5.5V 40 30 5V 20 10 0 4.5V 6V
50
4V 0 30 60 90 120 150 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 2, TYPICAL OUTPUT CHARACTERISTICS RDS(ON), DRAIN-TO-SOURCE ON RESISTANCE 60 ID, DRAIN CURRENT (AMPERES) 50 40 30 TJ = -55C TJ = +25C TJ = +125C
VDS> ID (ON) x RDS (ON)MAX. 250 SEC. PULSE TEST @ <0.5 % DUTY CYCLE
4V 0 1 2 3 4 5 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 3, TYPICAL OUTPUT CHARACTERISTICS 2.0
V
GS
NORMALIZED TO = 10V @ 0.5 I [Cont.]
D
1.8 1.6 1.4
VGS=10V VGS=20V
20 10 0 TJ = +125C TJ = +25C TJ = -55C
1.2 1.0 0.8
0 2 4 6 8 VGS, GATE-TO-SOURCE VOLTAGE (VOLTS) FIGURE 4, TYPICAL TRANSFER CHARACTERISTICS 40 ID, DRAIN CURRENT (AMPERES)
0
25 50 75 100 125 150 ID, DRAIN CURRENT (AMPERES) FIGURE 5, RDS(ON) vs DRAIN CURRENT
BVDSS, DRAIN-TO-SOURCE BREAKDOWN VOLTAGE (NORMALIZED) 25
I = 0.5 I [Cont.]
D D
1.20 1.15
32
1.10 1.05 1.00 0.95 0.90
24
16
8
50 75 100 125 150 TC, CASE TEMPERATURE (C) FIGURE 6, MAXIMUM DRAIN CURRENT vs CASE TEMPERATURE RDS(ON), DRAIN-TO-SOURCE ON RESISTANCE (NORMALIZED) 2.5 VGS(TH), THRESHOLD VOLTAGE (NORMALIZED)
V
GS
0
-25 0 25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) FIGURE 7, BREAKDOWN VOLTAGE vs TEMPERATURE 1.2
-50
= 10V
2.0
1.1 1.0 0.9 0.8 0.7 050-5533 Rev C
1.5
1.0
0.5
0.0 -50
-25 0 25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) FIGURE 8, ON-RESISTANCE vs. TEMPERATURE
-25 0 25 50 75 100 125 150 TC, CASE TEMPERATURE (C) FIGURE 9, THRESHOLD VOLTAGE vs TEMPERATURE
0.6
-50
APT30M85BVFR
200 100 ID, DRAIN CURRENT (AMPERES) 50
OPERATION HERE LIMITED BY RDS (ON)
10S 100S C, CAPACITANCE (pF)
10,000 5,000 Ciss
1mS 10 5 10mS 100mS 1 .5 TC =+25C TJ =+150C SINGLE PULSE DC
Coss 1,000 500 Crss
.1
1 5 10 50 100 300 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 10, MAXIMUM SAFE OPERATING AREA
I = I [Cont.]
D D
.01 .1 1 10 50 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 11, TYPICAL CAPACITANCE vs DRAIN-TO-SOURCE VOLTAGE IDR, REVERSE DRAIN CURRENT (AMPERES) 200 100 50 TJ =+150C TJ =+25C
100
VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
20 VDS=60V VDS=150V 12 VDS=240V 8
16
10 5
1 .5
4
50 100 150 200 250 Qg, TOTAL GATE CHARGE (nC) FIGURE 12, GATE CHARGES vs GATE-TO-SOURCE VOLTAGE
0
0
0 0.4 0.8 1.2 1.6 2.0 VSD, SOURCE-TO-DRAIN VOLTAGE (VOLTS) FIGURE 13, TYPICAL SOURCE-DRAIN DIODE FORWARD VOLTAGE
.1
TO-247 Package Outline
4.69 (.185) 5.31 (.209) 1.49 (.059) 2.49 (.098) 6.15 (.242) BSC 15.49 (.610) 16.26 (.640) 5.38 (.212) 6.20 (.244)
Drain
20.80 (.819) 21.46 (.845) 3.50 (.138) 3.81 (.150)
4.50 (.177) Max. 0.40 (.016) 0.79 (.031)
2.87 (.113) 3.12 (.123) 1.65 (.065) 2.13 (.084)
19.81 (.780) 20.32 (.800) 1.01 (.040) 1.40 (.055)
Gate Drain Source
2.21 (.087) 2.59 (.102)
050-5533 Rev C
5.45 (.215) BSC 2-Plcs.
Dimensions in Millimeters and (Inches)
APT's devices are covered by one or more of the following U.S.patents: 4,895,810 5,256,583 5,045,903 4,748,103 5,089,434 5,283,202 5,182,234 5,231,474 5,019,522 5,434,095 5,262,336 5,528,058


▲Up To Search▲   

 
Price & Availability of APT30M85

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X