Part Number Hot Search : 
DSM3MA A1231 D2SB60A FSUSB 1021T 2149N 1MD02020 2SC3739
Product Description
Full Text Search
 

To Download 8141R1KT5L25XX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MODEL 8140 SERIES
7/8" Diameter 10-Turn* Hybrid Precision Potentiometer / Position Sensor
MODEL STYLES
2
8141 8143 8146 8148 (for heavy side load applications) NEW PRODUCT
ELECTRICAL
1/8" Shaft, 1/4" Bushing 1/8" Shaft, Servo 1/4" Shaft, 3/8" Bushing 1/4" Shaft, 3/8" Bushing
Resistance Range, Ohms Standard Resistance Tolerance Minimum Practical Resistance Tolerance Independent Linearity Power Rating, Watts Dielectric Strength Insulation Resistance, Minimum Output Smoothness, Maximum Actual Electrical Travel, Nominal Tap Tolerance (Voltage Tap Only) End Voltage, Maximum Resolution Temperature Coefficient
ENVIRONMENTAL (MIL-R-12934)
1K to 100K 10% 5% 0.25% 2.0 at 70C derating to 0 at 125C 1,000V rms 1,000 Megohms 0.05%5K Ohms, 0.03%>5K Ohms 3600 0.05% of input voltage 0.2% of input voltage Essentially Infinite +100ppm/C, -150ppm/C
Operating Temperature Range Temperature Cycling Shock, 6ms Sawtooth Vibration Moisture Resistance High Temperature Exposure Rotational Load Life Rotational Life Model 8148 (1 pound Side Load)
Specifications subject to change without notice. * Model available in 3 & 5 turn versions.
Static: -55C to +125C Dynamic: -40C to +125C 5 cycles, -40C to +125C (5% R) 100G's (0.1ms discontinuity max.) 15G's, 10 to 2,000 Hz (5% R, 0.1ms discontinuity max.) Five 24 hour cycles (3% R) 1,000 hours at 125C (5% R) 5 mil. shaft rev. + 900 hrs. at rated wattage at 70C (5% R) 5 mil. shaft rev. + 900 hrs. at rated wattage at 70C (5% R)
2-123
Model 8140 Series
MECHANICAL
Total Mechanical Travel Number of Gangs, Maximum Weight, Nominal (single gang) Backlash, Maximum Static Stop Strength Panel Nut Tightening Torque, Maximum Shaft End Play, Maximum Shaft Runout, T.I.R., Maximum Pilot Diameter Runout, T.I.R., Maximum Lateral Runout, T.I.R., Maximum Shaft Radial Play, Maximum Start/Run Torque, Maximum (per gang)
STANDARD RESISTANCE VALUES, OHMS
8141, 8146 60 oz.-in. 25 lb.-in. .010" .003" .004" .005" .003" 0.8 oz.-in.
3600 + 15 - 0 2 0.75 oz. 1 8143 36 oz.-in. NA .005" .002" .002" .004" .002" 0.6 oz.-in.
1K
2K
5K
10K
20K
50K
100K
METRIC CONVERSIONS
1 in. 1 oz.
25.4 mm 28.4 gm
1 oz.-in. 1 lb.-in.
0,007 N-m 0,113 N-m
2-124
Model 8140 Series
OUTLINE DIMENSIONS (Inch/mm)
Models 8141 & 8146 Bushing Mount with Sleeve Bearing
Dim. A
8141 .688.031 17.4750.787 +.0000 -.0003 Dia. +0.0000 3.1699 -0.0076 .1248 +.000 .281 -.002 Dia. +0.000 7.137 -0.051 1/4-32 UNEF Thread
8146 .812.031 20.6250.787 +.0000 -.0005 Dia. +0.0000 6.3500 -0.0127 .2500 +.000 .406 -.002 Dia. +0.000 10.312 -0.051 3/8-32 UNEF Thread
B
2
1.125.031 28.580.79 .750.016 19.10.41 Slider CCW CW
Mounting Surface Dim. A
C D
.125 Min. 3.18
Dim. B Dim. C 75 Max. .625 R Max. 15.9
.080.001 Dia. 2.030.03
Slot: .032.005/0.8130.127 Wide X .032+.010-.000/0.813+0.254-0.000 Deep (Not on Rear Shaft Models) +.000 -.010 +0.00 1.58 -0.25 .062 Dim. D .312.016 7.930.41 Chamfer .016/0.41 Max. x 45 .875.016 Dia. 22.20.41
OPTIONAL TERMINAL CONFIGURATION
40 VIEW B SLIDER .625 R MAX 15.9 R MAX
.110 2.794 .020 Thickness .060 .003 Dia. 1.524 .076 .062 .003 1.524 .076
Use Special Feature Code "FT" to order. Enlarged View B
2-125
Model 8140 Series
OUTLINE DIMENSIONS (Inch/mm)
Model 8143 Servo Mount wiht Ball Bearing Mounting Surface .375.031 9.530.79 .781 Dia. Max. 19.8 +.0000 .1248 -.0003 Dia. +0.0000 3.1699 -0.0076 +.000 -.001 +0.000 Dia. 15.875 -0.025 .625 .057 Min. 1.45 .062.005 1.580.13 Chamfer .016/0.406 Max. x 45 .062.005 1.580.13
1.250.031 31.750.79 .875.016 22.20.41 .250 CCW 6.35 CW Min.
.625 R. Max. 15.9 105 Max.
Clamp Ears
Slider
.080.001 Dia. 2.030.03 .875.016 22.20.41 Housing Dia.
+.005 .875 -.010 +0.13 Dia. 22.2 -0.25
Clamp .922 Dia. Max. 23.4
OPTIONAL TERMINAL CONFIGURATION
105 MAX 40 VIEW B SLIDER .625 R MAX 15.9 R MAX
.110 2.794 .020 Thickness .060 .003 Dia. 1.524 .076 .062 .003 1.524 .076
Use Special Feature Code "FT" to order. Enlarged View B
2-126
Model 8140 Series
SPECIAL FEATURES
Center Tap Linearity Tape Rear Shaft Extension (8143, 8146 single cup only) Flatted Shaft Slotted Shaft (Standard on single gang 8146 without RS) Shaft Lock (8141, 8146 only) High Torque 2-6 oz.-in. (8146 only) Additional Gangs Gold plated solder lug terminals (See optional terminal configuration)
ORDERING INFORMATION
CT LT RS FS SS SL HT 2G FT
2
8146 R 10K T5 L .25 XX Model Series Resistance Prefix Resistance Value Optional Special Feature Code Linearity Optional Non-Standard Tolerance
MATCHING TURNS COUNTING DIALS
8141: RBJ, 2601, 2641 8146: 2606, 2607, 2626, 2627, 2646, 2647, 2126, 2606S, 2607S, 2646S, 2647S, RB
CIRCUIT DIAGRAM
NOTES
(S) (CCW) (CW)
Metric equivalents, based on 1 inch = 25.4mm are rounded to the same number of significant figures as in the original English units and are provided for general information only. Tolerances unless otherwise specified: Linear = .01 inches (.25mm) Angular = 2 degrees
INCH mm
2-127
Model 8140 Series


▲Up To Search▲   

 
Price & Availability of 8141R1KT5L25XX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X