Part Number Hot Search : 
LC5540LF XC402 Z8420BB1 MAX2373 M1261S A1504 DEI1073 6NC60FP
Product Description
Full Text Search
 

To Download 74F189PC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74F189 64-Bit Random Access Memory with 3-STATE Outputs
April 1988 Revised July 1999
74F189 64-Bit Random Access Memory with 3-STATE Outputs
General Description
The F189 is a high-speed 64-bit RAM organized as a 16word by 4-bit array. Address inputs are buffered to minimize loading and are fully decoded on-chip. The outputs are 3-STATE and are in the high impedance state whenever the Chip Select (CS) input is HIGH. The outputs are active only in the Read mode and the output data is the complement of the stored data.
Features
s 3-STATE outputs for data bus applications s Buffered inputs minimize loading s Address decoding on-chip s Diode clamped inputs minimize ringing
Ordering Code:
Order Number 74F189SC 74F189SJ 74F189PC Package Number M16B M16D N16E Package Description 16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide 16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Devices also available in Tape and Reel. Specify by appending suffix "X" to the ordering code.
Logic Symbols Connection Diagram
IEEE/IEC
(c) 1999 Fairchild Semiconductor Corporation
DS009493
www.fairchildsemi.com
74F189
Unit Loading/Fan Out
U.L. Pin Names A0-A3 CS WE D0-D3 O 0-O 3 Description HIGH/LOW Address Inputs Chip Select Input (Active LOW) Write Enable Input (Active LOW) Data Inputs Inverted Data Outputs 1.0/1.0 1.0/1.0 1.0/1.0 1.0/1.0 Input IIH/IIL Output IOH/IOL 20 A/-0.6 mA 20 A/-1.2 mA 20 A/-0.6 mA 20 A/-0.6 mA
150/40 (33.3) -3.0 mA/24 mA (20 mA)
Function Table
Inputs Operation CS L L H
H = HIGH Voltage Level L = LOW Voltage Level X = Immaterial
Condition of Outputs High Impedance Complement of Stored Data High Impedance
WE L H X Write Read Inhibit
Block Diagram
www.fairchildsemi.com
2
74F189
Absolute Maximum Ratings(Note 1)
Storage Temperature Ambient Temperature under Bias Junction Temperature under Bias VCC Pin Potential to Ground Pin Input Voltage (Note 2) Input Current (Note 2) Voltage Applied to Output in HIGH State (with VCC = 0V) Standard Output 3-STATE Output Current Applied to Output in LOW State (Max) -0.5V to VCC -0.5V to +5.5V -0.5V to +7.0V -0.5V to +7.0V -30 mA to +5.0 mA -65C to +150C -55C to +125C -55C to +175C
Recommended Operating Conditions
Free Air Ambient Temperature Supply Voltage 0C to +70C +4.5V to +5.5V
Note 1: Absolute maximum ratings are values beyond which the device may be damaged or have its useful life impaired. Functional operation under these conditions is not implied. Note 2: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
Symbol VIH VIL VCD VOH Parameter Input HIGH Voltage Input LOW Voltage Input Clamp Diode Voltage Output HIGH Voltage 10% VCC 10% VCC 5% VCC 5% VCC VOL Output LOW Voltage IIH Input HIGH Current IBVI Input HIGH Current Breakdown Test ICEX Output HIGH Leakage Current VID Input Leakage Test IOD Output Leakage Circuit Current IIL Input LOW Current -0.6 -1.2 IOZH IOZL IOS IZZ ICCZ Output Leakage Current Output Leakage Current Output Short-Circuit Current Bus Drainage Test Power Supply Current 37 -60 50 -50 -150 500 55 A A mA A mA Max Max Max 0.0V Max mA Max 3.75 A 0.0 4.75 50 A V Max 0.0 VOUT = VCC IID = 1.9 A All Other Pins Grounded VIOD = 150 mV All Other Pins Grounded VIN = 0.5V (except CS) VIN = 0.5V (CS) VOUT = 2.7V VOUT = 0.5V VOUT = 0V VOUT = 5.25V VO = HIGH Z 7.0 A Max VIN = 7.0V 5.0 A Max VIN = 2.7V 10% VCC 0.5 V Min IOL = 24 mA 2.5 2.4 V 2.7 2.7 Min Min 2.0 0.8 -1.2 Typ Max Units V V V Min VCC Conditions Recognized as a HIGH Signal Recognized as a LOW Signal IIN = -18 mA IOH = -1 mA IOH = -3 mA IOH = -1 mA IOH = -3 mA
3
www.fairchildsemi.com
74F189
AC Electrical Characteristics
TA = +25C Symbol Parameter Min tPLH tPHL tPZH tPZL tPHZ tPLZ tPZH tPZL tPHZ tPLZ Access Time, HIGH or LOW An to On Access Time, HIGH or LOW CS to On Disable Time, HIGH or LOW CS to On Write Recovery Time, HIGH or LOW WE to On Disable Time, HIGH or LOW WE to On 10.0 8.0 3.5 5.0 2.0 3.0 6.5 6.5 4.0 5.0 VCC = +5.0V CL = 50 pF Typ 18.5 13.5 6.0 9.0 4.0 5.5 15.0 11.0 7.0 9.0 Max 26.0 19.0 8.5 13.0 6.0 8.0 28.0 15.5 10.0 13.0 TA = -55C to +125C VCC = +5.0V CL = 50 pF Min 9.0 8.0 3.5 5.0 2.0 2.5 6.5 6.5 3.5 5.0 Max 32.0 23.0 10.5 15.0 8.0 10.0 37.5 17.5 12.0 15.0 TA = 0C to +70C VCC = +5.0V CL = 50 pF Min 10.0 8.0 3.5 5.0 2.0 3.0 6.5 6.5 4.0 5.0 Max 27.0 ns 20.0 9.5 ns 14.0 7.0 ns 9.0 29.0 ns 16.5 11.0 ns 14.0 Units
AC Operating Requirements
TA = +25C Symbol Parameter VCC = +5.0V Min tS(H) tS(L) tH(H) tH(L) tS(H) tS(L) tH(H) tH(L) tS(L) Setup Time, HIGH or LOW An to WE Hold Time, HIGH or LOW An to WE Setup Time, HIGH or LOW Dn to WE Hold Time, HIGH or LOW Dn to WE Setup Time, LOW CS to WE ns tH(L) Hold Time, LOW CS to WE tW(L) WE Pulse Width, LOW 6.0 15.0 6.0 ns 6.0 7.5 6.0 0 0 2.0 2.0 10.0 10.0 0 0 0 Max TA = -55C to +125C VCC = +5.0V Min 0 0 2.0 2.0 11.0 11.0 2.0 2.0 0 Max TA = 0C to +70C VCC = +5.0V Min 0 0 ns 2.0 2.0 10.0 10.0 ns 0 0 0 Max Units
www.fairchildsemi.com
4
74F189
Physical Dimensions inches (millimeters) unless otherwise noted
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS013, 0.300" Wide Body Package Number M16B
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-OO1, 0.300" Wide Package Number N16E
5
www.fairchildsemi.com
74F189 64-Bit Random Access Memory with 3-STATE Outputs
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
16-Lead Small Outline Package (SOP), EIAJ TYPE ll, 5.3mm Wide Package Number M16D
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. www.fairchildsemi.com 6 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of 74F189PC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X