Part Number Hot Search : 
MY85C 87568 XB0485P PDSP1 AD203 1240M1 NX2016SA EDF1DM
Product Description
Full Text Search
 

To Download 74AUP2G126 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74AUP2G126
Low-power dual buffer/line driver; 3-state
Rev. 01 -- 9 October 2006 Product data sheet
1. General description
The 74AUP2G126 is a high-performance, low-power, low-voltage, Si-gate CMOS device, superior to most advanced CMOS compatible TTL families. Schmitt-trigger action at all inputs makes the circuit tolerant to slower input rise and fall times across the entire VCC range from 0.8 V to 3.6 V. This device ensures a very low static and dynamic power consumption across the entire VCC range from 0.8 V to 3.6 V. This device is fully specified for partial Power-down applications using IOFF. The IOFF circuitry disables the output, preventing the damaging backflow current through the device when it is powered down. The 74AUP2G126 provides the dual non-inverting buffer/line driver with 3-state output. The 3-state output is controlled by the output enable input (nOE). A LOW level at pin nOE causes the output to assume a high-impedance OFF-state. This device has the input-disable feature, which allows floating input signals. The inputs are disabled when the output enable input nOE is LOW.
2. Features
I Wide supply voltage range from 0.8 V to 3.6 V I High noise immunity I Complies with JEDEC standards: N JESD8-12 (0.8 V to 1.3 V) N JESD8-11 (0.9 V to 1.65 V) N JESD8-7 (1.2 V to 1.95 V) N JESD8-5 (1.8 V to 2.7 V) N JESD8-B (2.7 V to 3.6 V) I ESD protection: N HBM JESD22-A114-D Class 3A exceeds 4000 V N MM JESD22-A115-A exceeds 200 V N CDM JESD22-C101-C exceeds 1000 V I Low static power consumption; ICC = 0.9 A (maximum) I Latch-up performance exceeds 100 mA per JESD 78 Class II I Inputs accept voltages up to 3.6 V I Low noise overshoot and undershoot < 10 % of VCC I Input-disable feature allows floating input conditions I IOFF circuitry provides partial Power-down mode operation I Multiple package options I Specified from -40 C to +85 C and -40 C to +125 C
NXP Semiconductors
74AUP2G126
Low-power dual buffer/line driver; 3-state
3. Ordering information
Table 1. Ordering information Package Temperature range Name 74AUP2G126DC 74AUP2G126GT 74AUP2G126GM -40 C to +125 C -40 C to +125 C -40 C to +125 C VSSOP8 XSON8 XQFN8 Description Version plastic very thin shrink small outline package; 8 leads; SOT765-1 body width 2.3 mm plastic extremely thin small outline package; no leads; SOT833-1 8 terminals; body 1 x 1.95 x 0.5 mm plastic extremely thin quad flat package; no leads; 8 terminals; body 1.6 x 1.6 x 0.5 mm SOT902-1 Type number
4. Marking
Table 2. Marking Marking code p26 p26 p26 Type number 74AUP2G126DC 74AUP2G126GT 74AUP2G126GM
5. Functional diagram
2 1 5 7
1A 1OE 2A 2OE
1Y 6 2Y 3 nA nY
nOE
mna946 mna234
Fig 1. Logic symbol
Fig 2. Logic diagram (one gate)
6. Pinning information
6.1 Pinning
74AUP2G126
1OE 1A 2Y GND 1 2 3 4
001aae997
8 7 6 5
VCC 2OE 1Y 2A
Fig 3. Pin configuration SOT765-1 (VSSOP8)
74AUP2G126_1
(c) NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 -- 9 October 2006
2 of 19
NXP Semiconductors
74AUP2G126
Low-power dual buffer/line driver; 3-state
74AUP2G126 74AUP2G126
1OE 1 8 VCC terminal 1 index area 2OE 1 VCC 8
7
1OE
1A
2
7
2OE
1Y
2
6
1A
2Y
3
6
1Y 2A 3 4 5 2Y
GND
GND
4
5
2A
001aae999
001aae998
Transparent top view
Transparent top view
Fig 4. Pin configuration SOT833-1 (XSON8)
Fig 5. Pin configuration SOT902-1 (XQFN8)
6.2 Pin description
Table 3. Symbol 1OE 1A 2Y GND 2A 1Y 2OE VCC Pin description Pin SOT765-1/SOT833-1 1 2 3 4 5 6 7 8 SOT902-1 7 6 5 4 3 2 1 8 output enable input 1OE (active HIGH) data input 1A data output 2Y ground (0 V) data input 2A data output 1Y output enable input 2OE (active HIGH) supply voltage Description
7. Functional description
Table 4. Input nOE H H L
[1] H = HIGH voltage level; L = LOW voltage level; X = Don't care; Z = high-impedance OFF-state.
Function table[1] Output nA L H X nY L H Z
74AUP2G126_1
(c) NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 -- 9 October 2006
3 of 19
NXP Semiconductors
74AUP2G126
Low-power dual buffer/line driver; 3-state
8. Limiting values
Table 5. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V). Symbol VCC IIK VI IOK VO IO ICC IGND Tstg Ptot
[1] [2]
Parameter supply voltage input clamping current input voltage output clamping current output voltage output current supply current ground current storage temperature total power dissipation
Conditions VI < 0 V
[1]
Min -0.5 -0.5 [1]
Max +4.6 -50 +4.6 -50 +4.6 20 +50 -50 +150 250
Unit V mA V mA V mA mA mA C mW
VO < 0 V Active mode and Power-down mode VO = 0 V to VCC
-0.5 -65
Tamb = -40 C to +125 C
[2]
-
The minimum input and output voltage ratings may be exceeded if the input and output current ratings are observed. For VSSOP8 packages: above 110 C the value of Ptot derates linearly with 8.0 mW/K. For XSON8 and XQFN8 packages: above 45 C the value of Ptot derates linearly with 2.4 mW/K.
9. Recommended operating conditions
Table 6. Symbol VCC VI VO Tamb t/V Recommended operating conditions Parameter supply voltage input voltage output voltage ambient temperature input transition rise and fall rate VCC = 0.8 V to 3.6 V Active mode Power-down mode; VCC = 0 V Conditions Min 0.8 0 0 0 -40 0 Max 3.6 3.6 VCC 3.6 +125 200 Unit V V V V C ns/V
10. Static characteristics
Table 7. Static characteristics At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter Tamb = 25 C VIH HIGH-level input voltage VCC = 0.8 V VCC = 0.9 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V VIL LOW-level input voltage VCC = 0.8 V VCC = 0.9 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V
74AUP2G126_1
Conditions
Min
Typ
Max -
Unit V V V V
0.70 x VCC 0.65 x VCC 1.6 2.0 -
0.30 x VCC V 0.35 x VCC V 0.7 0.9 V V
4 of 19
(c) NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 -- 9 October 2006
NXP Semiconductors
74AUP2G126
Low-power dual buffer/line driver; 3-state
Table 7. Static characteristics ...continued At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter VOH HIGH-level output voltage Conditions VI = VIH or VIL IO = -20 A; VCC = 0.8 V to 3.6 V IO = -1.1 mA; VCC = 1.1 V IO = -1.7 mA; VCC = 1.4 V IO = -1.9 mA; VCC = 1.65 V IO = -2.3 mA; VCC = 2.3 V IO = -3.1 mA; VCC = 2.3 V IO = -2.7 mA; VCC = 3.0 V IO = -4.0 mA; VCC = 3.0 V VOL LOW-level output voltage VI = VIH or VIL IO = 20 A; VCC = 0.8 V to 3.6 V IO = 1.1 mA; VCC = 1.1 V IO = 1.7 mA; VCC = 1.4 V IO = 1.9 mA; VCC = 1.65 V IO = 2.3 mA; VCC = 2.3 V IO = 3.1 mA; VCC = 2.3 V IO = 2.7 mA; VCC = 3.0 V IO = 4.0 mA; VCC = 3.0 V II IOZ IOFF IOFF ICC ICC input leakage current OFF-state output current power-off leakage current additional power-off leakage current supply current additional supply current VI = GND to 3.6 V; VCC = 0 V to 3.6 V VI = VIH or VIL; VO = 0 V to 3.6 V; VCC = 0 V to 3.6 V VI or VO = 0 V to 3.6 V; VCC = 0 V VI or VO = 0 V to 3.6 V; VCC = 0 V to 0.2 V VI = GND or VCC; IO = 0 A; VCC = 0.8 V to 3.6 V data input; VI = VCC - 0.6 V; IO = 0 A; VCC = 3.3 V nOE input; VI = VCC - 0.6 V; IO = 0 A; VCC = 3.3 V all inputs; VI = GND to 3.6 V; nOE = GND; VCC = 0.8 V to 3.6 V CI CO input capacitance output capacitance VCC = 0 V to 3.6 V; VI = GND or VCC output enabled; VO = GND; VCC = 0 V output disabled; VCC = 0 V to 3.6 V; VO = GND or VCC Tamb = -40 C to +85 C VIH HIGH-level input voltage VCC = 0.8 V VCC = 0.9 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V 0.70 x VCC 0.65 x VCC 1.6 2.0 V V V V
[1]
Min VCC - 0.1 1.11 1.32 2.05 1.9 2.72 2.6 -
Typ 0.9 1.7 1.5
Max 0.1 0.3 x VCC 0.31 0.31 0.31 0.44 0.31 0.44 0.1 0.1 0.2 0.2 0.5 40 110 1 -
Unit V V V V V V V V V V V V V V V V A A A A A A A A pF pF pF
0.75 x VCC -
[1]
[2]
74AUP2G126_1
(c) NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 -- 9 October 2006
5 of 19
NXP Semiconductors
74AUP2G126
Low-power dual buffer/line driver; 3-state
Table 7. Static characteristics ...continued At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter VIL LOW-level input voltage Conditions VCC = 0.8 V VCC = 0.9 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V VOH HIGH-level output voltage VI = VIH or VIL IO = -20 A; VCC = 0.8 V to 3.6 V IO = -1.1 mA; VCC = 1.1 V IO = -1.7 mA; VCC = 1.4 V IO = -1.9 mA; VCC = 1.65 V IO = -2.3 mA; VCC = 2.3 V IO = -3.1 mA; VCC = 2.3 V IO = -2.7 mA; VCC = 3.0 V IO = -4.0 mA; VCC = 3.0 V VOL LOW-level output voltage VI = VIH or VIL IO = 20 A; VCC = 0.8 V to 3.6 V IO = 1.1 mA; VCC = 1.1 V IO = 1.7 mA; VCC = 1.4 V IO = 1.9 mA; VCC = 1.65 V IO = 2.3 mA; VCC = 2.3 V IO = 3.1 mA; VCC = 2.3 V IO = 2.7 mA; VCC = 3.0 V IO = 4.0 mA; VCC = 3.0 V II IOZ IOFF IOFF ICC ICC input leakage current OFF-state output current power-off leakage current additional power-off leakage current supply current additional supply current VI = GND to 3.6 V; VCC = 0 V to 3.6 V VI = VIH or VIL; VO = 0 V to 3.6 V; VCC = 0 V to 3.6 V VI or VO = 0 V to 3.6 V; VCC = 0 V VI or VO = 0 V to 3.6 V; VCC = 0 V to 0.2 V VI = GND or VCC; IO = 0 A; VCC = 0.8 V to 3.6 V data input; VI = VCC - 0.6 V; IO = 0 A; VCC = 3.3 V nOE input; VI = VCC - 0.6 V; IO = 0 A; VCC = 3.3 V all inputs; VI = GND to 3.6 V; nOE = GND; VCC = 0.8 V to 3.6 V Tamb = -40 C to +125 C VIH HIGH-level input voltage VCC = 0.8 V VCC = 0.9 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V 0.75 x VCC 0.70 x VCC 1.6 2.0 V V V V
[1]
Min VCC - 0.1 0.7 x VCC 1.03 1.30 1.97 1.85 2.67 2.55 -
Typ -
Max
Unit
0.30 x VCC V 0.35 x VCC V 0.7 0.9 0.1 0.3 x VCC 0.37 0.35 0.33 0.45 0.33 0.45 0.5 0.5 0.5 0.6 0.9 50 120 1 V V V V V V V V V V V V V V V V V V A A A A A A A A
[1]
[2]
74AUP2G126_1
(c) NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 -- 9 October 2006
6 of 19
NXP Semiconductors
74AUP2G126
Low-power dual buffer/line driver; 3-state
Table 7. Static characteristics ...continued At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter VIL LOW-level input voltage Conditions VCC = 0.8 V VCC = 0.9 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V VOH HIGH-level output voltage VI = VIH or VIL IO = -20 A; VCC = 0.8 V to 3.6 V IO = -1.1 mA; VCC = 1.1 V IO = -1.7 mA; VCC = 1.4 V IO = -1.9 mA; VCC = 1.65 V IO = -2.3 mA; VCC = 2.3 V IO = -3.1 mA; VCC = 2.3 V IO = -2.7 mA; VCC = 3.0 V IO = -4.0 mA; VCC = 3.0 V VOL LOW-level output voltage VI = VIH or VIL IO = 20 A; VCC = 0.8 V to 3.6 V IO = 1.1 mA; VCC = 1.1 V IO = 1.7 mA; VCC = 1.4 V IO = 1.9 mA; VCC = 1.65 V IO = 2.3 mA; VCC = 2.3 V IO = 3.1 mA; VCC = 2.3 V IO = 2.7 mA; VCC = 3.0 V IO = 4.0 mA; VCC = 3.0 V II IOZ IOFF IOFF ICC ICC input leakage current OFF-state output current power-off leakage current additional power-off leakage current supply current additional supply current VI = GND to 3.6 V; VCC = 0 V to 3.6 V VI = VIH or VIL; VO = 0 V to 3.6 V; VCC = 0 V to 3.6 V VI or VO = 0 V to 3.6 V; VCC = 0 V VI or VO = 0 V to 3.6 V; VCC = 0 V to 0.2 V VI = GND or VCC; IO = 0 A; VCC = 0.8 V to 3.6 V data input; VI = VCC - 0.6 V; IO = 0 A; VCC = 3.3 V nOE input; VI = VCC - 0.6 V; IO = 0 A; VCC = 3.3 V all inputs; VI = GND to 3.6 V; nOE = GND; VCC = 0.8 V to 3.6 V
[1] [2] One input at VCC - 0.6 V, other input at VCC or GND. To show ICC remains very low when the input-disable feature is enabled.
[1]
Min -
Typ -
Max
Unit
0.25 x VCC V 0.30 x VCC V 0.7 0.9 0.11 0.41 0.39 0.36 0.50 0.36 0.50 0.75 0.75 0.75 0.75 1.4 75 180 1 V V V V V V V V V V V V V V V V V A A A A A A A A
VCC - 0.11 0.6 x VCC 0.93 1.17 1.77 1.67 2.40 2.30 -
0.33 x VCC V
[1]
[2]
74AUP2G126_1
(c) NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 -- 9 October 2006
7 of 19
NXP Semiconductors
74AUP2G126
Low-power dual buffer/line driver; 3-state
11. Dynamic characteristics
Table 8. Dynamic characteristics Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 8. Symbol Parameter Conditions Min CL = 5 pF tpd propagation delay nA to nY; see Figure 6 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V ten enable time nOE to nY; see Figure 7 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V tdis disable time nOE to nY; see Figure 7 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V CL = 10 pF tpd propagation delay nA to nY; see Figure 6 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V
[2] [4] [3] [2]
25 C Typ[1] Max
-40 C to +125 C Min Max (85 C) Max (125 C)
Unit
2.8 2.2 1.9 1.6 1.4 2.8 2.3 1.9 1.5 1.3 2.6 2.1 2.1 1.7 2.1
20.6 5.5 3.9 3.2 2.6 2.4 71.6 6.2 4.2 3.3 2.4 2.0 10.3 4.2 3.2 3.1 2.4 2.8
10.5 6.1 4.1 3.6 3.1 12.4 6.9 5.3 3.6 2.9 6.2 4.4 4.4 3.2 3.6
2.5 2.0 1.7 1.4 1.2 2.6 2.2 1.7 1.4 1.2 2.9 2.2 1.7 1.4 1.2
11.7 7.3 6.1 4.3 3.9 13.6 7.4 5.9 3.8 3.2 6.4 4.6 4.6 3.4 3.7
12.9 8.1 6.7 4.9 4.4 13.6 7.7 6.2 4.1 3.4 6.5 4.7 4.8 3.6 3.8
ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns
3.2 2.1 1.9 2.1 1.8
24.0 6.4 4.5 3.8 3.2 3.0
12.3 7.3 5.5 4.2 3.8
3.0 1.9 1.7 1.6 1.6
13.8 8.5 6.8 5.3 4.6
15.2 9.4 7.6 5.9 5.2
ns ns ns ns ns ns
74AUP2G126_1
(c) NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 -- 9 October 2006
8 of 19
NXP Semiconductors
74AUP2G126
Low-power dual buffer/line driver; 3-state
Table 8. Dynamic characteristics ...continued Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 8. Symbol Parameter Conditions Min ten enable time nOE to nY; see Figure 7 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V tdis disable time nOE to nY; see Figure 7 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V CL = 15 pF tpd propagation delay nA to nY; see Figure 6 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V ten enable time nOE to nY; see Figure 7 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V tdis disable time nOE to nY; see Figure 7 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V
[4] [3] [2] [4] [3]
25 C Typ[1] Max
-40 C to +125 C Min Max (85 C) 15.4 8.3 6.5 4.5 3.8 7.9 5.7 5.8 4.3 5.2 Max (125 C) 15.4 8.6 6.8 4.8 4.0 7.9 5.9 6.0 4.5 5.3
Unit
3.2 2.2 1.8 1.5 1.4 3.5 2.2 2.4 1.9 2.4
75.3 7.1 4.8 3.9 2.9 2.6 12.2 5.3 4.1 4.2 3.2 4.1
14.1 8.0 5.9 4.2 3.6 7.6 5.6 5.7 4.1 5.0
3.0 2.1 1.7 1.4 1.3 3.3 2.1 1.7 1.4 1.3
ns ns ns ns ns ns ns ns ns ns ns ns
3.6 3.0 2.2 2.0 2.0 3.6 3.0 2.1 1.8 1.6 4.3 3.0 3.1 2.4 3.2
27.4 7.2 5.1 4.3 3.7 3.5 79.2 7.8 5.4 4.3 3.4 3.1 14.9 6.4 5.0 5.4 4.0 5.3
14.1 8.1 6.3 4.9 4.4 15.8 8.8 6.7 4.8 4.1 8.5 6.6 6.6 5.0 6.2
3.3 2.5 2.0 1.8 1.8 3.3 2.9 2.0 1.7 1.5 3.7 2.5 2.0 1.7 1.5
15.8 9.8 7.9 6.0 5.4 17.1 9.4 7.3 5.2 4.5 9.3 6.9 7.4 5.1 6.7
17.5 10.9 8.8 6.7 6.1 17.1 9.7 7.7 5.6 4.7 9.4 7.0 7.5 5.5 6.9
ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns
74AUP2G126_1
(c) NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 -- 9 October 2006
9 of 19
NXP Semiconductors
74AUP2G126
Low-power dual buffer/line driver; 3-state
Table 8. Dynamic characteristics ...continued Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 8. Symbol Parameter Conditions Min CL = 30 pF tpd propagation delay nA to nY; see Figure 6 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V ten enable time nOE to nY; see Figure 7 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V tdis disable time nOE to nY; see Figure 7 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V
[4] [3] [2]
25 C Typ[1] Max
-40 C to +125 C Min Max (85 C) Max (125 C)
Unit
4.8 4.0 2.9 2.7 2.7 4.7 3.0 2.6 2.3 2.2 6.0 4.5 5.2 3.9 5.5
37.4 9.5 6.7 5.6 4.8 4.6 90.6 10.0 6.9 5.6 4.5 4.2 51.6 9.8 7.7 8.8 6.4 9.0
18.7 10.8 8.4 6.3 5.8 20.4 11.3 8.6 6.3 5.8 13.6 10.5 11.4 7.4 10.7
4.4 3.0 2.6 2.5 2.5 4.3 3.7 3.2 2.9 2.7 4.7 3.0 2.6 2.3 2.2
21.4 13.0 10.3 7.8 7.0 22.0 12.0 9.5 6.8 6.4 14.3 10.7 11.5 9.0 10.8
24.0 14.5 11.5 8.7 8.3 22.0 12.5 10.1 7.3 6.7 14.4 11.0 11.6 10.2 12.0
ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns
74AUP2G126_1
(c) NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 -- 9 October 2006
10 of 19
NXP Semiconductors
74AUP2G126
Low-power dual buffer/line driver; 3-state
Table 8. Dynamic characteristics ...continued Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 8. Symbol Parameter Conditions Min CL = 5 pF, 10 pF, 15 pF and 30 pF CPD power dissipation capacitance output enabled; fi = 1 MHz; VI = GND to VCC VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V
[1] [2] [3] [4] [5] All typical values are measured at nominal VCC. tpd is the same as tPLH and tPHL. ten is the same as tPZH and tPZL. tdis is the same as tPHZ and tPLZ. CPD is used to determine the dynamic power dissipation (PD in W). PD = CPD x VCC2 x fi x N + (CL x VCC2 x fo) where: fi = input frequency in MHz; fo = output frequency in MHz; CL = output load capacitance in pF; VCC = supply voltage in V; N = number of inputs switching; (CL x VCC2 x fo) = sum of the outputs.
[5]
25 C Typ[1] Max
-40 C to +125 C Min Max (85 C) Max (125 C)
Unit
-
2.7 2.8 2.9 3.0 3.6 4.2
-
-
-
-
pF pF pF pF pF pF
12. Waveforms
VI nA input GND
VM
tPHL VOH
nY output VOL
tPLH
VM
mna230
Measurement points are given in Table 9. Logic levels: VOL and VOH are typical output voltage drop that occur with the output load.
Fig 6. The data input (nA) to output (nY) propagation delays Table 9. VCC 0.8 V to 3.6 V
74AUP2G126_1
Measurement points Output VM 0.5 x VCC Input VM 0.5 x VCC VI VCC tr = tf 3.0 ns
(c) NXP B.V. 2006. All rights reserved.
Supply voltage
Product data sheet
Rev. 01 -- 9 October 2006
11 of 19
NXP Semiconductors
74AUP2G126
Low-power dual buffer/line driver; 3-state
VI nOE input GND t PLZ VCC output LOW-to-OFF OFF-to-LOW VOL t PHZ VOH output HIGH-to-OFF OFF-to-HIGH GND outputs enabled outputs disabled outputs enabled
mna949
VM
t PZL
VM VX t PZH VY VM
Measurement points are given in Table 10. Logic levels: VOL and VOH are typical output voltage drop that occur with the output load.
Fig 7. Enable and disable times Table 10. VCC 0.8 V to 1.6 V 1.65 V to 2.7 V 3.0 V to 3.6 V Measurement points Input VM 0.5 x VCC 0.5 x VCC 0.5 x VCC Output VM 0.5 x VCC 0.5 x VCC 0.5 x VCC VX VOL + 0.1 V VOL + 0.15 V VOL + 0.3 V VY VOH - 0.1 V VOH - 0.15 V VOH - 0.3 V
Supply voltage
74AUP2G126_1
(c) NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 -- 9 October 2006
12 of 19
NXP Semiconductors
74AUP2G126
Low-power dual buffer/line driver; 3-state
VCC
VEXT
5 k
PULSE GENERATOR
VI
VO
DUT
RT CL RL
001aac521
Test data is given in Table 11. Definitions for test circuit: RL = Load resistance. CL = Load capacitance including jig and probe capacitance. RT = Termination resistance should be equal to the output impedance Zo of the pulse generator. VEXT = External voltage for measuring switching times.
Fig 8. Load circuitry for switching times Table 11. VCC 0.8 V to 3.6 V
[1]
Test data Load CL RL[1] 5 pF, 10 pF, 15 pF and 30 pF 5 k or 1 M VEXT tPLH, tPHL open tPZH, tPHZ GND tPZL, tPLZ 2 x VCC
Supply voltage
For measuring enable and disable times RL = 5 k, for measuring propagation delays, setup and hold times and pulse width RL = 1 M.
74AUP2G126_1
(c) NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 -- 9 October 2006
13 of 19
NXP Semiconductors
74AUP2G126
Low-power dual buffer/line driver; 3-state
13. Package outline
VSSOP8: plastic very thin shrink small outline package; 8 leads; body width 2.3 mm SOT765-1
D
E
A X
c y HE vMA
Z
8
5
Q A pin 1 index A2 A1 (A3) Lp L
1
e bp
4
wM
detail X
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A max. 1 A1 0.15 0.00 A2 0.85 0.60 A3 0.12 bp 0.27 0.17 c 0.23 0.08 D(1) 2.1 1.9 E(2) 2.4 2.2 e 0.5 HE 3.2 3.0 L 0.4 Lp 0.40 0.15 Q 0.21 0.19 v 0.2 w 0.13 y 0.1 Z(1) 0.4 0.1 8 0
Notes 1. Plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. Plastic or metal protrusions of 0.25 mm maximum per side are not included. OUTLINE VERSION SOT765-1 REFERENCES IEC JEDEC MO-187 JEITA EUROPEAN PROJECTION
ISSUE DATE 02-06-07
Fig 9. Package outline SOT765-1 (VSSOP8)
74AUP2G126_1 (c) NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 -- 9 October 2006
14 of 19
NXP Semiconductors
74AUP2G126
Low-power dual buffer/line driver; 3-state
XSON8: plastic extremely thin small outline package; no leads; 8 terminals; body 1 x 1.95 x 0.5 mm
SOT833-1
1
2
3
b 4 4x L
(2)
L1
e
8 e1
7 e1
6 e1
5
8x
(2)
A
A1 D
E
terminal 1 index area 0 DIMENSIONS (mm are the original dimensions) UNIT mm A (1) max 0.5 A1 max 0.04 b 0.25 0.17 D 2.0 1.9 E 1.05 0.95 e 0.6 e1 0.5 L 0.35 0.27 L1 0.40 0.32 1 scale 2 mm
Notes 1. Including plating thickness. 2. Can be visible in some manufacturing processes. OUTLINE VERSION SOT833-1 REFERENCES IEC --JEDEC MO-252 JEITA --EUROPEAN PROJECTION ISSUE DATE 04-07-22 04-11-09
Fig 10. Package outline SOT833-1 (XSON8)
74AUP2G126_1 (c) NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 -- 9 October 2006
15 of 19
NXP Semiconductors
74AUP2G126
Low-power dual buffer/line driver; 3-state
XQFN8: plastic extremely thin quad flat package; no leads; 8 terminals; body 1.6 x 1.6 x 0.5 mm
SOT902-1
D terminal 1 index area
B
A
E
A A1
detail X
L1 L
e
4
e v M C A B w M C
5
C y1 C y
3
metal area not for soldering
2 6
b
e1
e1
7 1
terminal 1 index area
8
X
0
1 scale
2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A max 0.5 A1 0.05 0.00 b 0.25 0.15 D 1.65 1.55 E 1.65 1.55 e 0.55 e1 0.5 L 0.35 0.25 L1 0.15 0.05 v 0.1 w 0.05 y 0.05 y1 0.05
OUTLINE VERSION SOT902-1
REFERENCES IEC --JEDEC MO-255 JEITA ---
EUROPEAN PROJECTION
ISSUE DATE 05-11-16 05-11-25
Fig 11. Package outline SOT902-1 (XQFN8)
74AUP2G126_1 (c) NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 -- 9 October 2006
16 of 19
NXP Semiconductors
74AUP2G126
Low-power dual buffer/line driver; 3-state
14. Abbreviations
Table 12. Acronym CDM CMOS DUT ESD HBM MM TTL Abbreviations Description Charged Device Model Complementary Metal Oxide Semiconductor Device Under Test ElectroStatic Discharge Human Body Model Machine Model Transistor-Transistor Logic
15. Revision history
Table 13. Revision history Release date 20061009 Data sheet status Product data sheet Change notice Supersedes Document ID 74AUP2G126_1
74AUP2G126_1
(c) NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 -- 9 October 2006
17 of 19
NXP Semiconductors
74AUP2G126
Low-power dual buffer/line driver; 3-state
16. Legal information
16.1 Data sheet status
Document status[1][2] Objective [short] data sheet Preliminary [short] data sheet Product [short] data sheet
[1] [2] [3]
Product status[3] Development Qualification Production
Definition This document contains data from the objective specification for product development. This document contains data from the preliminary specification. This document contains the product specification.
Please consult the most recently issued document before initiating or completing a design. The term `short data sheet' is explained in section "Definitions". The product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple devices. The latest product status information is available on the Internet at URL http://www.nxp.com.
16.2 Definitions
Draft -- The document is a draft version only. The content is still under internal review and subject to formal approval, which may result in modifications or additions. NXP Semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. Short data sheet -- A short data sheet is an extract from a full data sheet with the same product type number(s) and title. A short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. For detailed and full information see the relevant full data sheet, which is available on request via the local NXP Semiconductors sales office. In case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail.
malfunction of a NXP Semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. NXP Semiconductors accepts no liability for inclusion and/or use of NXP Semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer's own risk. Applications -- Applications that are described herein for any of these products are for illustrative purposes only. NXP Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. Limiting values -- Stress above one or more limiting values (as defined in the Absolute Maximum Ratings System of IEC 60134) may cause permanent damage to the device. Limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the Characteristics sections of this document is not implied. Exposure to limiting values for extended periods may affect device reliability. Terms and conditions of sale -- NXP Semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms, including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by NXP Semiconductors. In case of any inconsistency or conflict between information in this document and such terms and conditions, the latter will prevail. No offer to sell or license -- Nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights.
16.3 Disclaimers
General -- Information in this document is believed to be accurate and reliable. However, NXP Semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. Right to make changes -- NXP Semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. This document supersedes and replaces all information supplied prior to the publication hereof. Suitability for use -- NXP Semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or
16.4 Trademarks
Notice: All referenced brands, product names, service names and trademarks are the property of their respective owners.
17. Contact information
For additional information, please visit: http://www.nxp.com For sales office addresses, send an email to: salesaddresses@nxp.com
74AUP2G126_1
(c) NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 -- 9 October 2006
18 of 19
NXP Semiconductors
74AUP2G126
Low-power dual buffer/line driver; 3-state
18. Contents
1 2 3 4 5 6 6.1 6.2 7 8 9 10 11 12 13 14 15 16 16.1 16.2 16.3 16.4 17 18 General description . . . . . . . . . . . . . . . . . . . . . . 1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Ordering information . . . . . . . . . . . . . . . . . . . . . 2 Marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 Functional diagram . . . . . . . . . . . . . . . . . . . . . . 2 Pinning information . . . . . . . . . . . . . . . . . . . . . . 2 Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 3 Functional description . . . . . . . . . . . . . . . . . . . 3 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 4 Recommended operating conditions. . . . . . . . 4 Static characteristics. . . . . . . . . . . . . . . . . . . . . 4 Dynamic characteristics . . . . . . . . . . . . . . . . . . 8 Waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 Package outline . . . . . . . . . . . . . . . . . . . . . . . . 14 Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 17 Revision history . . . . . . . . . . . . . . . . . . . . . . . . 17 Legal information. . . . . . . . . . . . . . . . . . . . . . . 18 Data sheet status . . . . . . . . . . . . . . . . . . . . . . 18 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 Trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 Contact information. . . . . . . . . . . . . . . . . . . . . 18 Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Please be aware that important notices concerning this document and the product(s) described herein, have been included in section `Legal information'.
(c) NXP B.V. 2006.
All rights reserved.
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com Date of release: 9 October 2006 Document identifier: 74AUP2G126_1


▲Up To Search▲   

 
Price & Availability of 74AUP2G126

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X