Part Number Hot Search : 
HBL21000 0805C 20CTR WS628128 ST1115D HT932002 MBR8040 74409
Product Description
Full Text Search
 

To Download 54600 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Agilent Technologies 54600-Series Oscilloscopes
Data Sheet
Easily see what's happening in your mixed analog and digital designs * 60 to 500 MHz, up to 2 GSa/s * Unique 2 + 16-channel MSO and 2- or 4-channel models * 4 MB to 8 MB MegaZoom deep memory standard * Patented high-definition display system * Flexible triggering including CAN, I2C, LIN, SPI, and USB * Deep memory transfer over the interface bus
Multiple configurations to meet your needs
If you work with both analog and digital components, Agilent Technologies 54600-Series oscilloscopes can help you easily see more of what's going on in your designs. The unique 2 + 16-channel mixed signal oscilloscope (MSO) models and the traditional 2- and 4-channel models are optimized with just the capabilities you need for verifying and debugging designs that include A/Ds, D/As, DSPs, and embedded 8- or 16-bit microcontrollers. These scopes give you the tools you need to solve your mixed analog and digital engineering challenges more easily. * A revolutionary ultra-responsive, high-definition display that lets you see more signal detail than ever before * Flexible triggering that lets you easily isolate and analyze the complex signals and fault conditions common in mixed analog and digital designs. I2C, CAN, LIN, USB, and SPI triggering come standard. N2758A CAN trigger module option is also available. This combination of capabilities is tailored to give you the measurement power you need to get your mixed analog and digital job done faster. At Agilent Technologies, we focus on developing products that help you do your job better. That's why 54600-Series scopes are optimized for your needs. Choose the one that's right for your application and your budget.
Ideal for mixed analog and digital analysis
Ideal for analyzing designs with both analog and digital components, the 54600-Series scopes combine three critical features: * Up to 8 MB of MegaZoom deep memory come standard so you can capture long, non-repeating signals, maintain high sample rate, and quickly zoom in on areas of interest
Selection Guide
Figure 1. 2 + 16-channel mixed signal oscilloscope (MSO) family shown with 2- and 4-channel models.
Selection Guide
Model 54621A 54621D 54622A 54622D 54624A 54641A 54641D 54642A 54642D Bandwidth 60 MHz 60 MHz 100 MHz 100 MHz 100 MHz 350 MHz 350 MHz 500 MHz 500 MHz Maximum Sample Rate 200 MSa/s 200 MSa/s 200 MSa/s 200 MSa/s 200 MSa/s 2 GSa/s* 2 GSa/s* 2 GSa/s* 2 GSa/s* Maximum Memory* 4 MB 4 MB 4 MB 4 MB 4 MB 8 MB 8 MB 8 MB 8 MB Channels 2 2+16 2 2+16 4 2 2+16 2 2+16
* Maximum sample rate and memory are interleaved; deep memory is standard, no options needed.
2
Selection Guide (continued)
Figure 2. 2 + 16-channel mixed signal oscilloscope (MSO) allows you to view analog and digital content on one instrument.
Mixed-signal scopes (models 54621D, 54622D, 54641D, and 54642D)
The mixed-signal oscilloscopes (MSO), with 2 analog channels and 16 digital channels, uniquely combine the detailed signal analysis of a scope with the multichannel timing measurements of a logic analyzer. They let you see the complex interactions among your signals on up to 18 channels at the same time. No more guesswork and no more poking around to see a few channels at a time. These scopes can easily conquer mixed analog and digital debugging problems that a traditional scope can't begin to address, because they let you simultaneously test and monitor the highspeed digital control signals and the slower analog signals in your design.
4-channel scope (model 54624A)
If your designs include heavy analog content, the 100-MHz 54624A will give you the channel count and measurement power you need, including MegaZoom deep memory, high-definition display, and flexible triggering. Whether you're testing designs with four inputs, such as anti-lock brakes, or monitoring multiple outputs of a power supply, the 4-channel model helps you get your debug and verification done with ease.
2-channel scopes (models 54621A, 54622A, 54641A, and 54642A)
The 2-channel models bring all the benefits of MegaZoom deep memory, high-definition display, and flexible triggering to those value-minded designers with lower channel requirements. They give you an affordable way to see long time periods while maintaining high sample rate so you can see details in your designs.
3
Affordable and Responsive
MegaZoom deep memory
With 4 MB to 8 MB of MegaZoom deep memory, 54600-Series scopes give you deep-memory capture without the sluggish response and complex operation you've had to tolerate with other deep-memory scopes. And unlike the alternatives, MegaZoom deep memory is not a special mode. That means it's always available to help you find details buried in complex signals, discover anomalies, correlate high-speed digital control signals with slower analog signals and capture infrequent events. The dilemma of having to trigger twice to get a long time capture or to see detailed resolution is solved with MegaZoom deep memory as you can have both with a single measurement. Deep memory means that the sample rate stays high even when capturing long time periods. The 54600-Series scopes are the only deep-memory scopes that respond instantly to your control inputs with a fast, responsive display. Compare them to other scopes in this price range - only the 54600-Series provides deep memory at an affordable price.
Figure 3. The bright dot on the high-definition display is a distortion in 1 of the 1,500 pulses captured in this single-shot measurement. Simply dial in for a closer look using MegaZoom pan and zoom, and you'll see the details that would have escaped other scopes, such as the distortion in this square wave. This deep memory and display system is not a special mode; it is available on every measurement pass at full speed.
4
Affordable and Responsive (continued)
Revolutionary high-definition display helps you see details
Combine MegaZoom deep memory with a patented high-definition display system, and you will see subtle details that most scopes won't show you. The MegaZoom deep memory is mapped into 32 levels of intensity on a display that has twice the horizontal resolution and update rates of up to 25 million vectors per second - so you see a more realistic representation of your signals. There is less chance to miss a narrow occasional transient, less chance to miss a glitch or distorted edge that impacts circuit operation, and less chance to miss all those subtle details that can take weeks to find with a traditional digital scope.
Connectivity made easier
* Parallel and RS-232 interfaces make connection to printers and PCs a snap. And the 54600-Series scopes come with standard parallel and RS-232 interfaces on the rear panel. For faster data transfers, an optional GPIB interface module is also available. * IntuiLink, a free software application, simplifies PC connectivity when you need to transfer images and waveform data to your PC. IntuiLink lets you focus more time on design issues rather than on programming. With the click of a button on IntuiLink's toolbar, you can download data or insert a snapshot of an oscilloscope screen directly into your Microsoft(R) Excel spreadsheets or Word documents, or save the image as a bitmap file. Once the data is in an Excel spreadsheet, you can leverage Excel's extensive analysis functions to create custom graphs and views.
For more information on IntuiLink, please see the IntuiLink datasheet with Agilent publication number 5980-3115EN or visit the URL www.agilent.com/find/intuilink
Built-in floppy drive
A built-in 1.44 MB floppy drive makes it easy for you to store waveform data, screen images, and scope setups. You can store your waveform images as TIF or BMP files and your waveform data as ASCII files for easy import into other PC applications. If you share your lab equipment with others, you can save your measurement setups and traces to diskette, making it simple to reproduce your every-day setups as well as your advanced configurations.
Standard features
Agilent 54600-Series scopes include the standard features you need to get your job done easier and faster.
Built-in help at your fingertips
An innovative built-in help system in 11 different languages (English, French, German, Spanish, Italian, Japanese, Korean, Traditional Chinese, Simplified Chinese, Russian, and Portuguese) gives you quick access to the help you need. If you have a question about a particular feature, simply press and hold the corresponding frontpanel key for a few seconds, and a help screen pops up to explain its function. You'll no longer have to look for the manual when you need assistance setting up scope functions or making complex measurements.
Figure 4. Press and hold any key for built-in Help, such as this description of the frequency measurement.
5
Affordable and Responsive (continued)
Deep memory transfer over the bus
Transfer all of your data over the bus, even when using deep memory. Typical transfer time is <70 seconds for 2 MB of data over GPIB. The 54640-Series requires software revision 1.0 or later. The 54620-Series requires software revision 1.5 or later. The system software is stored in FLASH ROM that can be upgraded easily from a built-in floppy disk drive in the scope. Visit the 54620-Series customer web site at: www.agilent.com/find/5462xsw for a free copy of the system software and the IntuiLink Data Capture application to pull the data out of the scope to the PC.
Other standard features
* Waveform math with FFTs: Analysis functions include -, *, Integrate, and Differentiate, as well as Fast Fourier Transforms. * 1-ns peak detect on the 54640-Series and 5-ns peak detect on the 54620-Series means you won't have to worry about missing narrow glitches. * Autoscale lets you quickly display any active signals, automatically setting the vertical, horizontal and trigger controls for the best display. * Printer connectivity is easy for HP Deskjets, Laserjets, Epson, or integrated thermal printer option with the standard parallel port on the rear panel. * High resolution mode offers up to 12 bits of resolution in real-time (single-shot) modes, reducing noise. This is accomplished by averaging sequential data points and mapping the average to the display when at slow sweep speeds. * 1-year warranty: All 54600-Series scopes include a full 1-year warranty with optional 3-year and 5-year warranty coverage. * Money-back guarantee: Get a full refund if you're not satisfied with your purchase for any reason. See page 24 for more information.
6
N2758A CAN Trigger Module
* Trigger on CAN 2.0A/B message frames with user specified IDs and/or data * Trigger on Error frames * Differential CAN * Acknowledge On/Off * Built In QuickHelp * Remote Control via GPIB/RS232 * Compatible with 54621D, 54622D, 54641D, 54642D The N2758A CAN trigger module extends your Mixed Signal Oscilloscope's (MSO) capabilities beyond the standard CAN SOF trigger. The module enables the MSO to isolate and trigger on a particular frame's content. This triggering allows you to: * sort through frame traffic on the bus * isolate frames of interest * specify particular frame characteristics * trigger and measure latency between CAN frames meeting the user specification The CAN trigger module is ideal for analyzing all traffic on the broadcast network. Quickly find frames that meet the specifications you select with an isolating capability similar to pattern triggering across multiple channels in the parallel domain. Synchronize to the particular frame then examine the system behavior of interest. For more comprehensive information, please see the Agilent 54600-Series Oscilloscopes Probes and Accessories data sheet (Agilent publication number 5968-8153). You can get a copy by visiting our website at: www.agilent.com/find/mso
The N2758A kit includes the CAN trigger module, digital cable, ten grabbers, and two probe ground leads.
The N2758A CAN trigger module reduces the time required to debug your mixed signal CAN based designs.
7
Triggering
Figure 6. Make your automotive and industrial testing easier. CAN triggering synchronizes to the start of a CAN frame on any CAN high or CAN low signal. Figure 5. Easily synchronize to a USB packet.
Flexible Triggering
With mixed analog and digital designs, sometimes it is hard to trace an anomaly back to its root cause unless you can trigger on it and correlate it with another signal. With the 54600-Series scopes, triggering is no longer a hassle. They come with flexible triggering capabilities across all channels so you can easily isolate and analyze complex signals and interactions common in your mixed analog and digital designs.
CAN, LIN, and USB Triggering
Controller Area Network (CAN) and Universal Serial Bus (USB) triggering comes standard with the 54600-Series scopes. These triggering modes make it easy to synchronize CAN, LIN, and USB frames. Don't waste time finding the start of the complex frames - let Agilent do it for you. CAN triggering synchronizes to the start of a CAN frame on any CAN high or CAN low signal. Trigger on LIN (local interconnect network) sync break at the beginning of a message frame.
USB is quickly becoming the connection of choice for PC peripherals. Make your testing easy with Start of Packet (SOP), End of Packet (EOP), Reset Complete (RC), Enter Suspend, or Exit Suspend modes. The N2758A CAN trigger module option enables the MSO to isolate and trigger on a particular frame's content. For more information , see page 7.
8
Triggering (continued)
I2C and SPI Triggering Don't spend your time sorting through communication frames to find the one of interest. Let Agilent set up an Inter-Integrated Circuit (I2C) or Serial Peripheral Interface (SPI) trigger to sift through the frames for you. And like the CAN, LIN, and USB triggers, I2C and SPI come standard with the 54600-Series scopes.
The full range of I2C triggering includes start or stop condition, missing acknowledge, restart, EEPROM data read, address and/or data frame, or 10-bit write. SPI triggering allows for trigger on user-definable framing and user-definable number of bits per frame, as well as data patterns.
Figure 8. Trigger on address and/or data patterns within an I2C frame.
Figure 7. Trigger on data patterns within a SPI frame.
Microcontroller and DSP Applications
Microcontrollers (MCUs) and Digital Signal Processors (DSPs) are here to stay, and are becoming more pervasive in industrial, communications, automobile, and consumer products. Design engineers must grapple with scopes that were not developed to tackle the mixed analog and digital signals found in MCU- and DSP-based designs. Many engineers, who rely primarily on typical 2-channel or 4-channel scopes in mixed analog and digital signal verification and debug, find these scopes to be inade-
quate when it comes to the channel count, memory depth, display and triggering. The interactions that occur in typical mixed analog and digital design -- taking a realworld signal such as audio, video, temperature or pressure, performing some transformation on the signal, and finally returning that signal to the real world -- require more viewing capability than current scopes can provide. Agilent 54621D, 54622D, 54641D, and 54642D mixed-signal oscillscopes (MSOs) provide the channel count, memory depth, high-definition display, and triggering that MCU and DSP designs demand.
Figure 9. The 350 MHz and 500 MHz MSOs are a great fit for DSP applications.
9
MegaZoom deep memory helps you determine how your signals are impacting each other. With shallow memory scopes, you have to choose whether you look at a slow analog signal or fast digital content. With up to 8 MB deep memory, you don't have to choose - capture all of your data at once.
Revolutionary high-definition display reveals subtle details that most scopes won't show you.
Standard RS-232 and parallel ports provide PC and printer connectivity.
Free IntuiLink PC software makes transfer of waveform data to PC fast and easy.
Intensity knob allows you to adjust the contrast on screen.
Built-in floppy drive makes it easy to save your work and update your system software.
10
Quickly pan and zoom for analysis with MegaZoom's instant response and optimum resolution.
Autoscale lets you quickly display any active signals, automatically setting the vertical, horizontal and trigger controls for the best display, while optimizing memory. QuickMeas gives you any three automated measurements with the push of a button. QuickPrint automatically prints your screen or saves to disk with automated file names.
Standard Serial Triggering includes CAN, I2C, LIN, SPI, and USB
Built-in help is available in 11 languages. Simply press and hold the front-panel key of interest for a few seconds, and a help screen pops up to explain its function.
Maximum sample rate and resolution on every measurement. The scope automatically adjusts memory depth as you use it, so you get maximum sample rate and resolution on every measurement. You don't even have to think about it.
2 analog and 16 digital channel MSOs allow you to see up to 18 time-aligned signals on your scope screen. Also available in 2- and 4-channel models.
11
Probes
To get the most out of your scope, you need the right probes and accessories for your particular application. That's why Agilent Technologies offers a complete family of innovative probes and 54600-Series scopes. For more comprehensive information, please see the Agilent 54600-Series Oscilloscopes Probes and Accessories data sheet (Agilent publication number 5968-8153). You can get a copy by visiting our website at: www.agilent.com/find/mso
Agilent Passive Probes Selection Guide
10070C 10073C (shipped with 54640-Series) 500 MHz < 700 ps 10:1 2.2 M 10074C (shipped with 54620-Series) 150 MHz < 2.33 ns 10:1 10 M 10076A high-voltage probe 250 MHz < 1.4 ns 100:1 66.7 M N2771A high-voltage probe 50 MHz < 7 ns 1000:1 100 M
Probe Bandwidth Probe Risetime (Calculated) Attenuation Ratio Input Resistance (when terminated into 1 M) Input Capacitance Maximum Input (dc + peak ac)
20 MHz < 17.5 ns 1:1 1 M
Approx. 70 pF 400 Vpk CAT I (mains isolated) 400 Vpk CAT II (post receptacle mains) None No
Approx. 12 pF 500 Vpk CAT I (mains isolated) 400 Vpk CAT II (post receptacle mains) 6 - 15 pF Yes
Approx. 15 pF 500 Vpk CAT I (mains isolated) 400 Vpk CAT II (post receptacle mains) 9 - 17 pF Yes
Approx. 3 pF 4000 Vpk
Approx. 1 pF 15 kV dc, 10 kVrms 30 kV dc + peak ac
Compensation Range Probe Sense
6 - 20 pF Yes
7 - 25 pF No
Current Probes 1146A N2774A N2775A
Description 100 kHz current probe, ac/dc 50 MHz current probe, ac/dc power supply for N2774A
Differential Probes N2772A N2773A
Description 20 MHz differential probe Differential probe power supply
12
Performance Characteristics
Acquisition: Analog Channels Max Sample Rate 54621A/D, 54622A/D, 54624A: 200 MSa/s 54641A/D, 54642A/D: 2 GSa/sec interleaved, 1 GSa/sec each channel 54621A/D, 54622A/D, 54624A: 4 MB interleaved, 2 MB each channel 54641A/D, 54642A/D: 8 MB interleaved, 4 MB each channel 8 bits 54621A/D, 54622A/D, 54624A: 5 ns 54641A/D, 54642A/D: 1 ns @ max sample rate Selectable from 2, 4, 8, 16, 32, 64 ... to 16383 54621A/D, 54622A/D, 54624A: 12 bits of resolution when 500 s/div, (average mode with ave = 1) 54641A/D, 54642A/D: 12 bits of resolution when 100 s/div, (average mode with ave = 1) Sinx/x interpolation (single shot BW = sample rate/4 or bandwidth of scope, whichever is less) with vectors on.
Max Memory Depth
Vertical Resolution Peak Detection
Averaging High Resolution Mode
Filter
Acquisition: Digital Channels (54621D, 54622D, 54641D, and 54642D only) Max Sample Rate 54621D, 54622D: 400 MSa/s interleaved, 200 MSa/s each channel 54641D, 54642D: 1 GSa/s 54621D, 54622D: 8 Mb interleaved, 4 Mb ea. channel 54641D, 54642D: 4 Mb 1 bit 5 ns
Max Memory Depth
Vertical Resolution Glitch Detection (min pulse width)
Vertical System: Analog Channels Analog Channels 54621A/D, 54622A/D, 54641A/D, 54642A/D: Ch 1 and 2 simultaneous acquisition 54624A: Ch 1, 2, 3 and 4 simultaneous acquisition 54621A/D: dc to 60 MHz 54622A/D, 54624A: dc to 100 MHz 54641A/D: dc to 350 MHz 54642A/D: dc to 500 MHz 54621A/D: 3.5 Hz to 60 MHz 54622A/D: 54624A: 3.5 Hz to 100 MHz 54641A/D: 3.5 Hz to 350 MHz 54642A/D: 3.5 Hz to 500 MHz 54621A/D: ~5.8 ns 54622A/D, 54624A: ~3.5 ns 54641A/D: ~1.0 ns 54642A/D: ~700 ps 54621A/D, 54622A/D, 54624A: 50 MHz 54641A/D: 350 MHz maximum 54642A/D: 500 MHz maximum
Bandwidth (-3dB)*
ac Coupled
Calculated Risetime (=0.35/bandwidth)
Single Shot Bandwidth
* Denotes Warranted Specifications, all others are typical. Specifications are valid after a 30-minute warm-up period and 10 C from firmware calibration temperature.
13
Performance Characteristics (continued)
Vertical System: Analog Channels (continued) Range1,2 54621A/D, 54622A/D, 54624A: 1 mV/div to 5 V/div 54641A/D, 54642A/D: 2 mV/div to 5 V/div CAT I 300 Vrms, 400 Vpk, CAT II 100 Vrms, 400 Vpk With 10073C/10074C 10:1 probe: CAT I 500 Vpk, CAT II 400 Vpk 5 Vrms with 50 input 54621A/D, 54622A/D, 54624A: 5 V on ranges <10 mV/div; 25 V on ranges 10 mV/div to 199 mV/div; 100 V on ranges 200 mV/div 54641A/D, 54642A/D: 5 V on ranges <10 mV/div; 20 V on ranges 10 mV/div to 200 mV/div; 75 V on ranges >200 mV/div Lesser of 8 div or 32 V from center screen 54621A/D, 54622A/D, 54624A: 1 M 1% 54641A/D, 54642A/D: 1 M 1%, 50 selectable 54621A/D, 54622A/D, 54624A: ~ 14 pF 54641A/D, 54642A/D: ~ 13 pF 54621A/D, 54622A/D, 54624A: ac, dc, ground 54641A/D, 54642A/D: ac, dc 54621A/D, 54622A/D, 54624A: ~ 20 MHz selectable 54641A/D, 54642A/D: ~ 25 MHz selectable 54621A/D, 54622A/D, 54624A: dc to 20 MHz > 40 dB; 20 MHz to max bandwidth > 30 dB 54641A/D, 54642A/D:DC to max bandwidth >40 dB 54621A/D, 54622A/D, 54624A: 10:1 10074C shipped standard for each analog channel 54641A/D, 54642A/D: 10:1 10073C shipped standard for each analog channel Auto probe sense
Maximum Input
Offset Range
Dynamic Range Input Resistance
Input Capacitance
Coupling
BW Limit
Channel-to-Channel Isolation (with channels at same V/div) Probes
Probe ID (Agilent/HP and Tek compatible) ESD Tolerance Noise Peak-to-Peak
2 kV 54621A/D, 54622A/D, 54624A: 2% full scale or 1 mV, whichever is greater 54641A/D, 54642A/D: 3% full scale or 3 mV, whichever is greater 20 dB @ 50 MHz 2.0% full scale 54621A/D, 54622A/D, 54624A: <200 mV/div: 0.1 div 1.0 mV 0.5% offset value; 200 mV/div: 0.1 div 1.0 mV 1.5% offset value 54641A/D, 54642A/D: 200 mV/div: 0.1 div 2.0 mV 0.5% offset value; >200 mV/div: 0.1 div 2.0 mV 1.5% offset value {DC Vertical Gain Accuracy + DC Vertical Offset Accuracy + 0.2% full scale (~1/2 LSB) } 54621A/D, 54622A/D, 54624A example: for 50 mV signal, scope set to 10 mV/div (80 mV full scale), 5 mV offset, accuracy = {2.0%(80mV) + 0.1 (10 mV) + 1.0 mV + 0.5% (5 mV) + 0.2%(80 mV)} = 3.78 mV {DC Vertical Gain Accuracy + 0.4% full scale (~1 LSB)} Example: for 50 mV signal, scope set to 10 mV/div (80 mV full scale), 5 mV offset, accuracy = {2.0%(80 mV) + 0.4%(80 mV)} = 1.92 mV
Common Mode Rejection Ratio DC Vertical Gain Accuracy*1,2 DC Vertical Offset Accuracy
Single Cursor Accuracy1,2
Dual Cursor Accuracy*1,2
* Denotes Warranted Specifications, all others are typical. Specifications are valid after a 30-minute warm-up period and 10 C from firmware calibration temperature. 1 For 54621A, 54621D, 54622A, 54622D, and 54624A, 1 mV/div is a magnification of 2 mV/div setting. For vertical accuracy calculations, use full scale of 16 mV for 1 mV/div sensitivity setting. 2 For 54641A, 54641D, 54642A, and 54642D, 2 mV/div is a magnification of 4 mV/div setting. For vertical accuracy calculations, use full scale of 32 mV for 2 mV/div sensitivity setting. 14
Performance Characteristics (continued)
Vertical System: Digital Channels (54621D, 54622D, 54641D, and 54642D only) Number of Channels Threshold Groupings 16 Digital - labeled D15 - D0 Pod 1: D7 - D0 Pod 2: D15 - D8 TTL, CMOS, ECL, user-definable (selectable by pod) 8.0 V in 10 mV increments 40 V peak CAT I (100 mV + 3% of threshold setting) 10 V about threshold 500 mV peak-to-peak ~ 8 pF 100 k 2% at probe tip 2 ns typical, 3 ns maximum
Threshold Selections User-Defined Threshold Range Maximum Input Voltage Threshold Accuracy* Input Dynamic Range Minimum Input Voltage Swing Input Capacitance Input Resistance Channel-to-Channel Skew
Horizontal Range 54621A/D, 54622A/D, 54624A: 5 ns/div to 50 s/div 54641A/D, 54642A/D: 1 ns/div to 50 s/div 54621A/D, 54622A/D, 54624A: 25 ps 54641A/D, 54642A/D: 2.5 ps 1-2-5 increments when off, ~25 minor increments between major settings when on Left, Center, Right 54621A/D, 54622A/D, 54624A: Pre-trigger (negative delay): Greater of 1 screen width or 10 ms Post-trigger (positive delay): 500 seconds 54641A/D, 54642A/D: Pre-trigger (negative delay): Greater of 1 screen width or 1 ms Post-trigger (positive delay): 500 seconds 54621A/D, 54622A/D, 54624A: Same Channel*: 0.01% reading 0.1% screen width 40 ps Channel-to-Channel: 0.01% reading 0.1% screen width 80 ps 54641A/D, 54642A/D: Same Channel*: 0.005% reading 0.1% screen width 20 ps Channel-to-Channel: 0.005% reading 0.1% screen width 40 ps Same Channel Example (54641A/D, 54642A/D): for signal with pulse width of 10 s, scope set to 5 s/div (50 s screen width), delta-t accuracy = {.005%(10 s) + 0.1%(50 s) + 20 ps} = 50.52 ns
Resolution
Vernier Reference Positions Delay Range
Analog Delta-t Accuracy
* Denotes Warranted Specifications, all others are typical. Specifications are valid after a 30-minute warm-up period and 10 C from firmware calibration temperature.
15
Performance Characteristics (continued)
Horizontal (continued) Digital Delta-t Accuracy (non-Vernier settings) 54621A/D, 54622A/D, 54624A: Same Channel: 0.01% reading 0.1% screen width (1 digital sample period, 2.5 or 5 ns based on sample rate of 200/400 MSa/s) Channel-to-Channel: 0.01% reading 0.1% screen width (1 digital sample period, 2.5 or 5 ns) chan-to-chan skew (2 ns typical, 3 ns maximum) 54641A/D, 54642A/D: Same Channel: 0.005% reading 0.1% screen width (1 digital sample period, 1ns) Channel-to-Channel: 0.005% reading 0.1% screen width (1 digital sample period) chan-to-chan skew Same Channel Example (54641A/D, 54642A/D): for signal with pulse width of 10 s, scope set to 5 s/div (50 s screen width), delta-t accuracy = {.005%(10 s) + 0.1%(50 s) + 1 ns} = 51.5 ns <1 ppm 0.025% screen width + 30 ps Main, Delayed, Roll, XY Bandwidth: Max bandwidth Phase error @ 1 MHz: 1.8 degrees Z Blanking: 1.4 V blanks trace (use external trigger) - 54621A/D, 54622A/D, 54624A only
Delay Jitter RMS Jitter Modes XY
Trigger System Sources: 54621A/622A, 54641A/642A: Ch 1, 2, line, ext 54621D/622D, 54641D/642D: Ch 1, 2, line, ext, D15 - D0 54624A: Ch 1, 2, 3, 4, line, ext Auto, Triggered (normal), SingleAuto level (54621A/D, 54622A/D, 54624A only) ~60 ns to 10 seconds Edge, Pulse Width, Pattern, TV, Duration, Sequence, CAN, LIN, USB, I2C, SPI Trigger on a rising or falling edge of any source Trigger on a pattern of high, low, and don't care levels and/or a rising or falling edge established across any of the sources. The analog channel's high or low level is defined by that channel's trigger level. Trigger when a positive- or negative-going pulse is less than, greater than, or within a specified range on any of the source channels. Minimum pulse width setting: 5ns (2 ns on 54641A/D, 54642A/D analog channels) Maximum pulse width setting: 10 s Trigger on any analog channel for NTSC, PAL, PAL-M, or SECAM broadcast standards on either positive or negative composite video signals. Modes supported include Field 1, Field 2, or both, all lines, or any line within a field. Also supports triggering on non-interlaced fields. TV trigger sensitivity: 0.5 division of synch signal. Arm on event A, trigger on event B, with option to reset on event C or time delay. Trigger on CAN (Controller Area Network) version 2.0A and 2.0B signals. It can trigger on the Start of Frame bit of a data frame, a remote transfer request frame, or an overload frame. Trigger on LIN (Local Interconnect Networking) sync break at beginning of message frame. Trigger on USB (Universal Serial Bus) Start of Packet, End of Packet, Reset Complete, Enter Suspend, or Exit Suspend on the differential USB data lines. USB low speed and full speed are supported.
Modes Holdoff Time Selections Edge Pattern
Pulse Width
TV
Sequence CAN
LIN USB
* Denotes Warranted Specifications, all others are typical. Specifications are valid after a 30-minute warm-up period and 10 C from firmware calibration temperature. 16
Performance Characteristics (continued)
Trigger System (continued) I2 C Trigger on I2C (Inter-IC bus) serial protocol at a start/stop condition or user defined frame with address and/or data values. Also trigger on Missing Acknowledge, Restart, EEPROM read, and 10 bit write. Trigger on SPI (Serial Protocol Interface) data pattern during a specific framing period. Support positive and negative Chip Select framing as well as clock Idle framing and user specified number of bits per frame. Trigger on a multi-channel pattern whose time duration is less than a value, greater than a value, greater than a time value with a timeout value, or inside or outside of a set of time values. Minimum duration setting: 5 ns Maximum duration setting: 10 s Finds and displays all active analog and digital (for 54621D/54622D/54641D/54642D) channels, sets edge trigger mode on highest numbered channel, sets vertical sensitivity on analog channels and thresholds on digital channels, time base to display ~1.8 periods. Requires minimum voltage >10 mVpp, 0.5% duty cycle and minimum frequency >50Hz.
SPI
Duration
Autoscale
Analog Channel Triggering Range (internal) Sensitivity* 6 div from center screen 54621A/D, 54622A/D, 54624A: Greater of 0.35 div or 2.5 mV 54641A/D, 54642A/D:<10mV/div: greater of 1 div or 5mV; 10mV/div: 0.6 div AC (~3.5 Hz on 54621A/D, 54622A/D, 54624A. ~10 Hz on 54641A/D, 54642A/D), DC, noise reject, HF reject and LF reject (~ 50 kHz)
Coupling
Digital (D15 - D0) Channel Triggering (54621D, 54622D, 54641D, and 54642D) Threshold Range (used defined) Threshold Accuracy* Predefined Thresholds 8.0 V in 10 mV increments (100 mV + 3% of threshold setting) TTL = 1.4 V, CMOS = 2.5 V, ECL = -1.3 V
External (EXT) Triggering Input Resistance 54621A/D, 54622A/D, 54624A: 1 M, 3% 54641A/D, 54642A/D: 1 M 3% or 50 54621A/D, 54622A/D, 54624A: ~ 14 pF 54641A/D, 54642A/D: ~13pF CAT I 300 Vrms, 400 Vpk, CAT II 100 Vrms, 400 Vpk With 10073C/10074C 10:1 probe: CAT I 500 Vpk, CAT II 400 Vpk 5 Vrms with 50-ohm input 54621A/D, 54622A/D, 54624A: 10 V 54641A/D, 54642A/D: DC coupling: trigger level 8V; AC coup./LFR: AC input minus trig level not to exceed 8V 54621A/D, 54622A/D, 54624A: dc to 25 MHz, < 75 mV; 25 MHz to max bandwidth, < 150 mV 54641A/D, 54642A/D: dc to 100 MHz, < 100 mV; 100 MHz to max bandwidth, < 200 mV AC (~ 3.5 Hz), DC, noise reject, HF reject and LF reject (~ 50 kHz) Auto probe sense for 54621A/622A/641A/642A
Input Capacitance
Maximum Input
Range
Sensitivity
Coupling Probe ID (Agilent/HP and Tek compatible)
* Denotes Warranted Specifications, all others are typical. Specifications are valid after a 30-minute warm-up period and 10 C from firmware calibration temperature.
17
Performance Characteristics (continued)
Display System Display Throughput of Analog Channels Resolution Controls Built-in Help System Real Time Clock 7-inch raster monochrome CRT 25 million vectors/sec per channel with 32 levels of intensity 255 vertical by 1000 horizontal points (waveform area) 32 levels of gray scale Waveform intensity on front panel. Vectors on/off; infinite persistence on/off 8 x 10 grid with continuous intensity control Key-specific help in 11 languages displayed by pressing and holding key or softkey of interest Time and date (user setable)
Measurement Features Automatic Measurements Voltage (analog channels only) Time Measurements are continuously updated. Cursors track current measurement Peak-to-Peak, Maximum, Minimum, Average, Amplitude, Top, Base, Overshoot, Preshoot, RMS (DC) Frequency, Period, + Width, - Width and Duty Cycle on any channels Rise time, Fall time, X at Max (Time at max volts), X at Min (Time at min volts), Delay, and Phase on analog channels only. Built-in 5 digit frequency counter on any channel. Counts up to 125 MHz Variable by percent and absolute value; 10%, 50%, 90% default for time measurements Manually or automatically placed readout of Horizontal (X, X, 1/X) and Vertical (Y, Y) Additionally digital or analog channels can be displayed as binary or hex values One function of 1-2, 1*2, FFT, differentiate, integrate. Source of FFT, differentiate, integrate: analog channels 1 or 2 (or 3 or 4 for 54624A), 1-2, 1+2, 1*2
Counter Threshold Definition Cursors
Waveform Math
FFT Points Source of FFT Window Noise Floor Amplitude Display Frequency Resolution Maximum Frequency Fixed at 2048 points Analog channels 1 or 2 (or 3 or 4 on 54624A only), 1+2, 1-2, 1*2 Rectangular, Flattop, Hanning -70 to -100 dB depending on averaging In dBV, dBm@50 0.097656/(time per div.) 102.4/(time per div.)
* Denotes Warranted Specifications, all others are typical. Specifications are valid after a 30-minute warm-up period and 10 C from firmware calibration temperature.
18
Performance Characteristics (continued)
Storage Save/Recall (non-volatile) 54621A/D, 54622A/D, 54624A: 3 setups and traces can be saved and recalled internally 54641A/D, 54642A/D: 4 setups and traces can be saved and recalled internally 3.5" 1.44 MB double density Image formats : TIF, BMP Data formats: X and Y (time/voltage) values in CSV format Trace/setup formats: Recalled
Floppy Disk
I/O RS-232 (Serial) Standard Port Parallel Standard Port Printer Compatibility 1 port: XON or DTR; 8 data bits; 1 stop bit; parity = none; 9600, 19200, 38400, 57600 baud rates (use Agilent 34398A cable) Printer support HP DeskJet, LaserJet with HP PCL 3 or greater compatibility: Black and white @150x150 dpi; Gray scale @ 600x600 dpi Epson: black and white @180x180 dpi Seiko thermal DPU-414: black and white Fully programmable with IEEE488.2 compliance Typical GPIB throughput of 20 measurements or twenty 2000-point records per second The N2727A is a thermal printer kit, includingprinter power, parallel cable, power cable and paper
Optional GPIB Interface Module (N2757A) Optional Printer Kit
General Characteristics Physical Size: 32.26 cm wide x 17.27 cm high x 31.75 cm deep (without handle) Weight: 6.35 kgs (14 lbs) on 54621A/D, 54622A/D, 54624A; 6.82 kgs (15 lbs) on 54641A/D, 54642A/D 54621A/D, 54642A/D, 54624A: Frequency ~1.2 kHz; Amplitude ~5 V 54641A/D, 54642A/D: Frequency ~2 kHz; Amplitude ~5 V 54621A/D, 54622A/D, 54624A: 0 to 5 V with 50 source impedance; delay ~ 55 ns 54641A/D, 54642A/D: 0 to 5 V with 50 source impedance; delay ~ 22 ns 7.2 to 9.2 V, 1 A Connection on rear panel for security
Probe Comp Output
Trigger Out
Printer Power Kensington lock
* Denotes Warranted Specifications, all others are typical. Specifications are valid after a 30-minute warm-up period and 10 C from firmware calibration temperature.
19
Performance Characteristics (continued)
Power Requirements Line Voltage Range 54621A/D, 54622A/D, 54624A: 100 - 240 VAC 10%, CAT II, automatic selection 54641A/D, 54642A/D: 100-240 VAC, 50/60 Hz, CAT II, automatic selection; 100-132 VAC, 440 Hz, CAT II, automatic selection 54621A/D, 54622A/D, 54624A: 47 to 440 Hz 54641A/D, 54642A/D: 50/60 Hz, 100-240 VAC; 440 Hz, 100-132 VAC 54621A/D, 54622A/D, 54624A: 100 W max 54641A/D, 54642A/D: 110 W max
Line Frequency
Power Usage
Environmental Characteristics Ambient Temperature Humidity Altitude Vibration Shock Operating -10 C to +55 C; Non-operating -51 C to +71 C Operating 95% RH at 40 C for 24 hr; Non-operating 90% RH at 65 C for 24 hr Operating to 4,570 m (15,000 ft); Non-operating to 15,244 m (50,000 ft) HP/Agilent class B1 and MIL-PRF-28800F; Class 3 random HP/Agilent class B1 and MIL-PRF-28800F; (operating 30 g, 1/2 sine, 11-ms duration, 3 shocks/axis along major axis. Total of 18 shocks) Normally only dry non-conductive pollution occurs. Occasionally a temporary conductivity caused by condensation must be expected. This instrument is rated for indoor use only
Pollution Degree2
Indoor Use Only
Other Installation Categories CAT I:Mains isolated CAT II:Line voltage in appliance and to wall outlet Safety IEC 61010-1:1990+A1:1992+A2:1995 / EN 61010-1:1994+A2:1995 UL 3111 CSA-C22.2 No. 1010.1:1992 The product herewith complies with the requirements of the Low Voltage Directive 73/23/EEC and the EMC Directive 89/336/EEC, and carries the CE-marking accordingly. The product was tested in a typical configuration with HP/Agilent test systems.
Regulatory Information:
Supplementary Information
* Denotes Warranted Specifications, all others are typical. Specifications are valid after a 30-minute warm-up period and 10 C from firmware calibration temperature.
20
Ordering Information
Description 54621A 54621D 54622A 54622D 54624A 54641A 54641D 54642A 54642D 2-channel 60 MHz Oscilloscope 2+16 channel 60 MHz Mixed Signal Oscilloscope 2-channel 100 MHz Oscilloscope 2+16 channel 100 MHz Mixed Signal Oscilloscope 4-channel 100 MHz Oscilloscope 2-channel 350 MHz Oscilloscope 2+16 channel 350 MHz Mixed Signal Oscilloscope 2-channel 500 MHz Oscilloscope 2+16 channel 500 MHz Mixed Signal Oscilloscope
Accessories Included:
54621A 54621D 54622A 54622D 54624A 54641A 54641D 54642A 54642D
User's Guide (localized), Service Manual, Programmer's Manual Power cord 10073C 10:1 divider probes with readout 10074C 10:1 divider probes with readout 16:2 x 8 input logic input probe assembly Accessories pouch and front panel cover IntuiLink software RS-232 cable ** 0
0
0
0
0
2
2
2
2
2
2
2
2
4
0
0
0
0




**
** IntuiLink Software available free on web at www.agilent.com/find/intuilink
Manual Options (if no option is specified, English ABA will be shipped) ABA ABJ AB2 English Japanese Simplified Chinese
21
Ordering Information (continued)
Available Options Option 003
Description Shielding Option for use in severe environments or with sensitive devices under test - shields both ways (in and out): RS-03 Magnetic interface shielding added to CRT, and RE-02 display shield added to CRT to reduce radiated interference Rackmount kit (same as 1186A) .
Option 1CM
Warranty and Calibration Options: All models include a standard 1-year warranty. Contact local sales office for prices of extended options: A6J R-50C-011-3 R-50C-013-3 R-50C-011-5 R-50C-013-5 R-51B-001-3C R-51B-001-5C ANSI/NSCL Z540 calibration with test data (replaces 1BP) 3-years of return-to-Agilent inclusive calibration service 3-years of return-to-Agilent inclusive plus calibration service 5-years of return-to-Agilent inclusive calibration service 5-years of return-to-Agilent inclusive plus calibration service 1-year return-to-Agilent warranty, extended to 3-years 1-year return-to-Agilent warranty, extended to 5-years
Accessories 1183A 1185A 1186A N2726A
Description Testmobile scope cart Carrying case Rackmount kit (same as option 1CM) Accessory pouch & front panel cover (standard with 100-MHz models, optional with 60-MHz models) Seiko thermal printer and pouch, parallel cable, power cable, 2 rolls paper, front panel cover 10 rolls of printer paper GPIB interface module for 54620-Series and 54640-Series scopes CAN trigger module
N2727A
N2728A N2757A N2758A
Passive Probes 10070C 10073C 10074C
Description 1:1 passive probe with ID 10:1 500 MHz passive probe with ID 10:1 150 MHz passive probe with ID
22
Ordering Information (continued)
Fine Pitch Probing 10072A 10075A E2613B E2614A E2643A E2615B E2616A E2644A
Description Fine-pitch probe kit 0.5 mm, IC clip kit 0.5mm, Wedge probe adapter, 3-signal, qty 2 0.5 mm, Wedge probe adapter, 8-signal, qty 1 0.5 mm, Wedge probe adapter 16-signal, qty 1 0.65mm, Wedge probe adapter, 3-signal, qty 2 0.65 mm, Wedge probe adapter, 8-signal, qty 1 0.65 mm, Wedge probe adapter, 16-signal, qty 1 .
Call the measurement experts at Agilent Technologies Whether your work is mostly digital, mostly analog, or somewhere in the middle, our measurement specialists can help you select the best debugging solution. Call today to talk to a knowledgeable engineer about your particular application. See for yourself with a no-obligation, 2week demo If you'd like to see for yourself how an Agilent 54600-Series scope can help you solve your mixed analog and digital design problems, just give us a call. We'll arrange for you to use a 54620-Series scope in your lab for two weeks with no obligation to buy. Call 1-800-452-4844 and ask for Direct Demo or visit our website: www.agilent.com/find/MSO. Money-back guarantee Get a full refund if you're not satisfied with your purchase for any reason within 60 days in the USA or 90 days outside of the USA.
Current Probes 1146A N2774A N2775A
Description 100 kHz current probe, ac/dc 50 MHz current probe, ac/dc Power supply for N2774A .
High Voltage Probes Description 10076A N2771A 100:1, 4 kV 250 MHz probe with ID 1000:1, 15 kV, 50 MHz high voltage probe.
Logic Probes 10085-68701
Description 16:16 logic cable and terminator (for use with 54621D/622D/641D/642D) 16:2 x 8 logic input probe assembly (shipped standard with 54621D/622D/641D/642D)
54620-68701
Active probes 1144A 1145A 1142A
Description 800 MHz active probe 2-channel 750MHz active probe power supply for 1144A and 1145A
Differential Probes N2772A N2773A
Description 20 MHz differential probe Differential probe power supply
Cables 10833A 34398A
Description GPIB cable, 1m long RS-232 cable (standard with 100 MHz, 350 MHz, and 500 MHz scopes)
23
www.agilent.com
Agilent Technologies' Test and Measurement Support, Services, and Assistance Agilent Technologies aims to maximize the value you receive, while minimizing your risk and problems. We strive to ensure that you get the test and measurement capabilities you paid for and obtain the support you need. Our extensive support resources and services can help you choose the right Agilent products for your applications and apply them successfully. Every instrument and system we sell has a global warranty. Support is available for at least five years beyond the production life of the product. Two concepts underlie Agilent's overall support policy: "Our Promise" and "Your Advantage." Our Promise Our Promise means your Agilent test and measurement equipment will meet its advertised performance and functionality. When you are choosing new equipment, we will help you with product information, including realistic performance specifications and practical recommendations from experienced test engineers. When you use Agilent equipment, we can verify that it works properly, help with product operation, and provide basic measurement assistance for the use of specified capabilities, at no extra cost upon request. Many self-help tools are available. Your Advantage Your Advantage means that Agilent offers a wide range of additional expert test and measurement services, which you can purchase according to your unique technical and business needs. Solve problems efficiently and gain a competitive edge by contracting with us for calibration, extra-cost upgrades, out-of-warranty repairs, and on-site education and training, as well as design, system integration, project management, and other professional engineering services. Experienced Agilent engineers and technicians worldwide can help you maximize your productivity, optimize the return on investment of your Agilent instruments and systems, and obtain dependable measurement accuracy for the life of those products.
For more information on Agilent Technologies' products, applications or services, please contact your local Agilent office. The complete list is available at:
www.agilent.com/find/contactus
Phone or Fax United States: (tel) 800 829 4444 (fax) 800 829 4433 Canada: (tel) 877 894 4414 (fax) 800 746 4866 China: (tel) 800 810 0189 (fax) 800 820 2816 Europe: (tel) 31 20 547 2111 Japan: (tel) (81) 426 56 7832 (fax) (81) 426 56 7840 Korea: (tel) (080) 769 0800 (fax) (080) 769 0900 Latin America: (tel) (305) 269 7500 Taiwan: (tel) 0800 047 866 (fax) 0800 286 331
www.agilent.com/find/emailupdates Get the latest information on the products and applications you select.
Other Asia Pacific Countries: (tel) (65) 6375 8100 (fax) (65) 67556 0042 Email: tm_ap@agilent.com
Contacts revised: 9/17/04
Agilent Direct
www.agilent.com/find/agilentdirect Quickly choose and use your test equipment solutions with confidence. Agilent T&M Software and Connectivity Agilent's Test and Measurement software and connectivity products, solutions and developer network allows you to take time out of connecting your instruments to your computer with tools based on PC standards, so you can focus on your tasks, not on your connections. Visit www.agilent.com/find/connectivity for more information.
MICROSOFT and VISUAL STUDIO .NET are registered trademarks of Microsoft Corporation in the U.S. and/or other countries.
Product specifications and descriptions in this document subject to change without notice. (c) Agilent Technologies, Inc. 2004 Printed in USA November 16, 2004
5968-8152EN


▲Up To Search▲   

 
Price & Availability of 54600

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X