Part Number Hot Search : 
TC124 34063 70220 XF200 01209 203DH 4063AP SA627
Product Description
Full Text Search
 

To Download 5082-0008 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5082-0008
STEP RECOVERY DIODE CHIP
DESCRIPTION:
The ASI 5082-0008 is a Silicon Oxide Passivated SRD Chip Designed for hybrid local oscillator Applications.
PACKAGE STYLE CHIP FEATURES:
* Gold contact metalization * Passivated Chip
MAXIMUM RATINGS
I V PDISS TJ TSTG TSOLD 100 mA 15 V 100 mW @ TC = 25 C -60 C to +200 C -65 C to +200 C t 1.0 MINUTE +310 C
CHIP = 0.020 X 0.020 X 0.011 INCHES TOP BOND CONTACT GOLD = 0.0025 INCHES BOTTOM CONTACT GOLD (FULL AREA)
NONE
CHARACTERISTICS
SYMBOL
VB CJ RS tt IR = 10 A VR = 10 V IF = 20 mA IF = 10 mA
TC = 25 C
TEST CONDITIONS
f = 1.0 MHz f = 100 MHz IR = 6.0 mA
MINIMUM TYPICAL MAXIMUM
15 0.38 0.8 10 60
UNITS
V pF Ohms S pS
CL = 100 pc
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of 5082-0008

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X