Part Number Hot Search : 
00111 AMS317A R0100FEA 74HCT4 IRFZ46N AOD476 DTC114E SA130
Product Description
Full Text Search
 

To Download 5082-0001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5082-0001
SILICON PIN DIODE CHIP
DESCRIPTION:
The ASI 5082-0001 is a Silicon Dioxide Passivated PIN Diode Chip Designed for MIC Circuit Applications.
PACKAGE STYLE 001A
MAXIMUM RATINGS
I V PDISS TJ T STG T SOLD 100 mA 70 V 250 mW @ TC = 25 OC -65 OC to +150 OC -65 OC to +150 OC t 1.0 MINUTE +300 OC
CHIP = 0.020 X 0.020 X 0.011 INCHES TOP BOND CONTACT GOLD = 0.0025 INCHES BOTTOM CONTACT GOLD (FULL AREA)
NONE
CHARACTERISTICS
SYMBOL
VB CJ RS trr IR = 10 A VR = 20 V IF = 20 mA IF = 10 mA IF = 20 mA
TC = 25 OC
TEST CONDITIONS
f = 1.0 MHz f = 100 MHz IR = 6.0 mA VR = 10 V
MINIMUM TYPICAL MAXIMUM
70 0.16 0.8 35 5.0
UNITS
V pF Ohms S S
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of 5082-0001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X