Part Number Hot Search : 
PEC550 3CD010 CD100 RM233615 NCP1012 MMA709 D1070 4N06L
Product Description
Full Text Search
 

To Download 2SB1462 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SB1462
Silicon PNP epitaxial planer type
For general amplification Complementary to 2SD2216
1.60.15
Unit: mm
s Features
q q
0.4
0.80.1
0.4
High foward current transfer ratio hFE. SS-Mini type package, allowing downsizing of the equipment and automatic insertion through the tape packing and the magazine packing. (Ta=25C)
1.60.1
1.00.1
0.5
1
0.5
3
2
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg
0.450.1 0.3
0.750.15
Ratings -60 -50 -7 -200 -100 125 125 -55 ~ +125
Unit V V V mA mA mW C C
1:Base 2:Emitter 3:Collector
EIAJ:SC-75 SS-Mini Type Package
Marking symbol :
A
s Electrical Characteristics
Parameter Collector cutoff current Collector to base voltage Collector to emitter voltage Emitter to base voltage Forward current transfer ratio Collector to emitter saturation voltage Transition frequency Collector output capacitance
(Ta=25C)
Symbol ICBO ICEO VCBO VCEO VEBO hFE* VCE(sat) fT Cob Conditions VCB = -20V, IE = 0 VCE = -10V, IB = 0 IC = -10A, IE = 0 IC = -100A, IB = 0 IE = -10A, IC = 0 VCE = -10V, IC = -2mA IC = -100mA, IB = -10mA VCB = -10V, IE = 1mA, f = 200MHz VCB = -10V, IE = 0, f = 1MHz -60 -50 -7 160 - 0.11 80 2.7 460 - 0.3 V MHz pF min typ max - 0.1 -100 Unit A A V V V
*h
FE
Rank classification
Rank hFE Marking Symbol Q 160 ~ 260 AQ R 210 ~ 340 AR S 290 ~ 460 AS
0 to 0.1
0.20.1
0.15-0.05
+0.1
0.2-0.05
+0.1
1
Transistor
PC -- Ta
150 -60 Ta=25C 125 -50 IB=-300A -250A -40 -200A -30 -50
2SB1462
IC -- VCE
-60 VCE=-5V Ta=25C
IC -- I B
Collector power dissipation PC (mW)
Collector current IC (mA)
100
Collector current IC (mA)
-18
-40
75
-150A
-30
50
-20
-100A
-20
25
-10
-50A
-10
0 0 20 40 60 80 100 120 140 160
0 0 -6 -12
0 0 -150 -300 -450
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Base current IB (A)
IB -- VBE
-400 VCE=-5V Ta=25C -350 -200 -240
IC -- VBE
Collector to emitter saturation voltage VCE(sat) (V)
-10 -3 -1 VCE=-5V 25C Ta=75C -25C
VCE(sat) -- IC
IC/IB=10
Collector current IC (mA)
Base current IB (A)
-300 -250 -200 -150 -100 -50 0 0 - 0.6 -1.2 -1.8
Ta=75C 25C -25C
-160
- 0.3 - 0.1 - 0.03 - 0.01
-120
-80
-40
- 0.003 - 0.001 -1
0 0 - 0.4 - 0.8 -1.2 -1.6 -2.0
-3
-10
-30
-100 -300 -1000
Base to emitter voltage VBE (V)
Base to emitter voltage VBE (V)
Collector current IC (mA)
hFE -- IC
600 VCE=-10V 160 140 120 100 80 60 40 20 0 -1 0 0.1 VCB=-10V Ta=25C
fT -- I E
8
Cob -- VCB
Collector output capacitance Cob (pF)
IE=0 f=1MHz Ta=25C
Forward current transfer ratio hFE
500
Transition frequency fT (MHz)
7 6 5 4 3 2 1 0 -1
400 Ta=75C 300 25C -25C 200
100
-3
-10
-30
-100 -300 -1000
0.3
1
3
10
30
100
-3
-10
-30
-100
Collector current IC (mA)
Emitter current IE (mA)
Collector to base voltage VCB (V)
2
Transistor
NF -- IE
6 VCB=-5V f=1kHz Rg=2k Ta=25C 20 18 16 VCB=-5V Rg=50k Ta=25C
2SB1462
NF -- IE
300 hfe 100
h Parameter -- IE
5
Noise figure NF (dB)
Noise figure NF (dB)
12 10 8 6 4 2
h Parameter
4
14 f=100Hz 1kHz 30 hoe (S)
3
10
2
10kHz hie (k) VCE=-5V f=270Hz Ta=25C 3 10
1
3
0 0.01 0.03
0.1
0.3
1
3
10
0 0.1
0.3
1
3
10
1 0.1
hre 0.3
(!10-4) 1
Emitter current IE (mA)
Emitter current IE (mA)
Emitter current IE (mA)
h Parameter -- VCE
300 hfe 100 IE=2mA f=270Hz Ta=25C
h Parameter
30 hoe (S) 10
3
hre (!10-4) hie (k)
1 -1
-3
-10
-30
-100
Collector to emitter voltage VCE (V)
3


▲Up To Search▲   

 
Price & Availability of 2SB1462

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X