Part Number Hot Search : 
EST7502B KBP306 MC414MS8 PEB2060 DD128F ADP1173 FGA30N60 BR5200
Product Description
Full Text Search
 

To Download 2021-25 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2021-25
25 Watts, 24 Volts, Class C Microwave 2000 - 2130 MHz
GENERAL DESCRIPTION
The 2021-25 is a COMMON BASE transistor capable of providing 25 Watts, Class C output power over the band 2000-2130 MHz. The transistor includes input and output prematching for full Broadband capability. Gold metalization and diffused ballasting are used to provide high reliability and supreme ruggedness. The transistor uses a fully hermetic High Temperature Solder Sealed package.
CASE OUTLINE 55AW, STYLE 1
ABSOLUTE MAXIMUM RATINGS
Maximum Power Dissipation @ 25oC Maximum Voltage and Current BVces Collector to Emitter Voltage BVebo Emitter to Base Voltage Ic Collector Current Maximum Temperatures Storage Temperature Operating Junction Temperature 58 Watts 40 Volts 3.5 Volts 3.0 Amps - 65 to + 200 oC + 200 oC
ELECTRICAL CHARACTERISTICS @ 25 OC
SYMBOL Pout Pin Pg CHARACTERISTICS Power Out Power Input Power Gain Efficiency Load Mismatch Tolerance TEST CONDITIONS F = 2000-2100 MHz Vcc = 24 Volts MIN 25 5.0 7.0 50 Pout = 25 Watts 3:1 TYP MAX UNITS Watts Watts dB %
c
VSWR1
BVces BVebo Hfe Cob
jc
Collector to Base Breakdown Emitter to Base Breakdown Current Gain Output Capacitance* Thermal Resistance
Ic = 10 mA Ie = 5 mA Vce = 5V, Ic=1 A Tc = 25oC
40 3.5 20
Volts Volts 120 3.0
o
pF C/W
* Not measureable due to internal prematch network
August 1996
GHz TECHNOLOGY INC. RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE. GHz RECOMMENDS THAT BEFORE THE PRODUCT(S) DESCRIBED HEREIN ARE WRITTEN INTO SPECIFICATIONS, OR USED IN CRITICAL APPLICATIONS, THAT THE PERFORMANCE CHARACTERISTICS BE VERIFIED BY CONTACTING THE FACTORY.
GHz Technology Inc. 3000 Oakmead Village Drive, Santa Clara, CA 95051-0808 Tel. 408 / 986-8031 Fax 408 / 986-8120


▲Up To Search▲   

 
Price & Availability of 2021-25

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X