Part Number Hot Search : 
44000 7C134 SSP60 31M10 MAX452 LTC1059M FRF250R OP181GP
Product Description
Full Text Search
 

To Download 2021-200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2020/2021
FIXED SIP DELAY LINE TR < 1ns (SERIES 2020 & 2021)
FEATURES
* * * * * * * Microstrip Technology Fast rise time for high frequency applications Delay available from 100ps to 2500ps Very narrow device (SIP package) Stackable for PC board economy Epoxy encapsulated Meets or exceeds MIL-D-23859C 123
G IN G
data 3 (R) delay devices, inc.
PACKAGES
678
G OUT G
2020-xx xx = Delay (TD)
123
IN G OUT
2021-xx xx = Delay (TD)
FUNCTIONAL DESCRIPTION
The 2020- and 2021-series devices are fixed, single-input, single-output, passive delay lines. The signal input (IN) is reproduced at the output (OUT), shifted by a time (TD) given by the device dash number. The characteristic impedance of the lines is nominally 50 ohms. The rise time (TR) of the lines is no more than 1ns, resulting in a 3dB bandwidth of at least 350MHz.
PIN DESCRIPTIONS
IN OUT G Signal Input Signal Output Ground
SERIES SPECIFICATIONS
* * * * * *
IN Dielectric GND GND
DASH NUMBER SPECIFICATIONS
Part Number 2021-100 2021-150 2021-200 2021-250 2021-300 2021-350 2021-400 2021-500 2021-600 2021-700 Part Number 2020-100 2020-150 2020-200 2020-250 2020-300 2020-350 2020-400 2020-500 2020-600 2020-700 2020-800 2020-900 2020-1000 2020-1100 2020-1200 2020-1300 2020-1400 2020-1500 2020-1600 2020-1750 Delay (ps) 100 10 150 10 200 10 250 10 300 10 350 10 400 10 500 10 600 12 700 14 800 16 900 18 1000 20 1100 22 1200 24 1300 26 1400 28 1500 30 1600 32 1750 35 Imped. () 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50
Tolerance: Bandwidth: Ripple in pass-band: Dielectric breakdown: Operating temperature: Temperature coefficient:
Serpentine
2% or 10ps >350MHz Approx. 0.2dB >500 Vdc -65C to +125C <100 PPM/C
OUT
Functional Diagram
1.08 MAX. .142 MAX. .500 MAX.
Series 2020
G IN G G OUT G
.380 MAX. .200 MIN.
Series 2021
IN G OUT
.100 .100 .500
.100 .100 .290 MAX.
.020 DIA.
.100 .100 .150 MAX.
Package Dimensions
(c) 2001 Data Delay Devices
Doc #01009
10/31/01
DATA DELAY DEVICES, INC.
3 Mt. Prospect Ave. Clifton, NJ 07013
1
2020/2021
PASSIVE DELAY LINE TEST SPECIFICATIONS
TEST CONDITIONS
INPUT: Ambient Temperature: Source Amplitude: Source Impedance: Input Frequency: 25 C 3 C 0dBm typical 50 nominal 27.777778MHz
o o
OUTPUT: Zload:
50 nominal
Network analyzer is used in phase measurement mode, normalized with a wire jumper between input and output of DUT test socket. Delay is related to phase lag with proportionality constant of 100ps/deg. NOTE: The above conditions are for test only and do not in any way restrict the operation of the device.
OUT IN R IN A NETWORK ANALYZER (HP 3577A) IN B
RF 50-Ohm Coax 50-Ohm Coax
IN
50-OHM SIGNAL DIVIDER OUT R (HP 35676 -66301) OUT A OUT B 50-Ohm Coax IN GND DEVICE UNDER TEST (DUT) 50-Ohm Coax OUT GND
Test Setup
Doc #01009
10/31/01
DATA DELAY DEVICES, INC.
Tel: 973-773-2299 Fax: 973-773-9672 http://www.datadelay.com
2


▲Up To Search▲   

 
Price & Availability of 2021-200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X