Part Number Hot Search : 
STA475 OM5155 K155NA6 CC411699 LM780 MC68HC24 MN1418 MN1418
Product Description
Full Text Search
 

To Download ZMM43B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ZMM3B9 ... ZMM75B (500 mW - 2%)
ZMM3B9 ... ZMM75B (500 mW - 2%)
Surface mount Silicon Planar Zener Diodes Silizium-Planar-Zener-Dioden fur die Oberflachenmontage Version 2007-07-06 Maximum power dissipation Maximale Verlustleistung Nominal Z-voltage Nominale Z-Spannung
3.5
500 mW 3.9...75 V SOD-80 (DO-213AA) 0.04 g
0.3
Glass case MiniMELF Glasgehause MiniMELF Weight approx. Gewicht ca. Standard packaging taped and reeled Standard Lieferform gegurtet auf Rolle
Dimensions - Mae [mm]
Standard Zener voltage tolerance is graded to the international E 24 standard (~ 5%). The devices ZMM3B9...ZMM75B are specially selected to ~ 2% tolerance. Other voltage tolerances and Zener voltages on request. Die Standard-Toleranz der Z-Spannung ist gestuft nach der internationalen Reihe E 24 (~ 5%). Die Reihe ZMM3B9...ZMM75B ist eine Sonderselektion mit ~ 2% Toleranz. Andere Toleranzen oder Zener-Spannungen auf Anfrage.
Maximum ratings and Characteristics Power dissipation Verlustleistung Junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft TA = 25C
Type Typ
0.1
0.3
Grenz- und Kennwerte Ptot Tj TS RthA 500 mW 1) -50...+175C -50...+175C < 300 K/W 1)
Zener voltages see table on next page - Zener-Spannungen siehe Tabelle auf der nachsten Seite
2
1 2
Mounted on P.C. board with 25 mm2 copper pads at each terminal Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lotpad) an jedem Anschluss Tested with pulses - Gemessen mit Impulsen http://www.diotec.com/
(c) Diotec Semiconductor AG
1
ZMM3B9 ... ZMM75B (500 mW - 2%) Maximum ratings Type Typ Zener voltage ) Zener-Spanng.2) IZ = 5 mA Vzmin [V] ZMM3B9 ZMM4B3 ZMM4B7 ZMM5B1 ZMM5B6 ZMM6B2 ZMM6B8 ZMM7B5 ZMM8B2 ZMM9B1 ZMM10B ZMM11B ZMM12B ZMM13B ZMM15B ZMM16B ZMM18B ZMM20B ZMM22B ZMM24B ZMM27B ZMM30B ZMM33B ZMM36B ZMM39B ZMM43B ZMM47B ZMM51B ZMM56B ZMM62B ZMM68B ZMM75B 3.81 4.20 4.60 4.99 5.48 6.07 6.65 7.34 8.03 8.91 9.79 10.79 11.79 12.68 14.68 15.68 17.58 19.58 21.58 23.48 26.48 29.38 32.2 35.2 38.1 42.0 46.0 49.9 54.8 60.7 66.5 73.4 Vzmax [V] 3.99 4.40 4.80 5.21 5.72 6.33 6.95 7.66 8.37 9.29 10.21 11.21 12.21 13.32 15.32 16.32 18.42 20.42 22.42 24.52 27.52 30.62 33.8 36.8 39.9 44.0 48.0 52.1 57.2 63.3 69.5 76.6
2
Grenzwerte Temp. Coeffic. of Z-voltage ...der Z-spanng. VZ [10-4 /C] -8...-5 -6...-3 -5...+2 -2...+2 -5...+5 +3...+6 +3...+7 +3...+7 +3...+8 +3...+9 +3...+10 +3...+11 +3...+11 +3...+11 +3...+11 +3...+11 +3...+11 +3...+11 +4...+12 +4...+12 +4...+12 +4...+12 +4...+12 +4...+12 +4...+12 +4...+12 +4...+12 +4...+12 +4...+12 +4...+12 +4...+12 +4...+12 Reverse volt. Z-current 1) Sperrspanng. Z-Strom 1) IR = 100 nA TA = 50C VR [V] 1 (2A) 1 (1A) 1 (0.5A) 1 1 2 3 5 6 7 7 8 9 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 IZmax [mA] 122 109 100 93 83 76 69 63 57 52 47 43 39 35 32 29 26 24 21 20 17 16 14 13 12 11 10 9 8 8 7 6
Dynamic resistance Inhar. diff. Widerstand rzj [] at f = 1 kHz IZ = 5 mA < 85 <75 < 60 <35 < 25 < 10 <8 <7 <7 < 10 < 15 < 20 < 20 < 26 < 30 < 40 < 50 < 55 < 55 < 80 < 80 < 80 < 80 < 80 < 90 < 90 < 110 < 125 < 135 < 150 < 200 < 250 IZ = 1 mA < 600 < 600 < 600 < 550 < 450 < 200 < 150 < 50 < 50 < 50 < 70 < 70 < 90 < 110 < 110 < 170 < 170 < 220 < 220 < 220 < 220 < 220 < 220 < 220 < 500 < 500 < 600 < 700 < 700 < 1000 < 1000 < 1000
1
Notes see previous page - Funoten siehe vorhergehende Seite http://www.diotec.com/ (c) Diotec Semiconductor AG
2


▲Up To Search▲   

 
Price & Availability of ZMM43B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X