Part Number Hot Search : 
LT1033CP DP68H8L P6KE56 BTA40 TA7279P 5788516 HER30 66400
Product Description
Full Text Search
 

To Download XP161A1265PR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 x N-Channel Power MOS FET x DMOS Structure x Low On-State Resistance: 0.055 MAX x Gate Protect Diode Built-in x Ultra High-Speed Switching x SOT-89 Package
s General Description
The XP161A1265PR is a N-Channel Power MOS FET with low on-state resistance and ultra high-speed switching characteristics. Because high-speed switching is possible, the IC can be efficiently set thereby saving energy. In order to counter static, a gate protect diode is built-in. The small SOT-89 package makes high density mounting possible.
s Applications
q Notebook PCs q Cellular and portable phones q On-board power supplies q Li-ion battery systems
s Features
Low on-state resistance: Rds(on)=0.055(Vgs=4.5V) Rds(on)=0.095(Vgs=2.5V) Ultra high-speed switching Gate Protect Diode Built-in Operational Voltage: 2.5V High density mounting: SOT-89
u
s Pin Configuration s Pin Assignment
PIN NUMBER 1 2 3
1 G 2 D 3 S
PIN NAME G D S
FUNCTION Gate Drain Source
SOT-89 (TOP VIEW)
s Equivalent Circuit
s Absolute Maximum Ratings
PARAMETER Drain-Source Voltage Gate-Source Voltage Drain Current (DC) Drain Current (Pulse) Reverse Drain Current SYMBOL Vdss Vgss Id Idp Idr Pd Tch Tstg RATINGS 20 12 4 16 4 2 150 -55~150
Ta=25: UNITS V V A A A W : :
1
2
3
Continuous Channel Power Dissipation (note) Channel Temperature Storage Temperature
N-Channel MOS FET (1 device built-in)
Note: When implemented on a glass epoxy PCB
s Electrical Characteristics
DC characteristics
PARAMETER Drain Cut-off Current Gate-Source Leakage Current Gate-Source Cut-off Voltage Drain-Source On-state Resistance (note) Forward Transfer Admittance (note) Body Drain Diode Forward Voltage
Note: Effective during pulse test.
Ta=25: SYMBOL Idss Igss Vgs(off) Rds(on) Yfs Vf CONDITIONS Vds=20V, Vgs=0V Vgs=12V, Vds=0V Id=1mA, Vds=10V Id=2A, Vgs=4.5V Id=2A, Vgs=2.5V Id=2A, Vds=10V If=4A, Vgs=0V MIN TYP MAX 10 10 0.7 0.042 0.07 8 0.85 1.1 1.4 0.055 0.095 UNITS A A V S V
Dynamic characteristics
PARAMETER Input Capacitance Output Capacitance Feedback Capacitance SYMBOL Ciss Coss Crss CONDITIONS Vds=10V, Vgs=0V f=1MHz MIN TYP 320 190 80 MAX
Ta=25: UNITS pF pF pF
u
Switching characteristics
PARAMETER Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time SYMBOL td (on) tr td (off) tf Vgs=5V, Id=2A Vdd=10V CONDITIONS MIN TYP 10 15 55 40 MAX Ta=25: UNITS ns ns ns ns
Thermal characteristics
PARAMETER Thermal Resistance (channel-surroundings) SYMBOL Rth (ch-a) CONDITIONS Implement on a glass epoxy resin PCB MIN TYP 62.5 MAX UNITS :/W
Electrical Characteristics
Drain Current vs. Drain/Source Voltage Drain Current vs. Gate/Source Voltage
Drain/Source On-State Resistance vs. Gate/Source Voltage
Drain/Source On-State Resistance vs. Drain Current
u
Drain/Source On-State Resistance vs. Ambient Temp.
Gate/Source Cut Off Voltage Variance vs. Ambient Temp.
Electrical Characteristics
Capacitance vs. Drain/Source Voltage Switching Time vs. Drain Current
Gate/Source Voltage vs. Gate Charge
Reverse Drain Current vs. Source/Drain Voltage
u
Standardized Transition Thermal Resistance vs. Pulse Width


▲Up To Search▲   

 
Price & Availability of XP161A1265PR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X