Part Number Hot Search : 
52000 KL731JT SD120 20012 ATMEGA32 144EE C3504 LTD321
Product Description
Full Text Search
 

To Download XN4401 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Composite Transistors
XN4401
Silicon PNP epitaxial planer transistor
Unit: mm
For general amplification
0.650.15 6 0.95
2.8 -0.3
+0.2 +0.25
1.5 -0.05
0.650.15 1
0.3 -0.05
2.9 -0.05
q q
Two elements incorporated into one package. Reduction of the mounting area and assembly cost by one half.
1.90.1
+0.2
5
2
0.95
4
3
q
2SB709A x 2 elements
1.1-0.1
0.40.2
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Rating Emitter to base voltage of element Collector current Peak collector current Total power dissipation Overall Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC ICP PT Tj Tstg
(Ta=25C)
Ratings -60 -50 -7 -100 -200 300 150 -55 to +150 Unit V V V mA mA mW C C
1 : Collector (Tr1) 2 : Base (Tr2) 3 : Emitter (Tr2)
4 : Collector (Tr2) 5 : Base (Tr1) 6 : Emitter (Tr1) EIAJ : SC-74 Mini Type Package (6-pin)
Marking Symbol: 5K Internal Connection
6 5 4 Tr1 1 2 3
Tr2
s Electrical Characteristics
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Collector cutoff current Forward current transfer ratio Collector to emitter saturation voltage Transition frequency Collector output capacitance
(Ta=25C)
Symbol VCBO VCEO VEBO ICBO ICEO hFE VCE(sat) fT Cob Conditions IC = -10A, IE = 0 IC = -2mA, IB = 0 IE = -10A, IC = 0 VCB = -20V, IE = 0 VCE = -10V, IB = 0 VCE = -10V, IC = -2mA IC = -100mA, IB = -10mA VCB = -10V, IE = 1mA, f = 200MHz VCB = -10V, IE = 0, f = 1MHz 160 - 0.3 80 2.7 min -60 -50 -7 - 0.1 -100 460 - 0.5 V MHz pF typ max Unit V V V A A
0 to 0.05
0.1 to 0.3
0.8
0.16-0.06
+0.2
s Basic Part Number of Element
+0.1
1.450.1
s Features
0.5 -0.05
+0.1
+0.1
1
Composite Transistors
PT -- Ta
500
XN4401
IC -- VCE
-60 Ta=25C IB=-300A -60 VCE=-5V Ta=25C -50
IC -- IB
Total power dissipation PT (mW)
Collector current IC (mA)
-250A -40 -200A -30
Collector current IC (mA)
400
-50
-40
300
-150A
-30
200
-20
-100A
-20
100
-10
-50A
-10
0 0 40 80 120 160
0 0 -2 -4 -6 -8 -10 -12 -14 -16 -18
0 0 -100 -200 -300 -400
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Base current IB (A)
IB -- VBE
-400 -350 VCE= - 5V Ta=25C -200 -240
IC -- VBE
-10
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
VCE=-5V IC/IB=10
25C Ta=75C -25C
-3 -1 -0.3 -0.1 -0.03 -0.01 25C Ta=75C
Base current IB (A)
-300 -250 -200 -150 -100 -50 0 0 -0.4 -0.8 -1.2 -1.6
Collector current IC (mA)
-160
-25C
-120
-80
-40
-0.003 -0.001 -1
0 0 -0.4 -0.8 -1.2 -1.6 -2.0
-3
-10
-30
-100 -300 -1000
Base to emitter voltage VBE (V)
Base to emitter voltage VBE (V)
Collector current IC (mA)
hFE -- IC
600 VCE= -10V 160 VCB=-10V Ta=25C
fT -- IE
8
Cob -- VCB
Collector output capacitance Cob (pF)
f=1MHz IE=0 Ta=25C
Forward current transfer ratio hFE
500
Transition frequency fT (MHz)
140 120 100 80 60 40 20
7 6 5 4 3 2 1 0 -1
400 Ta=75C 300 25C -25C 200
100
0 -1
-3
-10
-30
-100 -300 -1000
0 0.1
0.3
1
3
10
30
100
-2 -3 -5
-10
-20 -30 -50 -100
Collector current IC (mA)
Emitter current IE (mA)
Collector to base voltage VCB (V)
2
Composite Transistors
NF -- IE
6 VCB=-5V f=1kHz Rg=2k Ta=25C 20 18 16 VCB=-5V Rg=50k Ta=25C
XN4401
NF -- IE
300 200 hfe 100
h Parameter -- IE
5
Noise figure NF (dB)
Noise figure NF (dB)
12 10 8 6 4 2
Parameter h
4
14
50 30 20 10 5 3 2 1 0.1 hre (x10-4) 0.2 0.3 0.5 1 2 3 VCE=-5V f=270Hz Ta=25C 5 10 hoe (S)
f=100Hz
3
1kHz 10kHz
2
hie (k)
1
0 0.01 0.03
0.1
0.3
1
3
10
0 0.1
0.2 0.3 0.5
1
2
3
5
10
Emitter current IE (mA)
Emitter current IE (mA)
Emitter current IE (mA)
h Parameter -- VCE
300 200 hfe 100 IE=2mA f=270Hz Ta=25C
Parameter h
50 30 20 hoe (S) 10 5 3 2 1 -1 hre (x10-4) hie (k)
-2 -3 -5
-10
-20 -30 -50 -100
Collector to emitter voltage VCE (V)
3


▲Up To Search▲   

 
Price & Availability of XN4401

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X