Part Number Hot Search : 
29002 HD74LS1 BCM5248 AQV210 KBJ406G FR3711 FR3711 IAS012YG
Product Description
Full Text Search
 

To Download VN1206L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VN1206L
Vishay Siliconix
N-Channel 120-V (D-S) MOSFET
PRODUCT SUMMARY
V(BR)DSS Min (V)
120
rDS(on) Max (W)
6 @ VGS = 10 V
VGS(th) (V)
0.8 to 2
ID (A)
0.23
FEATURES
D D D D D Low On-Resistance: 3.8 W Low Threshold: 1.4 V Low Input Capacitance: 35 pF Fast Switching Speed: 10 ns Low Input and Output Leakage
BENEFITS
D D D D D Low Offset Voltage Low-Voltage Operation Easily Driven Without Buffer High-Speed Circuits Low Error Voltage
APPLICATIONS
D Direct Logic-Level Interface: TTL/CMOS D Drivers: Relays, Solenoids, Lamps, Hammers, Displays, Memories, Transistors, etc. D Battery Operated Systems D Solid-State Relays
TO-226AA (TO-92)
S 1 Device Marking Front View "S" VN 1206L xxyy "S" = Siliconix Logo xxyy = Date Code
G
2
D
3
Top View VN1206L
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 150_C) Pulsed Drain Currenta Power Dissipation Thermal Resistance, Junction-to-Ambient Operating Junction and Storage Temperature Range Notes a. Pulse width limited by maximum junction temperature. Document Number: 70227 S-04279--Rev. E, 16-Jul-01 www.vishay.com TA= 25_C TA= 100_C TA= 25_C TA= 100_C
Symbol
VDS VGS ID IDM PD RthJA TJ, Tstg
Limits
120 "30 0.23 0.15 2 0.8 0.32 156 -55 to 150
Unit
V
A
W _C/W _C
11-1
VN1206L
Vishay Siliconix
SPECIFICATIONS (TA = 25_C UNLESS OTHERWISE NOTED)
Limits Parameter Static
Drain-Source Breakdown Voltage Gate-Threshold Voltage V(BR)DSS VGS(th) VGS = 0 V, ID = 100 mA VDS = VGS, ID = 250 mA VDS = VGS, ID = 1 mA VDS = 0 V, VGS = "15 V Gate-Body Leakage IGSS TJ = 125_C VDS = 0 V, VGS = "20 V VDS = 96 V, VGS = 0 V Zero Gate Voltage Drain Current IDSS TJ = 125_C VDS = 120 V, VGS = 0 V TJ = 125_C On-State Drain Currentb VDS = 10 V, VGS = 4.5 V ID(on) VDS = 10 V, VGS = 10 V VGS = 2.5 V, ID = 0.1 A VGS = 3.5 V, ID = 0.1 A VGS = 10 V, ID = 0.3 A Drain-Source On-Resistanceb rDS(on) VGS = 4.5 V, ID = 0.2 A TJ = 125_C VGS = 10 V, ID = 0.5 A TJ = 125_C Forward Transconductanceb Common Source Output Conductanceb VDS = 10 V, ID = 0.2 A gfs gos VDS = 10 V, ID = 0.5 A VDS = 7.5 V, ID = 0.1 A 300 1 0.6 1.6 6 4.5 3.3 3.8 7.6 3.3 7 400 425 0.4 mS 6 14.8 W 10 A 10 500 mA m 0.8 120 145 1.4 1.5 2 "100 "500 nA V
Symbol
Test Conditions
Min
Typa
Max
Unit
Dynamic
Input Capacitance Output Capacitance Reverse Transfer Capacitance Ciss Coss Crss VDS = 25 V, VGS = 0 V f = 1 MHz 35 15 2 125 50 20 pF
Switchingc
tON Turn-On Time td(on) tr tOFF Turn-Off Time td(off) tf Notes a. For DESIGN AID ONLY, not subject to production testing.. b. Pulse test: PW v300 ms duty cycle v2%. c. Switching time is essentially independent of operating temperature. VDD = 60 V, RL = 150 W ID ^ 0.4 A, VGEN = 10 V RG = 25 W 6 3 3 10 7 2.5 18 12 8 8 ns
VNDQ12
www.vishay.com
11-2
Document Number: 70227 S-04279--Rev. E, 16-Jul-01
VN1206L
Vishay Siliconix
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
Ohmic Region Characteristics
1000 VGS = 10 V 6V 800 ID - Drain Current (mA) 4V ID - Drain Current (mA) 160 2.8 V 2.4 V 120 2.2 V 80 2.0 V 40 1.8 V 2V 0 0 1 2 3 4 5 VDS - Drain-to-Source Voltage (V) 0 0 0.4 0.8 1.2 1.6 2.0 VDS - Drain-to-Source Voltage (V) 1.6 V 200 VGS = 3.0 V
Output Characteristics for Low Gate Drive
2.6 V
600
400
3V
200
Transfer Characteristics
500 VDS = 10 V 400 ID - Drain Current (mA) TJ = -55_C 300 rDS(on) - On-Resistance ( ) 5.0 4.5 25_C 125_C 5.5 6.0
On-Resistance vs. Gate-to-Source Voltage
0.25 A 4.0 3.5 3.0 I D = 0.1 A 0.5 A
200
100
0 0 1 2 3 4 5 VGS - Gate-Source Voltage (V)
2.5 0 10 VGS - Gate-Source Voltage (V) 20
On-Resistance vs. Drain Current
5.0 VGS = 10 V rDS(on) - Drain-Source On-Resistance ( ) 4.5 rDS(on) - Drain-Source On-Resistance ( ) (Normalized) 2.25
Normalized On-Resistance vs. Junction Temperature
VGS = 10 V 2.00 1.75 0.1 A 1.50 1.25 1.00 0.75 0.50 ID = 0.5 A
4.0
3.5
3.0
2.5 0 0.2 0.4 0.6 0.8 1.0
-50
-10
30
70
110
150
ID - Drain Current (A)
TJ - Junction Temperature (_C)
Document Number: 70227 S-04279--Rev. E, 16-Jul-01
www.vishay.com
11-3
VN1206L
Vishay Siliconix
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
Threshold Region
10 VDS = 15 V 100 ID - Drain Current (mA) C - Capacitance (pF) 120 VGS = 0 V f = 1 MHz
Capacitance
1
TJ = 150_C
80
60
25_C 0.1
40
C iss
20 -55_C 0.01 0 0.5 1 1.5 2 0 0 10 C rss
C oss
20
30
40
50
VGS - Gate-to-Source Voltage (V)
VDS - Drain-to-Source Voltage (V)
Gate Charge
12 I D = 0.5 A VGS - Gate-to-Source Voltage (V) 10 t - Switching Time (ns) 100
Load Condition Effects on Switching
VDD = 25 V RG = 25 W VGS = 0 to 10 V tf td(off) 10
8
6 VDS = 60 V 4 96 V
td(on)
2 tr 10 100 ID - Drain Current (A) 1000
0 0 120 240 360 480 600 Qg - Total Gate Charge (pC)
1
Normalized Effective Transient Thermal Impedance, Junction-to-Ambient (TO-226AA)
1 Duty Cycle = 0.5 Normalized Effective Transient Thermal Impedance
0.2 0.1 0.1 0.05 0.02
t1 t2 1. Duty Cycle, D = t1 t2 Notes: PDM
0.01 Single Pulse 0.01 0.1 1 10 100
2. Per Unit Base = RthJA = 156_C/W 3. TJM - TA = PDMZthJA(t)
1K
10 K
t1 - Square Wave Pulse Duration (sec)
www.vishay.com
11-4
Document Number: 70227 S-04279--Rev. E, 16-Jul-01
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of VN1206L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X