Part Number Hot Search : 
CHIPS CPD32X PCF5001 BDP950 AX886 T9015 HAL800 1SMB40
Product Description
Full Text Search
 

To Download VMB100-12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VMB100-12
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The ASI VMB100-12 is Designed for
PACKAGE STYLE .500 6L FLG
C A 2x ON FULL R D
FEATURES:
* * * OmnigoldTM Metalization System
B G .725/18,42 F
E
K H
M L
MAXIMUM RATINGS
DIM
J
I
MINIMUM
inches / mm
MAXIMUM
inches / mm
IC VCBO VCEO VEBO PDISS TJ TSTG JC
20 A 36 V 18 V 4.0 V 270 W @ TC = 25 OC -65 OC to +200 OC -65 OC to +150 OC 0.65 OC/W
A B C D E F G H I J K L M N
.150 / 3.43 .045 / 1.14 .210 / 5.33 .835 / 21.21 .200 / 5.08 .490 / 12.45 .003 / 0.08 .125 / 3.18 .725 / 18.42 .970 / 24.64 .090 / 2.29 .150 / 3.81
.160 / 4.06
.220 / 5.59 .865 / 21.97 .210 / 5.33 .510 / 12.95 .007 / 0.18
.980 / 24.89 .105 / 2.67 .170 / 4.32 .285 / 7.24
.120 / 3.05
.135 / 3.43
ORDER CODE: ASI10747
O
CHARACTERISTICS
SYMBOL
BVCBO BVCES BVCEO BVEBO ICES hFE COB PG C IC = 50 mA
TC = 25 C
NONETEST CONDITIONS
IC = 100 mA IC = 100 mA IE = 10 mA VCE = 15 V VCE = 5.0 V VCB = 12.5 V MHz VCE = 12.5 V POUT = 100 W IC = 5.0 A f = 1.0
MINIMUM TYPICAL MAXIMUM
36 36 18 4.0 15 20 --400 10 60
UNITS
V V V V mA --pF
f = 88 MHz
dB %
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of VMB100-12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X