Part Number Hot Search : 
RX5VT HD74AL MODEL78 B121EW01 KV2302A C824E D2219 BA25BC0
Product Description
Full Text Search
 

To Download V6340RSP3B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 R
EM MICROELECTRONIC - MARIN SA
V6340
Ultra Low Cost 3-Pin Microprocessor Reset
Description
The V6340 monitors the supply voltage of any electronic system, and generates the appropriate Reset signal. The threshold must be chosen to the minimum allowed voltage which guarantees the good functionality of the system. As long as VDD stays upside this voltage level, the output stays inactive. If VDD drops below VTH, the output gets active. The threshold voltage may be obtained in different versions: 2.6V, 3.0V, 3.7V and 4.4V.
Applications
Applications needing a voltage detection: ! Computer electronics ! White / Brown goods ! Automotive electronics ! Industrial electronics ! Telecom systems ! Hand-held systems
Features
! SOT-23 and TO-92 package ! Reset output state guaranteed down to VDD = 1V @ 25C ! Low supply current: stays stable during switching versions B, N, N: typ. 19A at VDD = 5V other versions: typ. 38A at VDD = 5V ! 2.5% voltage threshold accuracy ! High noise immunity ! No external components required ! Push-pull or Open drain output ! Pin compatible with MAX 809 in SOT-23, by appropriate layout on PCB ! Pin compatible with MC 33164 in TO-92 ! TTL output compatibility Typical Operating Configuration
VDD
Pin Assignment
TO-92
View Flat Front
SOT23-3L
VSS
V6340
3 3 1
VDD
V6340
VSS
RES or RES
Microprocessor
1
2
V6340
2
RES or RES
VDD
GND
RES VDD VSS or RES
Fig. 2
Fig. 1
Copyright (c) 2005, EM Microelectronic-Marin SA 03/06 - rev.K
1
www.emmicroelectronic.com
R
V6340
Absolute Maximum Ratings
Parameter Voltage at VDD to VSS Minimum voltage at RES or RES Maximum voltage at RES or RES Storage Temperature Range Symbol VDD
Vmin
Vmax TSTO
Handling Procedures
Conditions -0.3V to +8V
VSS - 0.3V
VDD + 0.3V -65C to +150C
Table 1
This device has built-in protection against high static voltages or electric fields; however, it is advised that normal precautions be taken as for any other CMOS component. Unless otherwise specified, proper operation can only occur when all terminal voltages are kept within the voltage range.
Operating Conditions
Parameter Symbol Min 1) Operating Temperature TA -40 2) Positive Supply Voltage VDD 1
1)
Stresses above these listed maximum ratings may cause permanent damages to the device. Exposure beyond specified operating conditions may affect device reliability or cause malfunction.
Max +125 5.5
Unit C V
Table 2
The maximum operating temperature is confirmed by sampling at initial device qualification. In production, all devices are tested at +25C 2) VDD = 1V guaranteed at +25C (see Fig. 14 for more information)
Electrical Characteristics
TA = +25C, unless otherwise specified
Parameter Supply current Threshold voltage
Threshold hysteresis RES Output Low Level
RES Output High Level
Output leakage current
1)
Symbol IDD VTH VTH VTH VHYS VOL VOL VOL VOL VOH VOH VOH VOH ILEAK Symbol IDD VTH VHYS
Test Conditions VDD = 5V, output open C, I, O D, J, P F, L, R
VDD = 1.6V, IOL = 1mA VDD = 2.5V, IOL = 2mA VDD = 3.5V, IOL = 3mA VDD = 5V, IOL = 4mA VDD = 1.6V, IOH = -1mA VDD = 2.5V, IOH = -1.5mA VDD = 3.5V, IOH = -2.5mA VDD = 5V, IOH = -3.5mA VDD = 5V
Min.
2.94 3.62 4.27
1.25 2.2 3.15 4.65
Typ. 38 3.02 3.72 4.39 5 200 195 198 185 1.36 2.3 3.27 4.76 0.005 Typ. 19 2.65 32
Max. 50 3.10 3.82 4.51
270 250 250 250
1
Unit A V V V mV mV mV mV mV V V V V A Unit A V mV
Table 3
Only for version B, H and N Parameter Supply current Threshold voltage Threshold hysteresis
1)
Test Conditions VDD = 5V, output open B, H, N
Min.
2.56
Max. 31 2.74
Only for Open drain versions
Timing Waveform
Block Diagram
VDD
Voltage Reference
+
RES or RES
VSS
Fig.3
Fig.4
Copyright (c) 2005, EM Microelectronic-Marin SA 03/06 - rev.K
2
www.emmicroelectronic.com
R
V6340
Typical Characteristics
Copyright (c) 2005, EM Microelectronic-Marin SA 03/06 - rev.K
3
www.emmicroelectronic.com
R
V6340
Copyright (c) 2005, EM Microelectronic-Marin SA 03/06 - rev.K
4
www.emmicroelectronic.com
R
V6340
Typical Applications
Copyright (c) 2005, EM Microelectronic-Marin SA 03/06 - rev.K
5
www.emmicroelectronic.com
R
V6340
Pin Description
TO-92 Pin 1 2 3 Name
RES or RES VDD VSS
Function Reset output Positive supply Supply ground
Table 5
SOT23-3L Pin 1 2 3
Name
RES or RES VDD VSS
Function Reset output Positive supply Supply ground
Table 6
Packaging and Ordering Information
Dimensions of SOT23-3L Package
Fig. 5
Dimensions of TO-92 Package
Fig. 6
Copyright (c) 2005, EM Microelectronic-Marin SA 03/06 - rev.K
6
www.emmicroelectronic.com
R
V6340
Ordering Information
Part Number: Threshold Voltage and Output Type
2.6V B H N 3.0V C I O 3.7V D J P 4.4V F L R Table 7
V6340
R
SP3B
+ RoHS + = lead-free & green mold [blank] = leaded Package and Delivery Form SP3B = SOT23-3, Tape & Reel TO3E = TO92, Ammopack
Push-pull, Reset active low Push-pull, Reset active high Open drain, Reset active low
Note: Subject to availability (see standard versions list below). When ordering, please give complete Part Number without space between letters: eg. V6340RSP3B, etc. Standard Versions (Top Marking) Marking for TO-92 package Part Number V6340FTO3E+ V6340NTO3E V6340OTO3E Package Marking V6340F V6340N V6340O Part Number V6340RTO3E+ V6340RTO3E Package Marking V6340R V6340R
Table 8
Marking for SOT23-3 package Part Number
V6340BSP3B V6340BSP3B+ V6340CSP3B V6340CSP3B+ V6340DSP3B V6340DSP3B+ V6340FSP3B V6340FSP3B+ V6340HSP3B V6340ISP3B V6340JSP3B V6340LSP3B V6340LSP3B+ V6340NSP3B V6340OSP3B V6340OSP3B+ V6340PSP3B V6340PSP3B+ V6340RSP3B V6340RSP3B+
1) 2) 3)
Threshold Voltage
2.6V 2.6V 3.0V 3.0V 3.7V 3.7V 4.4V 4.4V 2.6V 3.0V 3.7V 4.4V 4.4V 2.6V 3.0V 3.0V 3.7V 3.7V 4.4V 4.4V
Output type
Package and Delivery Form
Top 1) Marking
E1##
Active low push-pull
EC## AU## BU## EA##
Active high push-pull
SOT23-3L, Tape & Reel 3000 pcs E8##
Active low open-drain
EB## ED## P9## E3##
Top Marking 2) with 4 Characters AAAB BAAB AAAC BAAC AAAD BAAD AAAF BAAF AAAH AAAI AAAJ AAAL BAAL AAAN AAAO BAAO AAAP BAAP AAAR BAAR
Top Marking with 3 Characters AB#
AC# AD# AF# AH# AI# AJ# AL# AN# AO# AP# AR#
3)
Table 9
Top marking is standard from 2006. No bottom marking exists. Where ## refers to the lot number (EM internal reference only) Top marking with 4 characters is standard from 2003. For lead-free/green mold (RoHS) parts, the first letter of top marking with 4 characters begins with letter "B" instead of letter "A". Bottom marking indicates the lot number. Top marking with 3 characters is kept as information since it was used until 2002. Where # refers to the lot number (EM internal reference only)
Traceability for small packages Due to the limited space on the package surface, the bottom marking contains a limited number of characters that provide only partial information for lot traceability. Full information for complete traceability is however provided on the packing
Copyright (c) 2005, EM Microelectronic-Marin SA 03/06 - rev.K
7
www.emmicroelectronic.com
R
V6340
labels of the product at delivery from EM: It is highly recommended that the customer insures full lot traceability of EM product in his final product.
Standards Version (Samples)
Part Number
Part Number
V6340PSP3B+ V6340RSP3B+ V6340FTO3E+ V6340NTO3E V6340OTO3E V6340RTO3E+
V6340BSP3B+ V6340CSP3B+ V6340DSP3B+ V6340FSP3B+ V6340LSP3B V6340OSP3B+
Sample stock is generally held on standard versions only. Non standard versions have a 30,000 pieces minimum order quantity. Please contact factory for other versions not shown here and for availability of non standard versions.
EM Microelectronic-Marin SA (EM) makes no warranty for the use of its products, other than those expressly contained in the Company's standard warranty which is detailed in EM's General Terms of Sale located on the Company's web site. EM assumes no responsibility for any errors which may appear in this document, reserves the right to change devices or specifications detailed herein at any time without notice, and does not make any commitment to update the information contained herein. No licenses to patents or other intellectual property of EM are granted in connection with the sale of EM products, expressly or by implications. EM's products are not authorized for use as components in life support devices or systems.
Copyright (c) 2005, EM Microelectronic-Marin SA 03/06 - rev.K
8
www.emmicroelectronic.com


▲Up To Search▲   

 
Price & Availability of V6340RSP3B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X