Part Number Hot Search : 
AT1312C 33063 N3290X AT1312CX A2000 MP29368 IRFMA450 3KP70CA
Product Description
Full Text Search
 

To Download TSOP1833QJ3V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TSOP18..QJ3V
Vishay Telefunken
Photo Modules for PCM Remote Control Systems
Available types for different carrier frequencies
Type TSOP1830QJ3V TSOP1836QJ3V TSOP1838QJ3V TSOP1856QJ3V fo 30 kHz 36 kHz 38 kHz 56 kHz Type TSOP1833QJ3V TSOP1837QJ3V TSOP1840QJ3V fo 33 kHz 36.7 kHz 40 kHz
Description
The TSOP18..QJ3V - series are miniaturized receivers for infrared remote control systems. PIN diode and preamplifier are assembled on lead frame, the epoxy package is designed as IR filter. The demodulated output signal can directly be decoded by a microprocessor. The main benefit is the reliable function even in disturbed ambient and the protection against uncontrolled output pulses.
16 078
Features
D D D D D
Photo detector and preamplifier in one package Internal filter for PCM frequency TTL and CMOS compatibility Output active low Improved shielding against electrical field disturbance
Special Features
D Small size package D Supply voltage 3-6 Volt D Enhanced immunity against all kinds
of disturbance light
D No occurrence of disturbance pulses
at the output
D Suitable burst length 6 cycles/burst
D Short settling time after power on (<200ms)
Block Diagram
3 Input Control Circuit VS
80 kW 1 OUT
PIN AGC Band Pass Demodulator 2
GND
16249
Document Number 82143 Rev. 1, 19-Oct-00
www.vishay.com 1 (7)
TSOP18..QJ3V
Vishay Telefunken Absolute Maximum Ratings
Tamb = 25_C Parameter Supply Voltage Supply Current Output Voltage Output Current Junction Temperature Storage Temperature Range Operating Temperature Range Power Consumption Soldering Temperature Test Conditions (Pin 3) (Pin 3) (Pin 1) (Pin 1) Symbol VS IS VO IO Tj Tstg Tamb Ptot Tsd Value -0.3...6.0 5 -0.3...6.0 5 100 -25...+85 -25...+85 50 260 Unit V mA V mA C C C mW C
(Tamb 85 C) t 10 s, 1 mm from case
x
x
Basic Characteristics
Tamb = 25_C Parameter Supply Current (Pin 3) Supply Voltage (Pin 3) Ev = 0, test signal see fig.6, Transmission Distance IR diode TSAL6200, IF = 300 mA Output Voltage Low (Pin 1) IOSL = 0.5 mA,Ee = 0.7 mW/m2, f = fo Pulse width tolerance: Irradiance (30 - 40 kHz) tpi - 4/fo < tpo < tpi + 5/fo, test signal see fig.6 Pulse width tolerance: Irradiance (56 kHz) tpi - 4/fo < tpo < tpi + 5/fo, test signal see fig.6 Irradiance Directivity Angle of half transmission distance Test Conditions VS = 3 V, Ev = 0 VS = 3 V, Ev = 40 klx, sunlight Symbol ISD ISH VS d VOSL Ee min 0.3 Min 0.5 3.0 35 250 0.5 Typ 0.75 1.0 Max 1.0 6.0 Unit mA mA V m mV mW/m2
Ee min Ee max 1/2 30
0.4
0.7
mW/m2 W/m2 deg
45
Application Circuit
330
W *)
>10 kW recomm.
+ 3 V **)
3
TSOP18..QJ3V TSAL62..
4.7
mF *)
1
mC
2
GND
15803
*) only necessary to suppress power supply disturbances **) tolerated supply voltage range : 3 V< VS < 6V
www.vishay.com 2 (7)
Document Number 82143 Rev. 1, 19-Oct-00
TSOP18..QJ3V
Vishay Telefunken Suitable Data Format
The circuit of the TSOP18..QJ3V is designed in that way that unexpected output pulses due to noise or disturbance signals are avoided. A bandpassfilter, an integrator stage and an automatic gain control are used to suppress such disturbances. The distinguishing mark between data signal ( not suppressed) and disturbance signal (supressed) are carrier frequency, burst length and Signal Gap Time (see diagram below). The data signal should fullfill the following condition: * Carrier frequency should be close to center frequency of the bandpass (e.g. 38kHz). * Burst length should be 6 cycles/burst or longer. * After each burst a gap time of at least 9 cycles is neccessary. * The data format should not make a continuous signal transmission. There must be a Signal Gap Time (longer than 25ms) at least each 150ms (see Figure A) Some examples for suitable data format are: NEC Code (repetitive pulse), NEC Code (repetitive data), Toshiba Micom Format, Sharp Code, RC5 Code, RECS-80 Code, R-2000 Code. When a disturbance signal is applied to the TSOP18..QJ3V it can still receive the data signal. However the sensitivity is reduced to that level that no unexpected pulses will occure. Some examples for such disturbance signals which are suppressed by the TSOP18..QJ3V are: * DC light (e.g. from tungsten bulb or sunlight), * Continuous signal at 38kHz or at any other frequency, * Signals from fluorescent lamps (see figure B). * Continuous IR signal (e.g. 1ms burst, 2ms pause)
Signal Gap Time
0
20
40
60 time [ms]
80
100
120
140
Figure A: Data Signal (Output of IR Receiver) with a Signal Gap Time of 45ms
Signal Gap Time
0
2
4
6
8
10 time [ms]
12
14
16
18
20
Figure B: Disturbance Signal from Fluorescent Lamp with Signal Gap Time of 7ms (suppressed by TSOP18..SS3V)
Document Number 82143 Rev. 1, 19-Oct-00 www.vishay.com 3 (7)
TSOP18..QJ3V
Vishay Telefunken Typical Characteristics (Tamb = 25_C unless otherwise specified)
1.0 0.8 E e min - Threshold Irradiance (mW/m2 ) /eE - Rel. Responsitivity 100.0
f = fo 10.0 10 kHz 1 kHz 1.0
0.6
0.4 0.2 0.0 0.7 0.8 0.9 1.0 1.1 1.2 1.3
Df ( 3 dB ) = f0 / 7
f / f0 - Relative Frequency
f = f0
"5%
eE min
100 Hz 0.1 0.1 1.0 10.0 100.0 1000.0
94 9102
96 12215
DVs RMS - AC Voltage on DC Supply Voltage (mV)
Figure 1. Frequency Dependence of Responsivity
4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 0.01 0.10 1.00 10.00 100.00 Ambient, l = 950 nm Correlation with ambient light sources ( Disturbance effect ) : 1 0W/m2^1.4 klx ( Stand.illum.A, T = 2855 K )^8.2 klx ( Daylight, T = 5900 K )
Figure 4. Sensitivity vs. Supply Voltage Disturbances
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 Sensitivity in dark ambient
E e min - Threshold Irradiance (mW/m2 )
96 12214
E - DC Irradiance (W/m2)
E e min - Threshold Irradiance (mW/m2 )
96 12216
VS - Supply Voltage ( V )
Figure 2. Sensitivity in Bright Ambient
Ee Ee min - Threshold Irradiance ( mW/m2 ) 2.0 f ( E ) = f0 1.6 1.2 0.8 0.4 0.0 0.0
94 8147
Figure 5. Sensitivity vs. Supply Voltage
Optical Test Signal
600 ms TD*
600 ms
t
Trep=100 ms * Trep-TD > 25 ms is recommended for optimal function VO VOH 0.4 0.8 1.2 1.6 2.0 VOL Ton Toff t Output Signal, ( see Fig.7 )
16177
E - Field Strength of Disturbance ( kV / m )
Figure 3. Sensitivity vs. Electric Field Disturbances
Figure 6.
www.vishay.com 4 (7)
Document Number 82143 Rev. 1, 19-Oct-00
TSOP18..QJ3V
Vishay Telefunken
0.8 T on ,T - Output Pulse Length (ms) off 0.7 0.6 0.5 Toff 0.4 0.3 0.2 0.1 0 0.1
16043
Ton I s - Supply Current ( mA )
1.0
10.0
100.0
1000.0 10000.0
1.7 1.6 Supply current in dark ambient 1.5 1.4 1.3 1.2 1.1 1.0 0.9 0.8 0.7 0.6 0.5 2.5 3.0 3.5 4.0 4.5 5.0 VS - Supply Voltage ( V )
5.5
6.0
Ee - Irradiance (mW/m2)
96 12222
Figure 7. Output Pulse Diagram
1.0 0.9 I s - Supply Current ( mA ) 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 -30 -15
16044
Figure 10. Supply Current vs. Supply Voltage
1.2 1.0 0.8 0.6 0.4 0.2 0 750
94 8408
Vs = 3 V
S ( l ) rel - Relative Spectral Sensitivity
0
15
30
45
60
75
90
850
950
1050
1150
Tamb - Ambient Temperature ( C )
l - Wavelength ( nm )
Figure 8. Supply Current vs. Ambient Temperature
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 -30 -15 0 15 30 45 60 75 90 Sensitivity in dark ambient
Figure 11. Relative Spectral Sensitivity vs. Wavelength
0 10 20 30
E e min - Threshold Irradiance (mW/m2 )
40 1.0 0.9 0.8 0.7 50 60 70 80 0.6
96 12223p2
96 12221
Tamb - Ambient Temperature ( C )
0.6 0.4 0.2 0 0.2 0.4 drel - Relative Transmission Distance
Figure 9. Sensitivity vs. Ambient Temperature
Figure 12. Directivity
Document Number 82143 Rev. 1, 19-Oct-00
www.vishay.com 5 (7)
TSOP18..QJ3V
Vishay Telefunken Dimensions in mm
15840
www.vishay.com 6 (7)
Document Number 82143 Rev. 1, 19-Oct-00
TSOP18..QJ3V
Vishay Telefunken Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances ( ODSs ). The Montreal Protocol ( 1987 ) and its London Amendments ( 1990 ) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2 . Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency ( EPA ) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C ( transitional substances ) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay-Telefunken products for any unintended or unauthorized application, the buyer shall indemnify Vishay-Telefunken against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 ( 0 ) 7131 67 2831, Fax number: 49 ( 0 ) 7131 67 2423
Document Number 82143 Rev. 1, 19-Oct-00
www.vishay.com 7 (7)


▲Up To Search▲   

 
Price & Availability of TSOP1833QJ3V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X