|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Toshiba TLxH190 Series LEDs Features 10mm Package InGaAlP Technology All Plastic Mold Type Water Clear Lens Fast Response Time, Capable of Pulse Operation High Power Luminous Intensity Applications Outdoor Message Signboard Safety equipment Series Line-Up Part Number TLOH190P TLRH190P TLYH190P Color Ultra Bright Orange Ultra Bright Red Ultra Bright Yellow Material InGaAlP InGaAlP InGaAlP Maximum Ratings (Ta=25oC) Part Number TLOH190P TLRH190P TLYH190P Unit Forward Current IF 50 50 50 mA Reverse Voltage VR 4 4 4 V Power Dissipation PD 125.00 125.00 125.00 mW Operating Temperature Topr -30 ~ 85 -30 ~ 85 -30 ~ 85 o Storage Temperature Tstg -40 ~ 120 -40 ~ 120 -40 ~ 120 o C C Company Headquarters 3 Norhway Lane North Latham, New York 12110 Toll Free: 800.984.5337 Fax: 518.785.4725 Web: www.marktechopto.com | Email: info@marktechopto.com West Coast Sales Office 950 South Coast Drive, Suite 265 Costa Mesa, California 92626 Toll Free: 800.984.5337 Fax: 714.850.9314 Toshiba TLxH190 Series LEDs Electrical and Optical Characteristics (Ta=25 C) Part Number PWL nm P Material View Angle 21/2 4 4 4 o o o o Luminous Intensity Iv min. 8500.00 4760.00 8500.00 typ. 33000.00 19000.00 30000.00 mcd max. IF@ - 20mA - 20mA - 20mA - min. - - - Forward Voltage VF typ. 2.10 1.90 2.10 V max. IF@ Rev Current IR max. 50 50 50 A - VR@ 4V 4V 4V TLOH190P TLRH190P TLYH190P - 612 644 590 nm InGaAlP InGaAlP InGaAlP - 2.50 20mA 2.50 20mA 2.50 20mA - deg Precautions * Soldering temperature: 260C max, soldering time: 3 s max (soldering portion of lead: up to 2 mm from the body of the device). * If the lead is formed, the lead should be formed up to 5 mm from the body of the device without forming stress to the resin. Soldering should be performed after lead forming. * This visible LED lamp also emits some IR light. If a photodetector is located near the LED lamp, please ensure that it will not be affected by this IR light. NOTICE: * TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. * In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * Gallium arsenide (GaAs) is a substance used in the products described in this document. GaAs dust and fumes are toxic. Do not break, cut or pulverize the product, or use chemicals to dissolve them. When disposing of the products, follow the appropriate regulations. Do not dispose of the products with other industrial waste or with domestic garbage. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice. Company Headquarters 3 Norhway Lane North Latham, New York 12110 Toll Free: 800.984.5337 Fax: 518.785.4725 Web: www.marktechopto.com | Email: info@marktechopto.com West Coast Sales Office 950 South Coast Drive, Suite 265 Costa Mesa, California 92626 Toll Free: 800.984.5337 Fax: 714.850.9314 Toshiba TLxH190 Series LEDs TLOH190P Graphs Company Headquarters 3 Norhway Lane North Latham, New York 12110 Toll Free: 800.984.5337 Fax: 518.785.4725 Web: www.marktechopto.com | Email: info@marktechopto.com West Coast Sales Office 950 South Coast Drive, Suite 265 Costa Mesa, California 92626 Toll Free: 800.984.5337 Fax: 714.850.9314 Toshiba TLxH190 Series LEDs TLRH190P Graphs Company Headquarters 3 Norhway Lane North Latham, New York 12110 Toll Free: 800.984.5337 Fax: 518.785.4725 Web: www.marktechopto.com | Email: info@marktechopto.com West Coast Sales Office 950 South Coast Drive, Suite 265 Costa Mesa, California 92626 Toll Free: 800.984.5337 Fax: 714.850.9314 Toshiba TLxH190 Series LEDs TLYH190P Graphs Company Headquarters 3 Norhway Lane North Latham, New York 12110 Toll Free: 800.984.5337 Fax: 518.785.4725 Web: www.marktechopto.com | Email: info@marktechopto.com West Coast Sales Office 950 South Coast Drive, Suite 265 Costa Mesa, California 92626 Toll Free: 800.984.5337 Fax: 714.850.9314 |
Price & Availability of TLYH190P |