Part Number Hot Search : 
MAX232 16160 BCM5318 KTC43 D9P2FZE0 U4056B HC240 TDE1897C
Product Description
Full Text Search
 

To Download TES2N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC/DC Converters
TES 2N Series, 2 Watt
RoHS
Features Low Profile SMD-Package Wide 2:1 Input Voltage Range I/O-Isolation 1500 VDC Input Filter meets EN55022, Class A Operating Temperature Range
-40C to +71C
compliant
pending
Short-Circuit Protection Lead free Design, RoHS compliant 3 Year Product Warranty
The TES-2N series is a family of high performance 2W DC/DC converter modules featuring wide 2:1 input voltage ranges. The 28 models come in a low profile SMD package which requires just 3 cm2 space on the PCB. A high efficiency allows an operating temperature range of -40C to 71C without derating. A built-in EMI input filter complies with EN 55022, class A. Typical applications for these converters are battery operated equipment, instrumentation, communication and industrial electronics, everywhere where isolated, tightly regulated voltages are required.
Models
Ordercode TES 2N-0510 TES 2N-0511 TES 2N-0512 TES 2N-0513 TES 2N-0521 TES 2N-0522 TES 2N-0523 TES 2N-1210 TES 2N-1211 TES 2N-1212 TES 2N-1213 TES 2N-1221 TES 2N-1222 TES 2N-1223 TES 2N-2410 TES 2N-2411 TES 2N-2412 TES 2N-2413 TES 2N-2421 TES 2N-2422 TES 2N-2423 TES 2N-4810 TES 2N-4811 TES 2N-4812 TES 2N-4813 TES 2N-4821 TES 2N-4822 TES 2N-4823 http://www.tracopower.com Input voltage range Output voltage 3.3 VDC 5 VDC 12VDC 15 VDC 5 VDC 12 VDC 15 VDC 3.3 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 3.3 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 3.3 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC Output current max. 500 mA 400 mA 165 mA 135 mA 200 mA 85 mA 65 mA 500 mA 400 mA 165 mA 135 mA 200 mA 85 mA 65 mA 500 mA 400 mA 165 mA 135 mA 200 mA 85 mA 65 mA 500 mA 400 mA 165 mA 135 mA 200 mA 85 mA 65 mA Efficiency typ. 70 % 73 % 75 % 73 % 64 % 69 % 71 % 73 % 77 % 80 % 80 % 73 % 78 % 78 % 72 % 77 % 80 % 81 % 74 % 78 % 80 % 71 % 73 % 79 % 79 % 71 % 77 % 77 % Page 1 of 3
4.5 - 9.0 VDC
9 - 18 VDC
18 - 36 VDC
36 - 72 VDC
DC/DC Converters
TES 2N Series Input Specifications
Input current at full load (nominal input) 5 12 24 48 5 12 24 48 Vin Vin Vin Vin Vin Vin Vin Vin models: models: models: models: models: models: models: models: 600 mA typ. 220 mA typ. 110 mA typ. 55 mA typ. 11 V max. 25 V max. 50 V max. 100 V max. EN 55022 level A, FCC part 15, level A 2% - Input variation Vin min. to Vin max. 0.5 % max. - Load variation 25 - 100 % 0.75 % max. dual output models: 2.0% (balanced load) 50 mVpk-pk max 0.02 %/K indefinite, automatic recovery 25% of rated max current (operation at lower load condition is safe but a higher output ripple will be experienced) 3.3 5 12 15 5 12 15 - Operating - Storage VDC VDC VDC VDC VDC VDC VDC output output output output output output output models: 2'200 F max. models: 1'000 F max. models: 170 F max. models: 110 F max. models: 470 F max. models: 100 F max. models: 47 F max. - 40 C ... + 71 C (no derating) - 55 C ... + 125 C 95 % rel. H max. > 1.0 Mio h @ 25C 1'500 VDC 250 pF > 1`000 M Ohm 300 kHz (PFM) non conductive FR4 3.8 g (0.13oz) Peak temp. 245C (10 sec max.) 217C for 90 sec. max. Convection reflow solder process is recommended Input/Output Input/Output Input/Output (500 VDC)
2 Watt
Surge voltage (100 msec. max.)
Conducted noise (input)
Output Specifications
Voltage set accuracy Regulation
Ripple and noise (20 MHz Bandwidth) Temperature coefficient Short circuit protection Minimum load
Capacitive load
General Specifications
Temperature ranges Humidity (non condensing) Reliability, calculated MTBF (MIL-HDBK-217 F) Isolation voltage Isolation capacity Isolation resistance Switching frequency
General Specifications
Case material Weight Reflow soldering profile
All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated. http://www.tracopower.com Page 2 of 3
DC/DC Converters
TES 2N Series Outline Dimensions mm (inches)
2 Watt
7.6 (0.30)
0.3 (0.1)
0.6 (0.2) 23.8 (0.94)
0.6 (0.2)
13.7 (0.54) 18.1 (0.71)
Pin-Out
0.15
Pin 1 7
Single -Vin (GND) No con. No con. +Vout -Vout +Vin
Dual -Vin (GND) No con. Common +Vout -Vout +Vin
16
10
9
8 9 10 16
1
7
8
Pin diameter o 0.5 0.05 (0.02) 0.002 Tolerances: 0.25 (0.01)
3.0
1.0 (0.04) 15.24 (0.6) 2.54
(0.1)
(0.12)
Outline Dimensions mm (inches)
1.6 (0.06) 15.24 (0.6) 2.54
(0.1)
Specifications can be changed without notice
Rev. 07/05.1
Jenatschstrasse 1 * CH-8002 Zurich * Switzerland Tel. +41 43311 4511 * Fax +41 43311 4545 * info@traco.ch * www.tracopower.com
2.4 (0.09)
19.3 (0.76)
Page 3 of 3


▲Up To Search▲   

 
Price & Availability of TES2N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X