Part Number Hot Search : 
TB1239BF ON0167 3EBH1 232CBNZ F1008 ZTX1053A ZTX1053A 10API
Product Description
Full Text Search
 

To Download TDA7379 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TDA7379
4 X 13 - 2 X 38W AUDIO POWER AMPLIFIER 2 X 13 + 1 X 38W AUDIO POWER AMPLIFIER
PRODUCT PREVIEW
HIGH OUTPUT POWER CAPABILITY 2 x 38W/4 @18V, 1KHz, 10% 4 x 11W/4 @18V, 1KHz, 10% 2 x 20W/8 @18V; 1KHz, 10% 4 x 13W/2 @15V, 1KHz, 10% 2 x 34W/8 @ 22V, 1kHz, 10% MINIMUM EXTERNAL COMPONENTS COUNT: - NO BOOTSTRAP CAPACITORS - NO BOUCHEROT CELLS - INTERNALLY FIXED GAIN (26dB BTL) ST-BY FUNCTION (CMOS COMPATIBLE) NO AUDIBLE POP DURING ST-BY OPERATIONS DIAGNOSTIC FACILITIES - CLIP DETECTOR - OUT TO GND SHORT - OUT TO VS SHORT - SOFT SHORT AT TURN-ON - THERMAL SHUTDOWN PROXIMITY Protections:

Multiwatt15 (Vertical) ORDERING NUMBER: TDA7379

OUPUT AC/DC SHORT CIRCUIT
- TO GND - TO VS - ACROSS THE LOAD SOFT SHORT AT TURN-ON OVERRATING CHIP TEMPERATURE WITH SOFT THERMAL LIMITER FORTUITOUS OPEN GND REVERSED BATTERY ESD
BLOCK DIAGRAM
March 2004
This is preliminary information on a new product now in development. Details are subject to change without notice.
1/7
TDA7379
DESCRIPTION The TDA7379 is a new technology class AB audio processor amplifier able to work either in DUAL BRIDGE or QUAD SINGLE ENDED configuration. The exclusive fully complementary structure of the output stage and the internally fixed gain guarantee the highest power performances with extremely reduced component count. The on board clip detector simplifies gain compression operation. The fault diagnostic makes it possible to detect mistakes during the set assembly and wiring in the equipment. ABSOLUTE MAXIMUM RATINGS
Symbol Parameter Supply Voltage Idle mode (no signal) Supply Voltage operating Supply Voltage AC-DC-short safe IO IO Ptot Tstg, Tj Output Peak Current (not repetitive t = 100s) Output Peak Current (repetitive f > 10Hz) Power Dissipation Tcase = 85C Storage and Junction Temperature Value 24 22 20 5 4 36 -40 to 150 Unit V V V A A W C
Vs
THERMAL DATA
Symbol Rth j-case Parameter Thermal Resistance Junction to case Max Value 1.8 Unit C/W
PIN CONNECTION (Top view)
2/7
TDA7379
ELECTRICAL CHARACTERISTCS (Refer to the test circuit, VS = 15V; RL = 4; f = 1KHz; Tamb = 25C, unless otherwise specified). Symbol
VS Id VOS PO
Parameter
Supply Voltage Range Total Quiescent Drain Current Output Offset Voltage Output Power
Test Condition
RL = THD = 10%; RL = 4 Bridge Single Ended Single Ended, RL = 2 THD = 10%; Vs = 18V Single Ended, RL = 4 BTL, RL = 4 THD = 10%; Vs = 18V BTL, RL = 8 THD=10%; VS = 22V Bridge, RL = 8 Single Ended, RL = 4
Min.
8
Typ.
Max.
20 150 150
Unit
V mA mV W W W W W W W W % % dB dB dB dB K K
25 6.5
28 7.5 13 11 38 20 34 16 0.02 0.03 70 60
PO
Output Power
THD
Distortion
RL = 4 Single Ended, PO = 0.1 to 4W Bridge, PO = 0.1 to 10W f = 1KHz Single Ended f = 10KHz Single Ended f = 1KHz Bridge f = 10KHz Bridge 55
0.3
CT
Cross Talk
60 20 10 19 25 30 15 20 26 21 27 0.5
RIN GV GV EIN
Input Impedance Voltage Gain Voltage Gain Match Input Noise Voltage
Single Ended Bridge Single Ended Bridge Rg = 0; "A" weighted, S.E. Non Inverting Channels Inverting Channels Bridge Rg = 0; 22Hz to 22KHz
dB dB dB V V V dB dB
2 5 3.5 50 80 90 100 1.5 3.5
SVR ASB ISB VSB VSB Ipin7
Supply Voltage Rejection Stand-by Attenuation ST-BY Current Consumption ST-BY In Threshold Voltage ST-BY Out Threshold Voltage ST-BY Pin Current
Rg = 0; f = 300Hz PO = 1W VST-BY = 0 to 1.5V
A V V A mA A A
Play Mode Vpin7 = 5V Max Driving Current Under Fault (*)
50 5 90 160 0.7
Icd off
Clipping Detector Output Average Current Clipping Detector Output Average Current Voltage Saturation on pin 10
d = 1% (**) d = 5% (**) Sink Current at Pin 10 = 1mA
Icd on
Vsat pin10
V
(*) See built-in S/C protection description (**) Pin 10 Pulled-up to 5V with 10K; RL = 4
3/7
TDA7379
STANDARD TEST AND APPLICATION CIRCUIT Figure 1. Quad Stereo
10K R1 ST-BY C7 10F IN FL C1 0.22F IN FR C2 0.22F IN RL C4 0.22F 12 15 11 C3 0.22F 6 C8 47F 8 9 14 10 C12 2200F
D94AU063A
C6 100nF 7 13 3 1
VS C5 1000F
4
C10 2200F 5 2 C9 2200F
OUT FL
OUT FR
Note: The output decoupling capacitors (C9,C10,C11,C12) could be reduced to 1000F if the 2 operation is not required.
IN RR
C11 2200F
OUT RL
OUT RR
DIAGNOSTICS
Figure 2. Double Bridge
10K R1 ST-BY C5 10F IN L C1 0.47F IN R C2 0.47F 4 5 12 11 6 C8 47F 8 9 10 DIAGNOSTICS
D94AU064A
C4 100nF 7 13 3 1
VS C3 1000F
OUT L 2 15 OUT R 14
Figure 3. Stereo/Bridge
10K ST-BY 10F 7 13 3 100nF VS 1000F
IN L 0.22F IN L 0.22F IN BRIDGE 0.47F
4
1 2200F
OUT L
5
2 2200F
OUT R
12 11 6 47F 8 9 10
15 OUT BRIDGE 14
DIAGNOSTICS
D94AU065A
4/7
TDA7379
Figure 4. P.C. Board and Component Layout of the fig.1.
Figure 5. P.C. Board and Component Layout of the fig.2
5/7
TDA7379
mm MIN. TYP. MAX. MIN. inch TYP. MAX. 0.197 2.65 1.6 1 0.49 0.66 1.02 17.53 19.6 20.2 21.9 21.7 17.65 17.25 10.3 2.65 4.25 4.73 1.9 1.9 3.65 4.55 5.08 17.5 10.7 22.2 22.1 22.5 22.5 18.1 17.75 10.9 2.9 4.85 5.43 2.6 2.6 3.85 0.862 0.854 0.695 0.679 0.406 0.104 0.167 0.186 0.075 0.075 0.144 0.179 0.200 0.689 0.421 0.874 0.87 1.27 17.78 0.55 0.75 1.52 18.03 0.019 0.026 0.040 0.690 0.772 0.795 0.886 0.886 0.713 0.699 0.429 0.114 0.191 0.214 0.102 0.102 0.152 0.050 0.700 0.039 0.022 0.030 0.060 0.710 0.104 0.063
DIM. A5 B C D E F G G1 H1 H2 L L1 L2 L3 L4 L7 M M1 S S1 Dia1
OUTLINE AND MECHANICAL DATA
Multiwatt15 (Vertical)
0016036 J
6/7
TDA7379
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners (c) 2004 STMicroelectronics - All rights reserved STMicroelectronics GROUP OF COMPANIES Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States www.st.com
7/7


▲Up To Search▲   

 
Price & Availability of TDA7379

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X