Part Number Hot Search : 
MSMF05 M24C64 V3020 2SD2701 20K0J 8124E 2SC5669 PE9631
Product Description
Full Text Search
 

To Download STP4NC80ZFP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STP4NC80Z - STP4NC80ZFP STB4NC80Z - STB4NC80Z-1
N-CHANNEL 800V - 2.4 - 4A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESHTMIII MOSFET
TYPE STP4NC80Z/FP STB4NC80Z/-1
s s
VDSS 800V 800V
RDS(on) < 2.8 < 2.8
ID 4A 4A
2
1
3 1 2
3
s s s
TYPICAL RDS(on) = 2.4 EXTREMELY HIGH dv/dt AND CAPABILITY GATE-TO- SOURCE ZENER DIODES 100% AVALANCHE TESTED VERY LOW GATE INPUT RESISTANCE GATE CHARGE MINIMIZED
D PAK TO-220
TO-220FP
1 I2PAK (Tabless TO-220)
23
DESCRIPTION The third generation of MESH OVERLAYTM Power MOSFETs for very high voltage exhibits unsurpassed on-resistance per unit area while integrating back-to-back Zener diodes between gate and source. Such arrangement gives extra ESD capability with higher ruggedness performance as requested by a large variety of single-switch applications.
APPLICATIONS SINGLE-ENDED SMPS IN MONITORS, COMPUTER AND INDUSTRIAL APPLICATION s WELDING EQUIPMENT
s
ORDERING INFORMATION
SALES TYPE STP4NC80Z STP4NC80ZFP STB4NC80ZT4 STB4NC80Z-1 MARKING P4NC80Z P4NC80ZFP B4NC80Z B4NC80Z PACKAGE TO-220 TO-220FP D2PAK I2PAK PACKAGING TUBE TUBE TAPE & REEL TAPE & REEL
November 2003
1/14
STP4NC80Z - STP4NC80ZFP - STB4NC80Z - STB4NC80Z-1
ABSOLUTE MAXIMUM RATINGS
Symbol VDS VDGR VGS ID ID IDM (q) PTOT IGS VESD(G-S) dv/dt(1) VISO Tstg Tj Parameter Drain-source Voltage (VGS = 0) Drain-gate Voltage (RGS = 20 k) Gate- source Voltage Drain Current (continuos) at TC = 25C Drain Current (continuos) at TC = 100C Drain Current (pulsed) Total Dissipation at TC = 25C Derating Factor Gate-source Current Gate source ESD(HBM-C=100pF, R=15K) Peak Diode Recovery voltage slope Insulation Winthstand Voltage (DC) Storage Temperature Max. Operating Junction Temperature --65 to 150 150 4 2.5 16 100 0.8 50 2.5 3 2000 Value STP(B)4NC80Z(-1) 800 800 25 4(*) 2.5(*) 16(*) 35 0.28 STP4NC80ZFP V V V A A A W W/C mA KV V/ns V C C Unit
(*)Pulse width limited by safe operating area (1)ISD 4A, di/dt 100A/s, VDD V(BR)DSS, Tj T JMAX .(*)Pulse width Limited by maximum temperature allowed
THERMAL DATA
TO-220 / D2PAK / I2PAK Rthj-case Rthj-amb Tl Thermal Resistance Junction-case Max Thermal Resistance Junction-ambient Max Maximum Lead Temperature For Soldering Purpose 1.25 30 300 TO-220FP 3.57 C/W C/W C
AVALANCHE CHARACTERISTICS
Symbol IAR EAS Parameter Avalanche Current, Repetitive or Not-Repetitive (pulse width limited by Tj max) Single Pulse Avalanche Energy (starting Tj = 25 C, ID = IAR, VDD = 50 V) Max Value 4 225 Unit A mJ
ELECTRICAL CHARACTERISTICS (TCASE = 25 C UNLESS OTHERWISE SPECIFIED) OFF
Symbol V(BR)DSS Parameter Drain-source Breakdown Voltage Test Conditions ID = 250 A, VGS = 0 ID = 1 mA, VGS = 0 VDS = Max Rating VDS = Max Rating, TC = 125 C VGS = 20V Min. 800 0.9 1 50 10 Typ. Max. Unit V V/C A A A
BVDSS/TJ Breakdown Voltage Temp. Coefficient IDSS IGSS Zero Gate Voltage Drain Current (VGS = 0) Gate-body Leakage Current (VDS = 0)
2/14
STP4NC80Z - STP4NC80ZFP - STB4NC80Z - STB4NC80Z-1
ELECTRICAL CHARACTERISTICS (CONTINUED) ON (1)
Symbol VGS(th) RDS(on) Parameter Gate Threshold Voltage Static Drain-source On Resistance Test Conditions VDS = VGS, ID = 250A VGS = 10V, ID = 2 A Min. 3 Typ. 4 2.4 Max. 5 2.8 Unit V
DYNAMIC
Symbol gfs (1) Ciss Coss Crss Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Test Conditions VDS > ID(on) x RDS(on)max, ID = 2A VDS = 25V, f = 1 MHz, VGS = 0 Min. Typ. 4 1200 90 11 Max. Unit S pF pF pF
SWITCHING ON
Symbol td(on) tr Qg Qgs Qgd Parameter Turn-on Delay Time Rise Time Total Gate Charge Gate-Source Charge Gate-Drain Charge Test Conditions VDD = 400 V, ID = 2 A RG = 4.7 VGS = 10V (see test circuit, Figure 3) VDD = 640V, ID = 4A, VGS = 10V Min. Typ. 27 10 27 7 10 36.5 Max. Unit ns ns nC nC nC
SWITCHING OFF
Symbol tr(Voff) tf tc Parameter Off-voltage Rise Time Fall Time Cross-over Time Test Conditions VDD = 640V, ID = 4 A, RG = 4.7, VGS = 10V (see test circuit, Figure 5) Min. Typ. 11 10 24 Max. Unit ns ns ns
SOURCE DRAIN DIODE
Symbol ISD ISDM (2) VSD (1) trr Qrr IRRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current ISD = 4 A, VGS = 0 ISD = 4 A, di/dt = 100A/s, VDD = 50V, Tj = 150C (see test circuit, Figure 5) 560 3.4 13 Test Conditions Min. Typ. Max. 4 16 1.6 Unit A A V ns C A
3/14
STP4NC80Z - STP4NC80ZFP - STB4NC80Z - STB4NC80Z-1
GATE-SOURCE ZENER DIODE
Symbol BVGSO T Rz Parameter Gate-Source Breakdown Voltage Voltage Thermal Coefficient Dynamic Resistance Test Conditions Igs= 1mA (Open Drain) T=25C Note(3) ID = 50 mA, Min. 25 1.3 90 Typ. Max. Unit V 10-4/C
Note: 1. Pulsed: Pulse duration = 300 s, duty cycle 1.5 %. 2. Pulse width limited by safe operating area. 3. VBV = T (25-T) BVGSO(25)
PROTECTION FEATURES OF GATE-TO-SOURCE ZENER DIODES The built-in back-to-back Zener diodes have specifically been designed to enhance not only the device's ESD capability, but also to make them safely absorb possible voltage transients that may occasionally be applied from gate to source. In this respect the Zener voltage is appropriate to achieve an efficient and cost-effective intervention to protect the device's integrity. These integrated Zener diodes thus avoid the usage of external components.
4/14
STP4NC80Z - STP4NC80ZFP - STB4NC80Z - STB4NC80Z-1
Safe Operating Area For TO-220/DPAK/IPAK Safe Operating Area For TO-220FP
Thermal Impedance For TO-220/DPAK/IPAK
Thermal Impedance For TO-220FP
Output Characteristics
Transfer Characteristics
5/14
STP4NC80Z - STP4NC80ZFP - STB4NC80Z - STB4NC80Z-1
Transconductance Static Drain-source On Resistance
Gate Charge vs Gate-source Voltage
Capacitance Variations
Normalized Gate Threshold Voltage vs Temp.
Normalized On Resistance vs Temperature
6/14
STP4NC80Z - STP4NC80ZFP - STB4NC80Z - STB4NC80Z-1
Source-drain Diode Forward Characteristics
7/14
STP4NC80Z - STP4NC80ZFP - STB4NC80Z - STB4NC80Z-1
Fig. 1: Unclamped Inductive Load Test Circuit Fig. 2: Unclamped Inductive Waveform
Fig. 3: Switching Times Test Circuits For Resistive Load
Fig. 4: Gate Charge test Circuit
Fig. 5: Test Circuit For Inductive Load Switching And Diode Recovery Times
8/14
STP4NC80Z - STP4NC80ZFP - STB4NC80Z - STB4NC80Z-1
TO-220 MECHANICAL DATA
mm. MIN. 4.40 0.61 1.15 0.49 15.25 10 2.40 4.95 1.23 6.20 2.40 13 3.50 16.40 28.90 3.75 2.65 3.85 2.95 0.147 0.104 TYP MAX. 4.60 0.88 1.70 0.70 15.75 10.40 2.70 5.15 1.32 6.60 2.72 14 3.93 MIN. 0.173 0.024 0.045 0.019 0.60 0.393 0.094 0.194 0.048 0.244 0.094 0.511 0.137 0.645 1.137 0.151 0.116 inch TYP. MAX. 0.181 0.034 0.066 0.027 0.620 0.409 0.106 0.202 0.052 0.256 0.107 0.551 0.154
DIM. A b b1 c D E e e1 F H1 J1 L L1 L20 L30 oP Q
9/14
STP4NC80Z - STP4NC80ZFP - STB4NC80Z - STB4NC80Z-1
TO-220FP MECHANICAL DATA
mm. MIN. 4.4 2.5 2.5 0.45 0.75 1.15 1.15 4.95 2.4 10 16 28.6 9.8 2.9 15.9 9 3 30.6 10.6 3.6 16.4 9.3 3.2 1.126 .0385 0.114 0.626 0.354 0.118 TYP MAX. 4.6 2.7 2.75 0.7 1 1.7 1.7 5.2 2.7 10.4 MIN. 0.173 0.098 0.098 0.017 0.030 0.045 0.045 0.195 0.094 0.393 0.630 1.204 0.417 0.141 0.645 0.366 0.126 inch TYP. MAX. 0.181 0.106 0.108 0.027 0.039 0.067 0.067 0.204 0.106 0.409
DIM. A B D E F F1 F2 G G1 H L2 L3 L4 L5 L6 L7 O
A
B
L3 L6 L7
F1
D
F
G1 H
F2
L2 L5
E
123
L4
10/14
G
STP4NC80Z - STP4NC80ZFP - STB4NC80Z - STB4NC80Z-1
TO-262 (I2PAK) MECHANICAL DATA
mm MIN. A A1 B B2 C C2 D e E L L1 L2 4.4 2.49 0.7 1.14 0.45 1.23 8.95 2.4 10 13.1 3.48 1.27 TYP. MAX. 4.6 2.69 0.93 1.7 0.6 1.36 9.35 2.7 10.4 13.6 3.78 1.4 MIN. 0.173 0.098 0.027 0.044 0.017 0.048 0.352 0.094 0.393 0.515 0.137 0.050 inch TYP. MAX. 0.181 0.106 0.036 0.067 0.023 0.053 0.368 0.106 0.409 0.531 0.149 0.055
DIM.
A
C2
B2
B
E
L1 L2 D L
P011P5/E
e
A1
C
11/14
STP4NC80Z - STP4NC80ZFP - STB4NC80Z - STB4NC80Z-1
D2PAK MECHANICAL DATA
mm. DIM. MIN. A A1 A2 B B2 C C2 D D1 E E1 G L L2 L3 M R V2 0 4.88 15 1.27 1.4 2.4 0.4 4 10 8.5 5.28 15.85 1.4 1.75 3.2 0.192 0.590 0.050 0.055 0.094 0.015 4.4 2.49 0.03 0.7 1.14 0.45 1.23 8.95 8 10.4 0.393 0.334 0.208 0.625 0.055 0.068 0.126 TYP MAX. 4.6 2.69 0.23 0.93 1.7 0.6 1.36 9.35 MIN. 0.173 0.098 0.001 0.027 0.044 0.017 0.048 0.352 0.315 TYP. MAX. 0.181 0.106 0.009 0.036 0.067 0.023 0.053 0.368 inch
12/14
3
1
STP4NC80Z - STP4NC80ZFP - STB4NC80Z - STB4NC80Z-1
D2PAK FOOTPRINT
TUBE SHIPMENT (no suffix)*
TAPE AND REEL SHIPMENT (suffix "T4")*
REEL MECHANICAL DATA
DIM. A B C D G N T 1.5 12.8 20.2 24.4 100 30.4 26.4 13.2 mm MIN. MAX. 330 0.059 0.504 0.520 0795 0.960 1.039 3.937 1.197 BULK QTY 1000 inch MIN. MAX. 12.992
TAPE MECHANICAL DATA
DIM. A0 B0 D D1 E F K0 P0 P1 P2 R T W mm MIN. 10.5 15.7 1.5 1.59 1.65 11.4 4.8 3.9 11.9 1.9 50 0.25 23.7 24.3 MAX. 10.7 15.9 1.6 1.61 1.85 11.6 5.0 4.1 12.1 2.1 inch MIN. MAX. 0.413 0.421 0.618 0.626 0.059 0.063 0.062 0.063 0.065 0.073 0.449 0.456 0.189 0.197 0.153 0.161 0.468 0.476 0.075 0.082 1.574 0.35 0.0098 0.0137 0.933 0.956
BASE QTY 1000
* on sales type
13/14
STP4NC80Z - STP4NC80ZFP - STB4NC80Z - STB4NC80Z-1
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2003 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. (c) http://www.st.com
14/14


▲Up To Search▲   

 
Price & Availability of STP4NC80ZFP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X