Part Number Hot Search : 
BFXXXX SNC521 AS431AK 28230 1N6013B N1N4488 LLB02 1N149M
Product Description
Full Text Search
 

To Download STF12NK60Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STP12NK60Z STF12NK60Z
N-CHANNEL 600V - 0.53 - 10A TO-220 / TO-220FP Zener-Protected SuperMESHTMMOSFET
Table 1: General Features
TYPE STP12NK60Z STF12NK60Z

Figure 1: Package
ID 10 A 10 A Pw 150 W 35 W
VDSS 600 V 600 V
RDS(on) < 0.64 < 0.64
TYPICAL RDS(on) = 0.53 EXTREMELY HIGH dv/dt CAPABILITY 100% AVALANCHE TESTED GATE CHARGE MINIMIZED VERY LOW INTRINSIC CAPACITANCES VERY GOOD MANUFACTURING REPEATIBILITY
3 1 2
TO-220
TO-220FP
DESCRIPTION The SuperMESHTM series is obtained through an extreme optimization of ST's well established strip-based PowerMESHTM layout. In addition to pushing on-resistance significantly down, special care is taken to ensure a very good dv/dt capability for the most demanding applications. Such series complements ST full range of high voltage MOSFETs including revolutionary MDmeshTM products.
Figure 2: Internal Schematic Diagram
APPLICATIONS HIGH CURRENT, HIGH SPEED SWITCHING IDEAL FOR OFF-LINE POWER SUPPLIES, ADAPTORS AND PFC LIGHTING
Table 2: Order Codes
SALES TYPE STP12NK60Z STF12NK60Z MARKING P12NK60Z F12NK60Z PACKAGE TO-220 TO-220FP PACKAGING TUBE TUBE
Rev. 3 September 2005 1/12
STP12NK60Z - STF12NK60Z
Table 3: Absolute Maximum ratings
Symbol VDS VDGR VGS ID ID IDM ( ) PTOT VESD(G-S) dv/dt (1) VISO Tj Tstg Parameter
TO-220
Value
TO-220FP
Unit V V V 10 (*) 6.3 (*) 40 (*) 35 0.27 A A A W W/C V V/ns 2500 V C
Drain-source Voltage (VGS = 0) Drain-gate Voltage (RGS = 20 k) Gate- source Voltage Drain Current (continuous) at TC = 25C Drain Current (continuous) at TC = 100C Drain Current (pulsed) Total Dissipation at TC = 25C Derating Factor Gate source ESD(HBM-C=100pF, R=1.5K) Peak Diode Recovery voltage slope Insulation Withstand Voltage (DC) Operating Junction Temperature Storage Temperature -10 6.3 40 150 1.2
600 600 30
4000 4.5
-55 to 150
( ) Pulse width limited by safe operating area (1) ISD 10A, di/dt 200A/s, VDD 480V (*) Limited only by maximum temperature allowed
Table 4: Thermal Data
TO-220 Rthj-case Rthj-amb Tl Thermal Resistance Junction-case Max Thermal Resistance Junction-ambient Max Maximum Lead Temperature For Soldering Purpose 0.83 62.5 300 TO-220FP 3.6 C/W C/W C
Table 5: Avalanche Characteristics
Symbol IAR EAS Parameter Avalanche Current, Repetitive or Not-Repetitive (pulse width limited by Tj max) Single Pulse Avalanche Energy (starting Tj = 25 C, ID = IAR, VDD = 50 V) Max Value 10 260 Unit A mJ
Table 6: Gate-Source Zener Diode
Symbol BVGSO Parameter Gate-Source Breakdown Voltage Test Conditions Igs= 1mA (Open Drain) Min. 30 Typ. Max. Unit V
PROTECTION FEATURES OF GATE-TO-SOURCE ZENER DIODES The built-in back-to-back Zener diodes have specifically been designed to enhance not only the device's ESD capability, but also to make them safely absorb possible voltage transients that may occasionally be applied from gate to source. In this respect the Zener voltage is appropriate to achieve an efficient and cost-effective intervention to protect the device's integrity. These integrated Zener diodes thus avoid the usage of external components.
2/12
STP12NK60Z - STF12NK60Z
ELECTRICAL CHARACTERISTICS (TCASE =25C UNLESS OTHERWISE SPECIFIED) Table 7: On/Off
Symbol V(BR)DSS IDSS IGSS VGS(th) RDS(on) Parameter Drain-source Breakdown Voltage Zero Gate Voltage Drain Current (VGS = 0) Gate-body Leakage Current (VDS = 0) Gate Threshold Voltage Static Drain-source On Resistance Test Conditions ID = 1 mA, VGS = 0 VDS = Max Rating VDS = Max Rating, TC = 125 C VGS = 20 V VDS = VGS, ID = 100 A VGS = 10 V, ID = 5 A 3 3.75 0.53 Min. 600 1 50 10 4.5 0.64 Typ. Max. Unit V A A A V
Table 8: Dynamic
Symbol gfs (1) Ciss Coss Crss Coss eq. (3) td(on) tr td(off) tf Qg Qgs Qgd Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Equivalent Output Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge Test Conditions VDS =10 V, ID = 5 A VDS = 25 V, f = 1 MHz, VGS = 0 Min. Typ. 9 1740 195 49 101 22.5 18.5 55 31.5 59 10 32 Max. Unit S pF pF pF pF ns ns ns ns nC nC nC
VGS = 0V, VDS = 0V to 480 V VDD = 300 V, ID = 5 A RG = 4.7 VGS = 10 V (see Figure 19)
VDD = 480 V, ID = 10 A, VGS = 10 V (see Figure 22)
Table 9: Source Drain Diode
Symbol ISD ISDM (2) VSD (1) trr Qrr IRRM trr Qrr IRRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current ISD = 10 A, VGS = 0 ISD = 10 A, di/dt = 100 A/s VDD = 50 V, Tj = 25C (see test circuit, Figure 5) ISD = 10 A, di/dt = 100 A/s VDD = 50 V, Tj = 150C (see test circuit, Figure 5) 358 3 17 460 4.2 18.2 Test Conditions Min. Typ. Max. 10 40 1.6 Unit A A V ns C A ns C A
Note: 1. Pulsed: Pulse duration = 300 s, duty cycle 1.5 %. 2. Pulse width limited by safe operating area. 3. Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS increases from 0 to 80% VDSS.
3/12
STP12NK60Z - STF12NK60Z
Figure 3: Safe Operating Area Figure 6: Thermal Impedance
Figure 4: Safe Operating Area for TO-220FP
Figure 7: Thermal Impedance for TO-220FP
Figure 5: Output Characteristics
Figure 8: Transfer Characteristics
4/12
STP12NK60Z - STF12NK60Z
Figure 9: Transconductance Figure 12: Static Drain-source On Resistance
Figure 10: Gate Charge vs Gate-source Voltage
Figure 13: Capacitance Variations
Figure 11: Normalized Gate Thereshold Voltage vs Temperature
Figure 14: Normalized On Resistance vs Temperature
5/12
STP12NK60Z - STF12NK60Z
Figure 15: Source-Drain Diode Forward Characteristics Figure 17: Normalized Breakdown Voltage vs Temperature
Figure 16: Maximum Avalanche Energy vs Temperature
6/12
STP12NK60Z - STF12NK60Z
Figure 18: Unclamped Inductive Load Test Circuit Figure 21: Unclamped Inductive Wafeform
Figure 19: Switching Times Test Circuit For Resistive Load
Figure 22: Gate Charge Test Circuit
Figure 20: Test Circuit For Inductive Load Switching and Diode Recovery Times
7/12
STP12NK60Z - STF12NK60Z
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a Lead-free second level interconnect . The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com
8/12
STP12NK60Z - STF12NK60Z
TO-220 MECHANICAL DATA
DIM. A b b1 c D E e e1 F H1 J1 L L1 L20 L30 mm. MIN. 4.40 0.61 1.15 0.49 15.25 10 2.40 4.95 1.23 6.20 2.40 13 3.50 16.40 28.90 3.75 2.65 3.85 2.95 0.147 0.104 TYP MAX. 4.60 0.88 1.70 0.70 15.75 10.40 2.70 5.15 1.32 6.60 2.72 14 3.93 MIN. 0.173 0.024 0.045 0.019 0.60 0.393 0.094 0.194 0.048 0.244 0.094 0.511 0.137 0.645 1.137 0.151 0.116 inch TYP. MAX. 0.181 0.034 0.066 0.027 0.620 0.409 0.106 0.202 0.052 0.256 0.107 0.551 0.154
oP
Q
9/12
STP12NK60Z - STF12NK60Z
TO-220FP MECHANICAL DATA
mm. MIN. 4.4 2.5 2.5 0.45 0.75 1.15 1.15 4.95 2.4 10 16 28.6 9.8 2.9 15.9 9 3 30.6 10.6 3.6 16.4 9.3 3.2 1.126 .0385 0.114 0.626 0.354 0.118 TYP MAX. 4.6 2.7 2.75 0.7 1 1.7 1.7 5.2 2.7 10.4 MIN. 0.173 0.098 0.098 0.017 0.030 0.045 0.045 0.195 0.094 0.393 0.630 1.204 0.417 0.141 0.645 0.366 0.126 inch TYP. MAX. 0.181 0.106 0.108 0.027 0.039 0.067 0.067 0.204 0.106 0.409
DIM. A B D E F F1 F2 G G1 H L2 L3 L4 L5 L6 L7 O
A
B
L3 L6 L7
F1 F
D
G1 H
F2
E
L2
L5
123
L4
10/12
G
STP12NK60Z - STF12NK60Z
Table 10: Revision History
Date 12-Apr-2004 06-Sep-2005 13-Sep-2005 Revision 1 2 3 Description of Changes First Release. Inserted Ecopack indication Final version
11/12
STP12NK60Z - STF12NK60Z
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics All other names are the property of their respective owners (c) 2005 STMicroelectronics - All Rights Reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
12/12


▲Up To Search▲   

 
Price & Availability of STF12NK60Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X