|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
STD60NF55L STD60NF55L-1 N-channel 55V - 0.012 - 60A - DPAK/IPAK STripFETTM II Power MOSFET General features Type STD60NF55L-1 STD60NF55L VDSS 55V 55V RDS(on) <0.015 <0.015 ID 60A 60A 3 Low threshold drive DPAK 3 2 1 IPAK 1 Description This MOSFET is the latest development of STMicroelectronics unique "Single Feature SizeTM" strip-based process. The resulting transistor shows extremely high packing density for low on-resistance, rugged avalance characteristics and less critical alignment steps therefore a remarkable manufacturing reproducibility. Internal schematic diagram Applications Switching application Order codes Part number STD60NF55LT4 STD60NF55L-1 Marking D60NF55L D60NF55L Package DPAK IPAK Packaging Tape & reel Tube July 2006 Rev 6 1/14 www.st.com 14 Contents STD60NF55L - STD60NF55L-1 Contents 1 2 Electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 2.1 Electrical characteristics (curves) ............................. 6 3 4 5 6 Test circuit ................................................ 8 Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 Packing mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 2/14 STD60NF55L - STD60NF55L-1 Electrical ratings 1 Electrical ratings Table 1. Symbol VDS VGS ID ID IDM (1) Absolute maximum ratings Parameter Drain-source voltage (VGS = 0) Gate- source voltage Drain current (continuous) at TC = 25C Drain current (continuous) at TC = 100C Drain current (pulsed) Total dissipation at TC = 25C Derating Factor Value 55 15 60 42 240 110 0.73 16 400 -55 to 175 Max. operating junction temperature Unit V V A A A W W/C V/ns mJ C Ptot dv/dt(2) EAS (3) Peak diode recovery voltage slope Single pulse avalanche energy Storage temperature Tstg Tj 1. Pulse width limited by safe operating area. 2. ISD 40A, di/dt 350A/s, VDD V(BR)DSS, Tj TJMAX. 3. Starting Tj = 25 oC, ID = 17.5A, VDD =24V Table 2. Rthj-case Rthj-amb TJ Thermal data Thermal resistance junction-case max Thermal resistance junction-to ambient max Maximum lead temperature for soldering purpose 1.36 62.5 275 C/W C/W C 3/14 Electrical characteristics STD60NF55L - STD60NF55L-1 2 Electrical characteristics (TCASE=25C unless otherwise specified) Table 3. Symbol V(BR)DSS On/off states Parameter Drain-source breakdown voltage Zero gate voltage drain current (VGS = 0) Gate-body leakage current (VDS = 0) Gate threshold voltage Static drain-source on resistance Test conditions ID = 250A, VGS =0 VDS = Max rating VDS = Max rating, TC = 125C VGS = 15V VDS = VGS, ID = 250A VGS = 10V, ID = 30A VGS = 4.5V, ID = 30A 1 0.012 0.014 Min. 55 1 10 100 2 0.015 0.017 Typ. Max. Unit V A A nA V IDSS IGSS VGS(th) RDS(on) Table 4. Symbol gfs (1) Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd Dynamic Parameter Forward transconductance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Total gate charge Gate-source charge Gate-drain charge Test conditions VDS = 10V, ID = 30A Min. Typ. 35 1950 390 130 30 180 80 35 40 10 20 56 Max. Unit S pF pF pF ns ns ns ns nC nC nC VDS = 25V, f = 1MHz, VGS = 0 VDD = 25V, ID = 30A RG = 4.7 VGS = 4.5V (see Figure 12) VDD = 40V, ID = 60A, VGS = 5V, RG = 4.7 (see Figure 13) 1. Pulsed: Pulse duration = 300 s, duty cycle 1.5 %. 4/14 STD60NF55L - STD60NF55L-1 Electrical characteristics Table 5. Symbol ISD ISDM (1) VSD (2) trr Qrr IRRM Source drain diode Parameter Source-drain current Source-drain current (pulsed) Forward on voltage ISD = 60A, VGS = 0 65 130 4 Test conditions Min. Typ. Max. 60 240 1.3 Unit A A V ns nC A Reverse recovery time ISD = 40A, di/dt = 100A/s, Reverse recovery charge VDD = 25V, Tj = 150C Reverse recovery current (see Figure 14) 1. Pulse width limited by safe operating area. 2. Pulsed: Pulse duration = 300 s, duty cycle 1.5 % 5/14 Electrical characteristics STD60NF55L - STD60NF55L-1 2.1 Figure 1. Electrical characteristics (curves) Safe operating area Figure 2. Thermal impedance Figure 3. Output characterisics Figure 4. Transfer characteristics Figure 5. Transconductance Figure 6. Static drain-source on resistance 6/14 STD60NF55L - STD60NF55L-1 Figure 7. Gate charge vs gate-source voltage Figure 8. Electrical characteristics Capacitance variations Figure 9. Normalized gate threshold voltage vs temperature Figure 10. Normalized on resistance vs temperature Figure 11. Source-drain diode forward characteristics 7/14 Test circuit STD60NF55L - STD60NF55L-1 3 Test circuit Figure 13. Gate charge test circuit Figure 12. Switching times test circuit for resistive load Figure 14. Test circuit for inductive load Figure 15. Unclamped Inductive load test switching and diode recovery times circuit Figure 16. Unclamped inductive waveform Figure 17. Switching time waveform 8/14 STD60NF55L - STD60NF55L-1 Package mechanical data 4 Package mechanical data In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a Lead-free second level interconnect . The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com 9/14 Package mechanical data STD60NF55L - STD60NF55L-1 DPAK MECHANICAL DATA mm. DIM. MIN. A A1 A2 B b4 C C2 D D1 E E1 e e1 H L (L1) L2 L4 R V2 2.2 0.9 0.03 0.64 5.2 0.45 0.48 6 5.1 6.4 4.7 2.28 4.4 9.35 1 2.8 0.8 0.6 0.2 0 8 0 1 0.023 0.008 8 4.6 10.1 0.173 0.368 0.039 0.110 0.031 0.039 6.6 0.252 0.185 0.090 0.181 0.397 TYP MAX. 2.4 1.1 0.23 0.9 5.4 0.6 0.6 6.2 MIN. 0.086 0.035 0.001 0.025 0.204 0.017 0.019 0.236 0.200 0.260 TYP. MAX. 0.094 0.043 0.009 0.035 0.212 0.023 0.023 0.244 inch 0068772-F 10/14 STD60NF55L - STD60NF55L-1 Package mechanical data TO-251 (IPAK) MECHANICAL DATA DIM. MIN. A A1 A3 B B2 B3 B5 B6 C C2 D E G H L L1 L2 0.45 0.48 6 6.4 4.4 15.9 9 0.8 0.8 0.3 0.95 0.6 0.6 6.2 6.6 4.6 16.3 9.4 1.2 1 0.017 0.019 0.236 0.252 0.173 0.626 0.354 0.031 0.031 2.2 0.9 0.7 0.64 5.2 mm TYP. MAX. 2.4 1.1 1.3 0.9 5.4 0.85 0.012 0.037 0.023 0.023 0.244 0.260 0.181 0.641 0.370 0.047 0.039 MIN. 0.086 0.035 0.027 0.025 0.204 inch TYP. MAX. 0.094 0.043 0.051 0.031 0.212 0.033 H C A C2 L2 D B3 B6 A1 L = = 3 B5 B A3 = B2 = G = E L1 1 2 = 0068771-E 11/14 Packing mechanical data STD60NF55L - STD60NF55L-1 5 Packing mechanical data DPAK FOOTPRINT All dimensions are in millimeters TAPE AND REEL SHIPMENT REEL MECHANICAL DATA DIM. A B C D G N T 1.5 12.8 20.2 16.4 50 22.4 18.4 13.2 mm MIN. MAX. 330 0.059 0.504 0.520 0.795 0.645 0.724 1.968 0.881 BULK QTY 2500 inch MIN. MAX. 12.992 TAPE MECHANICAL DATA DIM. A0 B0 B1 D D1 E F K0 P0 P1 P2 R W BASE QTY 2500 mm MIN. 6.8 10.4 1.5 1.5 1.65 7.4 2.55 3.9 7.9 1.9 40 15.7 16.3 inch MIN. MAX. 7 0.267 0.275 0.409 0.417 0.476 0.059 0.063 0.059 0.065 0.073 0.291 0.299 0.100 0.108 0.153 0.161 0.311 0.319 0.075 0.082 1.574 0.618 0.641 MAX. 10.6 12.1 1.6 1.85 7.6 2.75 4.1 8.1 2.1 12/14 STD60NF55L - STD60NF55L-1 Revision history 6 Revision history Table 6. Date 14-Mar-2005 18-May-2005 18-Nov-2005 19-Jul-2006 Revision history Revision 3 4 5 6 Preliminary version New package inserted: IPAK Changed value in Table 4 (Rise Time from 18 to 180ns) New template, no content change Changes 13/14 STD60NF55L - STD60NF55L-1 Please Read Carefully: Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein. UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK. Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST. ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners. (c) 2006 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com 14/14 |
Price & Availability of STD60NF55L-1 |