Part Number Hot Search : 
I506ERW 2CL71 100LVE MCT5210 DL4728 70430 NJU66 GP402
Product Description
Full Text Search
 

To Download SSP-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SSP-T Series (SSP-T5) Surface Mount Quartz Crystal Units for Low Frequencies
FEATURES
New Product
* This type with height 2.1mm Max. * Small mounting area of 23.4mm2. * SMD type suitable for automatic & high density surface mounting. * Plastic mold package containing highly reliable tubular type quartz crystal. * Excellent shock and heat resistance.
APPLICATIONS
* Cellular Phones, Pagers, Radio Communication Equipment, Portable Applications etc.
STANDARD SPECIFICATION
Item Nominal Frequency Frequency Tolerance Turnover Temperature Temperature Coefficient Load Capacitance Equivalent Series Resistance Maximum Drive Level Drive Level Shunt Capacitance Aging Operating Temperature Range Storage Temperature Range Reflow Profile Symbol fo f/fo Tp K CL R1 DLmax DL C0 f/fo Tope Tsto Tsol Specification 32.768kHz 20ppm +25C5C
Conditions without notice (Temperature: +25C2C) Conditions / Note Can be used in high accurate products
(-3.50.8) x 10-8/C2 12.5pF 50k max. 1W 0.1W 0.9pF typ 3ppm max. -20C~+70C -40C~+125C 230C max. 20sec. x 2 times IR Reflow +25C3C, First Year
DIMENSIONS (For details, please refer to individual specification)
UNIT: mm
9.02 MAX.
2.6 MAX.
3#
1#
2#
0.75
0.75
0.85 0.9 0.85
2.1 MAX.
9
SSP-T Series (SSP-T5)
LEAD CONNECTION
Surface Mount Quartz Crystal Units for Low Frequencies
2#
3#
1#
TERMINAL LAND AREA
UNIT: mm
0.7
2.7
0.85
0.7
7.4
0.85
Note: Please make sure that there is no electric wire line under SSP-T5 on the circuit board.
10
0.95
0.8
0.95


▲Up To Search▲   

 
Price & Availability of SSP-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X