Part Number Hot Search : 
M1040 2SK2884 M1040 C1678 133BGC CXP84640 10129 SRA351GP
Product Description
Full Text Search
 

To Download SS16-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Schottky Barrier Rectifier
SS12-G THRU SS110-G
Reverse Voltage: 20~100 Volts Forward Current: 1.0 Amp Features
Ideal for surface mount application Easy pick and place Plastic package has Underwriters Lab. Flammability classification 94V-0 Built-in strain relief Low forward voltage drop
DO-214AC (SMA)
0.067(1.70 ) 0.051(1.29 ) 0.180(4.57 ) 0.160(4.06 )
0.110(2.79) 0.086(2.18 )
Mechanical Data
Case: JEDEC DO-214AC molded plastic Terminal: Solderable per MIL-STD-750 method 2026 guaranteed Polarity: Color band denotes cathode end Mounting position: Any Weight: 0.064 gram
0.091(2.31 ) 0.067(1.70 ) 0.059(1.50 ) 0.035(0.89 )
0.012(0.31 ) 0.006(0.15 )
0.209(5.31 ) 0.185(4.70 )
0.008(0.20) 0.004(0.10)
Dimensions in inches and (millimeters)
Maximum Rating and Electrical Characteristics
Parameter
Max. Repetitive Peak Reverse Voltage Max. DC Blocking Voltage Max. RMS Voltage Peak Surge Forward Current 8.3ms single half sine-wave superimposed on rate load ( JEDEC method ) Max. Average Forward Current Max. Instantaneous Forward Current at 1.0 A Max. DC Reverse Current at Rated DC Blocking Voltage Ta=25 C Ta=100 C Max. Thermal Resistance (Note 1) R R Operating Junction Temperature Storage Temperature Tj TSTG
JA JL
Symbol
VRRM VDC VRMS IFSM
SS12-G 20 20 14
SS14-G 40 40 28
SS16-G 60 60 42
SS18-G 80 80 56
SS110-G 100 100 70
Unit
V V V A
35
Io VF IR 10 0.50
1.0 0.70 0.85
A V . mA
0.5 5 88
C/W 20 -50 to +125 -65 to +150
C C
Note 1: Thermal resistance from junction to ambient and junction to to lead P.C.B. Mounted on 0.2 x 0.2 copper pad areas
"-G" suffix designates RoHS compliant Version
SMD Schottky Barrier Rectifier
Rating and Characteristic Curves (SS12-G Thru SS110-G)
Fig. 1 - Reverse Characteristics
100 100
Fig.2 - Forward Characteristics
CDBA120-140
Reverse Current ( mA )
Forward Current ( A )
10
10
CDBA160
CDBA180-1100
1
1
Tj=75 C
0.1
0.1
Tj=25 C
0.01 0.01
Tj=25 C Pulse width 300uS 4% duty cycle
0
20
40
60
80
100 120 140 160 180 200
0.1 0.3 0.5 0.7 0.9 1.1 1.3 1.5 1.7 Forward Voltage (V)
1.9 2.1
Percent of Rated Peak Reverse Voltage (%)
Fig. 3 - Junction Capacitance
350 300
Junction Capacitance (pF)
=1MHz and applied 4VDC reverse voltage
Fig. 4 - Current Derating Curve
250 200 150 100 50 0 0.01 0.1 1.0 10 100
Average Forward Current ( A )
1.2 1.0
CD
0.8
0.6 0.4 0.2 0
20 40 60 80
BA
Reverse Voltage (V)
Ambient Temperature ( C)
CD
100
16
BA 12 014 0
00 11 0
120 140 160
Fig. 5 - Non repetitive forward surge current
Peak surge Forward Current ( A )
50 40 30
8.3mS Single Half Sine Wave JEDEC methode
Tj=25 C
20
10
0
1 5 10 50 1 00
Number of Cycles at 60Hz


▲Up To Search▲   

 
Price & Availability of SS16-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X